Part Number Hot Search : 
HC453 KBU25 KC846 LT8610 ULN200 MLL5240 LB8632 HC55185
Product Description
Full Text Search
 

To Download 2SC4940 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Switching Power Transistor
2SC4940
4A NPN
OUTLINE DIMENSIONS
Case : ITO-220 Unit : mm
RATINGS
*oeAbsolute Maximum Ratings Item Symbol Conditions Ratings Unit Storage Temperature Tstg -55*150 *Z Junction Temperature Tj 150 *Z Collector to Base Voltage V 1200 V CBO Collector to Emitter VoltageV 550 V CEO Emitter to Base Voltage V 7 V EBO Collector Current DC IC 4 A Collector Current Peak ICP 8 Base Current DC IB 2 A Base Current Peak IBP 4 Total Transistor Dissipation P 30 W T Dielectric Strength Vdis Terminals to casd, AC 1 minute 2 kV Mounting Torque TOR (Recommended torque) 0.5(0.3) Nm *oeElectrical Characteristics (Tc=25*Z) Item Symbol Conditions Collector to Emitter Sustaining Voltage0.1A V (sus) IC= CEO Collector Cutoff Current ICBO rated V CBO ICEO rated V CEO Emitter Cutoff Current IEBO rated V EBO DC Current Gain h V = 5V,= 2A CE C I FE h CE C I FEL V = 5V,= 1mA Collector to Emitter Saturation Voltage2A V (sat) IC= CE Base to Emitter Saturation Voltage IB= 0.4A V (sat) BE Thermal Resistance AEjc Junction to case Transition Frequency V = 10V, I0.4A fT CE C= Turn on Time ton IC= 2A Storage Time IB1 0.4A,=I0.8A = ts B2 Fall Time tf R = 75, V 4V = L BB2 Ratings Unit Min 550 V Max 0.1 mA Max 0.1 Max 0.1 mA Min 10 Min 10 Max 1.0 V Max 1.5 V Max 4.16 Z/W * TYP 10 MHz Max 0.8 Max 3.0 Es Max 0.3
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SC4940
hFE - I C
VCE = 5V pulse width = 300s
100
Tc = 150C
100C 50C 25C 0C -25C
DC Current Gain hFE
10
-55C
1 0.01 0.1
1
8
Collector Current IC [A]
2SC4940
Saturation Voltage
3 0.5A 1A 2A 4A 2.5
3
IC = 0.25A
2.5
2
2
1.5
1.5
1 0.5A 1A 2A
Collector-Emitter Voltage VCE [V]
IC = 0.25A 0.5
0.5
Tc = 25C 0 0.1 1 4
0
0.01
Base Current IB [A]
Base-Emitter Voltage VBE [V]
4A 1
2SC4940
10
Switching Time - IC
IB1 = 0.2IC IB2 = 0.4IC VBB2 = 4V VCC = 150V Tc = 25C ts
Switching Time tSW [s]
1
ton
tf 0.1
0
0.5
1
1.5
2
2.5
3
3.5
4
Collector Current IC [A]
2SC4940
10
Switching Time - Tc
ts
Switching Time tSW [s]
1
ton
tf
0.1
IC = 2A IB1 = 0.4A IB2 = 0.8A VBB2 = 4V R L = 75 0 50 100 150
Case Temperature Tc [C]
2SC4940
8 10ms 1ms
Forward Bias SOA
200s 100s
DC
PT limit 1
Collector Current IC [A]
IS/B limit
0.1
Tc = 25C Single Pulse 0.01 10 100 550
Collector-Emitter Voltage VCE [V]
2SC4940
100
Collector Current Derating
Collector Current Derating [%]
80
IS/B limit
60
40
PT limit
20
VCE = fixed 0 0 50 100 150
Case Temperature Tc [C]
2SC4940
8
Reverse Bias SOA
7
6
Collector Current IC [A]
5
4
3
2
1
IB1 = 0.3IC IB2 = 1.2A VBB2 = 5V Tc < 150C
0
0
200
400
600
800
1000
1200
Collector-Emitter Voltage VCE [V]
2SC4940
Transient Thermal Impedance
10
1
Transient Thermal Impedance jc(t) [C/W]
0.1
0.01 10-4 10-2
10-3
10-1
100
101
Time t [s]


▲Up To Search▲   

 
Price & Availability of 2SC4940

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X