Part Number Hot Search : 
EZA050 FS0201MA SI9200EY ON0810 EL2245CS 2Y0A2 F020150 SDR4432
Product Description
Full Text Search
 

To Download 2SC2459 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC2459
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC2459
Audio Amplifier Applications
* * * * * * High breakdown voltage: VCEO = 120 V (max) High DC current gain: hFE = 200~700 Excellent hFE linearity: hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.) Low noise: NF = 1dB (typ.), 10dB (max) Complementary to 2SA1049. Small package. Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating 120 120 5 100 20 200 125 -55~125 Unit V V V mA mA mW C C
JEDEC JEITA TOSHIBA
2-4E1A
Weight: 0.13 g (typ.)
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Transition frequency Collector output capacitance Noise figure Symbol ICBO IEBO hFE (Note) VCE (sat) fT Cob NF Test Condition VCB = 120 V, IE = 0 VEB = 5 V, IC = 0 VCE = 6 V, IC = 2 mA IC = 10 mA, IB = 1 mA VCE = 6 V, IC = 1 mA VCB = 10 V, IE = 0, f = 1 MHz VCE = 6 V, IC = 0.1 mA, f = 1 kHz, RG = 10 kW Min 3/4 3/4 200 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 100 3.0 1.0 Max 0.1 0.1 700 0.3 3/4 3/4 10 V MHz pF dB Unit mA mA
Note: hFE classification
GR: 200~400, BL: 350~700
1
2003-03-27
2SC2459
2
2003-03-27
2SC2459
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
3
2003-03-27
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SC2459

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X