Part Number Hot Search : 
Z15D681 S6B0724A BUK75 POINT MUR1620 001TB 1N4751 2SD1496
Product Description
Full Text Search
 

To Download 2N6707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N6707 TO-237 Plastic Package
General Purpose Medium Power Amplifier
ABSOLUTE MAXIMUM RATINGS(Ta=25C) DESCRIPTION SYMBOL VCBO Collector Base Voltage VCEO Collector Emitter Voltage VEBO Emitter Base Voltage IC Collector Current Continuous PD Total Power Dissipation Tj, Tstg Operating And Storage Junction Temperature Range VALUE 100 80 5 1.5 850 -55 to +150 UNIT V V V A mW C
ELECTRICAL CHARACTERISTICS (Ta=25 C Unless Specified Otherwise) DESCRIPTION SYMBOL TEST CONDITION VCEO IC=10mA, IB=0 Collector Emitter Voltage VCBO Collector Base Voltage IC=100A, IE=0 VEBO Emitter-Base Voltage IE=10A, IC=0 ICBO VCB=100V, IE=0 Collector Cut off Current IEBO VEB=4V, IC=0 Emitter Cut off Current hFE IC=50mA,VCE=2V DC Current Gain IC=250mA,VCE=2V IC=500mA,VCE=2V VCE(sat) IC=500mA,IB=50mA Collector Emitter Saturation Voltage IC=1A,IB=100mA fT VCE=10V, IC=200mA, Transition Frequency
MIN 80 100 5
MAX
0.1 0.1 40 40 25 250 0.5 1 400
UNIT V V V A A
50
V V MHz
Continental Device India Limited
Data Sheet
Page 1 of 3
2N6707 TO-237 Plastic Package TO-237 Plastic Package
F B H
DIM A B C D E F G H K L J
MIN.
MAX.
1 2 3 D E 32 K 1
D G L
AA L
SEC AA
PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER
321
Packing Detail
PACKAGE TO-237 Bulk TO-237 T&A STANDARD PACK Details Net Weight/Qty 1K/polybag 240 gm/1K pcs 2K/ammo box 725 gm/2K pcs INNER CARTON BOX Size Qty 3" x 7.5" x 7.5" 5K 12.5" x 8" x 1.8" 2K OUTER CARTON BOX Size Qty Gr Wt 17" x 15" x 13.5" 80K 26.2 kgs 17" x 15" x 13.5" 32K 13.8 kgs
Continental Device India Limited
J
C
Data Sheet
All diminsions in mm.
4.32 5.33 4.45 5.20 3.18 4.19 0.41 0.55 0.35 0.50 -- 5.40 1.14 1.40 -- 2.54 12.70 -- 5 DEG 1.14 1.53
A
Page 2 of 3
Notes
2N6707 TO-237 Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 www.cdilsemi.com email@cdil.com
Continental Device India Limited
Data Sheet Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 2N6707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X