Part Number Hot Search : 
2SC2767 KV1300NT 82556060 2SC494 ZMY100 ZMY100 LT8335 FDS7064A
Product Description
Full Text Search
 

To Download 232269190001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2322 691 90001
Vishay BCcomponents
Humidity Sensor
APPLICATIONS
* Humidity measurements in electronic hygrometers for domestic use * Self-regulating air humidifiers, etc.
DESCRIPTION
This capacitive atmospheric humidity sensor consists of a non-conductive foil, which is covered on both sides with a layer of gold. The dielectric constant of the foil changes as a function of the relative humidity of the ambient atmosphere and, accordingly, the capacitance value of the sensor is a measure for relative humidity. The foil is clamped between contact springs and assembled in a plastic housing. It is provided with two connecting pins which fit printed-circuit boards with a grid pitch of 2.54 mm, provision is also made for fastening with 3 mm bolts. The characteristics are not affected by incidental water condensation on the sensor foil. It should not be exposed to either acetone or chlorine vapours.
QUICK REFERENCE DATA
PARAMETER VALUE UNIT % PF PF/%R kHz %RH/K Humidity range (RH) 10 to 90 Capacitance at +25 C; 43% RH; 100 kHz 122 15% Tan at +25 C; 100 kHz; 43% RH 0.035 Sensitivity between 12 and 75% RH 0.4 0.05 Frequency 1 to 1000 Temperature dependence 0.1 Response time in minutes (to 90% of indicated RH change at +25 C, in circulating air): between 10 and 43% RH <3 between 43 and 90% RH <5 Hysteresis (for RH excursion of 3 10 to 90 to 10%) Maximum AC or DC voltage 15 Storage humidity range (RH) 0 to 100 Ambient temperature range: operating 0 to +85 -25 to +8 storage Drop test: height of free fall 1 Mass 1.3 Note Unless otherwise stated, measurements are in accordance with "IEC publication 60539". Stability is in accordance with "CECC 43000" and "IEC 60068-2".
MOUNTING
% V % C C M G
The device can be soldered directly on to a printed-circuit board or fastened with 3 mm bolts.
SOLDERING
Solderability: 240 C; 4 s. Resistance to heat: 240 C; 4 s.
ROBUSTNESS OF TERMINATIONS
Tensile strength: 10 N.
ELECTRICAL CHARACTERISTICS
150 C (pF) 140
MEA832
DIMENSIONS in millimeters
15.5 0.5
23.0 0.5
130
3 1.15 max 5.08
120
3.1
0.1
110 0 50 RH (%) 100
17.0 11.5 0.5 0.5
Typical capacitance as a function of relative humidity.
5.0 0.5
MBD125
Component outline. For technical questions contact: nlr.europe@vishay.com Document Number: 29001 Revision: 10-Oct-03
www.vishay.com 66
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 232269190001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X