Part Number Hot Search : 
AN801 1C474M0 2N5046 F1210 XR2203 S2301 MTP4435 FS4000
Product Description
Full Text Search
 

To Download 1N5408G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5400G THRU 1N5408G
GLASS PASSIVATED JUNCTION RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 3.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature metallurgically bonded construction Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 3.0 ampere operation at TA=105 with no thermal runaway Typical IR less than 0.1 A High temperature soldering guaranteed: 350 /10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3Kg) tension
Mechanical Data
Case: DO-201AD molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.042 ounce, 1.195 grams
DIM ENSIONS DIM A B C D inches Min. 0.283 0.189 0.048 1.000 Max. 0.374 0.208 0.051 Min. 7.20 4.80 1.20 25.40 mm Max. 9.50 5.30 1.30 Note
Maximum Ratings and Electrical Characteristics
Symbols 1N 5400G
@25
unless otherwise specified
1N 5401G
1N 5402G
1N 5404G
1N 5406G
1N 5407G
1N 5408G
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Average forward current TA=105 Peak forward surge current 8.3mS half sine-wave Maximum instantaneous forward voltage Maximum DC reverse current at rated DC blocking voltage Typical junction capacitance Typical thermal resistance Operating and storage temperature range
Note: (1) Pulse test: Pulse width 300uSec, Duty cycle 1%
VRRM VRMS VDC IF(AV) IFSM
50 35 50
100 70 100
200 140 200
400 280 400 3.0 200.0 1.1 5.0 50.0 40 30 -65 to +175
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps Volts A F /W
IFM=3.0A; TJ=25 (Note 1) TJ=25 TJ=125 Measure at 1.0MHz, VR=4.0V
VF IR CJ R
JA
TJ, TSTG
1
RATINGS AND CHARACTERISTIC CURVES
2
RATINGS AND CHARACTERISTIC CURVES
3


▲Up To Search▲   

 
Price & Availability of 1N5408G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X