Part Number Hot Search : 
3AA13 2SC37 2SC3923 BAT54 1N966B MBR520 B0967 324C8
Product Description
Full Text Search
 

To Download ZXMP6A18DN8NBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXMP6A18DN8
DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
SUMMARY V(BR)DSS = -60V; RDS(ON) = 0.055 ; ID= -4.8A DESCRIPTION
This new generation of trench MOSFETs from Zetex utilizes a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficiency, low voltage, power management applications.
FEATURES
* Low on-resistance * Fast switching speed * Low threshold * Low gate drive * Low profile SOIC package
SO8
APPLICATIONS
* Motor drive * Disconnect switches
ORDERING INFORMATION
DEVICE ZXMP6A18DN8TA ZXMP6A18DN8TC REEL 7'` 13'` TAPE WIDTH 12mm 12mm QUANTITY PER REEL 500 units 2500 units
PINOUT
DEVICE MARKING
ZXMP 6A18
Top view
ISSUE 1 - MAY 2005 1
ZXMP6A18DN8
ABSOLUTE MAXIMUM RATINGS
PARAMETER Drain-Source Voltage Gate-Source Voltage Continuous Drain Current@V GS =10V; T A =25 C (b)(d) @V GS =10V; T A =70 C (b)(d) @V GS =10V; T A =25 C (a)(d) Pulsed Drain Current (c) Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) (c) Power Dissipation at TA=25C (a)(d) Linear Derating Factor Power Dissipation at TA=25C (a)(e) Linear Derating Factor Power Dissipation at TA=25C (b)(d) Linear Derating Factor Operating and Storage Temperature Range
(b)
SYMBOL V DSS V GS ID
LIMIT -60 20 -4.8 -3.8 -3.7 -23 -3.3 -23 1.25 10 1.8 14 2.1 17 -55 to +150
UNIT V V A A A A A A W mW/C W mW/C W mW/C C
I DM IS I SM PD PD PD T j :T stg
THERMAL RESISTANCE
PARAMETER Junction to Ambient Junction to Ambient Junction to Ambient
Notes (a) For a dual device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with a high coverage of single sided 1oz copper in still air conditions. (b) For a dual device surface mounted on FR4 PCB measured at t 10 sec. (a)(d) (b)(e) (b)(d)
SYMBOL R JA R JA R JA
VALUE 100 69 58
UNIT C/W C/W C/W
(c) Repetitive rating 25mm x 25mm FR4 PCB, D=0.02, pulse width=300s - pulse width limited by maximum junction temperature. (d) For a dual device with one active die. (e) For a device with two active die running at equal power.
ISSUE 1 - MAY 2005 2
ZXMP6A18DN8
CHARACTERISTICS
ISSUE 1 - MAY 2005 3
ZXMP6A18DN8
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated)
PARAMETER STATIC Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Gate-Source Threshold Voltage Static Drain-Source On-State Resistance (1) Forward Transconductance (1)(3) DYNAMIC
(3)
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
V (BR)DSS I DSS I GSS V GS(th) R DS(on) g fs
-60 -1.0 100 -1.0 0.055 0.080 8.7
V A nA V
I D =-250A, V GS =0V V DS =-60V, V GS =0V V GS = 20V, V DS =0V I =-250 A, D V DS = V GS V GS =-10V, I D =-3.5A V GS =-4.5V, I D =-2.9A
S
V DS =-15V,I D =-3.5A
Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING (2) (3) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge Total Gate Charge Gate-Source Charge Gate-Drain Charge SOURCE-DRAIN DIODE Diode Forward Voltage (1) Reverse Recovery Time (3) Reverse Recovery Charge
NOTES (3)
C iss C oss C rss
1580 160 140
pF pF pF V DS =-30 V, V GS =0V, f=1MHz
t d(on) tr t d(off) tf Qg Qg Q gs Q gd
4.6 5.8 55 23 23 44 3.9 9.8
ns ns ns ns nC nC nC nC V DS =-30V,V GS =-10V, I D =-3.5A V DS =-30V,V GS =-5V, I D =-3.5A V DD =-30V, I D =-1A R G 6.0 , V GS =-10V
V SD t rr Q rr
-0.85 37 56
-0.95
V ns nC
T J =25C, I S =-4.2A, V GS =0V T J =25C, I F =-2.1A, di/dt= 100A/s
(1) Measured under pulsed conditions. Width 300s. Duty cycle 2% . (2) Switching characteristics are independent of operating junction temperature. (3) For design aid only, not subject to production testing.
ISSUE 1 - MAY 2005 4
ZXMP6A18DN8
TYPICAL CHARACTERISTICS
ISSUE 1 - MAY 2005 5
ZXMP6A18DN8
TYPICAL CHARACTERISTICS
ISSUE 1 - MAY 2005 6
ZXMP6A18DN8
PACKAGE OUTLINE
CONTROLLING DIMENSIONS ARE IN INCHES APPROX IN MILLIMETERS
PACKAGE DIMENSIONS
Millimeters DIM Min A A1 D H E 1.35 0.10 4.80 5.80 3.80 Max 1.75 0.25 5.00 6.20 4.00 Min 0.053 0.004 0.189 0.228 0.150 Max 0.069 0.010 0.197 0.244 0.157 h e b c Inches DIM Min Max Min Max 1.27 BSC 0.33 0.19 0 0.25 0.51 0.25 8 0.50 0.050 BSC 0.013 0.008 0 0.010 0.020 0.010 8 0.020 Millimeters Inches
(c) Zetex Semiconductors plc 2005
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com Americas Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com Asia Pacific Zetex (Asia) Ltd 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com Corporate Headquarters Zetex Semiconductors plc Zetex Technology Park Chadderton, Oldham, OL9 9LL United Kingdom Telephone (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to www.zetex.com
ISSUE 1 - MAY 2005 7


▲Up To Search▲   

 
Price & Availability of ZXMP6A18DN8NBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X