|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PRELIMINARY DATA SHEET SILICON TRANSISTOR PA802T HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR (WITH BUILT-IN 2 ELEMENTS) MINI MOLD The PA802T has built-in 2 low-voltage transistors which are designed to amplify low noise in the VHF band to the UHF band. PACKAGE DRAWINGS (Unit: mm) 2.10.1 1.250.1 FEATURES * Low Noise 0.65 0.65 1.3 * High Gain |S21e|2 = 12 dB TYP. @ f = 1 GHz, VCE = 3 V, IC = 7 mA * A Mini Mold Package Adopted * Built-in 2 Transistors (2 x 2SC4227) 2.00.2 2 3 0.7 PART NUMBER QUANTITY Loose products (50 PCS) PACKING STYLE Embossed tape 8 mm wide. Pin 6 (Q1 Base), Pin 5 (Q2 Base), Pin 4 (Q2 Emitter) face to perforation side of the tape. PA802T PIN CONFIGURATION (Top View) PA802T-T1 Taping products (3 KPCS/Reel) 6 Q1 5 0~0.1 4 Remark If you require an evaluation sample, please contact an NEC Sales Representative. (Unit sample quantity is 50 pcs.) 1 2 Q2 3 ABSOLUTE MAXIMUM RATINGS (TA = 25 C) PARAMETER Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Total Power Dissipation SYMBOL VCBO VCEO VEBO IC PT RATING 20 10 1.5 65 150 in 1 element 200 in 2 elements Note 150 -65 to +150 UNIT V V V mA mW PIN CONNECTIONS 4. Emitter (Q2) 1. Collector (Q1) 5. Base (Q2) 2. Emitter (Q1) 6. Base (Q1) 3. Collector (Q2) Junction Temperature Storage Temperature Tj Tstg C C Note 110 mW must not be exceeded in 1 element. The information in this document is subject to change without notice. Document No. ID-3636 (O.D. No. ID-9143) Date Published April 1995 P Printed in Japan (c) 0.15 -0 +0.1 ORDERING INFORMATION 0.90.1 4 5 0.2 -0 1 6 NF = 1.4 dB TYP. @ f = 1 GHz, VCE = 3 V, IC = 7 mA +0.1 XY 1995 PA802T ELECTRICAL CHARACTERISTICS (TA = 25 C) PARAMETER Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain Bandwidth Product Feed-back Capacitance Insertion Power Gain Noise Figure hFE Ratio SYMBOL ICBO IEBO hFE fT Cre |S21|2 NF hFE1/hFE2 CONDITION VCB = 10 V, IE = 0 VEB = 1 V, IC = 0 VCE = 3 V, IC = 7 mANote 1 70 4.5 7.0 0.9 10 12 1.4 0.85 1.7 MIN. TYP. MAX. 0.8 0.8 240 GHz pF dB dB UNIT A A VCE = 3 V, IC = 7 mA, f = 1 GHz VCB = 3 V, IE = 0, f = 1 MHzNote 2 VCE = 3 V, IC = 7 mA, f = 1 GHz VCE = 3 V, IC = 7 mA, f = 1 GHz VCE = 3 V, IC = 7 mA A smaller value among hFE of hFE1 = Q1, Q2 A larger value among hFE of hFE2 = Q1, Q2 Notes 1. Pulse Measurement: Pw 350 s, Duty cycle 2 % 2. Measured with 3-pin bridge, emitter and case should be connected to guard pin of bridge. hFE CLASSIFICATION Rank Marking hFE Value FB R34 70 to 150 GB R35 110 to 240 TYPICAL CHARACTERISTICS (TA = 25 C) PT - TA Characteristics 25 Total Power Dissipation PT (mW) IC - VCE Characteristics Free Air Collector Current IC (mA) 200 20 2 El em 15 en 100 Pe ts A 160 40 A 1 120 A 100 A 80 A 60 A 40 A IB = 20 A rE in lem To en ta l 10 t 5 0 50 100 150 0 0.5 Collector to Emitter Voltage VCE (V) hFE - IC Characteristics 1.0 Ambient Temperature TA (C) IC - VBE Characteristics 20 VCE = 3 V Collector Current IC (mA) 200 VCE = 3 V 100 DC Current Gain hFE 10 50 20 0 0.5 Base to Emitter Voltage VBE (V) 1.0 10 0.5 1 5 10 50 Collector Current IC (mA) 2 PA802T Cre - VCB Characteristics 5.0 Feed-back Capacitance Cre (pF) fr - IC Characteristics 10 VCE = 3 V f = 1 GHz 8 f = 1 MHz 2.0 1.0 0.5 Gain Bandwidth Product fT (GHz) 6 4 0.2 0.1 2 0 0.5 1 2 5 10 20 50 1.0 5.0 10 50 Collector to Base Voltage VCB (V) Collector Current IC (mA) l S21e l 2 - IC Characteristics 15 Insertion Power Gain l S21e l 2 (dB) l S21e l 2 - f Characteristics 25 Insertion Power Gain l S21e l 2 (dB) VCE = 3 V f = 1 GHz VCE = 3 V IC = 7 mA 20 10 15 10 5 5 0 0.1 0 0.5 1 5 10 50 0.2 0.5 1.0 2.0 5.0 Collector Current IC (mA) Frequency f (GHz) NF - IC Characteristics 5 VCE = 3 V f = 1 GHz 4 Noise Figure NF (dB) 3 2 1 0 0.5 1.0 5.0 10 50 Collector Current IC (mA) 3 PA802T S-PARAMETERS VCE = 3 V, IC = 7 mA, ZO = 50 FREQUENCY MHz 100.000 200.000 300.000 400.000 500.000 600.000 700.000 800.000 900.000 1000.000 1100.000 1200.000 1300.000 1400.000 1500.000 1600.000 1700.000 1800.000 1900.000 2000.000 S11 MAG .804 .692 .581 .489 .419 .376 .342 .321 .305 .296 .289 .284 .282 .281 .283 .283 .285 .286 .289 .293 ANG -23.8 -48.6 -70.3 -89.0 -104.9 -117.1 -128.6 -138.4 -147.3 -155.2 -162.2 -169.3 -175.3 179.0 173.8 168.6 163.8 159.9 155.4 151.8 MAG 11.631 10.839 9.722 8.519 7.434 6.468 5.729 5.115 4.630 4.207 3.879 3.595 3.349 3.133 2.945 2.780 2.631 2.514 2.390 2.293 S21 ANG 154.8 137.5 123.8 112.9 104.1 97.5 91.8 86.7 82.5 78.5 74.8 71.4 68.1 64.8 61.9 58.8 56.2 53.3 50.5 47.8 MAG .023 .040 .050 .060 .067 .075 .082 .089 .096 .104 .111 .119 .127 .136 .143 .151 .160 .168 .177 .186 S12 ANG 74.8 64.1 59.9 56.7 55.9 55.6 55.7 56.3 56.1 56.4 56.0 56.4 56.2 56.0 55.4 55.0 54.4 53.9 53.3 52.5 MAG .920 .791 .675 .597 .538 .497 .467 .443 .427 .412 .401 .393 .384 .379 .372 .367 .363 .359 .354 .351 S22 ANG -16.5 -27.7 -33.5 -37.0 -38.7 -40.0 -41.0 -41.7 -42.5 -43.6 -44.6 -45.8 -47.3 -48.8 -50.1 -51.8 -53.7 -55.4 -57.3 -59.2 VCE = 3 V, IC = 5 mA, ZO = 50 FREQUENCY MHz 100.0000 200.0000 300.0000 400.0000 500.0000 600.0000 700.0000 800.0000 900.0000 1000.0000 1100.0000 1200.0000 1300.0000 1400.0000 1500.0000 1600.0000 1700.0000 1800.0000 1900.0000 2000.0000 S11 MAG .818 .689 .594 .500 .457 .404 .377 .359 .342 .335 .326 .321 .317 .321 .318 .320 .323 .326 .331 .333 ANG -29.4 -54.3 -73.1 -89.8 -102.8 -115.0 -124.4 -134.3 -141.5 -150.3 -155.9 -162.4 -167.2 -173.4 -177.5 176.6 173.2 167.8 165.6 161.4 MAG 14.580 12.120 10.142 8.340 7.300 6.211 5.496 4.908 4.450 4.018 3.750 3.410 3.181 2.995 2.802 2.665 2.533 2.369 2.275 2.196 S21 ANG 156.2 137.5 124.6 114.4 107.5 101.0 96.8 91.4 88.1 84.7 81.4 78.1 75.6 72.5 69.8 67.3 66.1 63.0 61.0 59.2 MAG .023 .040 .052 .063 .069 .081 .084 .091 .097 .100 .112 .115 .124 .131 .138 .149 .156 .162 .177 .183 S12 ANG 79.9 65.1 55.0 58.5 56.4 54.9 59.5 58.4 58.4 61.2 61.8 61.4 62.3 63.9 63.6 66.4 65.3 65.9 65.4 64.5 MAG .932 .824 .716 .620 .577 .525 .511 .471 .458 .440 .442 .417 .412 .411 .407 .400 .394 .394 .390 .384 S22 ANG -14.4 -23.4 -30.3 -32.2 -34.2 -35.1 -36.1 -36.2 -35.3 -36.5 -36.8 -37.8 -38.5 -39.9 -40.4 -41.1 -43.7 -44.3 -45.5 -47.6 VCE = 3 V, IC = 3 mA, ZO = 50 FREQUENCY MHz 100.0000 200.0000 300.0000 400.0000 500.0000 600.0000 700.0000 800.0000 900.0000 1000.0000 1100.0000 1200.0000 1300.0000 1400.0000 1500.0000 1600.0000 1700.0000 1800.0000 1900.0000 2000.0000 MAG .906 .810 .742 .638 .587 .524 .490 .460 .435 .427 .404 .399 .392 .392 .386 .380 .382 .389 .383 .387 S11 ANG -22.7 -43.7 -60.6 -76.6 -89.8 -102.2 -111.4 -121.4 -129.9 -138.2 -144.9 -151.7 -157.9 -163.6 -169.1 -174.5 -179.7 176.1 172.5 168.3 MAG 9.710 8.541 7.695 6.580 5.934 5.148 4.627 4.181 3.827 3.443 3.199 2.989 2.779 2.638 2.443 2.344 2.239 2.113 2.025 1.922 S21 ANG 161.6 145.3 133.4 122.4 114.1 107.1 102.2 96.0 92.6 88.1 84.2 79.8 77.4 73.5 71.3 68.0 65.3 63.0 61.4 58.2 MAG .026 .049 .062 .073 .082 .091 .094 .099 .101 .107 .115 .113 .121 .126 .135 .137 .143 .151 .154 .163 S12 ANG 82.5 63.8 58.7 56.0 53.4 49.7 51.8 51.2 52.9 50.9 53.7 56.6 54.9 56.4 56.4 60.0 59.5 59.4 62.6 62.0 MAG .962 .895 .811 .732 .680 .624 .603 .568 .540 .523 .512 .500 .489 .483 .477 .477 .466 .461 .456 .464 S22 ANG -10.6 -18.3 -25.8 -27.7 -31.2 -33.5 -34.4 -35.0 -35.7 -36.7 -36.8 -38.6 -39.2 -40.4 -41.8 -42.4 -44.4 -44.9 -46.9 -48.3 4 PA802T VCE = 3 V, IC = 1 mA, ZO = 50 FREQUENCY MHz 100.0000 200.0000 300.0000 400.0000 500.0000 600.0000 700.0000 800.0000 900.0000 1000.0000 1100.0000 1200.0000 1300.0000 1400.0000 1500.0000 1600.0000 1700.0000 1800.0000 1900.0000 2000.0000 MAG 1.009 .955 .937 .864 .838 .775 .745 .708 .670 .649 .621 .608 .587 .587 .573 .559 .562 .557 .557 .551 S11 ANG -14.5 -29.7 -42.6 -56.2 -67.3 -79.3 -88.5 -99.1 -107.9 -116.8 -124.0 -131.8 -138.5 -144.5 -152.6 -157.1 -164.2 -168.9 -173.9 -178.6 MAG 3.544 3.359 3.277 3.034 2.891 2.674 2.485 2.338 2.177 2.052 1.914 1.819 1.713 1.628 1.533 1.464 1.421 1.350 1.296 1.240 S21 ANG 168.8 156.3 147.1 136.6 128.6 120.0 114.2 106.8 101.4 96.0 90.8 86.0 82.4 77.7 73.4 70.3 67.2 64.7 61.1 58.0 MAG .027 .055 .073 .091 .107 .116 .125 .127 .132 .135 .131 .129 .130 .128 .127 .124 .120 .122 .122 .124 S12 ANG 78.6 73.6 63.4 57.7 51.1 46.6 45.2 41.2 40.2 37.2 36.6 35.4 35.2 36.1 36.0 37.5 39.1 43.3 45.2 48.5 MAG .994 .969 .947 .898 .865 .824 .803 .776 .740 .723 .719 .700 .691 .681 .662 .660 .658 .658 .641 .643 S22 ANG -5.6 -10.1 -15.9 -18.8 -22.1 -25.8 -27.5 -29.7 -31.5 -33.7 -34.2 -36.3 -37.6 -39.2 -40.7 -42.7 -44.0 -46.0 -47.8 -50.1 5 PA802T [MEMO] No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customer must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices in "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact NEC Sales Representative in advance. Anti-radioactive design is not implemented in this product. M4 94.11 6 |
Price & Availability of UPA802T-T1 |