Part Number Hot Search : 
2SA1289 DT54FC C3356 TA8231LQ LM5Q32 TMR3001 105PF 3T230A
Product Description
Full Text Search
 

To Download SUB75N08-09L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUP/SUB75N08-09L
New Product
Vishay Siliconix
N-Channel 75-V (D-S), 175_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
75
rDS(on) (W)
0.009 @ VGS = 10 V 0.011 @ VGS = 4.5 V
ID (A)
"75 a
TO-220AB
D
TO-263
G DRAIN connected to TAB G GDS Top View SUP75N08-09L DS S N-Channel MOSFET
Top View SUB75N08-09L
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C) 175 C) Pulsed Drain Current Avalanche Current Repetitive Avalanche Energyb Maximum Power Dissipationb L = 0.1 mH TC = 25_C (TO-220AB and TO-263) TA = 25_C (TO-263)d TC = 25_C TC = 125_C
Symbol
VDS VGS ID IDM IAR EAR PD TJ, Tstg
Limit
75 "20 "75a "66 "240 "75 280 250c 3.7 -55 to 175
Unit
V
A
mJ W _C
Operating Junction and Storage Temperature Range
THERMAL RESISTANCE RATINGS
Parameter
PCB Mount Junction-to-Ambient Free Air (TO-220AB) Junction-to-Case Notes a. Package limited. b. Duty cycle v 1%. c. See SOA curve for voltage derating. d. When mounted on 1" square PCB (FR-4 material). Document Number: 70870 S-60951--Rev. A, 26-Apr-99 www.vishay.com S FaxBack 408-970-5600 (TO-263)d RthJA RthJC
Symbol
Limit
40 62.5 0.6
Unit
_C/W
2-1
SUP/SUB75N08-09L
Vishay Siliconix
New Product
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VDS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 60 V, VGS = 0 V Zero Gate Voltage Drain Current Z G Vl DiC IDSS VDS = 60 V, VGS = 0 V, TJ = 125_C VDS = 60 V, VGS = 0 V, TJ = 175_C On-State Drain Currenta ID(on) VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 30 A DiS OS Ri Drain-Source On-State Resistancea rDS(on) VGS = 4.5 V, ID = 20 A VGS = 10 V, ID = 30 A, TJ = 125_C VGS = 10 V, ID = 30 A, TJ = 175_C Forward Transconductancea gfs VDS = 15 V, ID = 30 A 30 120 0.0076 0.009 0.011 0.016 0.021 S W 75 V 1 3 "100 1 50 250 A mA A nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Turn-On Delay Timec Rise Timec Turn-Off Delay Fall Timec Timec Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 30 V, RL = 0 47 W V, 0.47 ID ^ 75 A, VGEN = 10 V RG = 2 5 W A V, 2.5 VDS = 30 V, VGS = 10 V ID = 75 A V V, VGS = 0 V, VDS = 25 V, f = 1 MHz 5600 820 275 121 20 25 11 10 107 22 20 20 ns 200 40 150 nC C pF F
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge IS ISM VSD trr IRM(REC) Qrr IF = 75 A di/dt = 100 A/ms A, IF = 75 A, VGS = 0 V 1.0 80 4 0.32 75 A 240 1.3 120 9 0.54 V ns A mC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com S FaxBack 408-970-5600
2-2
Document Number: 70870 S-60951--Rev. A, 26-Apr-99
SUP/SUB75N08-09L
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 VGS = 10, 9, 8, 7, 6, 5 V 4V 150 I D - Drain Current (A) 200
Vishay Siliconix
Transfer Characteristics
200 I D - Drain Current (A)
160
120
100
80 TC = 125_C 40 25_C -55_C 0
50 3V 0 0 2 4 6 8 10
0
1
2
3
4
5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
200 TC = -55_C r DS(on) - On-Resistance ( W ) 160 g fs - Transconductance (S) 25_C 120 0.010 0.012
On-Resistance vs. Drain Current
VGS = 4.5 V VGS = 10 V
0.008
125_C
0.006
80
0.004
40
0.002
0 0 20 40 60 80 100
0 0 20 40 60 80 100 120
VGS - Gate-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
9000 10
Gate Charge
Ciss
V GS - Gate-to-Source Voltage (V)
7500 C - Capacitance (pF)
8
VGS = 30 V ID = 75 A
6000
6
4500
4
3000 Coss 1500 Crss
2
0 0 15 30 45 60 75
0 0 20 40 60 80 100 120
VDS - Drain-to-Source Voltage (V) Document Number: 70870 S-60951--Rev. A, 26-Apr-99
Qg - Total Gate Charge (nC) www.vishay.com S FaxBack 408-970-5600
2-3
SUP/SUB75N08-09L
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.5 VGS = 10 V ID = 75 A r DS(on) - On-Resistance (W) (Normalized) 2.0 I S - Source Current (A) 10 TJ = 150_C TJ = 25_C 100
Source-Drain Diode Forward Voltage
1.5
1.0
1
0.5
0 -50
0.1 -25 0 25 50 75 100 125 150 175 0.2 0.4 0.6 0.8 1.0 1.2
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
Avalanche Current vs. Time
300 100
Drain-Source Breakdown Voltage vs. Junction Temperature
100 90 V (BR)DSS (V) IAV (A) @ TJ = 25_C I Dav (a)
80
10 IAV (A) @ TJ = 150_C 70
1 0.0001 0.001 0.01 tin (Sec) 0.1 1
60 -50
-25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (_C)
www.vishay.com S FaxBack 408-970-5600
2-4
Document Number: 70870 S-60951--Rev. A, 26-Apr-99
SUP/SUB75N08-09L
New Product
THERMAL RATINGS
Maximum Drain Current vs. Case Temperature
90 300 Limited by rDS(on) 100 I D - Drain Current (A) 60 I D - Drain Current (A) 10 ms 100 ms
Vishay Siliconix
Safe Operating Area
75
45
1 ms 10 10 ms TC = 25_C Single Pulse 100 ms dc
30
15
0 0 25 50 75 100 125 150 175
1 0.1 1 10 100
TC - Ambient Temperature (_C)
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2
0.1 0.1 0.05 0.02
Single Pulse 0.01 10-5 10-4 10-3 10-2 10-1 1 3 Square Wave Pulse Duration (sec)
Document Number: 70870 S-60951--Rev. A, 26-Apr-99
www.vishay.com S FaxBack 408-970-5600
2-5


▲Up To Search▲   

 
Price & Availability of SUB75N08-09L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X