Part Number Hot Search : 
B040P105 1N5333 FST10145 APOLYFT8 AT88S 2SA473 R1610 0M832
Product Description
Full Text Search
 

To Download SS8550LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS8550LT1
PNP General Purpose Transistors
P b Lead(Pb)-Free
1 2 3
SOT-23
VCEO Value -25 -40 -6.0 -1500
625 5.0 200
SS8550LT1=Y2
-0.1 -100 -100
-25 -40 -6.0
)
E=-20Vdc, I E= 0 -40 -5.0
O
-0.1 -0.1 -0.1
u
u u
WEITRON
http://www.weitron.com.tw
SS8550LT1
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Max Unit
ON CHARACTERISTICS
DC Current Gain (IC=-100 mAdc, VCE=1.0 Vdc) (IC=-800 mAdc, VCE=1.0 Vdc) Collector-Emitter Saturation Voltage (IC=-800 mAdc, IB=-80mAdc) Base-Emitter Saturation Voltage (IC=-800 mAdc, IB=-80mAdc) hFE (1) hFE (2) VCE(sat) VBE(sat)
120 40 350
-0.5 -1.2
Vdc Vdc
-
SMALL-SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product (IC=-50 mAdc, VCE=-10 Vdc, f=30MHz) fT 100 MHz
CLASSIFICATION OF hFE(1) Rank Range L 120-200 H 200-350
WEITRON
http://www.weitron.com.tw
SS8550LT1
-0.5
10 00
VCE = -1V IB=-4.0mA
IC[mA], COLL ECTOR CURRENT
-0.4
IB=-3.5mA IB=-3.0mA
hFE, DC CURRENT GAIN
10 0
-0.3
IB=-2.5mA IB=-2.0mA
-0.2
IB=-1.5mA IB=-1.0mA
10
-0.1
IB=-0.5mA
-0.4 -0.8 -1.2 -1.6 -2.0
1 -0.1 -1 -10 -100 -1000
VCE[V], COLLECTOR-EMITTER VOLTAGE
IC[mA], COLLECTOR CURRENT
FIG.1 Static Characteristic
FIG.2 DC Current Gain
-10000
VBE(s at), VCE(s at)[V], SATURATION VOLTAGE
-100
IC=10IB
VCE = -1V
IC[mA], COLLECTOR CURRENT
-100 -1000
-100 0
-10
VBE(sat)
-100
-1
VCE(sat)
-10 -0.1
-1
-10
-0.1 -0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
IC[mA], COLL ECTOR CURRENT
VBE[V], BASE-EMITTER VOLTAGE
FIG.3 Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
FIG.4 Base-Emitter On Voltage
fT[MHz], CURRENT GAIN-BANDWIDTH PRODUCT
1000
VCE=-10V
100
10
-1
-10
-100
-1000
IC[mA], COLLE CTOR CURRENT
FIG.5 Current Gain Bandwidth Product
WEITRON
http://www.weitron.com.tw
SS8550LT1
SOT-23 Outline Dimension
SOT-23
A
TOP VIEW D E G H
B
C
K J L M
Dim A B C D E G H J K L M
Min 0.35 1.19 2.10 0.85 0.46 1.70 2.70 0.01 0.89 0.30 0.076
Max 0.51 1.40 3.00 1.05 1.00 2.10 3.10 0.13 1.10 0.61 0.25
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of SS8550LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X