Part Number Hot Search : 
ADF41 THAT4305 MC68HC1 AON7210 F13N06L BTA42 AD5801 133TF1T
Product Description
Full Text Search
 

To Download SMD0805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POLYFUSE(R) RESETTABLE FUSES
SMD0805
formerly No. 725
SMD Type, 6 V / 9 V / 15V
Standard
UL 1434 1st Edition CSA C22.2 No. 0 CSA TIL No. CA-3A cULus Recognition TUV
Specifications
Packaging A Materials Terminals: Blistertape and reel O 178 mm Solder-plated copper TS: Solder Material: 63/37 SnPb TF: Solder Material: Sn Max. Device Surface Temperature in Tripped State 125 C Operating / Storage Temperature -40 C to +85 C (consider derating) Humidity Ageing +85 C, 85 % R.H., 1000 hours, 5 % typical resistance change Vibration MIL-STD-883C, Method 2007.1, Condition A, no change Thermal Shock MIL-STD-202F, Method 107G +85 C to -40 C 20 times, -30 % typical resistance change Solderability Meets EIA Specification RS186-9E, ANSI/J-STD-002, Category 3 Reflow only Solvent Resistance MIL-STD-202, Method 215, no change Marking "P", Part Code
Approvals
Features
These devices offer wide range in hold currents from 0.1 A to 1.0 A and voltages from 6 V to 15 V. The SMD0805 product line is suitable for high density circuit board applications in computers, cellular phone and general electronics. Suitable for reflow soldering.
WebLinks
Further info see:
www.wickmanngroup.com www.wickmanngroup.com/download/fuseology.pdf
Further application info see fuseology:
Dimensions (mm)
Solder pad Layout (mm)
1.2
1.5 1.0
Dimensions (mm) Model
SMD0805P010TS/TF SMD0805P020TS/TF SMD0805P035TS/TF SMD0805P050TS/TF SMD0805P075TS/TF SMD0805P100TS/TF
1.0
Min
2.00 2.00 2.00 2.00 2.00 2.00
A
Max
2.20 2.20 2.20 2.20 2.20 2.20
Min
1.20 1.20 1.20 1.20 1.20 1.20
B
Max
1.50 1.50 1.50 1.50 1.50 1.50
C Min Max
0.55 0.55 0.45 0.75 0.75 0.80 1.00 1.00 0.75 1.25 1.25 1.80
D Min
0.10 0.10 0.10 0.10 0.20 0.20
Min
0.20 0.20 0.20 0.20 0.15 0.15
E
Max
0.45 0.45 0.45 0.45 0.45 0.45
packaging quantity tape
4,000 4,000 4,000 3,000 3,000 2,000
Permissible continuous operating current is 100 % at ambient temperature of 20 C (68 F). Model
cURus * * * * p p TUV * * * * p p
Ihold (A)
0.10 0.20 0.35 0.50 0.75 1.00
ITrip (A)
0.30 0.50 0.75 1.00 1.50 1.95
Vmax. dc (V)
15 9 6 6 6 6
Imax. (A)
40 40 40 40 40 40
max. time to trip (sec. @ A)
1.50 @ 0.50 0.02 @ 8.00 0.10 @ 8.00 0.10 @ 8.00 0.20 @ 8.00 0.30 @ 8.00
Pd max. (W)
0.5 0.5 0.5 0.5 0.6 0.6
Resistance Approvals R min.() R typ.() RI max.()
1.000 0.650 0.250 0.150 0.090 0.060 3.500 2.000 0.750 0.500 t.b.d. t.b.d. 6.000 3.500 1.200 0.850 0.350 0.210
SMD0805P010TS/TF SMD0805P020TS/TF SMD0805P035TS/TF SMD0805P050TS/TF SMD0805P075TS/TF SMD0805P100TS/TF
Please choose TS for SnPb and TF for Sn plating
NOTE: I hold = I trip = Vmax = I max = Hold current: maximum current device will pass without tripping in 20 C still air. Trip current: minimum current at which the device will trip in 20 C still air. Maximum voltage device can withstand without damage at rated current (I max) Maximum fault current device can withstand without damage at rated voltage (Vmax) Pd = Power dissipated from device when in the tripped state at 20 C still air. Minimum resistance of device in initial (un-soldered) state. R min= R 1max= Maximum resistance of device at 20 C measured one hour after tripping for 20 s. Caution: Operation beyond the specified rating may result in damage and possible arcing and flame. Specifications are subject to change without notice
Order Information
Qty.
OrderNumber
Model
Packaging
040617
WebSite www.wickmanngroup.com
Europe Tel: +49 2302 662-107 E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 China Tel: +86 21 6432-5146 E-mail: sales@wickmann.com.hk E-mail: sales@wickmann.cn
POLYFUSE(R)
SMD0805
100.00 A B C D
A: SMD0805P010TS/TF B: SMD0805P020TS/TF C: SMD0805P035TS/TF D: SMD0805P050TS/TF
10.00
Time to Trip (Sec.)
1.00
0.10
0.01 0.10 1.00
Fault Current (Amp.)
10.00
Thermal Derating Chart
Model Ambient Operation Temperature - Ihold (A) -40 C SMD0805P010TS/TF SMD0805P020TS/TF SMD0805P035TS/TF SMD0805P050TS/TF SMD0805P075TS/TF SMD0805P100TS/TF 0.14 0.28 0.47 0.68 t.b.d. t.b.d. -20 C 0.12 0.25 0.44 0.62 t.b.d. t.b.d. 0 C 0.11 0.23 0.39 0.55 t.b.d. t.b.d. 23 C 0.10 0.20 0.35 0.50 0.75 1.00 40 C 0.08 0.17 0.30 0.40 t.b.d. t.b.d. 50 C 0.07 0.14 0.27 0.37 t.b.d. t.b.d. 60 C 0.06 0.12 0.24 0.33 t.b.d. t.b.d. 70 C 0.05 0.10 0.20 0.29 t.b.d. t.b.d. 85 C 0.03 0.07 0.14 0.23 t.b.d. t.b.d.
040617
WebSite www.wickmanngroup.com
Europe Tel: +49 2302 662-107 E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 China Tel: +86 21 6432-5146 E-mail: sales@wickmann.com.hk E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of SMD0805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X