Part Number Hot Search : 
PWR1110 UPC8126K 00402 APT100 HN9C01FT COACH10M A5980C C8051
Product Description
Full Text Search
 

To Download SI4404DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4404DY
Vishay Siliconix
N-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
30
FEATURES
ID (A)
23 17
rDS(on) (W)
0.0065 @ VGS = 10 V 0.008 @ VGS = 4.5 V
D TrenchFETr Power MOSFET D 100% Rg Tested
D
SO-8
S S S G 1 2 3 4 Top View Ordering Information: SI4404DY SI4404DY-T1 (with Tape and Reel) 8 7 6 5 D D D D S N-Channel MOSFET G
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current (10 ms Pulse Width) Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
10 secs
30 "20 23 19 60 2.9 3.5 2.2
Steady State
Unit
V
15 12 A
1.3 1.6 1 - 55 to 150 W _C
THERMAL RESISTANCE RATINGS
Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 71247 S-31873--Rev. F, 15-Sep-03 www.vishay.com t v 10 sec Steady State Steady State
Symbol
RthJA RthJF
Typical
29 67 13
Maximum
35 80 16
Unit
_C/W C/W
1
SI4404DY
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 30 V, VGS = 0 V VDS = 30 V, VGS = 0 V, TJ = 55_C VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 23 A VGS = 4.5 V, ID = 17 A VDS = 15 V, ID = 23 A IS = 2.9 A, VGS = 0 V 30 0.0045 0.0068 80 0.8 1.2 0.0065 0.008 1.0 "100 1 5 V nA mA A W S V
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd Rg td(on) tr td(off) tf trr IF = 2.9 A, di/dt = 100 A/ms VDD = 15 V, RL = 15 W ID ^ 1 A, VGEN = 10 V, RG = 6 W 1.5 VDS = 15 V, VGS = 4.5 V, ID = 23 A 36 15 12 2.2 20 15 105 40 50 3.7 30 23 160 60 80 ns W 55 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
60 50 40 30 20 10 0 0.0
Output Characteristics
VGS = 10 thru 4 V
60 50 40 30 20
Transfer Characteristics
I D - Drain Current (A)
I D - Drain Current (A)
3V
TC = 125_C 10 0 0.0 25_C - 55_C 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS - Drain-to-Source Voltage (V) www.vishay.com
VGS - Gate-to-Source Voltage (V) Document Number: 71247 S-31873--Rev. F, 15-Sep-03
2
SI4404DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.010
On-Resistance vs. Drain Current
6000 5000
Capacitance
r DS(on) - On-Resistance ( W )
0.008 VGS = 4.5 V 0.006 VGS = 10 V C - Capacitance (pF)
Ciss
4000 3000 2000 Coss 1000 0 Crss 0 6 12 18 24 30
0.004
0.002
0.000 0 10 20 30 40 50 60
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
10 V GS - Gate-to-Source Voltage (V) VDS = 15 V ID = 23 A
Gate Charge
1.8 1.6 1.4 1.2 1.0 0.8 0.6 - 50
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 23 A
6
4
2
0 0 20 40 60 80 Qg - Total Gate Charge (nC)
r DS(on) - On-Resistance (W) (Normalized)
8
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
60
0.010
On-Resistance vs. Gate-to-Source Voltage
TJ = 150_C 10
r DS(on) - On-Resistance ( W )
0.008
I S - Source Current (A)
0.006
TJ = 25_C
0.004 ID = 23 A 0.002
1 0.00 0.2 0.4 0.6 0.8 1.0 1.2 VSD - Source-to-Drain Voltage (V) Document Number: 71247 S-31873--Rev. F, 15-Sep-03
0.000 0 2 4 6 8 10 VGS - Gate-to-Source Voltage (V) www.vishay.com
3
SI4404DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.4 0.2 V GS(th) Variance (V) - 0.0 - 0.2 - 0.4 - 0.6 - 0.8 - 1.0 - 50 Power (W) ID = 250 mA 60 50
Single Pulse Power
40 30 20 10
- 25
0
25
50
75
100
125
150
0 10 -2
10 -1
1 Time (sec)
10
100
600
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 1 Square Wave Pulse Duration (sec)
Notes: PDM t1 t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 67_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
t1 t2
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 Square Wave Pulse Duration (sec) 1 10
www.vishay.com
4
Document Number: 71247 S-31873--Rev. F, 15-Sep-03


▲Up To Search▲   

 
Price & Availability of SI4404DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X