Part Number Hot Search : 
42375 KBPC2508 LM117 KBPC2508 N2546 HF9316 SBL1040C LF441CN
Product Description
Full Text Search
 

To Download SI2343DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI2343DS
New Product
Vishay Siliconix
P-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
-30
FEATURES
D TrenchFETr Power MOSFET ID (A)
-4.0 -3.1
rDS(on) (W)
0.053 @ VGS = -10 V 0.086@ VGS = -4.5 V
APPLICATIONS
D Load Switch D PA Switch
TO-236 (SOT-23)
G 1 3 S 2 D
Top View SI2343DS (F3)* *Marking Code
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a, b _ Pulsed Drain Current Continuous Source Current (Diode Conduction)a, b Maximum Power Dissipationa, b Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
5 sec
-30
Steady State
$20
Unit
V
- 4.0 -3.2 -15 -1.0 1.25 0.8 -55 to 150
-3.1 -2.5 A
-0.6 0.75 0.48 W _C
THERMAL RESISTANCE RATINGS
Parameter
t v 5 sec Maximum Junction-to-Ambienta Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. b. Pulse width limited by maximum junction temperature. Document Number: 72079 s-22199--Rev. A, 25-Nov-02 www.vishay.com Steady State Steady State RthJA RthJF
Symbol
Typical
75 120 40
Maximum
100 166 50
Unit
_C/W C/W
1
SI2343DS
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Limits Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-Resistancea Forward Transconductancea Diode Forward Voltage V(BR)DSS VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VGS = 0 V, ID = -250 mA VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "20 V VDS = -24 V, VGS = 0 V VDS = -24 V, VGS = 0 V, TJ = 55_C VDS v -5 V, VGS = -10 V VGS = -10 V, ID = -4.0 A VGS = -4.5 V, ID = -3.1 A VDS = -5 V, ID = -4.0 A IS = -1.0 A, VGS = 0 V -15 0.043 0.068 10 0.7 -1.2 0.053 0.086 W S V -30 -1 -3 "100 -1 -10 mA m A V nA
Symbol
Test Conditions
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Qg Qgs Qgd Ciss Coss Crss VDS = -15 V, VGS = 0, f = 1 MHz VDS = -15 V, VGS = -10 V ID ^ -4.0 A 14 1.9 3.7 540 131 105 pF 21 nC
Switchingc
td(on) Turn-On Time tr td(off) tf Notes a. Pulse test: PW v300 ms duty cycle v2%. b. For DESIGN AID ONLY, not subject to production testing. c. Switching time is essentially independent of operating temperature. VDD = -15 V, RL = 15 W ID ^ -1.0 A, VGEN = -10 V RG = 6 W 10 15 31 20 15 25 ns 50 30
Turn-Off Time
www.vishay.com
2
Document Number: 72079 s-22199--Rev. A, 25-Nov-02
SI2343DS
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
15 VGS = 10 thru.5 V 12 I D - Drain Current (A) I D - Drain Current (A) 4V 12 15
Vishay Siliconix
Transfer Characteristics
9
9
6 3V 3
6 TC = 125_C 3 25_C -55 _C
0 0 1 2 3 4 5
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.12 1000
Capacitance
r DS(on) - On-Resistance ( W )
0.10 VGS = 4.5 V C - Capacitance (pF)
800 Ciss 600
0.08
0.06
VGS = 10 V
400
0.04
0.02
200 Crss
Coss
0.00 0 3 6 9 12 15
0 0 5 10 15 20 25 30
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS =15 V ID = 4.0 A 1.6
On-Resistance vs. Junction Temperature
6
r DS(on) - On-Resistance ( W) (Normalized)
8
1.4
VGS = 4.0 V ID = 4.0 A
1.2
4
1.0
2
0.8
0 0 3 6 9 12 15
0.6 -50
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Document Number: 72079 s-22199--Rev. A, 25-Nov-02
www.vishay.com
3
SI2343DS
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
20 0.12 ID = 4.0 A
On-Resistance vs. Gate-to-Source Voltage
0.10 r DS(on) - On-Resistance ( W ) 10 I S - Source Current (A)
0.08
ID = 1 A
TJ = 150_C TJ = 25_C
0.06
0.04
0.02
1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
0.00 0 2 4 6 8 10
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.6 ID = 250 mA 0.4 V GS(th) Variance (V) 8 0.2 Power (W) 12 10
Single Pulse Power
6
0.0
4 TA = 25_C -0.2 2
-0.4 -50
0 -25 0 25 50 75 100 125 150 0.01 0.1 1 Time (sec) 10 100 600 TJ - Temperature (_C)
Safe Operating Area
100 IDM Limited rDS(on) Limited 10 I D - Drain Current (A) P(t) = 0.0001
1
ID(on) Limited TA = 25_C Single Pulse BVDSS Limited
P(t) = 0.001 P(t) = 0.01 P(t) = 0.1 P(t) = 1 P(t) = 10 dc 10 100
0.1
0.01 0.1 1
VDS - Drain-to-Source Voltage (V)
www.vishay.com
4
Document Number: 72079 s-22199--Rev. A, 25-Nov-02
SI2343DS
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
Vishay Siliconix
0.2 0.1 0.1 0.05 0.02
Notes: PDM t1 t2 1. Duty Cycle, D =
t1 t2 2. Per Unit Base = RthJA = 120_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
Single Pulse 0.01 10- 4 10- 3 10- 2 10- 1 1
10
100
600
Square Wave Pulse Duration (sec)
Document Number: 72079 s-22199--Rev. A, 25-Nov-02
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI2343DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X