Part Number Hot Search : 
120DC YDH200 1N4732 2SC3354 FTVFIA 2SK1313S 1N4716 CY7C145
Product Description
Full Text Search
 

To Download RO-0515S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Unregulated Converters

Industry Standard Pinout 1kVDC & 2kVDC Isolation UL94V-0 Package Material Toroidal Magnetics Fully Encapsulated Custom Solutions Available Efficiency to 85%
ECONOLINE
DC/DC-Converter
RO & RE Series
Output Current (mA) 555 303 200 111 83 66 42 Efficiency (%) 70 75 70-78 76-78 78-80 80-84 74-85
Selection Guide
Part Number SIP 4 RO-xx1.8S RO-xx3.3S RO-xx05S RO-xx09S RO-xx12S RO-xx15S RO-xx24S SIP 7 (2kV) Input Voltage (VDC) 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 Output Voltage (VDC) 1.8 3.3 5 9 12 15 24
RE-xx1.8S (H) RE-xx3.3S (H) RE-xx05S RE-xx09S RE-xx12S RE-xx15S RE-xx24S (H) (H) (H) (H) (H)
1 Watt SIP4 & SIP7 Single Output
xx = Input Voltage P *add Suffix "P" for Continuous Schort Circuit Protection
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Output Ripple and Noise (20MHz limited) Operating Frequency Efficiency at Full Load No Load Power Consumption Isolation Voltage Rated Working Voltage Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection P-Suffix Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity Package Weight MTBF (+25C) (+85C) MSL Level 1 RO types RE types using MIL-HDBK 217F RO types RE types using MIL-HDBK 217F RO types RE types April-2005 H-Suffix H-Suffix (tested for 1 second) (long term isolation) (tested for 1 second) (long term isolation) 1.8V, 3.3V output types 5V output type 9V, 12V, 15V, 24V output types 10% 5% 1.2%/1% of Vin max. 20% max. 15% max. 10% max. 100mVp-p max. 50kHz min. / 100kHz typ. / 105kHz max. 70% min. / 80% typ. 101mW min. / 126mW typ. / 171mW max. 1.000VDC min. see Application Notes 2.000VDC min. see Application Notes 20pF min. / 75pF max. 10 G min. 1 Second Continuous
Output Power (%)
100 80 60 40 30 20 0
Derating-Graph
(Ambient Temperature)
-40C to +85C (see Graph) -55C to +125C 95% RH 1.4g 2.2g 985 x 103 hours 992 x 103 hours 200 x 103 hours 145 x 103 hours
Safe Operating Area
85 Operating Temperature C
-40
0
50
100
150
}
Detailed Information see Application Notes chapter "MTBF"
16
www.recom-international.com
ECONOLINE
DC/DC-Converter
Typical Characteristics
RO & RE Series
RO/RE-xx09S
Efficiency / Load
100 80 60
RO/RE-xx05S
Efficiency / Load
100 80 60 40
3.305
1205
0509
0505 Efficiency %
40 20 0
1209 3.309
Efficiency %
20 0
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
Deviation from Nominal (%)
3.305
0505
15.000 10.000 5.000 0.000 -5.000 -10.000
3.309
0509
1205
1209
0% 20% 40% 60% Total Output current (%)
80%
100%
0% 20% 40% 60% Total Output current (%)
80%
100%
RO/RE-xx12S
Efficiency / Load
100 80 60 40
RO/RE-xx15S
Efficiency / Load
100 80 60
0512
1212
1215
3.312 Efficiency %
40 20 0
0515 3.315
Efficiency %
20 0
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
Total Output current (%)
Total Output current (%)
Deviation / Load
25.000 20.000 25.000 20.000
Deviation / Load
Deviation from Nominal (%)
Deviation from Nominal (%)
15.000 10.000 5.000 0.000 -5.000 -10.000
0512
1212
15.000 10.000 5.000 0.000 -5.000 -10.000
0515
3.315
3.312
0% 20% 40% 60% Total Output current (%) 80% 100%
1215
0% 20% 40% 60% Total Output current (%)
80%
100%
www.recom-international.com
April-2005
17
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
RO & RE Series
3rd angle projection
4 PIN SIP Package
6.00
RECOM RO-0505S **** RECOM RO-0505S ****
10.00
0.51 typ.
4.10
0.51 typ.
1234
Recommended Footprint Details
11.50 0.25 1.9
Bottom View
RO Pin Connections Pin # 1 2 3 Single -Vin +Vin -Vout
2.54 1.27
1.00 o+0.15/0
7.62
Top View
2.54
4 +Vout XX.X 0.5 mm XX.XX 0.25 mm
7 PIN SIP Package
6.00
RECOM RE-0505S **** RECOM RE-0505S ****
10.20
0.51 typ.
4.10
0.51 typ.
12
4
6
Recommended Footprint Details
19.60 1.27 2.0
Bottom View
RE Pin Connections Pin # 1 2 4 Single +Vin -Vin -Vout
1.00 o+0.15/0 0.25 2.54
12.70
2.54
Top View
6 +Vout XX.X 0.5 mm XX.XX 0.25 mm
18
April-2005
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RO-0515S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X