Part Number Hot Search : 
AD740 GRM21B ISL9203A 980909 155J63 09081 95100 1N5830
Product Description
Full Text Search
 

To Download PT334-6B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO., LTD.
DATA SHEET
MODEL NO DATE PT334-6B JUN, 13, 2000 CHRD 2 1
DEPARTMENT REVISION
RECEIVED
MASS PRODUCTION PRELIMINARY CUSTOMER DESIGN
DEVICE NUMBER : CDPT-033-001 PAGE :7
CUSTOMER DESIGNER CHECKER APPROVER
REV
DESCRIPTION
RELEASE DATE
OFFICE: 7C Building, LIAN HUA SHAN PORT INDUSTRIAL DISTRICT, PAN YU, GUANG ZHOU CHINA TEL FAX : 0086-20-84860913 ( 10 Lines ) : 0086-20-84860600
http://www.everlight.com
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : CDPT-033-001 REV : PAGE : 1 1/7
5mm Phototransistor,T-1 3/4
MODEL NO : Features :
*Fast response time *High photo sensitivity
PT334-6B
Description :
PT334-6B is a high speed and high sensitive silicon NPN epitaxial planar phototransistor in a standard 5 mm package. The package is an IR filter, spectrally match to infrared emitter diode .
Applications :
*Optoelectronic switch *VCRs ,Video camera *Floppy disk drive *Infrared applied system
CHIP PART NO. PT MATERIAL Silicon LENS COLOR Black
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : CDPT-033-001 REV : PAGE : 1 2/7
5mm Phototransistor,T-1 3/4
MODEL NO : PT334-6B
Package Dimensions :
Notes :
1.All dimensions are in millimeter. 2.Protruded resin under flange 1.5 mm Max. 3.Lead spacing is measured where the lead emerge from the package. 4.Lens colorBlack. 5.Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 6.These specification sheets include materials protected under copyright of EVERLIGHT corporation . Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent. 7.When using this product , please observe the absolute maximum ratings and the instructions for use outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets.
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : CDPT-033-001 REV : PAGE : 1 3/7
5mm Phototransistor,T-1 3/4
MODEL NO : PT334-6B
Absolute Maximum Ratings at TA = 25 Parameter Symbol Rating Collector-Emitter Voltage Emitter-Collector- Voltage Collector Current Operating Temperature Storage Temperature Soldering Temperature Power Dissipation at(or below) 25Free Air Temperature VCEO VECO IC Topr Tstg Tsol Pc 30 5 20 -25 ~ +85 -40 ~ +85 260 75
Unit V V mA mW
Notice
4mm from mold body less than 5 seconds
Electronic Optical Characteristics : Parameter Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Saturation Voltage Rise Time Fall Time Collector Dark Current On State Collector Current Wavelength of Peak Sensitivity Rang of Spectral Bandwidth Symbol BVCEO BVECO VCE(sat) tr tf ICEO IC(on) p 0.5 Min. 30 Typ. ---Max. ---Unit V Condition IC=100A Ee=0mW/cm2 IE=100A Ee=0mW/cm2 IC=2mA Ee=1mW/cm2 VCE=5V IC=1mA RL=1000 VCE=20V Ee=0mW/cm2 VCE=5V Ee=1mW/cm2 -------
5
----
----
V
------------0.7 -------
---15 15 ---2.0 980
840---1200
0.4 ------100 ----------
V
S nA mA nm nm
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : CDPT-033-001 REV : PAGE : 1 4/7
5mm Phototransistor,T-1 3/4
MODEL NO : PT334-6B
Typical Electrical/Optical/Characteristics Curves
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : CDPT-033-001 REV : PAGE : 1 5/7
5mm Phototransistor,T-1 3/4
MODEL NO : PT334-6B
Reliability Test Item And Condition The reliability of products shall be satisfied with items listed below. Confidence level:90% LTPD:10% NO. Item Test Conditions Test Sample Failure Ac/Re Hours/ Size Judgement Cycles Criteria 1 Solder Heat TEMP : 260 5
H : +85 30 mins
5 secs
22 pcs Ic(on)Lx 0.8
0/1
2
Temperature Cycle
5 mins
50 cycles
22 pcs
L :Lower specification limit
0/1
L : -55
30 mins
H : +100
5 mins
3
Thermal Shock 10 secs
L : -10 5 mins
50 cycles
22 pcs
0/1
4 5 6 7
High Temperature TEMP. : +100 Storage Low Temperature TEMP. : -55 Storage DC Operating Life VCE=5V High Temperature / 85 / 85% R.H. High Humidity
1000 hrs 1000 hrs 1000 hrs 1000 hrs
22 pcs 22 pcs 22 pcs 22 pcs
0/1 0/1 0/1 0/1
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : CDPT-033-001 REV : PAGE : 1 6/7
5mm Phototransistor,T-1 3/4
MODEL NO : PT334-6B
Test Method For On State Collector Current :
Condition : Ee=1mW/cm2 , VCE=5V Test Item : Collector Current [IC(on)] Unit : mA
IR
PT Multimeter VCE=5V
Power Supply
Power Supply
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : CDPT-033-001 REV : PAGE : 1 7/7
5mm Phototransistor,T-1 3/4
MODEL NO : PT334-6B
Packing Specifications
1.Bag
4.5 3.5 4.0 5.5 15 0.5
Label
19 0.5
22
EVERLIGHT
Opto-electronic,Compoments
2.Box
15
9
PT331C
Label
3.Carton
33
E
V
E
R
L
I
G
H
T
24
48
Label
UNITcm
CPN : Customer's Production Number P/N : Production Number QTY : Packing Quantity CAT : Ranks HUE : Peak Wavelength REF : Reference LOT NO : Lot Number
Packing Quantity Specification
1. 500 Pcs/1Bag6 Bags/1Box 2. 10 Boxes/1Carton


▲Up To Search▲   

 
Price & Availability of PT334-6B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X