Part Number Hot Search : 
IBAADS WRB4805 AP09N90W 5071A SKDT115 UM36541S ICS8547 SDA803C
Product Description
Full Text Search
 

To Download P6FMBJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
TVS P6FMBJ SERIES
GPP TRANSIENT VOLTAGE SUPPRESSOR
600 WATT PEAK POWER 1.0 WATT STEADY STATE
FEATURES
* * * * * * Plastic package has underwriters laboratory Glass passivated chip construction 600 watt surage capability at 1ms Excellent clamping capability Low zener impedance Fast response time
DO-214AA
Ratings at 25 o C ambient temperature unless otherwise specified.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified.
Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix for types P6FMBJ6.8 thru P6FMBJ400 Electrical characteristics apply in both direction
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Peak Power Dissipation with a 10/1000uS (Note 1,2 Fig.1) Peak Pulse Durrent with a 10/1000uS waveform ( Note 1, Fig.3 ) Steady State Power Dissipation at TL = 75 C ( Note 2 ) Peak Forward Surge Current, 8.3mS single half sine wave superimposed on rated load (Jedec Method)(Note 3,2) unidirectional only Maximum Instantaneous Forward Voltage at 50A for unidirectional only ( Note 3,4 ) Operating and Storage Temperature Range
o o
SYMBOL PPPM IPPM PM(AV) IFSM VF TJ, TSTG
VALUE Minimum 600 SEE TABLE 1 5.0 100 SEE NOTE 4 -55 to + 150
UNITS Watts Amps Amps Amps Volts
0
C 1998-8
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25 C per Fig.2. 2. Mounted on 0.2 X 0.2" ( 5.0 X 5.0mm ) copper pad to each terminal. 3. Measured on 8.3mS single half Sine-Wave or equivalent wave, duty cycle = 4 pulses per minute maximum. 4. VF = 3.5V on P6FMBJ6.8 thru P6FMB90 devices and VF = 5.0V on P6FMBJ100 thur P6FMBJ400 devices.
Back
RECTRON
RECTRON
RECTRON


▲Up To Search▲   

 
Price & Availability of P6FMBJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X