Part Number Hot Search : 
MFI001 LH521028 MLS906B MP8715DL 2012S DS1222S ON0519 2SD1806
Product Description
Full Text Search
 

To Download P1800SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDACtor Device
SIDACtor Device
DO-214AA SIDACtor solid state protection devices protect telecommunications equipment such as modems, line cards, fax machines, and other CPE. SIDACtor devices are used to enable equipment to meet various regulatory requirements including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA/EIA-IS-968 (formerly known as FCC Part 68).
Electrical Parameters
Part Number * P0080S_ P0300S_ P0640S_ P0720S_ P0900S_ P1100S_ P1300S_ P1500S_ P1800S_ P2300S_ P2600S_ P3100S_ P3500S_ VDRM Volts 6 25 58 65 75 90 120 140 170 190 220 275 320 VS Volts 25 40 77 88 98 130 160 180 220 260 300 350 400 VT Volts 4 4 4 4 4 4 4 4 4 4 4 4 4 IDRM Amps 5 5 5 5 5 5 5 5 5 5 5 5 5 IS mAmps 800 800 800 800 800 800 800 800 800 800 800 800 800 IT Amps 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 IH mAmps 50 50 150 150 150 150 150 150 150 150 150 150 150 CO pF 100 110 50 50 50 40 40 40 30 30 30 30 30
* For individual "SA", "SB", and "SC" surge ratings, see table below. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities. * VDRM is measured at IDRM. * VS is measured at 100 V/s. * Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request. * Off-state capacitance is measured at 1 MHz with a 2 V bias and is a typical value for "SA" and "SB" product. "SC" capacitance is approximately 2x the listed value. The off-state capacitance of the P0080SB is equal to the "SC" device.
Surge Ratings
IPP 2x10 s Amps 150 250 500 IPP 8x20 s Amps 150 250 400 IPP 10x160 s Amps 90 150 200 IPP 10x560 s Amps 50 100 150 IPP 10x1000 s Amps 45 80 100 ITSM 60 Hz Amps 20 30 50 di/dt Amps/s 500 500 500
Series A B C
http://www.teccor.com +1 972-580-7777
2-4
(c) 2002 Teccor Electronics SIDACtor(R) Data Book and Design Guide
SIDACtor Device
Thermal Considerations
Package DO-214AA Symbol TJ TS RqJA Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient Value -40 to +150 -65 to +150 90 Unit C C C/W
+I +I
IPP - Peak Pulse Current - %IPP
tr = rise time to peak value td = decay time to half value
IT IT IS S IH IDRM
-V -V VT VT VDRM VDRM VS V
S
100
Peak Value
Waveform = tr x td
+V +V
50
Half Value
0 0 tr td t - Time (s)
-I -I
V-I Characteristics
tr x td Pulse Wave-form
Percent of VS Change - %
10
IH (TC = 25 C)
14 12 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25 C
Ratio of
Case Temperature (TC) - C
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature
Normalized DC Holding Current versus Case Temperature
(c) 2002 Teccor Electronics SIDACtor(R) Data Book and Design Guide
2-5
http://www.teccor.com +1 972-580-7777
Data Sheets


▲Up To Search▲   

 
Price & Availability of P1800SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X