Part Number Hot Search : 
60NF0 SB330 A110A 0ZA6T LF8509 BR151 EPSA1 APW7324
Product Description
Full Text Search
 

To Download OSC-20SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OSC-2.0SM
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI OSC-2.0SM is a high performance silicon transistor designed for high power oscillator applications to 3.0 GHz with typical RF power of 2.0W
PACKAGE STYLE .230 2L FLG
A OD C E .060 x 45 CHAMFER
B
FEATURES:
L
G
H J
F I K M NP
* POUT = 2.0 tTyp. @ 2.5 GHz * Common Collector * Low thermal resistance * OmnigoldTM Metalization System
DIM A B C
MINIMUM
inches / mm
MAXIMUM
inches / mm
.028 / 0.71 .740 / 18.80 .245 / 6.22 .128 / 3.25 .125 / 3.18 .110 / 2.79 .117 / 2.97 .560 / 14.22 .790 / 20.07 .225 / 5.72 .165 / 4.19 .003 / 0.08 .058 / 1.47 .119 / 3.02 .149 / 3.78
.032 / 0.81
.255 / 6.48 .132 / 3.35
MAXIMUM RATINGS
IC VCBO VCEO VEBO TJ TSTG JC 640 mA 45 V 22 V 3.5 V -65 C to +200 C -65 C to +200 C 7.0 C/W
D E F G H I J K L M N P
.117 / 2.97
.570 / 14.48 .810 / 20.57 .235 / 5.97 .185 / 4.70 .007 / 0.18 .068 / 1.73 .135 / 3.43 .187 / 4.75
ORDER CODE: ASI10639
CHARACTERISTICS
SYMBOL
BVCBO BVCEO BVEBO ICBO hFE COB PG C
TC = 25 C
NONETEST CONDITIONS
IC = 2.0 mA IC = 40.0 mA IE = 0.5 mA VCB = 28 V VCE = 5.0 V VCB = 28 V VCC = 21 V POUT = 2.5 W ICQ = 300 mA IC = 200 mA f = 1.0 MHz f = 2.0 GHz
MINIMUM TYPICAL MAXIMUM
45 22 3.5 640 20 7 4.5 30 120
UNITS
V V V mA --pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. E 1/2
ERROR! REFERENCE SOURCE NOT FOUND. OSC-2.0SM
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. E 2/2


▲Up To Search▲   

 
Price & Availability of OSC-20SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X