Part Number Hot Search : 
DTA143Z BFY181 ALVCB BUS24B 00LVE LND060 CH2805 RN296
Product Description
Full Text Search
 

To Download MMBTA94 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 @vic
MMBTA94
SOT-23-3L Plastic-Encapsulate Transistors
SOT-23-3L
TRANSISTOR PNP 1. BASE 2. EMITTER 3. COLLECTOR
1.02
MMBTA94
FEATURES
Power dissipation PCM : 0.35 W Tamb=25 Collector current ICM : -0.2 A Collector-base voltage V(BR)CBO : -400 V Operating and storage junction temperature range TJTstg: -55 to +150 ELECTRICAL CHARACTERISTICS Tamb=25 otherwise specified
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V (BR) CBO V (BR) CEO V (BR) EBO ICBO ICEO IEBO hFE1 DC current gain hFE2 hFE3 VCE (sat) Collector-emitter saturation voltage VCE (sat) Base-emitter saturation voltage Transition frequency VBE (sat) fT Test
0.950.025
2.800.05 1.600.05
unless
conditions MIN -400 -400 -5 -0.1 -5 -0.1 80 70 60 -0.2 -0.3 -0.75 50 V V V MHz 300 TYP MAX UNIT V V V A A A
Ic= -100A IE=0 IC= -1 mAIB=0 IE=-100AIC=0 VCB=-400 V, IE=0 VCE=-400 V, IB=0 VEB= -4 V, IC=0 VCE=-10V, IC=-10 mA VCE=-10V, IC=-1mA VCE=-10V, IC=-100 mA IC=-10 mAIB=-1mA IC=-50 mAIB=-5mA IC=-10 mAIB= -1 mA VCE=-20V IC=-10mA f =30MHz
MARKING:4D
Copyright @vic Electronics Corp.
1
Website http://www.avictek.com
0.35
2.920.05
1.9


▲Up To Search▲   

 
Price & Availability of MMBTA94

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X