Part Number Hot Search : 
IC16F 557T196M 21G304 BTS724 LA1210 ON0409 GEMMH GEMMH
Product Description
Full Text Search
 

To Download MCT61S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DUAL PHOTOTRANSISTOR OPTOCOUPLERS MCT6
DESCRIPTION
The MCT6X Optocouplers have two channels for density applications. For four channel applications, two-packages fit into a standard 16-pin DIP socket. Each channel is an NPN silicon planar phototransistor optically coupled to a gallium arsenide infrared emitting diode.
8 1
MCT61
MCT62
FEATURES
* * * * Two isolated channels per package Two packages fit into a 16 lead DIP socket Choice of three current transfer ratios Underwriters Laboratory (U.L.) recognized File E90700
8 1 8 1
APPLICATIONS
* * * * * * AC Line/Digital Logic - isolate high voltage transients Digital Logic/Digital Logic - Eliminate spurious grounds Digital Logic/AC Triac Control - isolate high voltage transients Twisted pair line receiver - Eliminate ground loop feedthrough Telephone/Telegraph line receiver - isolate high voltage transients High Frequency Power Supply Feedback Control - Maintain floating grounds and transients * Relay contact monitor - isolate floating grounds and transients * Power supply monitor - Isolate transients
SCHEMATIC
ANODE 1 8 EMITTER
CATHODE 2
7 COLLECTOR
CATHODE 3
6 COLLECTOR
ANODE 4
5 EMITTER
Equivalent Circuit
ABSOLUTE MAXIMUM RATINGS
Rating EMITTER (Each channel) Forward Current - Continuous Forward Current - Peak (PW = 1s, 300pps) Reverse Voltage LED Power Dissipation @ TA = 25C Derate above 25C (Total Input) DETECTOR (Each channel) Collector Current - Continuous Detector Power Dissipation @ TA = 25C Derate above 25C TOTAL DEVICE Storage Temperature Operating Temperature Lead Solder Temperature (wave solder) Total Device Power Dissipation @ TA = 25C Derate above 25C TSTG TOPR TSOL PD -55 to +150 -55 to +100 250 for 10 sec 400 5.33 C C C mW mW/C IC PD 30 150 2.0 mA mW mW/C IF IF(pk) VR PD 60 3 3.0 100 1.3 mA A V mW mW/C Symbol Value Unit
(c) 2003 Fairchild Semiconductor Corporation
Page 1 of 8
10/20/04
DUAL PHOTOTRANSISTOR OPTOCOUPLERS MCT6 MCT61 MCT62
ELECTRICAL CHARACTERISTICS (TA = 25C Unless otherwise specified.) INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter EMITTER Input Forward Voltage Reverse Voltage Reverse Current Junction Capacitance DETECTOR Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Dark Current Capacitance (IC = 1.0 mA, IF = 0) (IE = 100 A, IF = 0) (VCE = 10 V, IF = 0) (VCE = 0 V, f = 1 MHz) BVCEO BVECO ICEO CCE 30 6 85 13 5 8 100 V V nA pF (IF = 20 mA) (IR = 10 A) (VR = 5 V) (VF = 0 V, f = 1 MHz) VF VR IR CJ 3.0 1.2 25 0.001 50 10 1.5 V V A pF Test Conditions Symbol Min Typ** Max Unit
TRANSFER CHARACTERISTICS
AC Characteristic SWITCHING TIMES Non-Saturated Turn-on Time Non-Saturated Turn-off Time (RL = 100 , IC = 2 mA, VCC = 10 V) (RL = 100 , IC = 2 mA, VCC = 10 V) ton toff 2.4 2.4 s s Test Conditions Symbol Min Typ** Max Units
TRANSFER CHARACTERISTICS
DC Characteristic Current Transfer Ratio, Collector-Emitter MCT6 MCT61 MCT62 Saturation Voltage (IF = 10 mA, VCE = 10 V) (IF = 5 mA, VCE = 5 V) (IF = 16 mA, IC = 2 mA) VCE(sat) CTR 20 50 100 0.15 0.40 V % Test Conditions Symbol Min Typ** Max Units
ISOLATION CHARACTERISTICS
Characteristic Input-Output Isolation Voltage Isolation Resistance Isolation Capacitance ** All typicals at TA = 25C Test Conditions (II-O 1 A, t = 1 min.) (VI-O = 500 VDC) (f = 1 MHz) Symbol VISO RISO CISO Min 5300 1011 0.5 Typ** Max Units Vac(rms) pf
(c) 2003 Fairchild Semiconductor Corporation
Page 2 of 8
10/20/04
DUAL PHOTOTRANSISTOR OPTOCOUPLERS MCT6
Normalized CTR vs. Forward Current
MCT61
MCT62
Normalized CTR vs. Ambient Temperature
1.4
VCE = 5.0V TA = 25C Normalized to IF = 10 mA
1.6
1.2
1.4
IF = 5 mA
NORMALIZED CTR
NORMALIZED CTR
1.0 0.8 0.6 0.4 0.2 0.0 0 5 10 15 IF - FORWARD CURRENT (mA) 20
1.2
IF = 10 mA
1.0
0.8
0.6
Normalized to IF = 10 mA TA = 25C
IF = 20 mA
0.4 -75
-50 -25 0 25 50 75 100 TA - AMBIENT TEMPERATURE (C)
125
Dark Current vs. Ambient Temperature
ICEO - COLLECTOR-EMITTER DARK CURRENT (A)
10 1
VCE = 10 V
10
0
10 -1 10 -2 10 -3 10 -4 10 -5 10 -6
0
25
50
75
100
125
TA - AMBIENT TEMPERATURE (C)
(c) 2003 Fairchild Semiconductor Corporation
Page 3 of 8
10/20/04
DUAL PHOTOTRANSISTOR OPTOCOUPLERS MCT6 MCT61 MCT62
Switching Speed vs. Load Resistor 1000
IF = 10 mA VCC = 10 V TA = 25C
LED Forward Voltage vs. Forward Current 1.8 1.7
VF - FORWARD VOLTATGE (V)
SWITCHING SPEED - (s)
100
1.6 1.5 1.4
TA = 55C
Toff
10
Tf
Ton
1.3
TA = 25C
1
Tr
1.2 1.1
0.1 0.1 1 10 R-LOAD RESISTOR (k) 100
1.0 1
TA = 100C
10 IF - LED FORWARD CURRENT (mA)
100
Collector-Emitter Saturation Voltage vs Collector Current
VCE (SAT) - COLLECTOR-EMITTER SATURATION VOLTAGE (V)
100
TA = 25C
10
1
IF = 2.5 mA
0.1
0.01
IF = 10 mA IF = 5 mA IF = 20 mA
0.001 0.01
0.1
1
10
IC - COLLECTOR CURRENT (mA)
(c) 2003 Fairchild Semiconductor Corporation
Page 4 of 8
10/20/04
DUAL PHOTOTRANSISTOR OPTOCOUPLERS MCT6 MCT61 MCT62
Package Dimensions (Through Hole)
PIN 1 ID.
4 3 2 1
Package Dimensions (Surface Mount)
0.390 (9.91) 0.370 (9.40)
4 3 2 1
PIN 1 ID.
0.270 (6.86) 0.250 (6.35)
5 6 7 8
0.270 (6.86) 0.250 (6.35)
0.390 (9.91) 0.370 (9.40)
5
6
7
8
SEATING PLANE
0.070 (1.78) 0.045 (1.14) 0.200 (5.08) 0.140 (3.55) 0.020 (0.51) MIN
0.070 (1.78) 0.045 (1.14) 0.020 (0.51) MIN
0.300 (7.62) TYP 0.016 (0.41) 0.008 (0.20)
0.154 (3.90) 0.120 (3.05) 0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP 0.016 (0.40) 0.008 (0.20) 15 MAX 0.300 (7.62) TYP
0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP Lead Coplanarity : 0.004 (0.10) MAX
0.045 [1.14] 0.315 (8.00) MIN 0.405 (10.30) MIN
Package Dimensions (0.4"Lead Spacing)
Recommended Pad Layout for Surface Mount Leadform
4
3
2
1
PIN 1 ID.
0.070 (1.78)
0.270 (6.86) 0.250 (6.35)
0.060 (1.52)
5 6 7 8
0.390 (9.91) 0.370 (9.40)
0.100 (2.54) 0.295 (7.49)
0.070 (1.78) 0.045 (1.14)
SEATING PLANE
0.415 (10.54)
0.030 (0.76)
0.200 (5.08) 0.140 (3.55)
0.004 (0.10) MIN
0.154 (3.90) 0.120 (3.05) 0.022 (0.56) 0.016 (0.41) 0.100 (2.54) TYP 0.016 (0.40) 0.008 (0.20) 0 to 15 0.400 (10.16) TYP
NOTE All dimensions are in inches (millimeters)
(c) 2003 Fairchild Semiconductor Corporation
Page 5 of 8
10/20/04
DUAL PHOTOTRANSISTOR OPTOCOUPLERS MCT6
ORDERING INFORMATION
Order Entry Identifier .S .SD .W
MCT61
MCT62
Option S SD W
Description Surface Mount Lead Bend Surface Mount; Tape and reel 0.4" Lead Spacing
MARKING INFORMATION
1
MCT6 V
3 4
2 6
XX YY T1
5
Definitions
1 2 3 4 5 6 Fairchild logo Device number VDE mark (Note: Only appears on parts ordered with VDE option - See order entry table) Two digit year code, e.g., `03' Two digit work week ranging from `01' to `53' Assembly package code
(c) 2003 Fairchild Semiconductor Corporation
Page 6 of 8
10/20/04
DUAL PHOTOTRANSISTOR OPTOCOUPLERS MCT6
Carrier Tape Specifications
12.0 0.1 4.90 0.20 0.30 0.05 4.0 0.1 4.0 0.1 O1.55 0.05 1.75 0.10
MCT61
MCT62
7.5 0.1 13.2 0.2 10.30 0.20 16.0 0.3
0.1 MAX
10.30 0.20
O1.6 0.1
User Direction of Feed
NOTE All dimensions are in inches (millimeters) Reflow Profile
300 Temperature (C) 250 200 150 100 50 0 0 0.5 1 1.5 2 2.5 3 225 C peak
215 C, 10-30 s
Time above 183C, 60-150 sec Ramp up = 3C/sec 3.5 4 4.5
Time (Minute) * Peak reflow temperature: 225C (package surface temperature) * Time of temperature higher than 183C for 60-150 seconds * One time soldering reflow is recommended
(c) 2003 Fairchild Semiconductor Corporation
Page 7 of 8
10/20/04
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST ActiveArrayTM FASTrTM BottomlessTM FPSTM CoolFETTM FRFETTM CROSSVOLTTM GlobalOptoisolatorTM DOMETM GTOTM EcoSPARKTM HiSeCTM E2CMOSTM I2CTM EnSignaTM i-LoTM FACTTM ImpliedDisconnectTM FACT Quiet SeriesTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC Across the board. Around the world.TM OPTOPLANARTM PACMANTM The Power Franchise POPTM Programmable Active DroopTM
Power247TM PowerEdgeTM PowerSaverTM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER SMART STARTTM SPMTM
StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I13


▲Up To Search▲   

 
Price & Availability of MCT61S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X