Part Number Hot Search : 
Z5248 ICS91309 FR120 BC848S DS9002 RFP450 NTE15044 RF9540N
Product Description
Full Text Search
 

To Download MCP3021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M
Features
* * * * * 10-bit resolution 1 LSB DNL, 1 LSB INL max. 250 A max conversion current 5 nA typical standby current, 1 A max. I2CTM compatible serial interface - 100 kHz I2C Standard mode - 400 kHz I2C Fast mode Up to 8 devices on single 2-wire bus 22.3 ksps in I2C Fast mode Single-ended analog input channel On-chip sample and hold On-chip conversion clock Single supply specified operation: 2.7V to 5.5V Temperature range: - Extended: -40C to +125C Small SOT-23 package
MCP3021
Description
The Microchip Technology Inc. MCP3021 is a successive approximation A/D converter (ADC) with 10-bit resolution. Available in the SOT-23 package, this device provides one single-ended input with very low power consumption. Based on an advanced CMOS technology, the MCP3021 provides a low maximum conversion current and standby current of 250 A and 1 A, respectively. Low current consumption, combined with the small SOT-23 package, make this device ideal for battery-powered and remote data acquisition applications. Communication to the MCP3021 is performed using a 2-wire I2C compatible interface. Standard (100 kHz) and Fast (400 kHz) I2C modes are available with the device. An on-chip conversion clock enables independent timing for the I2C and conversion clocks. The device is also addressable, allowing up to eight devices on a single 2-wire bus. The MCP3021 runs on a single supply voltage that operates over a broad range of 2.7V to 5.5V. This device also provides excellent linearity of 1 LSB differential non-linearity (DNL) and 1 LSB integral nonlinearity (INL), maximum.
Low Power 10-Bit A/D Converter With I2CTM Interface
* * * * * * * *
Applications
* * * * * Data Logging Multi-zone Monitoring Hand Held Portable Applications Battery Powered Test Equipment Remote or Isolated Data Acquisition
Functional Block Diagram
VDD VSS
Package Type 5-Pin SOT-23A
VDD 1 VSS 2 5 SCL Sample and Hold Clock Control Logic AIN 3 4 SDA I2CTM Interface SCL SDA DAC Comparator 10-Bit SAR
- +
AIN
2003 Microchip Technology Inc.
MCP3021
DS21805A-page 1
MCP3021
1.0 ELECTRICAL CHARACTERISTICS PIN FUNCTION TABLE
Name VDD VSS AIN SDA SCL Ground Analog Input Serial Data In/Out Serial Clock In Function +2.7V to 5.5V Power Supply
Absolute Maximum Ratings
VDD...................................................................................7.0V Analog input pin w.r.t. V SS .......... ............. -0.6V to VDD +0.6V SDA and SCL pins w.r.t. VSS........... .........-0.6V to VDD +1.0V Storage temperature .....................................-65C to +150C Ambient temp. with power applied ................-65C to +125C Maximum Junction Temperature .......... .........................150C ESD protection on all pins (HBM) ......... ........................ 4 kV Stresses above those listed under "Maximum ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise noted, all parameters apply at V DD = 5.0V, VSS = GND, R PU = 2 k TA = -40C to +85C, I2C Fast Mode Timing: fSCL = 400 kHz (Note 3). Parameters DC Accuracy Resolution Integral Nonlinearity Differential Nonlinearity Offset Error Gain Error Dynamic Performance Total Harmonic Distortion Signal to Noise and Distortion Spurious Free Dynamic Range Analog Input Input Voltage Range Leakage Current SDA/SCL (open-drain output) Data Coding Format High-level input voltage Low-level input voltage Low-level output voltage Hysteresis of Schmitt trigger inputs Note 1: 2: 3: 4: 5: VIH VIL VOL VHYST -- -- -- Straight Binary 0.7 VDD -- -- -- 0.05VDD -- 0.3 VDD 0.4 -- V V V V IOL = 3 mA, RPU = 1.53 k fSCL = 400 kHz only VSS-0.3 -1 -- -- VDD+0.3 +1 V A 2.7V VDD 5.5V THD SINAD SFDR -- -- -- -70 60 74 -- -- -- dB dB dB VIN = 0.1V to 4.9V @ 1 kHz VIN = 0.1V to 4.9V @ 1 kHz VIN = 0.1V to 4.9V @ 1 kHz INL DNL -- -- -- -- 10 0.25 0.25 0.75 -1 1 1 3 3 bits LSB LSB LSB LSB No missing codes Sym Min Typ Max Units Conditions
Sample time is the time between conversions after the address byte has been sent to the converter. Refer to Figure 5-6. This parameter is periodically sampled and not 100% tested. RPU = Pull-up resistor on SDA and SCL. SDA and SCL = VSS to VDD at 400 kHz. tACQ and tCONV are dependent on internal oscillator timing. See Figure 5-5 and Figure 5-6 for relation to SCL.
DS21805A-page 2
2003 Microchip Technology Inc.
MCP3021
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at V DD = 5.0V, VSS = GND, R PU = 2 k TA = -40C to +85C, I2C Fast Mode Timing: fSCL = 400 kHz (Note 3). Parameters Input leakage current Output leakage current Pin capacitance (all inputs/outputs) Bus Capacitance Power Requirements Operating Voltage Conversion Current Standby Current Active bus current Conversion Rate Conversion Time Analog Input Acquisition Time Sample Rate Note 1: 2: 3: 4: 5: tCONV tACQ fSAMP -- -- -- 8.96 1.12 -- -- -- 22.3 s s ksps Note 5 Note 5 fSCL = 400 kHz (Note 1) VDD IDD IDDS IDDA 2.7 -- -- -- -- 175 0.005 -- 5.5 250 1 120 V A A A SDA, SCL = VDD Note 4 Sym ILI ILO CIN, C OUT CB Min -1 -1 -- -- Typ -- -- -- -- Max +1 +1 10 400 Units A A pF pF Conditions VIN = VSS to VDD VOUT = VSS to VDD TAMB = 25C, f = 1 MHz; (Note 2) SDA drive low, 0.4V
Sample time is the time between conversions after the address byte has been sent to the converter. Refer to Figure 5-6. This parameter is periodically sampled and not 100% tested. RPU = Pull-up resistor on SDA and SCL. SDA and SCL = VSS to VDD at 400 kHz. tACQ and tCONV are dependent on internal oscillator timing. See Figure 5-5 and Figure 5-6 for relation to SCL.
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: All parameters apply across the operating voltage range. Parameters Temperature Ranges Extended Temperature Range Operating Temperature Range Storage Temperature Range Thermal Package Resistances Thermal Resistance, 5L-SOT23A JA -- 256 -- C/W TA TA TA -40 -40 -65 -- -- -- +125 +125 +150 C C C Symbol Min Typ Max Units Conditions
2003 Microchip Technology Inc.
DS21805A-page 3
MCP3021
TIMING SPECIFICATIONS
Electrical Characteristics: All parameters apply at VDD = 2.7V - 5.5V, VSS = GND, TA = -40C to +85C. Parameters I
2C
Sym fSCL THIGH TLOW TR TF THD:STA TSU:STA TSU:DAT TSU:STO THD:STD TAA TBUF TSP FSCL THIGH TLOW TR TF THD:STA TSU:STA THD:DAT TSU:DAT TSU:STO THD:STD TAA TBUF TSP
Min 0 4000 4700 -- -- 4000 4700 250 4000 4000 -- 4700 -- 0 600 1300 20 + 0.1CB 20 + 0.1CB 600 600 0 100 600 600 -- 1300 --
Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
Max 100 -- -- 1000 300 -- -- -- -- -- 3500 -- 50 400 -- -- 300 300 -- -- 0.9 -- -- -- 900 -- 50
Units kHz ns ns ns ns ns ns ns ns ns ns ns ns kHz ns ns ns ns ns ns ms ns ns ns ns ns ns Note 2 Note 2
Conditions
Standard Mode
Clock frequency Clock high time Clock low time SDA and SCL rise time SDA and SCL fall time START condition hold time START condition setup time Data input setup time STOP condition setup time STOP condition hold time Output valid from clock Bus free time Input filter spike suppression I2C Fast Mode Clock frequency Clock high time Clock low time SDA and SCL rise time SDA and SCL fall time START condition hold time START condition setup time Data input hold time Data input setup time STOP condition setup time STOP condition hold time Output valid from clock Bus free time Input filter spike suppression Note 1: 2:
From VIL to VIH (Note 1) From VIL to VIH (Note 1)
SDA and SCL pins (Note 1)
From VIL to VIH (Note 1) From VIL to VIH (Note 1)
SDA and SCL pins (Note 1)
This parameter is periodically sampled and not 100% tested. Time the bus must be free before a new transmission can start.
TF THIGH VHYS
TR
SCL
TSU:STA TLOW THD:DAT TSU:DAT TSU:STO THD:STA TAA TBUF
SDA IN
TSP
SDA OUT
FIGURE 1-1:
Standard and Fast Mode Bus Timing Data.
DS21805A-page 4
2003 Microchip Technology Inc.
MCP3021
2.0
Note:
TYPICAL PERFORMANCE CURVES
The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Note: Unless otherwise indicated, VDD = 5V, VSS = 0V, I2C Fast Mode Timing (SCL = 400 kHz), Continuous Conversion Mode (fSAMP = 22.3 ksps), TA = +25C.
0.25 1 0.20 0.8 0.15 0.6 0.10 0.4 INL (LSB) 0.005 0.2 0 -0.005 -0.2 -0.10 -0.4 -0.15 -0.6 -0.20 -0.8 -0.25 -1 0 100 200 2 I C Bus Rate (kHz) 300 400 Negative INL
INL (LSB) 1 0.25
0.20 0.8 Positive INL 0.15 0.6 0.10 0.4 0.005 0.2
0
Positive INL
-0.005 -0.2 -0.10 -0.4 -0.15 -0.6 -0.20 -0.8 -0.25 -1
0 100
2
Negative INL
200 I C Bus Rate (kHz)
300
400
FIGURE 2-1:
INL vs. Clock Rate.
FIGURE 2-4: (VDD = 2.7V).
0.25 1
INL vs. Clock Rate
0.25 1 0.20 0.8 0.15 0.6 0.10 0.4 INL (LSB)
INL (LSB)
Positive INL
0.20 0.8 0.15 0.6 0.10 0.4 0.005 0.2 0 -0.005 -0.2 -0.10 -0.4 -0.15 -0.6 -0.20 -0.8 -0.25 -1 Negative INL Positive INL
0.005 0.2
0
-0.005 -0.2 -0.10 -0.4 -0.15 -0.6 -0.20 -0.8 -0.25 -1 2.5
3 3.5 4 VDD (V) 4.5 5 5.5
Negative INL
2.5
3
3.5
4 VDD (V)
4.5
5
5.5
FIGURE 2-2: INL vs. VDD - I2C Standard Mode (fSCL = 100 kHz).
0.5 0.4 0.3 0.2 INL (LSB) 0 -0.1 -0.2 -0.3 -0.4 -0.5 0 256 512 Digital Code 768 1024 0.1
FIGURE 2-5: (fSCL = 400 kHz).
0.5 0.4 0.3 0.2 INL (LSB) 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 0 256
INL vs. VDD - I2C Fast Mode
512 Digital Code
768
1024
FIGURE 2-3: INL vs. Code (Representative Part).
FIGURE 2-6: INL vs. Code (Representative Part, VDD = 2.7V).
2003 Microchip Technology Inc.
DS21805A-page 5
MCP3021
Note: Unless otherwise indicated, VDD = 5V, VSS = 0V, I2C Fast Mode Timing (SCL = 400 kHz), Continuous Conversion Mode (fSAMP = 22.3 ksps), TA = +25C.
0.25 1 0.20 0.8 0.15 0.6 0.10 0.4 INL (LSB) 0.005 0.2 0 -0.005 -0.2 -0.10 -0.4 -0.15 -0.6 -0.20 -0.8 -0.25 -1 -50 -25 0 25 50 75 100 125 Temperature (C)
Negative INL
0.25 1
Positive INL
0.20 0.8 0.15 0.6 0.10 0.4 INL (LSB) 0.005 0.2 0 -0.005 -0.2 -0.10 -0.4 -0.15 -0.6 -0.20 -0.8 -0.25 -1 -50 -25 0 25 50 75 100 125 Temperature (C)
Negative INL Positive INL
FIGURE 2-7:
INL vs. Temperature.
FIGURE 2-10: (VDD = 2.7V).
1 0.25 0.20 0.8 0.15 0.6
INL vs. Temperature
0.25 1 0.20 0.8 0.15 0.6 0.10 0.4 DNL (LSB) 0.005 0.2 0 -0.005 -0.2 -0.10 -0.4 -0.15 -0.6 -0.20 -0.8 -0.25 -1 0 100
2
Positive DNL DNL (LSB)
0.10 0.4 0.005 0.2 0 -0.005 -0.2 -0.10 -0.4 -0.15 -0.6 -0.20 -0.8 -0.25 -1 Negative DNL Positive DNL
Negative DNL
200 I C Bus Rate (kHz)
300
400
0
100
2
200 I C Bus Rate (kHz)
300
400
FIGURE 2-8:
DNL vs. Clock Rate.
FIGURE 2-11: (VDD = 2.7V).
1 0.25 0.20 0.8 0.15 0.6 0.10 0.4 DNL (LSB) 0.005 0.2 0 -0.005 -0.2 -0.10 -0.4 -0.15 -0.6 -0.20 -0.8 -0.25 -1
DNL vs. Clock Rate
1 0.25 0.20 0.8 0.15 0.6 0.10 0.4 DNL (LSB) 0.005 0.2 0 -0.005 -0.2 -0.10 -0.4 -0.15 -0.6 -0.20 -0.8 -0.25 -1 2.5 3 3.5 4 V DD (V) 4.5 5 5.5 Negative DNL Positive DNL
Positive DNL
Negative DNL
2.5
3
3.5
4 VDD (V)
4.5
5
5.5
FIGURE 2-9: DNL vs. VDD - I2C Standard Mode (fSCL = 100 kHz).
FIGURE 2-12: DNL vs. VDD - I2C Fast Mode (fSCL = 400 kHz).
DS21805A-page 6
2003 Microchip Technology Inc.
MCP3021
Note: Unless otherwise indicated, VDD = 5V, VSS = 0V, I2C Fast Mode Timing (SCL = 400 kHz), Continuous Conversion Mode (fSAMP = 22.3 ksps), TA = +25C.
0.5 0.4 0.3 0.2 DNL (LSB) 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 0 256 512 Digital Code 768 1024 DNL (LSB) 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 0 256 512 Digital Code 768 1024
FIGURE 2-13: DNL vs. Code (Representative Part).
0.25 1 0.20 0.8 0.15 0.6 0.10 0.4 DNL (LSB) 0.005 0.2 0 -0.005 -0.2 -0.10 -0.4 -0.15 -0.6 -0.20 -0.8 -0.25 -1 -50 -25 0 25 50 75 100 125 Temperature (C)
Negative DNL Positive DNL
FIGURE 2-16: DNL vs. Code (Representative Part, VDD = 2.7V).
1 0.25 0.20 0.8 0.15 0.6 0.10 0.4 DNL (LSB) 0.005 0.2 0 -0.005 -0.2 -0.10 -0.4 -0.15 -0.6 -0.20 -0.8 -0.25 -1 -50 -25 0 25 50 75 100 125
Negative DNL Positive DNL
Temperature (C)
FIGURE 2-14:
DNL vs. Temperature.
FIGURE 2-17: (VDD = 2.7V).
0.251 0.225 0.9 0.2 0.8 Offset Error (LSB) 0.175 0.7 0.15 0.6 0.125 0.5 0.1 0.4 0.075 0.3 0.05 0.2 0.025 0.1 0
DNL vs. Temperature
0
0
-0.025 -0.1 -0.05 -0.2
Gain Error (LSB)
fSCL = 100 kHz & 400 kHz
-0.075 -0.3 -0.1 -0.4 -0.125 -0.5 -0.15 -0.6 -0.175 -0.7 -0.2 -0.8 -0.225 -0.9 -0.25 -1
2.5 3 3.5 4 VDD (V) 4.5 5 5.5
Fast Mode (f SCL=100 kHz)
Standard Mode (f SCL=400 kHz)
0 2.5 3 3.5 4 VDD (V) 4.5 5 5.5
FIGURE 2-15:
Gain Error vs. VDD.
FIGURE 2-18:
Offset Error vs. VDD.
2003 Microchip Technology Inc.
DS21805A-page 7
MCP3021
Note: Unless otherwise indicated, VDD = 5V, VSS = 0V, I2C Fast Mode Timing (SCL = 400 kHz), Continuous Conversion Mode (fSAMP = 22.3 ksps), TA = +25C.
1.5 0.375 1 0.250 Offset Error (LSB) Gain Error (LSB) 0.5 0.125 0 -0.125 -0.5 -0.250 -1 VDD = 2.7V 0.50 2 0.45 1.8 0.40 1.6 0.35 1.4 0.30 1.2 0.25 1 0.20 0.8 0.15 0.6 0.10 0.4 0.05 0.2 00 0 25 50 75 100 125 -50 Temperature (C) VDD = 2.7V -25 0 25 50 75 100 125 VDD = 5V
VDD = 5V -25
-0.375 -1.5 -50
Temperature (C)
FIGURE 2-19:
Gain Error vs. Temperature.
FIGURE 2-22: Temperature.
84 96
Offset Error vs.
84 96 72 84 60 72 48 60 36 48 24 36 12 24 0 12 1 Input Frequency (kHz) 10
Y
VDD = 5V 72 84 60 72 SINAD (dB) VDD = 2.7V 48 60 36 48 24 36 12 24 0 12 1 Input Frequency (kHz) 10 VDD = 2.7V VDD = 5V
FIGURE 2-20:
-12 0 -12 -24 -24 -36 -36 -48 -48 -60 -60 -72 -72 -84 -84 -96 1
SNR (dB)
SNR vs. Input Frequency.
FIGURE 2-23:
84 96 72 84 60 72 SINAD (dB)
SINAD vs. Input Frequency.
VDD = 5V
THD (dB)
V DD = 5V VDD = 2.7V
48 60 36 48 24 36 12 24 0 12 -40
VDD = 2.7V
10 Input Frequency (kHz)
-30
-20 Input Signal Level (dB)
-10
0
FIGURE 2-21:
THD vs. Input Frequency.
FIGURE 2-24: Level.
SINAD vs. Input Signal
DS21805A-page 8
2003 Microchip Technology Inc.
MCP3021
Note: Unless otherwise indicated, VDD = 5V, VSS = 0V, I2C Fast Mode Timing (SCL = 400 kHz), Continuous Conversion Mode (fSAMP = 22.3 ksps), TA = +25C.
10 12 9.95 11.95 9.90 11.9 9.85 11.85 ENOB (rms) 9.80 11.8 9.75 11.75 9.70 11.7 9.65 11.65 9.60 11.6 9.55 11.55 9.50 11.5 2.5 3 3.5 4 VDD (V) 4.5 5 5.5 ENOB (rms) 9.5 11.5 9.0 11 8.5 10.5 8.0 10 7.7 9.5 7.0 9 1 Input Frequency (kHz) 10 VDD = 2.7V VDD = 5V 10 12
FIGURE 2-25:
96 84 84 72
ENOB vs. VDD.
VDD = 5 V
FIGURE 2-28:
10 -10 Amplitude (dB) -30 -50 -70 -90 -110 -130
ENOB vs. Input Frequency.
72 60 SFDR (dB)
48 60 36 48 24 36 12 24 0 12
1
VDD = 2.7V
10 Input Frequency (kHz)
0
500
1000
1500
2000
2500
Frequency (Hz)
FIGURE 2-26:
SFDR vs. Input Frequency.
FIGURE 2-29: Spectrum Using I2C Standard Mode (Representative Part, 1 kHz Input Frequency).
250 200 150 100 50 0
10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -130 0 2000 4000 6000 8000 10000 Frequency (Hz)
Amplitude (dB)
IDD (A)
2.5
3
3.5
4 VDD (V)
4.5
5
5.5
FIGURE 2-27: Spectrum Using I2C Fast Mode (Representative Part, 1 kHz Input Frequency).
FIGURE 2-30:
IDD (Conversion) vs. VDD.
2003 Microchip Technology Inc.
DS21805A-page 9
MCP3021
Note: Unless otherwise indicated, VDD = 5V, VSS = 0V, I2C Fast Mode Timing (SCL = 400 kHz), Continuous Conversion Mode (fSAMP = 22.3 ksps), TA = +25C.
200 180 160 140 IDDA (A) IDD (A) 120 100 80 60 40 20 0 0 100
2
100 90 80 70 60 50 40 30 20 VDD = 2.7V 10 0 200 I C Clock Rate (kHz) 300 400 0 100
2
VDD = 5V
VDD = 5V
VDD = 2.7V
200 I C Clock Rate (kHz)
300
400
FIGURE 2-31: Rate.
250 200
IDD (Conversion) vs. Clock
FIGURE 2-34: Rate.
100 90 80
IDDA (Active Bus) vs. Clock
VDD = 5V IDDA (A) IDD (A) 150 100 50 0 -50 -25 0 25 50 75 100 125 Temperature (C)
VDD = 5V
70 60 50 40 30 20 10 0 -50 -25 0 25 50 75 100 125 Temperature (C) VDD = 2.7V
V DD = 2.7V
FIGURE 2-32: Temperature.
100 90 80 70 IDDA (A) 50 40 30 20 10 0 2.5 3 60
IDD (Conversion) vs.
FIGURE 2-35: Temperature.
60 50 40 IDDS (pA) 30 20 10 0
IDDA (Active Bus) vs.
3.5
4 VDD (V)
4.5
5
5.5
2.5
3
3.5
4 V DD (V)
4.5
5
5.5
FIGURE 2-33:
IDDA (Active Bus) vs. VDD.
FIGURE 2-36:
IDDS (Standby) vs. VDD.
DS21805A-page 10
2003 Microchip Technology Inc.
MCP3021
Note: Unless otherwise indicated, VDD = 5V, VSS = 0V, I2C Fast Mode Timing (SCL = 400 kHz), Continuous Conversion Mode (fSAMP = 22.3 ksps), TA = +25C.
2.1
1000 100 10 IDDS (nA) 1 0.1 0.01 0.001 0.0001 -50 -25 0 25 50 75 100 125 Temperature (C)
Test Circuit
VDD = 5V
10 F
0.1 F 2 k 2 k
AIN VIN
VDD
MCP3021
SDA
VSS SCL
FIGURE 2-37: Temperature.
2 1.8 Analog Input Leakage (nA) 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 -50 -25 0
IDDS (Standby) vs.
VCM = 2.5V
FIGURE 2-39:
Typical Test Configuration.
25
50
75
100
125
Temperature (C)
FIGURE 2-38: Temperature.
Analog Input Leakage vs.
2003 Microchip Technology Inc.
DS21805A-page 11
MCP3021
3.0 PIN FUNCTIONS
PIN FUNCTION TABLE
Function +2.7V to 5.5V Power Supply Ground Analog Input Serial Data In/Out Serial Clock In Name VDD VSS AIN SDA SCL
3.3
Serial Data (SDA)
TABLE 3-1:
This is a bidirectional pin used to transfer addresses and data into and out of the device. It is an open-drain terminal, therefore, the SDA bus requires a pull-up resistor to VDD (typically 10 k for 100 kHz and 2 k for 400 kHz SCL clock speeds (refer to Section 6.2, "Connecting to the I2C Bus"). For normal data transfer, SDA is allowed to change only during SCL low. Changes during SCL high are reserved for indicating the START and STOP conditions (refer to Section 5.1, "I2C Bus Characteristics").
3.1
VDD and VSS
3.4
Serial Clock (SCL)
The VDD pin, with respect to VSS, provides power to the device, as well as a voltage reference for the conversion process. Refer to Section 6.4, "Device Power and Layout Considerations", for tips on power and grounding.
3.2
Analog Input (AIN)
SCL is an input pin used to synchronize the data transfer to and from the device on the SDA pin and is an open-drain terminal. Therefore, the SCL bus requires a pull-up resistor to VDD (typically, 10 k for 100 kHz and 2 k for 400 kHz SCL clock speeds. Refer to Section 6.2, "Connecting to the I2C Bus"). For normal data transfer, SDA is allowed to change only during SCL low. Changes during SCL high are reserved for indicating the START and STOP conditions (refer to Section 6.1, "Driving the Analog Input").
AIN is the input pin to the sample and hold circuitry of the Successive Approximation Register (SAR) converter. Care should be taken in driving this pin. Refer to Section 6.1, "Driving the Analog Input". For proper conversions, the voltage on this pin can vary from VSS to VDD.
DS21805A-page 12
2003 Microchip Technology Inc.
MCP3021
4.0 DEVICE OPERATION
4.2 Conversion Time (tCONV)
The MCP3021 employs a classic SAR architecture. This architecture uses an internal sample and hold capacitor to store the analog input while the conversion is taking place. At the end of the acquisition time, the input switch of the converter opens and the device uses the collected charge on the internal sample and hold capacitor to produce a serial 10-bit digital output code. The acquisition time and conversion is self-timed using an internal clock. After each conversion, the results are stored in a 10-bit register that can be read at any time. Communication with the device is accomplished with a 2-wire I2C interface. Maximum sample rates of 22.3 ksps are possible with the MCP3021 in a continuous conversion mode and an SCL clock rate of 400 kHz. The conversion time is the time required to obtain the digital result once the analog input is disconnected from the holding capacitor. With the MCP3021, the specified conversion time is typically 8.96 s. This time is dependent on the internal oscillator and independent of SCL.
4.3
Acquisition Time (tACQ)
The acquisition time is the amount of time the sample cap array is acquiring charge. The acquisition time is, typically, 1.12 s. This time is dependent on the internal oscillator and independent of SCL.
4.4
Sample Rate
4.1
Digital Output Code
The digital output code produced by the MCP3021 is a function of the input signal and power supply voltage (VDD). As the V DD level is reduced, the LSB size is reduced accordingly. The theoretical LSB size is shown below.
Sample rate is the inverse of the maximum amount of time that is required from the point of acquisition of the first conversion to the point of acquisition of the second conversion. The sample rate can be measured either by single or continuous conversions. A single conversion includes a Start Bit, Address Byte, Two Data Bytes and a Stop bit. This sample rate is measured from one Start Bit to the next Start Bit. For continuous conversions (requested by the Master by issuing an acknowledge after a conversion), the maximum sample rate is measured from conversion to conversion, or a total of 18 clocks (two data bytes and two Acknowledge bits). Refer to Section 5-2, "Device Addressing".
EQUATION
VD D LSB SIZE = ----------1024 VDD = Supply voltage The output code of the MCP3021 is transmitted serially with MSB first, the format of the code being straight binary.
Output Code 11 1111 1111 11 1111 1110 (1023) (1022)
00 0000 0011 (3) 00 0000 0010 (2) 00 0000 0001 (1) 00 0000 0000 (0) .5 LSB 1.5 LSB 2.5 LSB AIN VDD-1.5 LSB VDD-2.5 LSB
FIGURE 4-1:
Transfer Function.
2003 Microchip Technology Inc.
DS21805A-page 13
MCP3021
4.5 Differential Non-Linearity (DNL) 4.8 Gain Error
In the ideal ADC transfer function, each code has a uniform width. That is, the difference in analog input voltage is constant from one code transition point to the next. DNL specifies the deviation of any code in the transfer function from an ideal code width of 1 LSB. The DNL is determined by subtracting the locations of successive code transition points after compensating for any gain and offset errors. A positive DNL implies that a code is longer than the ideal code width, while a negative DNL implies that a code is shorter than the ideal width. The gain error determines the amount of deviation from the ideal slope of the ADC transfer function. Before the gain error is determined, the offset error is measured and subtracted from the conversion result. The gain error can then be determined by finding the location of the last code transition and comparing that location to the ideal location. The ideal location of the last code transition is 1.5 LSBs below full-scale or VDD.
4.9
Conversion Current (IDD)
4.6
Integral Non-Linearity (INL)
The average amount of current over the time required to perform a 10-bit conversion.
INL is a result of cumulative DNL errors and specifies how much the overall transfer function deviates from a linear response. The method of measurement used in the MCP3021 ADC to determine INL is the "end-point" method.
4.10
Active Bus Current (IDDA)
The average amount of current over the time required to monitor the I2C bus. Any current the device consumes while it is not being addressed is referred to as Active Bus current.
4.7
Offset Error
4.11
Offset error is defined as a deviation of the code transition points that are present across all output codes. This has the effect of shifting the entire A/D transfer function. The offset error is measured by finding the difference between the actual location of the first code transition and the desired location of the first transition. The ideal location of the first code transition is located at 1/2 LSB above VSS.
Standby Current (IDDS)
The average amount of current required while no conversion is occurring and while no data is being output (i.e., SCL and SDA lines are quiet).
4.12
I2C Standard Mode Timing
I2C specification where the frequency of SCL is 100 kHz.
4.13
I2C Fast Mode Timing
I2C specification where the frequency of SCL is 400 kHz.
DS21805A-page 14
2003 Microchip Technology Inc.
MCP3021
5.0
5.1
SERIAL COMMUNICATIONS
I2C Bus Characteristics
The following bus protocol has been defined: * Data transfer may be initiated only when the bus is not busy. * During data transfer, the data line must remain stable whenever the clock line is high. Changes in the data line while the clock line is high will be interpreted as a START or STOP condition. Accordingly, the following bus conditions have been defined (refer to Figure 5-1).
Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of data bytes transferred between the START and STOP conditions is determined by the master device and is unlimited.
5.1.5
ACKNOWLEDGE
Each receiving device, when addressed, is obliged to generate an acknowledge bit after the reception of each byte. The master device must generate an extra clock pulse that is associated with this acknowledge bit. The device that acknowledges has to pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is stable low during the high period of the acknowledge-related clock pulse. Setup and hold times must be taken into account. During reads, a master device must signal an end of data to the slave by not generating an acknowledge bit on the last byte that has been clocked out of the slave (NAK). In this case, the slave (MCP3021) will release the bus to allow the master device to generate the STOP condition. The MCP3021 supports a bidirectional 2-wire bus and data transmission protocol. The device that sends data onto the bus is the transmitter and the device receiving data is the receiver. The bus has to be controlled by a master device that generates the serial clock (SCL), controls the bus access and generates the START and STOP conditions, while the MCP3021 works as a slave device. Both master and slave devices can operate as either transmitter or receiver, but the master device determines which mode is activated.
5.1.1
BUS NOT BUSY (A)
Both data and clock lines remain high.
5.1.2
START DATA TRANSFER (B)
A high-to-low transition of the SDA line while the clock (SCL) is high determines a START condition. All commands must be preceded by a START condition.
5.1.3
STOP DATA TRANSFER (C)
A low-to-high transition of the SDA line while the clock (SCL) is high determines a STOP condition. All operations must be ended with a STOP condition.
5.1.4
DATA VALID (D)
The state of the data line represents valid data when, after a START condition, the data line is stable for the duration of the high period of the clock signal. The data on the line must be changed during the low period of the clock signal. There is one clock pulse per bit of data.
(A) SCL
(B)
(D)
(D)
(C)
(A)
SDA
START CONDITION
ADDRESS OR DATA ACKNOWLEDGE ALLOWED VALID TO CHANGE
STOP CONDITION
FIGURE 5-1:
Data Transfer Sequence on the Serial Bus.
2003 Microchip Technology Inc.
DS21805A-page 15
MCP3021
5.2 Device Addressing 5.3 Executing a Conversion
The address byte is the first byte received following the START condition from the master device. The first part of the control byte consists of a 4-bit device code, which is set to 1001 for the MCP3021. The device code is followed by three address bits: A2, A1 and A0. The default address bits are 101 (contact the Microchip factory for additional address bit options).The address bits allow up to eight MCP3021 devices on the same bus and are used to determine which device is accessed. The eighth bit of the slave address determines if the master device wants to read conversion data or write to the MCP3021. When set to a `1', a read operation is selected. When set to a `0', a write operation is selected. There are no writable registers on the MCP3021, therefore, this bit must be set to a '1' to initiate a conversion. The MCP3021 is a slave device that is compatible with the 2-wire I2C serial interface protocol. A hardware connection diagram is shown in Figure 6-2. Communication is initiated by the microcontroller (master device), which sends a START bit followed by the address byte. On completion of the conversion(s) performed by the MCP3021, the microcontroller must send a STOP bit to stop the communication. The last bit in the device address byte is the R/W bit. When this bit is a logic `1', a conversion will be executed. Setting this bit to logic `0' will also result in an "acknowledge" (ACK) from the MCP3021, with the device then releasing the bus. This can be used for device polling (refer to Section 6.3, "Device Polling"). START READ/WRITE
SLAVE ADDRESS R/W A SCL
This section will describe the details of communicating with the MCP3021 device. Initiating the sample and hold acquisition, reading the conversion data and executing multiple conversions will be discussed.
5.3.1
INITIATING THE SAMPLE AND HOLD
The acquisition and conversion of the input signal begins with the falling edge of the R/W bit of the address byte. At this point, the internal clock initiates the sample, hold and conversion cycle, all of which are internal to the ADC.
tACQ + tCONV is initiated here Address Byte
SCL
1
2
3
4
5
6
7
8
9
SDA Start Bit
1
0
0
1
A2 A1 A0 R/W
Device bits
Address bits
FIGURE 5-3: Address Byte.
Initiating the Conversion,
tACQ + tCONV is initiated here Lower Data Byte (n) 17 18 19 20 21 22 23 24 25 26
ACK
SDA
D6
D5 D4 D3 D2 D1 D0 X
X
Device Code
1
Address Bits1
Contact Microchip for additional address bits.
FIGURE 5-4: Initiating the Conversion, Continuous Conversions.
FIGURE 5-2:
Device Addressing.
DS21805A-page 16
2003 Microchip Technology Inc.
ACK
1
0
0
1
1
0
1
ACK
MCP3021
The input signal will initially be sampled with the first falling edge of the clock following the transmission of a logic-high R/W bit. Additionally, with the rising edge of the SCL, the ADC will transmit an acknowledge bit (ACK = 0). The master must release the data bus during this clock pulse to allow the MCP3021 to pull the line low (refer to Figure 5-3). For consecutive samples, sampling begins on the last bit of the lower data byte. Refer to Figure 5-6 for timing diagram.
5.3.2
READING THE CONVERSION DATA
After the MCP3021 acknowledges the address byte, the device will transmit four `0' bits followed by the upper four data bits of the conversion. The master device will then acknowledge this byte with an ACK = low. With the following six clock pulses, the MCP3021 will transmit the lower six data bits from the conversion. The last two bits are "don't cares", and do not contain valid data. The master then sends an ACK = high, indicating to the MCP3021 that no more data is requested. The master can then send a stop bit to end the transmission.
tACQ + tCONV is initiated here 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 SCL S T A R T SDA Address Byte Upper Data Byte Lower Data Byte S T O P
A RA N S 1 0 0 1 A A A / C 0 0 0 0 DD D D CD DD D D D X X AP 210WK 98 7 6 K5 43 21 0 K Device bits Address bits
FIGURE 5-5: 5.3.3
Executing a Conversion.
CONSECUTIVE CONVERSIONS
For consecutive samples, sampling begins on the falling edge of the last bit of the lower data byte. See Figure 5-6 for timing. tACQ + tCONV is initiated here tACQ + t CONV is initiated here fSAMP = 22.3 ksps (fCLK = 400 kHz) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 SCL
S T A R T 21 22 23 24 25 26 27 28
Address Byte
Upper Data Byte (n)
Lower Data Byte (n)
SDA
A A RA S 1 0 0 1 A2 A1 A0 / C 0 0 0 0 D D D D C D D D D D D X X C 0 98 76 K5 43 21 0 K K W Device bits Address bits
FIGURE 5-6:
Continuous Conversion.
2003 Microchip Technology Inc.
DS21805A-page 17
MCP3021
6.0
6.1
APPLICATIONS INFORMATION
Driving the Analog Input
The MCP3021 has a single-ended analog input (AIN). For proper conversion results, the voltage at the AIN pin must be kept between VSS and VDD. If the converter has no offset error, gain error, INL or DNL errors and the voltage level of AIN is equal to or less than VSS + 1/2 LSB, the resultant code will be 000h. Additionally, if the voltage at AIN is equal to or greater than VDD - 1.5 LSB, the output code will be 1FFh. VDD AIN VT = 0.6V
The analog input model is shown in Figure 6-1. In this diagram, the source impedance (RSS) adds to the internal sampling switch (RS) impedance, directly affecting the time required to charge the capacitor (CSAMPLE). Consequently, a larger source impedance increases the offset error, gain error and integral linearity errors of the conversion. Ideally, the impedance of the signal source should be near zero. This is achievable with an operational amplifier such as the MCP6022, which has a closed-loop output impedance of tens of ohms.
Sampling Switch SS RS = 1 k C SAMPLE = DAC capacitance = 20 pF VSS
RSS
VA
CPIN 7 pF
VT = 0.6V
ILEAKAGE 1 nA
Legend VA RSS AIN CPIN VT ILEAKAGE SS RS CSAMPLE
= = = = = = = = =
signal source source impedance analog input pad analog input pin capacitance threshold voltage leakage current at the pin due to various junctions sampling switch sampling switch resistor sample/hold capacitance
FIGURE 6-1:
Analog Input Model, AIN.
The number of devices connected to the bus is limited only by the maximum bus capacitance of 400 pF. A possible configuration using multiple devices is shown in Figure 6-3. SDA SCL PIC16F876 Microcontroller
6.2
Connecting to the I2C Bus
The I2C bus is an open collector bus, requiring pull-up resistors connected to the SDA and SCL lines. This configuration is shown in Figure 6-2. VDD PICmicro(R) Microcontroller
RPU
RPU
MCP3021 SDA AIN SCL
24LC01 EEPROM Analog Input Signal MCP3021 10-bit ADC TC74 Temperature Sensor
RPU is typically: 10 k for fSCL = 100 kHz 2 k for fSCL = 400 kHz
FIGURE 6-2: Bus.
Pull-up Resistors on I2C
FIGURE 6-3:
Multiple Devices on I2C Bus.
DS21805A-page 18
2003 Microchip Technology Inc.
MCP3021
6.3 Device Polling
In some instances, it may be necessary to test for MCP3021 presence on the I2C bus without performing a conversion, described in Figure 6-4. Here we are setting the R/W bit in the address byte to a zero. The MCP3021 will then acknowledge by pulling SDA low during the ACK clock and then release the bus back to the I2C master. A stop or repeated start bit can then be issued from the master and I2C communication can continue.
Address Byte SCL 1 2 3 4 5 6 7 8 9 ACK
precautions should be taken to keep traces with high frequency signals (such as clock lines) as far as possible from analog traces. The MCP3021 should be connected entirely to the analog ground place, as well as the analog power trace. The pull-up resistors can be placed close to the microcontroller and tied to the digital power or VCC. Use of an analog ground plane is recommended in order to keep the ground potential the same for all devices on the board. Providing VDD connections to devices in a "star" configuration can also reduce noise by eliminating current return paths and associated errors (Figure 6-6). For more information on layout tips when using the MCP3021 or other ADC devices, refer to AN688, "Layout Tips for 12-Bit A/D Converter Applications".
VDD Connection
SDA Start Bit
1
0
0
1 A2 A1 A0 0
Device bits
Address bits R/W
Start Bit
MCP3021 response
FIGURE 6-4:
Device Polling.
Device 1 Device 4
6.4
6.4.1
Device Power and Layout Considerations
POWERING THE MCP3021
VDD supplies the power to the device as well as the reference voltage. A bypass capacitor value of 0.1 F is recommended. Adding a 10 F capacitor in parallel is recommended to attenuate higher frequency noise present in some systems.
VDD VCC 10 F 0.1 F VDD AIN MCP3021 SCL SDA RPU RPU To Microcontroller
Device 3
Device 2
FIGURE 6-6: VDD traces arranged in a `Star' configuration in order to reduce errors caused by current return paths. 6.4.3 USING A REFERENCE FOR SUPPLY
The MCP3021 uses VDD as power and also as a reference. In some applications, it may be necessary to use a stable reference to achieve the required accuracy. Figure 6-7 shows an example using the MCP1541 as a 4.096V 2% reference.
VDD VCC
FIGURE 6-5: 6.4.2
Powering the MCP3021.
0.1 F
LAYOUT CONSIDERATIONS
When laying out a printed circuit board for use with analog components, care should be taken to reduce noise wherever possible. A bypass capacitor from VDD to ground should always be used with this device and should be placed as close as possible to the device pin. A bypass capacitor value of 0.1 F is recommended. Digital and analog traces should be separated as much as possible on the board, with no traces running underneath the device or the bypass capacitor. Extra
MCP1541 4.096V Reference
1 F CL
AIN
MCP3021
SCL SDA
FIGURE 6-7: Stable Power and Reference Configuration.
2003 Microchip Technology Inc.
DS21805A-page 19
To Microcontroller
VDD
RPU
MCP3021
7.0
7.1
PACKAGING INFORMATION
Package Marking Information
5-Pin SOT-23A (EIAJ SC-74) Device 3 2 1
4
5
Part Number MCP3021A0T-E/OT MCP3021A1T-E/OT MCP3021A2T-E/OT MCP3021A3T-E/OT MCP3021A4T-E/OT MCP3021A5T-E/OT MCP3021A6T-E/OT MCP3021A7T-E/OT
Address Option 000 001 010 011 100 101 110 111
SOT-23 GP GS GK GL GM GJ * GQ GR
* Default option. Contact Microchip Factory for other address options.
Legend:
1 2 3 4
Part Number code + temperature range Part Number code + temperature range Year and work week Lot ID
Note:
In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information.
*
Standard device marking consists of Microchip part number, year code, week code, and traceability code.
DS21805A-page 20
2003 Microchip Technology Inc.
MCP3021
5-Lead Plastic Small Outline Transistor (OT) (SOT23)
E E1
p B p1 D
n
1
c A A2
L
A1
Number of Pins Pitch Outside lead pitch (basic) Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Foot Length Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom * Controlling Parameter Significant Characteristic
Units Dimension Limits n p p1 A A2 A1 E E1 D L c B
MIN
INCHES* NOM 5 .038 .075 .046 .043 .003 .110 .064 .116 .018 5 .006 .017 5 5
MAX
MIN
.035 .035 .000 .102 .059 .110 .014 0 .004 .014 0 0
.057 .051 .006 .118 .069 .122 .022 10 .008 .020 10 10
MILLIMETERS NOM 5 0.95 1.90 0.90 1.18 0.90 1.10 0.00 0.08 2.60 2.80 1.50 1.63 2.80 2.95 0.35 0.45 0 5 0.09 0.15 0.35 0.43 0 5 0 5
MAX
1.45 1.30 0.15 3.00 1.75 3.10 0.55 10 0.20 0.50 10 10
Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. JEDEC Equivalent: MO-178 Drawing No. C04-091
2003 Microchip Technology Inc.
DS21805A-page 21
MCP3021
NOTES:
DS21805A-page 22
2003 Microchip Technology Inc.
MCP3021
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device XX Address Options X Temperature Range /XX Package Examples:
a) b) c) d)
Temperature Range: Address Options: E = -40C to +125C XX A0 A1 A2 A3 A4 A5 * A6 A7 = = = = = = = = A2 0 0 0 0 1 1 1 1 A1 0 0 1 1 0 0 1 1 A0 0 1 0 1 0 1 0 1
Device:
MCP3021T: 10-Bit 2-Wire Serial A/D Converter (Tape and Reel)
e) f) g) h)
MCP3021A0T-E/OT: Tape and Reel MCP3021A1T-E/OT: Tape and Reel MCP3021A2T-E/OT: Tape and Reel MCP3021A3T-E/OT: Tape and Reel MCP3021A4T-E/OT: Tape and Reel MCP3021A5T-E/OT: Tape and Reel MCP3021A6T-E/OT: Tape and Reel MCP3021A7T-IE/OT: Tape and Reel
Extended, A0 Address, Extended, A1 Address, Extended, A2 Address, Extended, A3 Address, Extended, A4 Address, Extended, A5 Address, Extended, A6 Address, Extended, A7 Address,
* Default option. Contact Microchip factory for other address options Package: OT = SOT-23, 5-lead (Tape and Reel)
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
2003 Microchip Technology Inc.
DS21805A-page 23
MCP3021
NOTES:
DS21805A-page 24
2003 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, KEELOQ, MPLAB, PIC, PICmicro, PICSTART, PRO MATE and PowerSmart are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. FilterLab, microID, MXDEV, MXLAB, PICMASTER, SEEVAL and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Accuron, Application Maestro, dsPIC, dsPICDEM, dsPICDEM.net, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, microPort, Migratable Memory, MPASM, MPLIB, MPLINK, MPSIM, PICC, PICkit, PICDEM, PICDEM.net, PowerCal, PowerInfo, PowerMate, PowerTool, rfLAB, rfPIC, Select Mode, SmartSensor, SmartShunt, SmartTel and Total Endurance are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. Serialized Quick Turn Programming (SQTP) is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2003, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved.
Printed on recycled paper. Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999 and Mountain View, California in March 2002. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, non-volatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified.
2003 Microchip Technology Inc.
DS21805A-page 25
M
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com
ASIA/PACIFIC
Australia
Microchip Technology Australia Pty Ltd Marketing Support Division Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755
Japan
Microchip Technology Japan K.K. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
Atlanta
3780 Mansell Road, Suite 130 Alpharetta, GA 30022 Tel: 770-640-0034 Fax: 770-640-0307
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea 135-882 Tel: 82-2-554-7200 Fax: 82-2-558-5934
China - Beijing
Microchip Technology Consulting (Shanghai) Co., Ltd., Beijing Liaison Office Unit 915 Bei Hai Wan Tai Bldg. No. 6 Chaoyangmen Beidajie Beijing, 100027, No. China Tel: 86-10-85282100 Fax: 86-10-85282104
Boston
2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-6334-8870 Fax: 65-6334-8850
Chicago
333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
China - Chengdu
Microchip Technology Consulting (Shanghai) Co., Ltd., Chengdu Liaison Office Rm. 2401-2402, 24th Floor, Ming Xing Financial Tower No. 88 TIDU Street Chengdu 610016, China Tel: 86-28-86766200 Fax: 86-28-86766599
Taiwan
Microchip Technology (Barbados) Inc., Taiwan Branch 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Dallas
4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924
Detroit
Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
China - Fuzhou
Microchip Technology Consulting (Shanghai) Co., Ltd., Fuzhou Liaison Office Unit 28F, World Trade Plaza No. 71 Wusi Road Fuzhou 350001, China Tel: 86-591-7503506 Fax: 86-591-7503521
EUROPE
Austria
Microchip Technology Austria GmbH Durisolstrasse 2 A-4600 Wels Austria Tel: 43-7242-2244-399 Fax: 43-7242-2244-393
Kokomo
2767 S. Albright Road Kokomo, IN 46902 Tel: 765-864-8360 Fax: 765-864-8387
China - Hong Kong SAR
Microchip Technology Hongkong Ltd. Unit 901-6, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431
Los Angeles
18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
Denmark
Microchip Technology Nordic ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45-4420-9895 Fax: 45-4420-9910
China - Shanghai
Microchip Technology Consulting (Shanghai) Co., Ltd. Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
Phoenix
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-4338
France
Microchip Technology SARL Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
China - Shenzhen
Microchip Technology Consulting (Shanghai) Co., Ltd., Shenzhen Liaison Office Rm. 1812, 18/F, Building A, United Plaza No. 5022 Binhe Road, Futian District Shenzhen 518033, China Tel: 86-755-82901380 Fax: 86-755-8295-1393
Toronto
6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509
Germany
Microchip Technology GmbH Steinheilstrasse 10 D-85737 Ismaning, Germany Tel: 49-89-627-144-0 Fax: 49-89-627-144-44
China - Qingdao
Rm. B505A, Fullhope Plaza, No. 12 Hong Kong Central Rd. Qingdao 266071, China Tel: 86-532-5027355 Fax: 86-532-5027205
Italy
Microchip Technology SRL Via Quasimodo, 12 20025 Legnano (MI) Milan, Italy Tel: 39-0331-742611 Fax: 39-0331-466781
India
Microchip Technology Inc. India Liaison Office Marketing Support Division Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062
United Kingdom
Microchip Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44-118-921-5869 Fax: 44-118-921-5820
05/30/03
DS21805A-page 26
2003 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of MCP3021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X