Part Number Hot Search : 
MAX1309 318MS8GE S1616MH IL5851N RN1113CT 5KP45 ISL9506 SOP22
Product Description
Full Text Search
 

To Download MBRF20H100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR20H100CT, MBRF20H100CT & MBRB20H100CT Series
New Product
Vishay Semiconductors
formerly General Semiconductor
Dual High-Voltage Schottky Rectifiers
Reverse Voltage 90 to 100V Forward Current 20A
ITO-220AB (MBRF20H90CT, MBRF20H100CT)
0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.140 (3.56) DIA. 0.130 (3.30) 0.131 (3.39) DIA. 0.122 (3.08)
TO-220AB (MBR20H90CT, MBR20H100CT)
0.415 (10.54) MAX. 0.154 (3.91) 0.370 (9.40) 0.360 (9.14) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.410 (10.41) 0.390 (9.91) 1 0.160 (4.06) 0.140 (3.56) PIN 2 3 0.603 (15.32) 0.573 (14.55) 0.560 (14.22) 0.530 (13.46) 0.055 (1.39) 0.045 (1.14)
1 PIN 2 3
0.185 (4.70) 0.175 (4.44)
0.600 (15.5) 0.580 (14.5)
0.676 (17.2) 0.646 (16.4) 0.350 (8.89) 0.330 (8.38)
0.191 (4.85) 0.171 (4.35) 0.057 (1.45) 0.045 (1.14)
PIN 1 PIN 3 PIN 2
0.635 (16.13) 0.625 (15.87)
0.350 (8.89) 0.330 (8.38)
0.110 (2.80) 0.100 (2.54)
1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46) 0.105 (2.67) 0.095 (2.41)
0.037 (0.94) 0.027 (0.69)
0.022 (0.55) 0.014 (0.36)
0.057 (1.45) 0.045 (1.14)
PIN 1 PIN 3
PIN 2 CASE
0.205 (5.20) 0.195 (4.95)
0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45) 0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36)
TO-263AB (MBRB20H90CT, MBRB20H100CT)
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout TO-263AB
0.42 (10.66)
Dimensions in inches and (millimeters)
0.360 (9.14) 0.320 (8.13)
K 0.055 (1.40) 0.047 (1.19) 0.624 (15.85) 1 K 2 0.591 (15.00) 0-0.01 (0-0.254)
0.33 (8.38) 0.63 (17.02)
0.110 (2.79) 0.090 (2.29) 0.037 (0.940) 0.027 (0.686) 0.105 (2.67)
PIN 1 PIN 2 K - HEATSINK
0.021 (0.53) 0.014 (0.36) 0.140 (3.56) 0.110 (2.79)
0.08 (2.032) 0.24 (6.096)
0.095 (2.41)
0.12 (3.05)
0.205 (5.20) 0.195 (4.95)
Features
Mechanical Data
Case: JEDEC TO-220AB, ITO-220AB, TO-263AB & TO-262AA molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case (TO-220AB, ITO-220AB & TO-252AA) at terminals (TO-236AB) Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 oz., 2.24 g
www.vishay.com 1
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Dual rectifier construction, positive center tap * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * Guardring for overvoltage protection * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
Document Number 88673 03-Sep-04
MBR20H100CT, MBRF20H100CT & MBRB20H100CT Series
Vishay Semiconductors
formerly General Semiconductor
Maximum Ratings
Parameter
(TC = 25C unless otherwise noted)
Symbol VRRM VRWM VDC Total device Per leg IF(AV)
MBR20H90CT 90 90 90 20 10 250 1.0
MBR20H100CT 100 100 100
Unit V V V A
Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) per leg Peak repetitive reverse current per leg at tp = 2s, 1KHZ Voltage rate of change (rated VR) Operating junction and storage temperature range RMS Isolation voltage (MBRF type only) from terminals to heatsink with t = 1 second, RH 30%
IFSM IRRM dv/dt TJ, TSTG VISOL
A A V/s C V
10,000 -65 to +175 4500 3500 (2) 1500 (3)
(1)
Electrical Characteristics (TC = 25C unless otherwise noted)
Parameter Maximum instantaneous forward voltage per leg at(4): IF = IF = IF = IF = 10A, 10A, 20A, 20A, TC = TC = TC = TC = 25C 125C 25C 125C Symbol Value 0.77 0.64 0.88 0.73 4.5 6.0 Unit
VF
V
Maximum reverse current per leg at working peak reverse voltage
TJ = 25C TJ = 125C
IR
A mA
Thermal Characteristics (TC = 25C unless otherwise noted)
Parameter Typical thermal resistance per leg Symbol RJC MBR 2.0 MBRF 5.8 MBRB 2.0 Unit C/W
Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset (2) Clip mounting (on case), where leads do overlap heatsink (3) Screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19") (4) Pulse test: 300s pulse width, 1% duty cycle
Ordering Information
Product MBR20H90CT - MBR20H100CT MBRF20H90CT - MBRF20H100CT MBRB20H90CT - MBRB20H100CT Case TO-220AB ITO-220AB TO-263AB Package Code 45 45 31 45 81 Package Option Anti-Static tube, 50/tube, 2K/carton Anti-Static tube, 50/tube, 2K/carton 13" reel, 800/reel, 4.8K/carton Anti-Static tube, 50/tube, 2K/carton Anti-Static 13" reel, 800/reel, 4.8K/carton
www.vishay.com 2
Document Number 88673 03-Sep-04
MBR20H100CT, MBRF20H100CT & MBRB20H100CT Series
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves per leg
20
(TA = 25C unless otherwise noted)
Fig. 1 -- Forward Current Derating Curve
300 250 200 150 8 100 4 MBRF 0 0 50 100 150 180 50 0
Fig. 2 -- Maximum Non-Repetitive Peak Forward Surge Current Per Leg
16 MBR MBRB
12
1
10
100
Fig. 3 -- Typical Instantaneous Forward Characteristics Per Leg
IR - Instantaneous Reverse Current (A)
100
Fig. 4 -- Typical Reverse Characteristics Per Leg
10000 1000 100 TJ = 150C TJ = 125C TJ = 100C
TJ = 175C 10 TJ = 125C TJ=150C TJ = 100C 1.0
10
0.1
TJ = 25C
1.0 0.1 0.01 20 TJ = 25C
0.01 0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
40
60
80
100
Fig. 5 - Typical Junction Capacitance Per Leg
10000
Fig. 6 - Typical Transient Thermal Impedance Per Leg
100
Transient Thermal Impedance (C/W)
1000
10
100
1
10 0.1 1 10 100
0.1 0.01 0.1 1 10
Document Number 88673 03-Sep-04
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of MBRF20H100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X