Part Number Hot Search : 
BU1850 ES450 1580C TDA7384 2SC327 MJI6012 1N4761 CONTROLS
Product Description
Full Text Search
 

To Download MBR24020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *
MBR24020
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
THRU MBR240100
240 Amp Schottky Barrier Rectifier 20 to 100 Volts HALF PACK
D
Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability
Maximum Ratings
* * Operating Temperature: -65C to +150C Storage Temperature: -65C to +150C Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
G
MCC Part Number MBR24020 MBR24030 MBR24035 MBR24040 MBR24045 MBR24060 MBR24080 MBR240100
Maximum RMS Voltage 14V 21V 24.5V 28V 31.5V 42V 56V 70V
J
B
K E
F
H
C
A
L
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage MBR24020-24045 MBR24060 MBR24080-240100 Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance IF(AV) IFSM 240 A 3300A TL = 140C 8.3ms, half sine IFM = 240.0A; TA = 25C
DIM A B C D E F G H J K L DIMENSIONS INCH ES MIN 1.520 .725 .605 1.182 .745 .152 1/4 - 20 .570 .15 .495 .120 MM MIN MAX 38.86 39.62 18.42 19.69 15.37 15.88 30.02 30.28 18.92 18.18 3.86 4.06 UNC - 2B 14.49 14.73 3.96 4.06 12.57 12.83 3.05 3.30
VF
.63 V .75 V .84 V
IR 8 mA TA = 25C
MAX 1.560 .775 .625 1.192 .755 .160 .580 .160 .505 .130
NOTE
CJ
300pF
Measured at 1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300sec, Duty Cycle 1%
www.mccsemi.com
MBR24020 thru MBR240100
Figure 1 Typical Forward Characteristics 200 100 60 40 200 20 25C Amps 10 6 4 2 1 .6 .4 .2 .1 0.6 0.8 1.0 1.4 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 1.8 2.0 0 40 Amps 80 160 240
MCC
Figure 2 Forward Derating Curve
120
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 70 90 C 110 130 150
Average Forward Rectified Current - Amperes versus Ambient Temperature - C
Figure 3 Junction Capacitance
1000 600 400 200 pF TJ=25C 100 60 40 20 10 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pF versus Reverse Voltage - Volts
www.mccsemi.com
MBR24020 thru MBR240100
Figure 4 Typical Reverse Characteristics 1000 600 400 2800 200 100 60 40 20 mAmps 5.0 4.0 3.0 2.0 1.0 .6 .4 .2 .1 10 20 TA=25C 40 60 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 80 100 120 TA=125C 0 1 2 4 2300 1800 Amps 1000 500
MCC
Figure 5 Peak Forward Surge Current 3300
6
8 10 20 Cycles
40
60 80 100
Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBR24020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X