Part Number Hot Search : 
STPS3150 CR10K LF212ES 1DL42 263002B M1088AKS 0PFTN LF212ES
Product Description
Full Text Search
 

To Download M27C4002-90B1TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M27C4002
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
s
5V 10% SUPPLY VOLTAGE in READ OPERATION ACCESS TIME: 45ns LOW POWER CONSUMPTION: - Active Current 70mA at 10MHz - Standby Current 100A
1 1 40 40
s s
s s s
PROGRAMMING VOLTAGE: 12.75V 0.25V PROGRAMMING TIME: 100s/word ELECTRONIC SIGNATURE - Manufacturer Code: 20h - Device Code: 44h
FDIP40W (F)
PDIP40 (B)
JLCC44W (J)
DESCRIPTION The M27C4002 is a 4 Mbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for microprocessor systems requiring large programs and is organised as 262,144 words of 16 bits. The FDIP40W (window ceramic frit-seal package) and the JLCC44W (J-lead chip carrier packages) have transparent lids which allow the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be written to the device by following the programming procedure. For applications where the content is programmed only one time and erasure is not required, the M27C4002 is offered in PDIP40, PLCC44 and TSOP40 (10 x 20 mm) packages.
PLCC44 (C)
TSOP40 (N) 10 x 20 mm
Figure 1. Logic Diagram
VCC
VPP
18 A0-A17
16 Q0-Q15
E G
M27C4002
VSS
AI00727B
August 2001
1/18
M27C4002
Figure 2A. DIP Connections
VPP E Q15 Q14 Q13 Q12 Q11 Q10 Q9 Q8 VSS Q7 Q6 Q5 Q4 Q3 Q2 Q1 Q0 G 1 40 2 39 3 38 4 37 5 36 6 35 7 34 33 8 32 9 31 10 M27C4002 30 11 29 12 28 13 27 14 26 15 25 16 17 24 18 23 19 22 20 21
AI00728
Figure 2B. LCC Connections
VCC A17 A16 A15 A14 A13 A12 A11 A10 A9 VSS A8 A7 A6 A5 A4 A3 A2 A1 A0
Q12 Q11 Q10 Q9 Q8 VSS NC Q7 Q6 Q5 Q4
Q13 Q14 Q15 E VPP NC VCC A17 A16 A15 A14 1 44 A13 A12 A11 A10 A9 VSS NC A8 A7 A6 A5 12 M27C4002 34 23 Q3 Q2 Q1 Q0 G NC A0 A1 A2 A3 A4
AI00729
Figure 2C. TSOP Connections
Table 1. Signal Names
A0-A17 Address Inputs Data Outputs Chip Enable Output Enable Program Supply Supply Voltage Ground Not Connected Internally
A9 A10 A11 A12 A13 A14 A15 A16 A17 VCC VPP E DQ15 DQ14 DQ13 DQ12 DQ11 DQ10 DQ9 DQ8
1
40
10 11
M27C4002 (Normal)
31 30
20
21
AI01831
VSS A8 A7 A6 A5 A4 A3 A2 A1 A0 G DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 VSS
Q0-Q15 E G VPP VCC VSS NC
2/18
M27C4002
Table 2. Absolute Maximum Ratings (1)
Symbol TA TBIAS TSTG VIO (2) VCC VA9 (2) VPP Parameter Ambient Operating Temperature (3) Temperature Under Bias Storage Temperature Input or Output Voltage (except A9) Supply Voltage A9 Voltage Program Supply Voltage Value -40 to 125 -50 to 125 -65 to 150 -2 to 7 -2 to 7 -2 to 13.5 -2 to 14 Unit C C C V V V V
Note: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. 2. Minimum DC voltage on Input or Output is -0.5V with possible undershoot to -2.0V for a period less than 20ns. Maximum DC voltage on Output is VCC +0.5V with possible overshoot to VCC +2V for a period less than 20ns. 3. Depends on range.
Table 3. Operating Modes
Mode Read Output Disable Program Verify Program Inhibit Standby Electronic Signature
Note: X = VIH or VIL, VID = 12V 0.5V.
E VIL VIL VIL Pulse VIH VIH VIH VIL
G VIL VIH VIH VIL VIH X VIL
A9 X X X X X X VID
VPP VCC or VSS VCC or VSS VPP VPP VPP VCC or VSS VCC
Q15-Q0 Data Out Hi-Z Data In Data Out Hi-Z Hi-Z Codes
Table 4. Electronic Signature
Identifier Manufacturer's Code Device Code A0 VIL VIH Q7 0 0 Q6 0 1 Q5 1 0 Q4 0 0 Q3 0 0 Q2 0 1 Q1 0 0 Q0 0 0 Hex Data 20h 44h
Note: Outputs Q15-Q8 are set to '0'.
DEVICE OPERATION The operating modes of the M27C4002 are listed in the Operating Modes table. A single power supply is required in the read mode. All inputs are TTL levels except for VPP and 12V on A9 for Electronic Signature. Read Mode The M27C4002 has two control functions, both of which must be logically active in order to obtain data at the outputs. Chip Enable (E) is the power
control and should be used for device selection. Output Enable (G) is the output control and should be used to gate data to the output pins, independent of device selection. Assuming that the addresses are stable, the address access time (tAVQV) is equal to the delay from E to output (tELQV). Data is available at the output after a delay of tGLQV from the falling edge of G, assuming that E has been low and the addresses have been stable for at least tAVQV-tGLQV.
3/18
M27C4002
Table 5. AC Measurement Conditions
High Speed Input Rise and Fall Times Input Pulse Voltages Input and Output Timing Ref. Voltages 10ns 0 to 3V 1.5V Standard 20ns 0.4V to 2.4V 0.8V and 2V
Figure 3A. AC Testing Input Output Waveform
Figure 4. AC Testing Load Circuit
1.3V
High Speed 3V 1.5V 0V DEVICE UNDER TEST 2.0V 0.8V
AI01822
1N914
3.3k
Standard 2.4V
OUT CL
0.4V
CL = 30pF for High Speed CL = 100pF for Standard CL includes JIG capacitance
AI01823B
Table 6. Capacitance (1) (TA = 25 C, f = 1 MHz)
Symbol CIN COUT Parameter Input Capacitance Output Capacitance Test Condition VIN = 0V VOUT = 0V Min Max 6 12 Unit pF pF
Note: 1. Sampled only, not 100% tested.
Standby Mode The M27C4002 has a standby mode which reduces the supply current from 50mA to 100A. The M27C4002 is placed in the standby mode by applying a CMOS high signal to the E input. When in the standby mode, the outputs are in a high impedance state, independent of the G input. Two Line Output Control Because EPROMs are usually used in larger memory arrays, the product features a 2 line control function which accommodates the use of multiple memory connection. The two line control function allows:
a. the lowest possible memory power dissipation, b. complete assurance that output bus contention will not occur. For the most efficient use of these two control lines, E should be decoded and used as the primary device selecting function, while G should be made a common connection to all devices in the array and connected to the READ line from the system control bus. This ensures that all deselected memory devices are in their low power standby mode and that the output pins are only active when data is required from a particular memory device.
4/18
M27C4002
Table 7. Read Mode DC Characteristics (1) (TA = 0 to 70C or -40 to 85C; VCC = 5V 5% or 5V 10%; VPP = VCC)
Symbol ILI ILO Parameter Input Leakage Current Output Leakage Current Test Condition 0V VIN VCC 0V VOUT VCC E = VIL, G = VIL, IOUT = 0mA, f = 10MHz Supply Current E = VIL, G = VIL, IOUT = 0mA, f = 5MHz ICC1 ICC2 IPP VIL VIH (2) VOL VOH Output High Voltage CMOS Supply Current (Standby) TTL Supply Current (Standby) CMOS Program Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage TTL IOL = 2.1mA IOH = -400A IOH = -100A 2.4 VCC - 0.7V E = VIH E > VCC - 0.2V VPP = VCC -0.3 2 50 1 100 10 0.8 VCC + 1 0.4 mA mA A A V V V V V Min Max 10 10 70 Unit A A mA
ICC
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Maximum DC voltage on Output is VCC +0.5V.
Table 8A. Read Mode AC Characteristics (1) (TA = 0 to 70C or -40 to 85C; VCC = 5V 5% or 5V 10%; VPP = VCC)
M27C4002 Symbol Alt Parameter Test Condition - 45 (3) Min tAVQV tELQV tGLQV tEHQZ (2) tGHQZ (2) tAXQX tACC tCE tOE tDF tDF tOH Address Valid to Output Valid Chip Enable Low to Output Valid Output Enable Low to Output Valid Chip Enable High to Output Hi-Z Output Enable High to Output Hi-Z Address Transition to Output Transition E = VIL, G = VIL G = VIL E = VIL G = VIL E = VIL E = VIL, G = VIL 0 0 0 Max 45 45 25 30 30 0 0 0 -60 (3) Min Max 60 60 30 30 30 0 0 0 Min -70 Max 70 70 35 30 30 ns ns ns ns ns ns Unit
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested. 3. Speed obtained with High Speed AC measurement conditions.
5/18
M27C4002
Table 8B. Read Mode AC Characteristics (1) (TA = 0 to 70C or -40 to 85C; VCC = 5V 5% or 5V 10%; VPP = VCC)
M27C4002 Symbol Alt Parameter Test Condition Min tAVQV tELQV tGLQV tEHQZ (2) tGHQZ (2) tAXQX tACC tCE tOE tDF tDF tOH Address Valid to Output Valid Chip Enable Low to Output Valid Output Enable Low to Output Valid Chip Enable High to Output Hi-Z Output Enable High to Output Hi-Z Address Transition to Output Transition E = VIL, G = VIL G = VIL E = VIL G = VIL E = VIL E = VIL, G = VIL 0 0 0 -80 Max 80 80 40 30 30 0 0 0 Min -90 Max 90 90 40 30 30 0 0 0 Min -10 Max 100 100 50 30 30 ns ns ns ns ns ns Unit
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested.
Table 8C. Read Mode AC Characteristics (1) (TA = 0 to 70C or -40 to 85C; VCC = 5V 5% or 5V 10%; VPP = VCC)
M27C4002 Symbol Alt Parameter Test Condition Min tAVQV tELQV tGLQV tEHQZ (2) tGHQZ (2) tAXQX tACC tCE tOE tDF tDF tOH Address Valid to Output Valid Chip Enable Low to Output Valid Output Enable Low to Output Valid Chip Enable High to Output Hi-Z Output Enable High to Output Hi-Z Address Transition to Output Transition E = VIL, G = VIL G = VIL E = VIL G = VIL E = VIL E = VIL, G = VIL 0 0 0 -12 Max 120 120 60 40 40 0 0 0 Min -15 Max 150 150 60 50 50 0 0 0 Min -20 Max 200 200 70 80 80 ns ns ns ns ns ns Unit
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested.
6/18
M27C4002
Figure 5. Read Mode AC Waveforms
A0-A17
VALID tAVQV tAXQX
VALID
E tGLQV G tELQV Q0-Q15 tGHQZ Hi-Z tEHQZ
AI00731B
System Considerations The power switching characteristics of Advanced CMOS EPROMs require careful decoupling of the devices. The supply current, ICC, has three segments that are of interest to the system designer: the standby current level, the active current level, and transient current peaks that are produced by the falling and rising edges of E. The magnitude of the transient current peaks is dependent on the output capacitive and inductive loading of the device. The associated transient voltage peaks can be suppressed by complying with the two line out-
put control and by properly selected decoupling capacitors. It is recommended that a 0.1F ceramic capacitor be used on every device between VCC and VSS. This should be a high frequency capacitor of low inherent inductance and should be placed as close to the device as possible. In addition, a 4.7F bulk electrolytic capacitor should be used between VCC and VSS for every eight devices. The bulk capacitor should be located near the power supply connection point.The purpose of the bulk capacitor is to overcome the voltage drop caused by the inductive effects of PCB traces.
7/18
M27C4002
Table 9. Programming Mode AC Characteristics (1) (TA = 25 C; VCC = 6.25V 0.25V; VPP = 12.75V 0.25V)
Symbol ILI ICC IPP VIL VIH VOL VOH VID Parameter Input Leakage Current Supply Current Program Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage TTL A9 Voltage IOL = 2.1mA IOH = -400A 2.4 11.5 12.5 E = VIL -0.3 2 Test Condition VIL VIN VIH Min Max 10 50 50 0.8 VCC + 0.5 0.4 Unit A mA mA V V V V V
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 10. Programming Mode AC Characteristics (1) (TA = 25 C; VCC = 6.25V 0.25V; VPP = 12.75V 0.25V
Symbol tAVEL tQVEL tVPHEL tVCHEL tELEH tEHQX tQXGL tGLQV tGHQZ tGHAX Alt tAS tDS tVPS tVCS tPW tDH tOES tOE tDFP tAH Parameter Address Valid to Chip Enable Low Input Valid to Chip Enable Low VPP High to Chip Enable Low VCC High to Chip Enable Low Chip Enable Program Pulse Width Chip Enable High to Input Transition Input Transition to Output Enable Low Output Enable Low to Output Valid Output Enable High to Output Hi-Z Output Enable High to Address Transition 0 0 Test Condition Min 2 2 2 2 95 2 2 100 130 105 Max Unit s s s s s s s ns ns ns
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested.
Programming When delivered (and after each erasure for UV EPROM), all bits of the M27C4002 are in the '1' state. Data is introduced by selectively programming '0's into the desired bit locations. Although only '0's will be programmed, both '1's and '0's can be present in the data word. The only way to change a '0' to a '1' is by die exposure to ultraviolet
light (UV EPROM). The M27C4002 is in the programming mode when VPP input is at 12.75V, G is at VIH and E is pulsed to VIL. The data to be programmed is applied to 16 bits in parallel to the data output pins. The levels required for the address and data inputs are TTL. VCC is specified to be 6.25V 0.25V.
8/18
M27C4002
Figure 6. Programming and Verify Modes AC Waveforms
A0-A17 tAVEL Q0-Q15 DATA IN tQVEL VPP tVPHEL VCC tVCHEL E tELEH G
VALID
DATA OUT tEHQX
tGLQV
tGHQZ
tGHAX
tQXGL
PROGRAM
VERIFY
AI00730
Figure 7. Programming Flowchart
VCC = 6.25V, VPP = 12.75V
n=0
E = 100s Pulse NO ++n = 25 YES NO VERIFY YES Last Addr NO ++ Addr
FAIL
YES CHECK ALL WORDS 1st: VCC = 6V 2nd: VCC = 4.2V
AI00726C
PRESTO II Programming Algorithm PRESTO II Programming Algorithm allows the whole array to be programmed with a guaranteed margin, in a typical time of 26.5 seconds. Programming with PRESTO II consists of applying a sequence of 100s program pulses to each byte until a correct verify occurs (see Figure 7). During programming and verify operation, a MARGIN MODE circuit is automatically activated in order to guarantee that each cell is programmed with enough margin. No overprogram pulse is applied since the verify in MARGIN MODE provides necessary margin to each programmed cell. Program Inhibit Programming of multiple M27C4002s in parallel with different data is also easily accomplished. Except for E, all like inputs including G of the parallel M27C4002 may be common. A TTL low level pulse applied to a M27C4002's E input, with VPP at 12.75V, will program that M27C4002. A high level E input inhibits the other M27C4002s from being programmed. Program Verify A verify (read) should be performed on the programmed bits to determine that they were correctly programmed. The verify is accomplished with G at VIL, E at VIH, VPP at 12.75V and VCC at 6.25V.
9/18
M27C4002
Electronic Signature The Electronic Signature (ES) mode allows the reading out of a binary code from an EPROM that will identify its manufacturer and type. This mode is intended for use by programming equipment to automatically match the device to be programmed with its corresponding programming algorithm. The ES mode is functional in the 25C 5C ambient temperature range that is required when programming the M27C4002. To activate the ES mode, the programming equipment must force 11.5V to 12.5V on address line A9 of the M27C4002 with VPP = VCC = 5V. Two identifier bytes may then be sequenced from the device outputs by toggling address line A0 from VIL to VIH. All other address lines must be held at VIL during Electronic Signature mode. Byte 0 (A0 = VIL) represents the manufacturer code and byte 1 (A0 = VIH) the device identifier code. For the STMicroelectronics M27C4002, these two identifier bytes are given in Table 4 and can be read-out on outputs Q7 to Q0. ERASURE OPERATION (applies to UV EPROM) The erasure characteristics of the M27C4002 are such that erasure begins when the cells are exposed to light with wavelengths shorter than approximately 4000 A. It should be noted that sunlight and some type of fluorescent lamps have wavelengths in the 3000-4000 A range. Research shows that constant exposure to room level fluorescent lighting could erase a typical M27C4002 in about 3 years, while it would take approximately 1 week to cause erasure when exposed to direct sunlight. If the M27C4002 is to be exposed to these types of lighting conditions for extended periods of time, it is suggested that opaque labels be put over the M27C4002 window to prevent unintentional erasure. The recommended erasure procedure for the M27C4002 is exposure to short wave ultraviolet light which has wavelength 2537 A. The integrated dose (i.e. UV intensity x exposure time) for erasure should be a minimum of 15 W-sec/cm2. The erasure time with this dosage is approximately 15 to 20 minutes using an ultraviolet lamp with 12000 W/cm2 power rating. The M27C4002 should be placed within 2.5cm (1 inch) of the lamp tubes during the erasure. Some lamps have a filter on their tubes which should be removed before erasure.
10/18
M27C4002
Table 11. Ordering Information Scheme
Example: Device Type M27 Supply Voltage C = 5V Device Function 4002 = 4 Mbit (256Kb x16) Speed -45 (1) = 45 ns -60 (1) = 60 ns -70 = 70 ns -80 = 80 ns -90 = 90 ns -10 = 100 ns -12 = 120 ns -15 = 150 ns -20 = 200 ns VCC Tolerance blank = 10% X = 5% Package F = FDIP40W B = PDIP40 J = JLCC44W C = PLCC44 N = TSOP40: 10 x 20 mm Temperature Range 1 = 0 to 70 C 6 = -40 to 85 C Options X = Additional Burn-in TR = Tape & Reel Packing M27C4002 -80 X C 1 X
Note: 1. High Speed, see AC Characteristics section for further information.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this device, please contact the STMicroelectronics Sales Office nearest to you.
11/18
M27C4002
Table 12. Revision History
Date September 1998 25-Sep-2000 30-Aug-2001 First Issue AN620 Reference removed 70ns speed class added Revision Details
12/18
M27C4002
Table 13. FDIP40W - 40 pin Ceramic Frit-seal DIP with window, Package Mechanical Data
Symbol A A1 A2 A3 B B1 C D D2 E E1 e eA eB L S N 7.62 2.54 14.99 48.26 15.24 1.45 0.51 3.91 3.89 0.41 - 0.23 51.79 - - 13.06 - - 16.18 3.18 1.52 - 4 40 2.49 - 11 0.300 millimeters Typ Min Max 5.72 1.40 4.57 4.50 0.56 - 0.30 52.60 - - 13.36 - - 18.03 0.100 0.590 1.900 0.600 0.057 0.020 0.154 0.153 0.016 - 0.009 2.039 - - 0.514 - - 0.637 0.125 0.060 - 4 40 0.098 - 11 Typ inches Min Max 0.225 0.055 0.180 0.177 0.022 - 0.012 2.071 - - 0.526 - - 0.710
Figure 8. FDIP40W - 40 pin Ceramic Frit-seal DIP with window, Package Outline
A2
A3 A1 B1 B D2 D S
N 1
A L eA eB C
e
E1
E
FDIPW-a
Drawing is not to scale.
13/18
M27C4002
Table 14. PDIP40 - 40 pin Plastic DIP, 600 mils width, Package Mechanical Data
millimeters Symbol Typ A A1 A2 B B1 C D D2 E E1 e1 eA eB L S N 2.54 15.24 48.26 4.45 0.64 Min - 0.38 3.56 0.38 1.14 0.20 51.78 - 14.80 13.46 - - 15.24 3.05 1.52 0 40 Max - - 3.91 0.53 1.78 0.31 52.58 - 16.26 13.99 - - 17.78 3.81 2.29 15 0.100 0.600 1.900 Typ 0.175 0.025 Min - 0.015 0.140 0.015 0.045 0.008 2.039 - 0.583 0.530 - - 0.600 0.120 0.060 0 40 0.700 0.150 0.090 15 Max - - 0.154 0.021 0.070 0.012 2.070 - 0.640 0.551 - inches
Figure 9. PDIP40 - 40 lead Plastic DIP, 600 mils width, Package Outline
A2 A1 B1 B D2 D S
N
A L eA eB C
e1
E1
1
E
PDIP
Drawing is not to scale.
14/18
M27C4002
Table 15. JLCC44W - 44 lead Leadless Ceramic Chip Carrier, square window, Package Mechanical Data
millimeters Symbol Typ A A1 B B1 D D1 D2 D3 E E1 E2 E3 e K N CP 12.70 1.27 10.16 12.70 Min 3.94 2.29 0.43 0.66 17.40 16.00 14.74 - 17.40 16.00 14.74 - - - 44 0.10 Max 4.83 3.05 0.53 0.81 17.65 16.89 16.26 - 17.65 16.89 16.26 - - - 0.500 0.050 0.400 0.500 Typ Min 0.155 0.090 0.017 0.026 0.685 0.630 0.580 - 0.685 0.630 0.580 - - - 44 0.004 Max 0.190 0.120 0.021 0.032 0.695 0.665 0.640 - 0.695 0.665 0.640 - - - inches
Figure 10. JLCC44W - 44 lead Leadless Ceramic Chip Carrier, square window, Package Outline
D D1
1N
A1
B1
E3
K
E1 E
D2/E2 B
e
K D3 CP A
JLCCW-a
Drawing is not to scale.
15/18
M27C4002
Table 16. PLCC44 - 44 lead Plastic Leaded Chip Carrier, Package Mechanical Data
millimeters Symbol Typ A A1 A2 B B1 D D1 D2 E E1 E2 e F R N CP 0.89 1.27 Min 4.20 2.29 - 0.33 0.66 17.40 16.51 14.99 17.40 16.51 14.99 - 0.00 - 44 0.10 Max 4.70 3.04 0.51 0.53 0.81 17.65 16.66 16.00 17.65 16.66 16.00 - 0.25 - 0.035 0.050 Typ Min 0.165 0.090 - 0.013 0.026 0.685 0.650 0.590 0.685 0.650 0.590 - 0.000 - 44 0.004 Max 0.185 0.120 0.020 0.021 0.032 0.695 0.656 0.630 0.695 0.656 0.630 - 0.010 - inches
Figure 11. PLCC44 - 44 lead Plastic Leaded Chip Carrier, Package Outline
D D1
1N
A1 A2
B1
Ne
E1 E
F 0.51 (.020)
D2/E2 B
e
1.14 (.045)
Nd
A R CP
PLCC
Drawing is not to scale.
16/18
M27C4002
Table 17. TSOP40 - 40 lead Plastic Thin Small Outline, 10 x 20 mm, Package Mechanical Data
millimeters Symbol Typ A A1 A2 B C D D1 E e L N CP 0.50 0.05 0.95 0.17 0.10 19.80 18.30 9.90 - 0.50 0 40 0.10 Min Max 1.20 0.15 1.05 0.27 0.21 20.20 18.50 10.10 - 0.70 5 0.020 0.002 0.037 0.007 0.004 0.780 0.720 0.390 - 0.020 0 40 0.004 Typ Min Max 0.047 0.006 0.041 0.011 0.008 0.795 0.728 0.398 - 0.028 5 inches
Figure 12. TSOP40 - 40 lead Plastic Thin Small Outline, 10 x 20 mm, Package Outline A2
1 N
e E B
N/2
D1 D
A CP
DIE
C
TSOP-a
A1
L
Drawing is not to scale.
17/18
M27C4002
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is registered trademark of STMicroelectronics All other names are the property of their respective owners. 2001 STMicroelectronics - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. www.st.com
18/18
(c)


▲Up To Search▲   

 
Price & Availability of M27C4002-90B1TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X