Part Number Hot Search : 
78M12CDT F1000 MX365A SR10150S M38022E8 APT75G UBA3070 C2412
Product Description
Full Text Search
 

To Download LA100P80-4TI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LA100P Semiconductor Fuses
1000 VAC
I
Very Fast-Acting
I
15 - 1000 Amperes
SPECIFICATIONS
Voltage Rating: AC: 1000 Volts DC: 750 Volts Interrupting Rating: 100,000 Amperes Ampere Range: 15 - 1000 Amperes Approvals: UL Recognized under the components program.
NEW
ORDERING INFORMATION
LA 100 P 80 -4 TI
Littelfuse Voltage
(1000)
Style Ampere Rating
Littelfuse's LA100P semiconductor protection fuses are rated 1000V, extending the range of protection for UPS systems, AC and DC drives, reduced voltage motor starters and similar applications where lower I2t and superior reliability are needed. With ratings from 15-1000 amperes, a wide range of high voltage applications can be served.
Mounting Type
Ferrule Blades/Bolt-in 1 4
FEATURES
I I
Integral Blown-Fuse Indicator
Trigger Indicator TI
Low I2t minimizes damage to protected components on short circuit. Controlled arc voltage reduces stress to circuit components during fuse clearing.
Note: Mounting types and integral blown fuse indicators are optional for specified ratings.
APPLICATIONS
Protection of UPS systems, AC/DC drives, reduced voltage motor starters and other 1000V or less semiconductor devices.
97
LA100P Semiconductor Fuses
1000 VAC
I
Very Fast-Acting
I
15 - 1000 Amperes
Catalog Numbers & Technical Data
Ampere Rating Littelfuse Catalog Number
LA100P15-1 LA100P20-1 LA100P25-1 LA100P30-1 LA100P35-4 LA100P40-4 LA100P50-4 LA100QP50-4TI LA100P60-4 LA100P60-4TI LA100P70-4TI LA100P80-4 LA100P80-4TI LA100P100-4 LA100P100-4TI LA100P125-4 LA100P125-4TI LA100P150-4 LA100P150-4TI
Mounting Maximum Watts Loss @ Rated Type Clearing I2t @1000 VAC Current (W) 2 3 (A S x 10 )
1 1 1 1 4 4 4 4TI 4 4TI 4TI 4 4TI 4 4TI 4 4TI 4 4TI 0.6 0.8 1,3 1.5 2.2 2.9 4.5 4.5 6.5 6.5 8.8 12 12 18 18 28 28 41 41 3.4 5.9 9 12.8 7.3 8.3 11 11 13 13 13 14 14 18 18 23 23 28 28
Ampere Rating
Littelfuse Catalog Number
LA100P200-4 LA100P200-4TI LA100P225-4 LA100P250-4 LA100P300-4 LA100P300-4TI LA100P350-4 LA100P350-4TI LA100P400-4 LA100P400-4TI LA100P500-4 LA100P500-4TI LA100P600-4 LA100P600-4TI LA100P650-4 LA100P700-4 LA100P800-4 LA100P800-4TI LA100P1000-4
Mounting Maximum Watts Loss @ Rated Type Clearing I2t @1000 VAC Current (W) 2 3 (A S x 10 )
4 4TI 4 4 4 4TI 4 4TI 4 4TI 4 4TI 4 4TI 4 4 4 4TI 4 72 72 91 110 160 160 220 220 290 290 450 450 650 650 780 880 1200 1200 1900 36 36 40 46 55 55 65 65 70 70 90 90 110 110 120 125 140 140 190
15 20 25 30 35 40 50 50 60 60 70 80 80 100 100 125 125 150 150
200 200 225 250 300 300 350 350 400 400 500 500 600 600 650 700 800 800 1000
FIGURE 1
FIGURE 2
FIGURE 3
FIGURE 4
DIMENSIONS
AMPERES
15 - 30 35 - 60 65 - 100 125 - 200 225 - 400 500 - 600 650 - 800 1000
Dimensions for reference only. FIG. NO.
1 2 2 2 2 2 3 4
MOUNT. TYPE
1 4, 4TI 4, 4TI 4, 4TI 4, 4TI 4, 4TI 4, 4TI 4
A
2.53 (66.8) 5.00 (127) 5.00 (127) 5.72 (145) 5.72 (145) 7.72 (196) 7.44 (189) 8.22 (209)
DIMENSIONS IN INCHES (mm in parentheses) B C D E F G H
0.56 (14.2) 1.00 (25.4) 1.22 (31) 2.00 (38.1) 2.00 (50.8) 2.50 (63.5) 2.88 (73.2) 3.50 (88.9) 3.50 (173) 3.50 (173) 3.47 (88.1) 3.47 (88.1) 3.47 (88.1) 3.94 (100) 4.47 (114) 4.31 (109) 4.31 (109) 4.78 (121) 4.78 (121) 5.88 (149) 5.94 (151) 6.59 (167) 4.19 (106) 4.19 (106) 4.16 (106) 4.16 (106) 5.56 (147) 5.84 (148) 0.31 (7.9) 0.31 (7.9) 0.41 (10.4) 0.41 (10.4) 0.53 (13.5) 0.63 (16) 0.63 (16) 0.75 (19.1) 1.00 (25.4) 1.00 (25.4) 1.50 (25.4) 2.00 (50.8) 2.00 (50.8) 2.75 (69.9) 0.13 (3.3) 0.19 (4.8) 0.25 (6.4) 0.25 (6.4) 0.38 (9.7) 0.38 (9.7) 0.50 (12.7)
J
0.31 (7.9) 1.38 (35.1)
Contact Littelfuse for characteristic curves.
98


▲Up To Search▲   

 
Price & Availability of LA100P80-4TI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X