Part Number Hot Search : 
175T48 06300 LLZ3V0 1N5245 PI74A PXB4350E Z0607MA BCPZRL
Product Description
Full Text Search
 

To Download LA-501DN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LA-501DN Series
LED displays
High efficiency, single-digit numeric displays
LA-501DN Series
The LA-501DN series were designed to meet the need for 13mm single-digit numeric displays. These LED numeric displays use GaAsP on GaP for the emitting material (with the exception of green) and are housed in an epoxy resin package. They are single-digit displays with a character height of 13.0mm. !External dimensions (Units : mm)
12.5 10
1.25
1.25
1.25
!Features 1) Height of character: 13.0mm 2) Common anode and common cathode configurations are available for each color. 3) High-efficiency reflectors are used to achieve a bright, clear display. 4) The package surface is painted black and the segments are colored the display color.
7.4
(10.16)
3.5Min.
0.5 (2.54)
7.0
Tolerances are 0.2 unless otherwise noted:
!Selection guide
Emitting color Red Common Anode Cathode
Order-based production.
Orange LA-501DD LA-501DN
Green LA-501MD LA-501MN
LA-501VD LA-501VN
!Pin assignments
10 9 8 7 6
Pin No. 1 2 3 4 5 6 7 8 9 10
Function Segment "e" Segment "d" Common Segment "c" D.P Segment "b" Segment "a" Common Segment "f" Segment "g"
+++++
a f
g
b
e
d
c
+++++
Pin No. 1 2 3 4
D.P 5
0.25
(15.24)
13.0 17.5
LA-501DN Series
LED displays
!Internal circuit schematic (example of common cathode)
COM 3,8
a b c d e f g D.P 7 6 4 2 1 9 10 5
!Absolute maximum ratings (Ta = 25C)
Parameter Power dissipation Power dissipation Forward current Peak forward current Reverse voltage Operating temperature Storage temperature Symbol PD PD / seg IF IFP VR Topr Tstg Red Orange Green Unit mW mW mA mA V C C
LA-501VD / VN LA-501DD / DN LA-501MD / MN 480 60 20 60 5 480 60 20 60 5 -25~+75 -30~+85 480 60 20 60 5
Pulse width 1ms duty 1 / 5
! Electrical and optical characteristics (Ta = 25C)
Parameter
Forward voltage Reverse current Peak wavelength Spectral line half width
Not designed for radiation resistance.
Symbol Conditions Min. VF IR IF = 10mA VR = 5V IF = 10mA IF = 10mA - - - -
Red Typ. Max. Min. 2.0 - 650 40 2.8 100 - - - - - -
Orange Typ. Max. Min. 2.0 - 610 40 2.8 100 - - - - - -
Green Typ. Max. 2.1 - 563 40 2.8 100 - -
Unit V A nm nm
P
! Luminous intensity
Color Red P 650 Type LA-501VD LA-501VN Orange 610 LA-501DD LA-501DN Green 563 LA-501MD LA-501MN
Note : Measured at IF = 10 mA
Min. 5.6
Typ. 16
Max. - - -
Unit mcd
5.6
16
mcd
5.6
16
mcd


▲Up To Search▲   

 
Price & Availability of LA-501DN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X