Part Number Hot Search : 
NJM074M NJM2119 TCZX2V0 FDH900 1ZSFXX 0882P AP1608 8HC90
Product Description
Full Text Search
 

To Download JAN2N1486 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN SILICON MEDIUM POWER TRANSISTOR
Qualified per MIL-PRF-19500/207 Devices 2N1483 2N1484 2N1485 2N1486 Qualified Level JAN JANTX
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Total Power Dissipation
Symbol
VCEO VCBO VEBO IC PT TJ, Tstg
2N1483 2N1485
40 60
2N1484 2N1486
55 100
Unit
Vdc Vdc Vdc Adc W W 0 C
@ TA = 250C (1) @ TC = 250C (2) Operating & Storage Junction Temperature Range 1) Derate linearly 0.010 W/0C for TA > 250C 2) Derate linearly 0.143 W/0C for TC > 250C
12 3.0 1.75 25 -65 to +200
TO-8*
*See Appendix A for Package Outline
ELECTRICAL CHARACTERISTICS
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 100 mAdc Collector-Base Breakdown Voltage IC = 100 Adc Collector-Emitter Breakdown Voltage VEB = 1.5 Vdc, IC = 0.25 mAdc Collector-Base Cutoff Current VCB = 30 Vdc VCB = 50 Vdc Emitter-Base Cutoff Current VEB = 12 Vdc 2N1483, 2N1485 2N1484, 2N1486 2N1483, 2N1485 2N1484, 2N1486 2N1483, 2N1485 2N1484, 2N1486 2N1483, 2N1485 2N1484, 2N1486 V(BR)CEO 40 55 60 100 60 100 15 15 15 Vdc
V(BR)CBO
Vdc
V(BR)CEX
Vdc
ICBO IEBO
Adc Adc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N1483, 2N1484, 2N1485, 2N1486 JAN SERIES
ELECTRICAL CHARACTERISTICS (con"t)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = 750 mAdc, VCE = 4.0 Vdc Collector-Emitter Saturation Voltage IC = 750 mAdc, IB = 75 mAdc IC = 750 mAdc, IB = 40 mAdc Base-Emitter Voltage IC = 750 mAdc, VCE = 4.0 Vdc 2N1483, 2N1484 2N1485, 2N1486 2N1483, 2N1484 2N1485, 2N1486 hFE 20 35 60 100 1.20 0.75 2.0
VCE(sat) VBE
Vdc Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio IC = 5.0 mAdc, VCB = 28 Vdc Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz
f
hfb
600 400
kHz pF
Cobo
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 12 Vdc; RC = 15.9 ; IB0 = IB2 = 35 mAdc; IB1= 65 mAdc (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
t
on + toff
25
s
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of JAN2N1486

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X