Part Number Hot Search : 
HC453 KBU25 KC846 LT8610 ULN200 MLL5240 LB8632 HC55185
Product Description
Full Text Search
 

To Download ISL6420A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6420A
Data Sheet October 13, 2005 FN9169.1
Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
The ISL6420A simplifies the implementation of a complete control and protection scheme for a high-performance DC/DC buck converter. It is designed to drive N-channel MOSFETs in a synchronous rectified buck topology, the ISL6420A integrates control, output adjustment, monitoring and protection functions into a single package. Additionally, the IC features an external reference voltage tracking mode for externally referenced buck converter applications and DDR termination supplies, as well as a voltage margining mode for system testing in networking DC/DC converter applications. The ISL6420A provides simple, single feedback loop, voltage mode control with fast transient response. The output voltage of the converter can be precisely regulated to as low as 0.6V, with a maximum tolerance of 1.0% over temperature and line voltage variations. The operating frequency is fully adjustable from 100kHz to 1.4MHz. High frequency operation offers cost and space savings. The error amplifier features a 15MHz gain-bandwidth product and 6V/s slew rate that enables high converter bandwidth for fast transient response. The PWM duty cycle ranges from 0% to 100% in transient conditions. Selecting the capacitor value from the ENSS pin to ground sets a fully adjustable PWM soft-start. Pulling the ENSS pin LOW disables the controller. The ISL6420A monitors the output voltage and generates a PGOOD (power good) signal when soft-start sequence is complete and the output is within regulation. A built-in overvoltage protection circuit prevents the output voltage from going above typically 115% of the set point. Protection from overcurrent conditions is provided by monitoring the rDS(ON) of the upper MOSFET to inhibit the PWM operation appropriately. This approach simplifies the implementation and improves efficiency by eliminating the need for a current sensing resistor.
Features
* Operates from 4.5V to 28V Input * Excellent Output Voltage Regulation - 0.6V Internal Reference - 1.0% Reference Accuracy Over Line and Temperature * Resistor-Selectable Switching Frequency - 100kHz to 1.4MHz * Voltage Margining and External Reference Tracking Modes * Output Can Sink or Source Current * Lossless, Programmable Overcurrent Protection - Uses Upper MOSFET's rDS(ON) * Programmable Soft-Start * Drives N-Channel MOSFETs * Simple Single-Loop Control Design - Voltage-Mode PWM Control * Fast Transient Response - High-Bandwidth Error Amplifier - Full 0% to 100% Duty Cycle * Extensive Circuit Protection Functions - PGOOD, Overvoltage, Overcurrent, Shutdown * Diode Emulation during Startup for Pre-Biased Load Applications * Offered in 20 Ld QFN and QSOP Packages * QFN (4x4) Package - QFN compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Product Outline - QFN Near Chip Scale Package Footprint; Improves PCB Efficiency, Thinner in Profile * Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
* Power Supplies for Microprocessors/ASICs - Embedded Controllers - DSP and Core Processors - DDR SDRAM Bus Termination * Ethernet Routers and Switchers * High-Power DC/DC Regulators * Distributed DC/DC Power Architecture * Personal Computer Peripherals * Externally Referenced Buck Converters
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL6420A Ordering Information
PART NUMBER ISL6420AIAZ (Note) ISL6420AIAZ-TK (Note) ISL6420AIRZ (Note) ISL6420AIRZ-TK (Note) PART MARKING 6420AIAZ 6420AIAZ 6420AIRZ 6420AIRZ TEMP. RANGE (C) -40 to +85 -40 to +85 -40 to +85 -40 to +85 20 Ld QSOP (Pb-free) 20 Ld QSOP (Pb-free) Tape and Reel 20 Ld 4x4 QFN (Pb-free) 20 Ld 4x4 QFN (Pb-free) Tape and Reel PACKAGE PKG. DWG. # M20.15 M20.15 L20.4x4 L20.4x4
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
ISL6420A (QFN) TOP VIEW
PHASE UGATE LGATE BOOT PVCC CDEL PGND LGATE 15 PGND 14 CDEL 13 PGOOD 12 ENSS 11 COMP 6 VCC5 7 VIN 8 SGND 9 RT 10 FB PVCC PHASE GPIO1/REFIN OCSET REFOUT VMSET/MODE 2 3 4 5 UGATE BOOT GPIO2 GPIO1/REFIN
ISL6420A (QSOP) TOP VIEW
1 2 3 4 5 6 7 8 9 20 PGOOD 19 ENSS 18 COMP 17 FB 16 RT 15 SGND 14 VIN 13 VCC5 12 VMSET/MODE 11 REFOUT
20 GPIO2 1
19
18
17
16
OCSET 10
2
FN9169.1 October 13, 2005
ISL6420A Functional Block Diagram
VCC5 SGND LDO PHASE SS REFERENCE 0.6V OVERCURRENT COMP + OCFLT OVFLT UVFLT VIN OCSET
BOOT UGATE PHASE PHASE LOGIC PVCC LGATE PGND
FAULT LOGIC
FB COMP GPIO1/REFIN GPIO2 REFOUT VMSET/MODE VOLTAGE MARGINING
+
ERROR AMP +
-
-
PWM COMP
PWM LOGIC
RAMP GENERATOR
FB
OV/UV VOLTAGE MONITOR
OVFLT UVFLT OSC EN/SS
PGOOD CDEL
RT
ENSS
Typical 5V Input DC/DC Application Schematic
5V C1 C2 VIN PVCC C3 VCC5 OCSET BOOT Q1 OSC REF -+ + LGATE PGND GPIO1/REFIN R6 R5 R4 C12 REFOUT GPIO2 Q2 C10 UGATE PHASE C9 L1 3.3V R1 C4 C5 D1 C6
ENSS RT C7 0.1F PGOOD R2 CDEL C8 SGND FB R3 C11 + + --
MONITOR AND PROTECTION
COMP
C13 VMSET/MODE
3
FN9169.1 October 13, 2005
ISL6420A Typical 12V Input DC/DC Application Schematic
12V C1 C2 VIN PVCC C3 VCC5 OCSET BOOT Q1 OSC REF -+ + LGATE PGND Q2 C10 UGATE PHASE C9 L1 3.3V R1 C4 C5 D1 C6
ENSS RT R2 C8 PGOOD CDEL SGND FB R3 C11 R5 R4 + + --
MONITOR AND PROTECTION
C7
COMP R6
GPIO1/REFIN REFOUT GPIO2
C12
C13 VMSET/MODE
Typical 5V Input DC/DC Application Schematic
5V C1 C2 VIN PVCC C3 VCC5 OCSET BOOT Q1 OSC REF SGND FB R3 C10 C11 + + -COMP REFOUT C12 R4 VMSET/MODE VCC5 CONFIGURATION FOR DDR TERMINATION/EXTERNALLY REFERENCED TRACKING APPLICATIONS -+ + LGATE PGND Q2 C9 UGATE PHASE C8 L1 2.5V/1.25V R1 C4 C5 D1 C6
SS/EN RT CDEL C7 R2 PGOOD
MONITOR AND PROTECTION
GPIO1/REFIN <-- VREF = VDDQ/2 GPIO2 1.25V VREF TO REFIN OF VTT SUPPLY
R5
4
FN9169.1 October 13, 2005
ISL6420A Typical 12V Input DC/DC Application Schematic
12V C6 C1 C2 VIN PVCC C3 VCC5 OCSET BOOT Q1 OSC REF SGND FB R3 + + -COMP -+ + LGATE PGND Q2 C9 UGATE PHASE C8 L1 2.5V/1.25V VDDQ/VTT R1 C4 C5 D1
SS/EN RT R2 CDEL PGOOD
MONITOR AND PROTECTION
C7
C10 C11
GPIO1/REFIN <-- VREF = VDDQ/2 GPIO2 REFOUT C12
R5
1.25V VREF TO REFIN OF VTT SUPPLY
R4
VMSET/MODE VCC5 CONFIGURATION FOR DDR TERMINATION/EXTERNALLY REFERENCED TRACKING APPLICATIONS
5
FN9169.1 October 13, 2005
ISL6420A
Absolute Maximum Ratings (Note 1)
Bias Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+30V BOOT and Ugate Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +36V ESD Classification Human Body Model (JESD22 - A114) . . . . . . . . . . . . . . . . . 2000V Charged Device Model (JESD22 - C101) . . . . . . . . . . . . . . 1000V
Thermal Information
Thermal Resistance (Typical) JA (C/W) JC (C/W) QFN Package (Notes 2, 3). . . . . . . . . . 47 8.5 QSOP Package (Note 2) . . . . . . . . . . . 90 NA Maximum Junction Temperature (Plastic Package) . . . . . . . . 150C Maximum Storage Temperature Range . . . . . . . . . . . -65C to 150C Ambient Temperature Range. . . . . . . . . -40C to 85C (for "I" suffix) Junction Temperature Range. . . . . . . . . . . . . . . . . . . -40C to 125C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. All voltages are with respect to GND. 2. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 3. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
PARAMETER VIN SUPPLY Input Voltage Range VIN SUPPLY CURRENT Shutdown Current (Note 4) Operating Current (Notes 4, 5) VCC5 SUPPLY (Notes 5, 6) Input Voltage Range Output Voltage Maximum Output Current POWER-ON RESET Rising VCC5 Threshold Falling VCC5 Threshold UVLO Threshold Hysteresis PWM CONVERTERS Min Output Voltage (Note 7) Max Output Voltage (Note 7) Maximum Duty Cycle Minimum Duty Cycle FB Pin Bias Current Undervoltage Protection Overvoltage Protection OSCILLATOR Free Running Frequency Total Variation Frequency Range (Set by RT) Ramp Amplitude (Note 7)
Operating Conditions, Unless Otherwise Noted: VIN = 12V, PVCC shorted with VCC5, TA = 25C SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
5.6
12
28
V
ENSS = GND
-
1.4 2.0
3.0
mA mA
VIN = VCC5 for 5V configuration VIN = 5.6V to 28V, IL = 3mA to 50mA VIN = 12V
4.5 4.5 50
5.0 5.0 -
5.5 5.5 -
V V mA
VIN connected to VCC5, 5V input operation
4.310 4.090 0.16
4.400 4.100 -
4.475 4.250 -
V V V
F = 300kHz F = 300kHz 90 VUV1 VOVP1 Fraction of the set point; ~3s noise filter Fraction of the set point; ~1s noise filter 75 112
0.6 VIN - 0.5 96 80 -
0 85 120
V V % % nA % %
RT = VCC5, TA = -40C to 85C TA = -40C to 85C, with frequency set by external resistor at RT VIN = 12V VOSC
270 100 -
300 10% 1.25
330 1400 -
kHz % kHz VP-P
6
FN9169.1 October 13, 2005
ISL6420A
Electrical Specifications
PARAMETER REFERENCE AND SOFT-START/ENABLE Internal Reference Voltage Reference Voltage Accuracy Soft-Start Current Soft-Start Threshold Enable Low (Converter disabled) PWM CONTROLLER GATE DRIVERS Gate Drive Peak Current Rise Time Fall Time Dead Time Between Drivers ERROR AMPLIFIER DC Gain (Note 7) Gain-Bandwidth Product (Note 7) Slew Rate (Note 7) OVERCURRENT PROTECTION OCSET Current Source Dynamic Current Limit ON time Dynamic Current Limit OFF time POWER GOOD AND CONTROL FUNCTIONS Power-Good Lower Threshold Power-Good Higher Threshold PGOOD Leakage Current PGOOD Voltage Low PGOOD Delay CDEL Current for PGOOD CDEL Threshold EXTERNAL REFERENCE MIn External Reference Input at GPIO1/REFIN. Max External Reference Input at GPIO1/REFIN. REFERENCE BUFFER Buffered Output Voltage - Internal Reference VREFOUT IREFOUT = 1mA, VMSET/MODE = High, CREFOUT = 2.2F, TA = -40C to 85C IREFOUT = 20mA, VMSET/MODE = High, CREFOUT = 2.2F, TA = -40C to 85C VREFIN = 1.25V, IREFOUT = 1mA, VMSET2/MODE = High, CREFOUT = 2.2F 0.583 0.595 0.607 V VMSET/MODE = H, CREFOUT = 2.2F VMSET/MODE = H, CREFOUT = 2.2F 0.600 1.250 V V VPGVPG+ IPGLKG Fraction of the set point; ~3s noise filter Fraction of the set point; ~3s noise filter VPULLUP = 5.5V IPGOOD = 4mA CDEL = 0.1F CDEL threshold = 2.5V -14 9 -10 125 2 2.5 -8 16 1 0.5 % % A V ms A V IOCSET TOCON TOCOFF VOCSET = 4.5V Frequency = 300kHz Frequency = 300kHz 80 100 20 128 120 A ms ms GBW SR 88 15 6 dB MHz V/s Co = 1000pF Co = 1000pF 0.7 20 20 20 A ns ns ns ISS VSOFT VREF TA = -40C to 85C, VIN = 5.6V to 28V -1.0 1.0 0.600 10 +1.0 1.0 V % A V V Operating Conditions, Unless Otherwise Noted: VIN = 12V, PVCC shorted with VCC5, TA = 25C (Continued) SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
Buffered Output Voltage - Internal Reference
VREFOUT
0.575
0.587
0.599
V
Buffered Output Voltage - External Reference
VREFOUT
1.227
1.246
1.265
V
7
FN9169.1 October 13, 2005
ISL6420A
Electrical Specifications
PARAMETER Buffered Output Voltage - External Reference Operating Conditions, Unless Otherwise Noted: VIN = 12V, PVCC shorted with VCC5, TA = 25C (Continued) SYMBOL VREFOUT TEST CONDITIONS VREFIN = 1.25V, IREFOUT = 20mA, VMSET2/MODE = High, CREFOUT = 2.2F CREFOUT = 2.2F MIN 1.219 TYP 1.238 MAX 1.257 UNITS V
Current Drive Capability VOLTAGE MARGINING Voltage Margining Range (Note 7) CDEL Current for Voltage Margining Slew Time ISET1 on FB Pin
20
-
-
mA
-10 CDEL = 0.1F, VMSET = 330k VMSET = 330K, GPIO1 = L GPIO2 = H VMSET = 330K, GPIO1 = H GPIO2 = L -
100 2.5 7.48
+10 -
% A ms A
ISET2 on FB Pin
-
7.48
-
A
THERMAL SHUTDOWN Shutdown Temperature (Note 7) Thermal Shutdown Hysteresis (Note 7) NOTES: 4. The operating supply current and shutdown current specifications for 5V input are the same as VIN supply current specifications, i.e., 5.6V to 28V input conditions. These should also be tested with part configured for 5V input configuration, i.e., VIN = VCC5 = PVCC = 5V. 5. This is the VCC current consumed when the device is active but not switching. Does not include gate drive current. 6. When the input voltage is 5.6V to 28V at VIN pin, the VCC5 pin provides a 5V output capable of 50mA (max) total from the internal LDO. When the input voltage is 5V, VCC5 pin will be used as a 5V input, the internal LDO regulator is disabled and the VIN must be connected to the VCC5. In both cases the PVCC pin should always be connected to VCC5 pin. (Refer to the Pin Descriptions sections for more details.) 7. Guaranteed by design. Not production tested. 150 20 C C
Typical Performance Curves
0.604 320
0.602 VSW (kHz) -15 10 35 TEMPERATURE (C) 60 85
310
VREF (V)
0.600
300
0.598
290
0.596
280
0.594 -40
270 -40
-15
10 35 TEMPERATURE (C)
60
85
FIGURE 1. VREF vs TEMPERATURE
FIGURE 2. VSW vs TEMPERATURE
8
FN9169.1 October 13, 2005
ISL6420A Typical Performance Curves
(Continued)
94.00
1.15 IOCSET NORMALIZED EFFICIENCY (%)
92.00 90.00 88.00 86.00 84.00 82.00
IOUT = 5A
1.05
0.95
0.85 -40
80.00
-15 10 35 TEMPERATURE (C) 60 85
0
5
10
15 VIN (V)
20
25
30
FIGURE 3. IOCSET vs TEMPERATURE
FIGURE 4. EFFICIENCY vs VIN
25C, VIN = 28V, IIN = 1.367, IOUT = 10A
FIGURE 5.
FIGURE 6.
98 96 94 EFFICIENCY (%) 92 90 88 86 84 82 80 0 1 2 3 4 5 6 LOAD (A) 7 8 9 10 VIN = 12V VIN = 5V
FIGURE 7. EFFICIENCY vs LOAD CURRENT (VOUT = 3.3V)
9
FN9169.1 October 13, 2005
ISL6420A Pin Descriptions
VIN - This pin powers the controller and must be decoupled to ground using a ceramic capacitor as close as possible to the VIN pin.
TABLE 1. INPUT SUPPLY CONFIGURATION INPUT 5.6V to 28V PIN CONFIGURATION Connect the input to the VIN pin. The VCC5 pin will provide a 5V output from the internal LDO. Connect PVCC to VCC5. Connect the input to the VCC5 pin. Connect the PVCC and VIN pins to VCC5.
1400 1300 1200 1100 1000 900 800 700 600 500 400 300 200 100 0
5V 10%
FREQUENCY (kHz)
0
25
50
SGND - This pin provides the signal ground for the IC. Tie this pin to the ground plane through the lowest impedance connection. LGATE - This pin provides the PWM-controlled gate drive for the lower MOSFET. PHASE - This pin is the junction point of the output filter inductor, the upper MOSFET source and the lower MOSFET drain. This pin is used to monitor the voltage drop across the upper MOSFET for overcurrent protection. This pin also provides a return path for the upper gate drive. UGATE - This pin provides the PWM-controlled gate drive for the upper MOSFET. BOOT - This pin powers the upper MOSFET driver. Connect this pin to the junction of the bootstrap capacitor and the cathode of the bootstrap diode. The anode of the bootstrap diode is connected to the VCC5 pin. FB - This pin is connected to the feedback resistor divider and provides the voltage feedback signal for the controller. This pin sets the output voltage of the converter. COMP - This pin is the error amplifier output pin. It is used as the compensation point for the PWM error amplifier. PGOOD - This pin provides a power good status. It is an open collector output used to indicate the status of the output voltage. RT - This is the oscillator frequency selection pin. Connecting this pin directly to VCC5 will select the oscillator free running frequency of 300kHz. By placing a resistor from this pin to GND, the oscillator frequency can be programmed from 100kHz to 1.4MHz. Figure 8 shows the oscillator frequency vs the RT resistance. CDEL - The PGOOD signal can be delayed by a time proportional to a CDEL current of 2A & the value of the capacitor connected between this pin and ground. A 0.1F will typically provide 125ms delay. When in the Voltage margining mode the CDEL current is 100A typical and provides the delay for the output voltage slew rate, 2.5ms typical for the 0.1F capacitor.
75 RT (k)
100
125
150
FIGURE 8. OSCILLATOR FREQUENCY vs RT
PGND - This pin provides the power ground for the IC. Tie this pin to the ground plane through the lowest impedance connection. PVCC - This pin is the power connection for the gate drivers. Connect this pin to the VCC5 pin. VCC5 - This pin is the output of the internal 5V LDO. Connect a minimum of 4.7F ceramic decoupling capacitor as close to the IC as possible at this pin. Refer to Table 1. ENSS - This pin provides enable/disable function and softstart for the PWM output. The output drivers are turned off when this pin is held below 1V. OCSET - Connect a resistor (ROCSET) from this pin to the drain of the upper MOSFET. ROCSET, an internal 100A current source (IOCS), and the upper MOSFET on resistance rDS(ON) set the converter overcurrent (OC) trip point according to the following equation:
I OCSSET * R OCSET I OC = -----------------------------------------------------R DS ( ON ) (EQ. 1)
An overcurrent trip cycles the soft-start function with an ON time of 20ms and an OFF time of 128ms. GPIO1/REFIN - This is a dual function pin. If VMSET/MODE is not connected to VCC5 then this pin serves as GPIO1. Refer to Table 2 for GPIO commands interpretation. If VMSET/MODE is connected to VCC5 then this pin will serve as REFIN. As REFIN, this pin is the non-inverting input to the error amplifier. Connect the desired reference voltage to this pin in the range of 0.6V to 1.25V. Connect this pin to VCC5 to use internal reference. REFOUT - If VMSET/MODE pin is connected to VCC5, then this pin serves as REFOUT. It provides buffered reference output for REFIN. Connect 2.2F capacitor to this pin when used as REFOUT. If not used to source current, connect a 1F bypass capacitor to this pin.
10
FN9169.1 October 13, 2005
ISL6420A
VMSET/MODE - This pin is a dual function pin. Tie this pin to VCC5 to disable voltage margining. When not tied to VCC5, this pin serves as VMSET. Connect a resistor from this pin to ground to set delta for voltage margining. If voltage margining and external reference tracking mode are not needed, this pin can be tied directly to ground. GPIO2 - This is general purpose IO pin for voltage margining. Refer to Table 2.
TABLE 2. VOLTAGE MARGINING CONTROLLED BY GPIO1 AND GPIO2 GPIO1 L L H H GPIO2 L H L H VOUT No Change + Delta VOUT - Delta VOUT Ignored
TABLE 3. VOLTAGE MARGINING/DDR OR TRACKING SUPPLY PIN CONFIGURATION PIN CONFIGURATIONS FUNCTION/MODES Enable Voltage Margining VMSET/MODE Pin Connected to GND with resistor. It is used as VMSET. REFOUT GPIO1/REFIN GPIO2 Serves as a general purpose I/O. Refer to Table 2 L COMMENTS REFIN or REFOUT functions will not be available in this mode. The internal 0.6V reference is used.
Serves as a general Connect a 1F purpose I/O. Refer to capacitor for bypass of external Table 2 reference. Connect a 1F capacitor for bypass of external reference. Connect a 2.2F capacitor to GND. L
Pin Connected No Voltage Margining. Normal operation using internal reference. to GND with resistor. It is REFOUT not used. used as VMSET No Voltage Margining. Normal operation with internal reference. Buffered VREFOUT = 0.6V. No Voltage Margining. External reference. Buffered VREFOUT = VREFIN NOTES: H
H
L
H
Connect a 2.2F Connect to an external capacitor to GND. reference voltage source (0.6V to 1.25V)
L
1. The GPIO1/REFIN and GPIO2 pins cannot be left floating. 2. Ensure that GPIO1/REFIN is tied high prior to the logic change at VMSET/MODE.
Functional Description
Initialization
The ISL6420A automatically initializes upon receipt of power. The Power-On Reset (POR) function monitors the internal bias voltage generated from LDO output (VCC5) and the ENSS pin. The POR function initiates the soft-start operation after the VCC5 exceeds the POR threshold. The POR function inhibits operation with the chip disabled (ENSS pin <1V). The device can operate from an input supply voltage of 5.6V to 28V connected directly to the VIN pin using the internal 5V linear regulator to bias the chip and supply the gate drivers. For 5V 10% applications, connect VIN to VCC5 to bypass the linear regulator. Soft-Start/Enable The ISL6420A soft-start function uses an internal current source and an external capacitor to reduce stresses and surge current during startup. When the output of the internal linear regulator reaches the POR threshold, the POR function initiates the soft-start sequence. An internal 10A current source charges an external capacitor on the ENSS pin linearly from 0V to 3.3V. 11 When the ENSS pin voltage reaches 1V typically, the internal 0.6V reference begins to charge following the dv/dt of the ENSS voltage. As the soft-start pin charges from 1V to 1.6V, the reference voltage charges from 0V to 0.6V. Figure 9 shows a typical soft-start sequence.
VIN = 28V, VOUT = 3.3V, IOUT = 10A
FIGURE 9. TYPICAL SOFT-START WAVEFORM
FN9169.1 October 13, 2005
ISL6420A
Overcurrent Protection
The overcurrent function protects the converter from a shorted output by using the upper MOSFET's on-resistance, rDS(ON) to monitor the current. This method enhances the converter's efficiency and reduces cost by eliminating a current sensing resistor. The overcurrent function cycles the soft-start function in a hiccup mode with an ON time of 20ms and an OFF time of 128ms to provide fault protection. On detecting an overcurrent condition, the IC waits for four soft-start cycles before the output drivers are turned ON again, this process is repeated till the overcurrent condition is removed. A resistor connected to the drain of the upper FET and the OCSET pin programs the overcurrent trip level. The PHASE node voltage will be compared against the voltage on the OCSET pin, while the upper FET is on. A current (100A typically) is pulled from the OCSET pin to establish the OCSET voltage. If PHASE is lower than OCSET while the upper FET is on then an overcurrent condition is detected for that clock cycle. The upper gate pulse is immediately terminated, and a counter is incremented. If an overcurrent condition is detected for 8 consecutive clock cycles, and the circuit is not in soft-start, the ISL6420A enters into the softstart hiccup mode. During hiccup, the external capacitor on the ENSS pin is discharged. After the cap is discharged, it is released and a soft-start cycle is initiated. During soft-start, pulse termination current limiting is enabled, but the 8-cycle hiccup counter is held in reset until soft-start is completed. The overcurrent function will trip at a peak inductor current (IOC) determined from Equation 1, where IOCSET is the internal OCSET current source. The OC trip point varies mainly due to the upper MOSFETs rDS(ON) variations. To avoid overcurrent tripping in the normal operating load range, find the ROCSET resistor from the equation above with: 1. The maximum rDS(ON) at the highest junction temperature. 2. Determine I OC for I OC > I OUT ( MAX ) + ( I ) 2 , where I is the output inductor ripple current. A small ceramic capacitor should be placed in parallel with ROCSET to smooth the voltage across ROCSET in the presence of switching noise on the input voltage.
VOUT (V)
Voltage Margining
The ISL6420A has a voltage margining mode that can be used for system testing. The voltage margining percentage is resistor selectable up to 10%. The voltage margining mode can be enabled by connecting a margining set resistor from VMSET pin to ground and using the control pins GPIO1/2 to toggle between positive and negative margining (Refer to Table 2). With voltage margining enabled, the VMSET resistor to ground will set a current, which is switched to the FB pin. The current will be equal to 2.468V divided by the value of the external resistor tied to the VMSET pin.
2.468V I VM = ----------------------R VMSET R FB V VM = 2.468V ----------------------R VMSET (EQ. 2)
(EQ. 3)
The power supply output increases when GPIO2 is HIGH and decreases when GPIO1 is HIGH. The amount that the output voltage of the power supply changes with voltage margining, will be equal to 2.468V times the ratio of the external feedback resistor and the external resistor tied to VMSET. Figure 10 shows the positive and negative margining for a 3.3V output, using a 20.5k feedback resistor and using various VMSET resistor values.
3.7 3.6 3.5 3.4 3.3 3.2 3.1 3.0 2.9 2.8 150 175 200 225 250 275 300 325 350 375 400
RVMSET (k)
FIGURE 10. VOLTAGE MARGINING vs VMSET RESISTANCE
12
FN9169.1 October 13, 2005
ISL6420A
VIN = 12V, VOUT = 3.3V, NO LOAD
20mA and sinking up to 50A current with a 2.2F capacitor connected to the REFOUT pin. If VMSET/MODE pin is tied to high but GPIO1/REFIN is connected to an external voltage source between 0.6V to 1.25V, then this external voltage is used as the reference voltage at the positive input of the error amplifier. The buffered reference output on REFOUT will be Vrefin 0.01V, capable of sourcing 20mA and sinking up to 50A current with a 2.2F capacitor on the REFOUT pin.
Power Good
The PGOOD pin can be used to monitor the status of the output voltage. PGOOD will be true (open drain) when the FB pin is within 10% of the reference and the ENSS pin has completed its soft-start ramp.
FIGURE 11A.
VIN = 12V, VOUT = 3.3V, NO LOAD
Additionally, a capacitor on the CDEL pin will set a delay for the PGOOD signal. After the ENSS pin completes its softstart ramp, a 2A current begins charging the CDEL capacitor to 2.5V. The capacitor will be quickly discharged before PGOOD goes high. The programmable delay can be used to sequence multiple converters or as a LOW-true reset signal.
VIN = 12V, VOUT = 3.3V, IOUT = 10A
FIGURE 11B.
The slew time of the current is set by an external capacitor on the CDEL pin, which is charged and discharged with a 100A current source. The change in voltage on the capacitor is 2.5V. This same capacitor is used to set the PGOOD active delay after soft-start. When PGOOD is low, the internal PGOOD circuitry uses the capacitor and when PGOOD is high, the voltage margining circuit uses the capacitor. The slew time for voltage margining can be in the range of 300s to 2ms.
FIGURE 12. PGOOD DELAY
If the voltage on the FB pin exceeds 10% of the reference, then PGOOD will go low after 1s of noise filtering.
External Reference/DDR Supply
The voltage margining can be disabled by connecting the VMSET/MODE to VCC5. In this mode the chip can be configured to work with an external reference input and provide a buffered reference output. If VMSET/MODE pin and the GPIO1/REFIN pin are both tied to VCC5, then the internal 0.6V reference is used as the error amplifier non-inverting input. The buffered reference output on REFOUT will be 0.6V 0.01V, capable of sourcing
Over-Temperature Protection
The IC is protected against over-temperature conditions. When the junction temperature exceeds 150C, the PWM shuts off. Normal operation is resumed when the junction temperature is cooled down to 130C.
Shutdown
When ENSS pin is below 1V, the regulator is disabled with the PWM output drivers three-stated. When disabled, the IC power will be reduced.
13
FN9169.1 October 13, 2005
ISL6420A
Undervoltage
If the voltage on the FB pin is less than 15% of the reference voltage for 8 consecutive PWM cycles, then the circuit enters into soft-start hiccup mode. This mode is identical to the overcurrent hiccup mode.
VIN = 12V, VOUT = 3.3V at 25mA LOAD
Overvoltage Protection
If the voltage on the FB pin exceeds the reference voltage by 15%, the lower gate driver is turned on continuously to discharge the output voltage. If the overvoltage condition continues for 32 consecutive PWM cycles, then the chip is turned off with the gate drivers three-stated. The voltage on the FB pin will fall and reach the 15% undervoltage threshold. After 8 clock cycles, the chip will enter soft-start hiccup mode. This mode is identical to the overcurrent hiccup mode.
Gate Control Logic
The gate control logic translates generated PWM control signals into the MOSFET gate drive signals providing necessary amplification, level shifting and shoot-through protection. Also, it has functions that help optimize the IC performance over a wide range of operational conditions. Since MOSFET switching time can vary dramatically from type to type and with the input voltage, the gate control logic provides adaptive dead time by monitoring the gate-tosource voltages of both upper and lower MOSFETs. The lower MOSFET is not turned on until the gate-to-source voltage of the upper MOSFET has decreased to less than approximately 1V. Similarly, the upper MOSFET is not turned on until the gate-to-source voltage of the lower MOSFET has decreased to less than approximately 1V. This allows a wide variety of upper and lower MOSFETs to be used without a concern for simultaneous conduction, or shoot-through.
FIGURE 13. PREBIASED OUTPUT AT 25mA LOAD
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very important. Switching current from one power device to another can generate voltage transients across the impedances of the interconnecting bond wires and circuit traces. These interconnecting impedances should be minimized by using wide, short printed circuit traces. The critical components should be located as close together as possible using ground plane construction or single point grounding.
VIN
Startup into Pre-Biased Load
The ISL6420A is designed to power up into a pre-biased load. This is achieved by transitioning from Diode Emulation mode to a Forced Continuous Conduction mode during startup. The lower gate turns ON for a short period of time and the voltage on the phase pin is sensed. When this goes negative the lower gate is turned OFF and remains OFF till the next cycle. As a result the inductor current will not go negative during soft-start and thus will not discharge the prebiased load. The waveform for this condition is shown below.
ISL6420A
UGATE PHASE CIN Q1 LO
VOUT
LGATE GND
Q2
D2
CO
RETURN
FIGURE 14. PRINTED CIRCUIT BOARD POWER AND GROUND PLANES OR ISLANDS
14
FN9169.1 October 13, 2005
LOAD
ISL6420A
Figure 14 shows the critical power components of the converter. To minimize the voltage overshoot the interconnecting wires indicated by heavy lines should be part of ground or power plane in a printed circuit board. The components shown in Figure 14 should be located as close together as possible. Please note that the capacitors CIN and CO each represent numerous physical capacitors. Locate the ISL6420A within 3 inches of the MOSFETs, Q1 and Q2. The circuit traces for the MOSFETs' gate and source connections from the ISL6420A must be sized to handle up to 2A peak current. Figure 15 shows the circuit traces that require additional layout consideration. Use single point and ground plane construction for the circuits shown. Minimize any leakage current paths on the SS PIN and locate the capacitor, Css close to the SS pin because the internal current source is only 30A. Provide local VCC decoupling between VCC and GND pins. Locate the capacitor, CBOOT as close as practical to the BOOT and PHASE pins.
+VIN D1 Q1 LO VOUT LOAD ZFB VE/A + ERROR AMP
Feedback Compensation
Figure 16 highlights the voltage-mode control loop for a synchronous-rectified buck converter. The output voltage (Vout) is regulated to the Reference voltage level. The error amplifier (Error Amp) output (VE/A) is compared with the oscillator (OSC) triangular wave to provide a pulse-width modulated (PWM) wave with an amplitude of VIN at the PHASE node. The PWM wave is smoothed by the output filter (LO and CO). The modulator transfer function is the small-signal transfer function of Vout/VE/A. This function is dominated by a DC Gain and the output filter (LO and CO), with a double pole break frequency at FLC and a zero at FESR. The DC Gain of the modulator is simply the input voltage (VIN) divided by the peak-to-peak oscillator voltage DVOSC.
VIN DRIVER LO DRIVER PHASE VOUT CO
OSC PWM COMPARATOR VOSC +
BOOT CBOOT
-
ISL6420A
SS/EN
ESR (PARASITIC)
PHASE +5V VCC Q2 CVCC CO
-
ZIN REFERENCE
CSS GND
DETAILED COMPENSATION COMPONENTS
FIGURE 15. PRINTED CIRCUIT BOARD SMALL SIGNAL LAYOUT GUIDELINES
C1
C2 R2
ZFB ZIN C3 R3 R1
VOUT
COMP
+
FB
ISL6420A
REF
FIGURE 16. VOLTAGE - MODE BUCK CONVERTER COMPENSATION DESIGN
15
FN9169.1 October 13, 2005
ISL6420A
Modulator Break Frequency Equations
1 F LC = -------------------------------------2 * L O * C O 1 F ESR = -------------------------------------------2 * ( ESR * C O )
100
(EQ. 4)
FZ1 FZ2
FP1
FP2 OPEN LOOP ERROR AMP GAIN
80 60 GAIN (dB)
(EQ. 5)
40 20 0 -20 -40 -60
20LOG (R2/R1)
The compensation network consists of the error amplifier (internal to the ISL6420A) and the impedance networks ZIN and ZFB. The goal of the compensation network is to provide a closed loop transfer function with the highest 0dB crossing frequency (f0dB) and adequate phase margin. Phase margin is the difference between the closed loop phase at f0dB and 180. The equations below relate the compensation network's poles, zeros and gain to the components (R1, R2, R3, C1, C2, and C3) in Figure 16. Use these guidelines for locating the poles and zeros of the compensation network:
20LOG (VIN/VOSC) COMPENSATION GAIN CLOSED LOOP GAIN FESR 10K 100K 1M 10M
MODULATOR GAIN FLC 10 100 1K
FREQUENCY (Hz)
FIGURE 17. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
Compensation Break Frequency Equations
1 F Z1 = ---------------------------------2 * R 2 * C1 1 F P1 = -----------------------------------------------------C1 * C2 2 * R2 * --------------------- C1 + C2 1 F Z2 = ----------------------------------------------------2 * ( R1 + R3 ) * C3 1 F P2 = ---------------------------------2 * R3 * C3 (EQ. 6)
The compensation gain uses external impedance networks ZFB and ZIN to provide a stable, high bandwidth (BW) overall loop. A stable control loop has a gain crossing with -20dB/decade slope and a phase margin greater than 45. Include worst case component variations when determining phase margin.
(EQ. 7)
Component Selection Guidelines
Output Capacitor Selection
An output capacitor is required to filter the output and supply the load transient current. The filtering requirements are a function of the switching frequency and the ripple current. The load transient requirements are a function of the slew rate (di/dt) and the magnitude of the transient load current. These requirements are generally met with a mix of capacitors and careful layout. Modern microprocessors produce transient load rates above 1A/ns. High frequency capacitors initially supply the transient and slow the current load rate seen by the bulk capacitors. The bulk filter capacitor values are generally determined by the ESR (effective series resistance) and voltage rating requirements rather than actual capacitance requirements. High frequency decoupling capacitors should be placed as close to the power pins of the load as physically possible. Be careful not to add inductance in the circuit board wiring that could cancel the usefulness of these low inductance components. Consult with the manufacturer of the load on specific decoupling requirements. For example, Intel recommends that the high frequency decoupling for the Pentium Pro be composed of at least forty (40) 1.0F ceramic capacitors in the 1206 surface-mount package. Use only specialized low-ESR capacitors intended for switching-regulator applications for the bulk capacitors. The bulk capacitor's ESR will determine the output ripple voltage and the initial voltage drop after a high slew-rate transient. An aluminum electrolytic capacitor's ESR value is related to the case size with lower ESR available in larger
FN9169.1 October 13, 2005
(EQ. 8)
(EQ. 9)
1. Pick Gain (R2/R1) for desired converter bandwidth 2. Place 1ST Zero Below Filter's Double Pole (~75% FLC) 3. Place 2ND Zero at Filter's Double Pole 4. Place 1ST Pole at the ESR Zero 5. Place 2ND Pole at Half the Switching Frequency 6. Check Gain against Error Amplifier's Open-Loop Gain 7. Estimate Phase Margin - Repeat if Necessary Figure 17 shows an asymptotic plot of the DC/DC converter's gain vs. frequency. The actual Modulator Gain has a high gain peak due to the high Q factor of the output filter and is not shown in Figure 17. Using the above guidelines should give a Compensation Gain similar to the curve plotted. The open loop error amplifier gain bounds the compensation gain. Check the compensation gain at FP2 with the capabilities of the error amplifier. The Closed Loop Gain is constructed on the log-log graph of Figure 17 by adding the Modulator Gain (in dB) to the Compensation Gain (in dB). This is equivalent to multiplying the modulator transfer function to the compensation transfer function and plotting the gain.
16
ISL6420A
case sizes. However, the equivalent series inductance (ESL) of these capacitors increases with case size and can reduce the usefulness of the capacitor to high slew-rate transient loading. Unfortunately, ESL is not a specified parameter. Work with your capacitor supplier and measure the capacitor's impedance with frequency to select a suitable component. In most cases, multiple electrolytic capacitors of small case size perform better than a single large case capacitor.
Input Capacitor Selection
Use a mix of input bypass capacitors to control the voltage overshoot across the MOSFETs. Use small ceramic capacitors for high frequency decoupling and bulk capacitors to supply the current needed each time Q1 turns on. Place the small ceramic capacitors physically close to the MOSFETs and between the drain of Q1 and the source of Q2. The important parameters for the bulk input capacitor are the voltage rating and the RMS current rating. For reliable operation, select the bulk capacitor with voltage and current ratings above the maximum input voltage and largest RMS current required by the circuit. The capacitor voltage rating should be at least 1.25 times greater than the maximum input voltage and a voltage rating of 1.5 times is a conservative guideline. The RMS current rating requirement for the input capacitor of a buck regulator is approximately 1/2 the DC load current. A more specific equation for determining the input ripple is the following,
I RMS = I MAX ( D - D )
2
Output Inductor Selection
The output inductor is selected to meet the output voltage ripple requirements and minimize the converter's response time to the load transients. The inductor value determines the converter's ripple current and the ripple voltage is a function of the ripple current and the output capacitors ESR. The ripple voltage and current are approximated by the following equations:
V IN - V OUT V OUT I L = ------------------------------- --------------Fs x L V IN V OUT = I L ESR (EQ. 10) (EQ. 11)
(EQ. 14)
Increasing the value of inductance reduces the ripple current and voltage. However, larger inductance values reduce the converter's response time to a load transient. One of the parameters limiting the converter's response to a load transient is the time required to change the inductor current. Given a sufficiently fast control loop design, the ISL6420A will provide either 0% or 100% duty cycle in response to a load transient. The response time is the time required to slew the inductor current from an initial current value to the transient current level. During this interval the difference between the inductor current and the transient current level must be supplied by the output capacitor. Minimizing the response time can minimize the output capacitance required. The response time to a transient is different for the application of load and the removal of load. The following equations give the approximate response time interval for application and removal of a transient load:
L O x I TRAN t RISE = ------------------------------V IN - V OUT L O x I TRAN t FALL = -----------------------------V OUT (EQ. 12)
For a through hole design, several electrolytic capacitors (Panasonic HFQ series or Nichicon PL series or Sanyo MV-GX or equivalent) may be needed. For surface mount designs, solid tantalum capacitors can be used, but caution must be exercised with regard to the capacitor surge current rating. These capacitors must be capable of handling the surge-current at power-up. The TPS series available from AVX, and the 593D series from Sprague are both surge current tested.
MOSFET Selection/Considerations
The ISL6420A requires 2 N-Channel power MOSFETs. These should be selected based upon rDS(ON), gate supply requirements, and thermal management requirements. In high-current applications, the MOSFET power dissipation, package selection and heatsink are the dominant design factors. The power dissipation includes two loss components; conduction loss and switching loss. The conduction losses are the largest component of power dissipation for both the upper and the lower MOSFETs. These losses are distributed between the two MOSFETs according to duty factor (see the equations below). Only the upper MOSFET has switching losses, since the Schottky rectifier clamps the switching node before the synchronous rectifier turns on.
2 1 P UFET = I O R DS ( ON ) D + -- I O V IN t sw f sw 2
(EQ. 13)
where: ITRAN is the transient load current step, tRISE is the response time to the application of load, and tFALL is the response time to the removal of load. With a +5V input source, the worst case response time can be either at the application or removal of load and dependent upon the output voltage setting. Be sure to check both of these equations at the minimum and maximum output levels for the worst case response time. 17
(EQ. 15)
P LFET = I O R DS ( ON ) ( 1 - D )
2
(EQ. 16)
Where D is the duty cycle = Vo/Vin, tSW is the switching interval, and fSW is the switching frequency.
FN9169.1 October 13, 2005
ISL6420A
These equations assume linear voltage-current transitions and do not adequately model power loss due the reverserecovery of the lower MOSFET's body diode. The gate-charge losses are dissipated by the ISL6420A and don't heat the MOSFETs. However, large gate-charge increases the switching interval, tSW which increases the upper MOSFET switching losses. Ensure that both MOSFETs are within their maximum junction temperature at high ambient temperature by calculating the temperature rise according to package thermal-resistance specifications. A separate heatsink may be necessary depending upon MOSFET power, package type, ambient temperature and air flow.
Schottky Selection
Rectifier D2 is a clamp that catches the negative inductor swing during the dead time between turning off the lower MOSFET and turning on the upper MOSFET. The diode must be a Schottky type to prevent the parasitic MOSFET body diode from conducting. It is acceptable to omit the diode and let the body diode of the lower MOSFET clamp the negative inductor swing, but efficiency will drop one or two percent as a result. The diode's rated reverse breakdown voltage must be greater than the maximum input voltage.
18
FN9169.1 October 13, 2005
ISL6420A Quad Flat No-Lead Plastic Package (QFN) Micro Lead Frame Plastic Package (MLFP)
L20.4x4
20 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE (COMPLIANT TO JEDEC MO-220VGGD-1 ISSUE I) MILLIMETERS SYMBOL A A1 A2 A3 b D D1 D2 E E1 E2 e k L N Nd Ne P 0.20 0.35 1.95 1.95 0.18 MIN 0.80 NOMINAL 0.90 0.02 0.65 0.20 REF 0.25 4.00 BSC 3.75 BSC 2.10 4.00 BSC 3.75 BSC 2.10 0.50 BSC 0.60 20 5 5 0.60 12 0.75 2.25 2.25 0.30 MAX 1.00 0.05 1.00 NOTES 9 9 5, 8 9 7, 8 9 7, 8 8 2 3 3 9 9 Rev. 2 11/04 NOTES: 1. Dimensioning and tolerancing conform to ASME Y14.5-1994. 2. N is the number of terminals. 3. Nd and Ne refer to the number of terminals on each D and E. 4. All dimensions are in millimeters. Angles are in degrees. 5. Dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. The configuration of the pin #1 identifier is optional, but must be located within the zone indicated. The pin #1 identifier may be either a mold or mark feature. 7. Dimensions D2 and E2 are for the exposed pads which provide improved electrical and thermal performance. 8. Nominal dimensions are provided to assist with PCB Land Pattern Design efforts, see Intersil Technical Brief TB389. 9. Features and dimensions A2, A3, D1, E1, P & are present when Anvil singulation method is used and not present for saw singulation.
19
FN9169.1 October 13, 2005
ISL6420A Shrink Small Outline Plastic Packages (SSOP) Quarter Size Outline Plastic Packages (QSOP)
N INDEX AREA H E -B1 2 3 SEATING PLANE -AD -CA 0.25 0.010 h x 45 L GAUGE PLANE 0.25(0.010) M BM
M20.15
20 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE (0.150" WIDE BODY) INCHES SYMBOL A A1 A2 B C D
A2 C 0.10(0.004) C AM BS
MILLIMETERS MIN 1.35 0.10 0.20 0.18 8.56 3.81 5.80 0.26 0.41 20 0 MAX 1.75 0.25 1.54 0.30 0.25 8.74 3.98 6.19 0.49 1.27 8 NOTES 9 3 4 5 6 7 Rev. 1 6/04
MIN 0.053 0.004 0.008 0.007 0.337 0.150 0.228 0.0099 0.016 20 0
MAX 0.069 0.010 0.061 0.012 0.010 0.344 0.157 0.244 0.0196 0.050 8
A1
e
B 0.17(0.007) M
E e H h L N
0.025 BSC
0.635 BSC
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "B" does not include dambar protrusion. Allowable dambar protrusion shall be 0.10mm (0.004 inch) total in excess of "B" dimension at maximum material condition. 10. Controlling dimension: INCHES. Converted millimeter dimensions are not necessarily exact.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 20
FN9169.1 October 13, 2005


▲Up To Search▲   

 
Price & Availability of ISL6420A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X