|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Previous Datasheet Index Next Data Sheet PD - 9.689A IRGBC30F INSULATED GATE BIPOLAR TRANSISTOR Features * Switching-loss rating includes all "tail" losses * Optimized for medium operating frequency ( 1 to 10kHz) See Fig. 1 for Current vs. Frequency curve G E C Fast Speed IGBT VCES = 600V VCE(sat) 2.1V @VGE = 15V, I C = 17A n-channel Description Insulated Gate Bipolar Transistors (IGBTs) from International Rectifier have higher usable current densities than comparable bipolar transistors, while at the same time having simpler gate-drive requirements of the familiar power MOSFET. They provide substantial benefits to a host of high-voltage, highcurrent applications. TO-220AB Absolute Maximum Ratings Parameter VCES IC @ T C = 25C IC @ T C = 100C ICM ILM VGE EARV PD @ T C = 25C PD @ T C = 100C TJ TSTG Collector-to-Emitter Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Clamped Inductive Load Current Gate-to-Emitter Voltage Reverse Voltage Avalanche Energy Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 sec. Mounting torque, 6-32 or M3 screw. Max. 600 31 17 120 120 20 10 100 42 -55 to +150 300 (0.063 in. (1.6mm) from case) 10 lbf*in (1.1N*m) Units V A V mJ W C Thermal Resistance Parameter RJC RCS RJA Wt Junction-to-Case Case-to-Sink, flat, greased surface Junction-to-Ambient, typical socket mount Weight Min. -- -- -- -- Typ. -- 0.50 -- 2.0 (0.07) Max. 1.2 -- 80 -- Units C/W g (oz) C-57 To Order Previous Datasheet Index Next Data Sheet IRGBC30F Electrical Characteristics @ T = 25C (unless otherwise specified) J V(BR)CES V(BR)ECS V(BR)CES/TJ VCE(on) Parameter Collector-to-Emitter Breakdown Voltage Emitter-to-Collector Breakdown Voltage Temperature Coeff. of Breakdown Voltage Collector-to-Emitter Saturation Voltage VGE(th) VGE(th)/TJ gfe ICES IGES Gate Threshold Voltage Temperature Coeff. of Threshold Voltage Forward Transconductance Zero Gate Voltage Collector Current Gate-to-Emitter Leakage Current Min. Typ. Max. Units Conditions 600 -- -- V VGE = 0V, I C = 250A 20 -- -- V VGE = 0V, IC = 1.0A -- 0.69 -- V/C VGE = 0V, I C = 1.0mA -- 1.8 2.1 IC = 17A V GE = 15V -- 2.4 -- V IC = 31A See Fig. 2, 5 -- 2.2 -- IC = 17A, T J = 150C 3.0 -- 5.5 VCE = VGE, IC = 250A -- -11 -- mV/C VCE = VGE, IC = 250A 6.1 10 -- S VCE = 100V, I C = 17A -- -- 250 A VGE = 0V, V CE = 600V -- -- 1000 VGE = 0V, V CE = 600V, T J = 150C -- -- 100 nA VGE = 20V Switching Characteristics @ T = 25C (unless otherwise specified) J Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets td(on) tr td(off) tf Ets LE Cies Coes Cres Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ. Max. Units Conditions 27 30 IC = 17A 4.1 5.9 nC VCC = 400V See Fig. 8 12 15 VGE = 15V 25 -- TJ = 25C 21 -- ns IC = 17A, V CC = 480V 210 320 VGE = 15V, R G = 23 300 500 Energy losses include "tail" 0.30 -- 2.1 -- mJ See Fig. 9, 10, 11, 14 2.4 3.5 25 -- TJ = 150C, 21 -- ns IC = 17A, V CC = 480V 290 -- VGE = 15V, R G = 23 590 -- Energy losses include "tail" 3.6 -- mJ See Fig. 10, 14 7.5 -- nH Measured 5mm from package 670 -- VGE = 0V 100 -- pF VCC = 30V See Fig. 7 10 -- = 1.0MHz Notes: Repetitive rating; V GE=20V, pulse width limited by max. junction temperature. ( See fig. 13b ) VCC=80%(V CES), VGE=20V, L=10H, R G= 23, ( See fig. 13a ) Repetitive rating; pulse width limited by maximum junction temperature. Pulse width 80s; duty factor 0.1%. Pulse width 5.0s, single shot. C-58 To Order Previous Datasheet Index Next Data Sheet IRGBC30F 40 For b oth : Triangula r w ave: LO A D C U R R E N T (A ) 30 D uty c y cle: 50% TJ = 125C T sink = 90 C G ate driv e as spe c ified P o w e r Diss ipa tio n = 2 1W S quare w ave: C lamp voltage: 80% of rated 20 60% of rated voltage 10 Ideal diodes 0 0.1 1 10 100 f, F re quency (kH z) Fig. 1 - Typical Load Current vs. Frequency (For square wave, I=I RMS of fundamental; for triangular wave, I=I PK) 1000 10 00 I C , C ollector-to-E mitter C urrent (A ) IC , C ollector-to-E m itter Current (A ) TJ = 25 C 100 1 00 T J = 15 0C 10 TJ = 15 0C 10 T J = 25 C 1 1 1 V G E = 1 5V 2 0 s P U LS E W IDTH 10 0.1 5 10 V C C = 1 00 V 5 s P UL S E W ID TH 15 20 V C E , C ollector-to-E m itter V oltage (V ) V G E , G ate-to-E m itter V olta g e (V ) Fig. 2 - Typical Output Characteristics Fig. 3 - Typical Transfer Characteristics Revision 0 C-59 To Order Previous Datasheet Index Next Data Sheet IRGBC30F 40 V G E = 15 V 3.5 VG E = 1 5 V 80 s P UL S E W ID TH I C = 34 A V C E , C ollector-to-E m itter V oltage (V ) M axim um D C C ollector C urrent (A) 3.0 30 2.5 20 I C = 17 A 2.0 10 1.5 I C = 8.5A 0 25 50 75 100 125 150 1.0 -60 -40 -20 0 20 40 60 80 1 00 120 140 160 T C , C ase Tem perature (C ) TC , C ase Tem perature (C ) Fig. 4 - Maximum Collector Current vs. Case Temperature Fig. 5 - Collector-to-Emitter Voltage vs. Case Temperature 10 T he rm al R e sp ons e (Z thJ C ) 1 D = 0 .5 0 0 .2 0 0 .1 0 PD M 0.1 0 .0 5 0 .0 2 0 .0 1 S IN G L E P U L S E (T H E R M A L R E S P O N S E ) t 1 t 2 N o te s : 1 . D u ty fa c to r D = t 1 /t 2 0.01 0.00001 2 . P e a k T J = P D M x Z thJ C + T C 0.0001 0.00 1 0.01 0.1 1 10 t 1 , R e c ta n gu la r P u ls e D ura tio n (s e c ) Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case C-60 To Order Previous Datasheet Index Next Data Sheet IRGBC30F 1 4 00 C , C ap ac itan ce (pF ) 1 0 00 Cies 8 00 Coes 6 00 V G E , G ate-to-E m itter V oltage (V) 10 0 1 2 00 V GE = 0V, f = 1MHz C ies = C ge + C gc , Cce SHORTED C res = C gc C oes = C ce + C gc 20 V C E = 40 0 V I C = 1 7A 16 12 8 4 00 Cres 2 00 4 0 1 10 0 0 5 10 15 20 25 30 V C E , C o lle c to r-to -E m itte r V o lta g e (V ) Q g , Total G ate C harge (nC ) Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage 2 .7 To ta l S w itching L osses (m J) 2 .6 To ta l S w itc hing Lo sse s (m J) VC C VG E TC IC = 4 80 V = 15 V = 25 C = 1 7A 10 I C = 34 A 2 .5 I C = 17A 2 .4 I C = 8.5 A 2 .3 2 .2 0 10 20 30 40 50 60 1 -60 -40 -20 0 20 40 60 80 RG = 2 3 V GE = 15 V V CC = 4 80 V 100 120 140 160 R G , G ate R es istance ( ) W TC , C ase Tem perature (C ) Fig. 9 - Typical Switching Losses vs. Gate Resistance Fig. 10 - Typical Switching Losses vs. Case Temperature C-61 To Order Previous Datasheet Index Next Data Sheet IRGBC30F 10 8 I C , C ollecto r-to -E m itter Cu rrent (A ) Total S w itching Losses (m J) RG TC V CC VGE = 23 = 150 C = 4 80 V = 15 V 1000 VG E E 2 0V G= T J = 12 5 C 100 S A FE O P E R A TING A R E A 6 10 4 2 0 10 20 30 40 1 1 10 100 1000 I C , C o llector-to -E m itte r Current (A ) V C E , Collecto r-to-E m itter V oltage (V ) Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current Fig. 12 - Turn-Off SOA Refer to Section D for the following: Appendix C: Section D - page D-5 Fig. 13a - Clamped Inductive Load Test Circuit Fig. 13b - Pulsed Collector Current Test Circuit Fig. 14a - Switching Loss Test Circuit Fig. 14b - Switching Loss Waveform Package Outline 1 - JEDEC Outline TO-220AB Section D - page D-12 C-62 To Order |
Price & Availability of IRGBC30F |