|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Features IDT71V416S IDT71V416L Description The IDT71V416 is a 4,194,304-bit high-speed Static RAM organized as 256K x 16. It is fabricated using IDT's high-perfomance, high-reliability CMOS technology. This state-of-the-art technology, combined with innovative circuit design techniques, provides a cost-effective solution for highspeed memory needs. The IDT71V416 has an output enable pin which operates as fast as 5ns, with address access times as fast as 10ns. All bidirectional inputs and outputs of the IDT71V416 are LVTTL-compatible and operation is from a single 3.3V supply. Fully static asynchronous circuitry is used, requiring no clocks or refresh for operation. The IDT71V416 is packaged in a 44-pin, 400 mil Plastic SOJ and a 44-pin, 400 mil TSOP Type II package and a 48 ball grid array, 9mm x 9mm package. 256K x 16 advanced high-speed CMOS Static RAM JEDEC Center Power / GND pinout for reduced noise. Equal access and cycle times - Commercial and Industrial: 10/12/15ns One Chip Select plus one Output Enable pin Bidirectional data inputs and outputs directly LVTTL-compatible Low power consumption via chip deselect Upper and Lower Byte Enable Pins Single 3.3V power supply Available in 44-pin, 400 mil plastic SOJ package and a 44pin, 400 mil TSOP Type II package and a 48 ball grid array, 9mm x 9mm package. Functional Block Diagram OE Output Enable Buffer A0 - A17 Address Buffers Row / Column Decoders 8 CS Chip Select Buffer 8 Sense Amps and Write Drivers High Byte Output Buffer High Byte Write Buffer 8 I/O 15 8 I/O 8 4,194,304-bit Memory Array WE Write Enable Buffer 16 8 Low Byte Output Buffer Low Byte Write Buffer 8 I/O 7 8 8 I/O 0 BHE Byte Enable Buffers BLE 3624 drw 01 JANUARY 2004 1 (c)2004 Integrated Device Technology, Inc. DSC-3624/09 IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Commercial and Industrial Temperature Ranges Pin Configurations - SOJ/TSOP A0 A1 A2 A3 A4 CS I/O 0 I/O 1 I/O 2 I/O 3 VDD VSS I/O 4 I/O 5 I/O 6 I/O 7 WE A5 A6 A7 A8 A9 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A17 A16 A15 OE BHE BLE I/O 15 I/O 14 I/O 13 I/O 12 VSS VDD I/O 11 I/O 10 I/O 9 I/O 8 NC* A14 A13 A12 A11 A10 Pin Configurations - 48 BGA 1 A B C D E F G H BLE I/O0 I/O1 VSS VDD I/O6 I/O7 NC 2 OE BHE I/O2 I/O3 I/O4 I/O5 NC A8 3 A0 A3 A5 A17 NC A14 A12 A9 4 A1 A4 A6 A7 A16 A15 A13 A10 5 A2 CS I/O10 I/O11 I/O12 I/O13 WE A11 6 NC I/O8 I/O9 VDD VSS I/O14 I/O15 NC 3624 tbl 11 SO44-1 SO44-2 3624 drw 02 *Pin 28 can either be a NC or connected to Vss Top View Pin Descriptions A0 - A17 CS WE OE BHE BLE I/O0 - I/O15 VDD VSS Address Inputs Chip Select Write Enable Output Enable High Byte Enable Low Byte Enable Data Input/Output 3.3V Power Ground Input Input Input Input Input Input I/O Pwr Gnd 3624 tbl 01 SOJ Capacitance (TA = +25C, f = 1.0MHz) Symbol CIN CI/O Parameter(1) Input Capacitance I/O Capacitance Conditions VIN = 3dV VOUT = 3dV Max. 7 8 Unit pF pF 3624 tbl 02 48 BGA Capacitance (TA = +25C, f = 1.0MHz) Symbol CIN CI/O Parameter(1) Input Capacitance I/O Capacitance Conditions VIN = 3dV VOUT = 3dV Max. 6 7 Unit pF pF 3624 tbl 02b NOTE: 1. This parameter is guaranteed by device characterization, but not production tested. 6.42 2 IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Commercial and Industrial Temperature Ranges Absolute Maximum Ratings(1) Symbol VDD VIN, VOUT TBIAS TSTG PT IOUT Rating Supply Voltage Relative to VSS Terminal Voltage Relative to VSS Temperature Under Bias Storage Temperature Power Dissipation DC Output Current Value -0.5 to +4.6 -0.5 to VDD+0.5 -55 to +125 -55 to +125 1 50 Unit V V o o Recommended Operating Temperature and Supply Voltage Grade Commercial Industrial Temperature 0OC to +70OC -40 C to +85 C O O VSS 0V 0V VDD See Below See Below 3624 tbl 05 C C W mA 3624 tbl 04 Recommended DC Operating Conditions Symbol VDD VSS VIH VIL Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Min. 3.0 0 2.0 -0.3(2) Typ. 3.3 0 ____ NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. Max. 3.6 0 VDD+0.3(1) 0.8 Unit V V V V 3624 tbl 06 ____ NOTES: 1. VIH (max.) = VDD+2V for pulse width less than 5ns, once per cycle. 2. VIL (min.) = -2V for pulse width less than 5ns, once per cycle. Truth Table(1) CS H L L L L L L L L OE X L L L X X X H X WE X H H H L L L H X BLE X L H L L L H X H BHE X H L L L H L X H I/O0-I/O7 High-Z DATAOUT High-Z DATAOUT DATAIN DATAIN High-Z High-Z High-Z I/O8-I/O15 High-Z High-Z DATAOUT DATAOUT DATAIN High-Z DATAIN High-Z High-Z Function Deselected - Standby Low Byte Read High Byte Read Word Read Word Write Low Byte Write High Byte Write Outputs Disabled Outputs Disabled 3624 tbl 03 NOTE: 1. H = VIH, L = VIL, X = Don't care. 6.42 3 IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Commercial and Industrial Temperature Ranges DC Electrical Characteristics (VDD = Min. to Max., Commercial and Industrial Temperature Ranges) IDT71V416 Symbol |ILI| |ILO| VOL VOH Parameter Input Leakage Current Output Leakage Current Output Low Voltage Output High Voltage Test Conditions VCC = Max., VIN = VSS to VDD VDD = Max., CS = VIH, VOUT = VSS to VDD IOL = 8mA, VDD = Min. IOH = -4mA, VDD = Min. Min. ___ ___ ___ Max. 5 5 0.4 ___ Unit A A V V 3624 tbl 07 2.4 DC Electrical Characteristics(1, 2, 3) (VDD = Min. to Max., VLC = 0.2V, VHC = VDD - 0.2V) 71V416S/L10 Symbol ICC Parameter Dynamic Operating Current CS < VLC, Outputs Open, VDD = Max., f = fMAX(4) Dynamic Standby Power Supply Current CS > VHC, Outputs Open, VDD = Max., f = fMAX(4) Full Standby Pow er Supply Current (static) CS > VHC, Outputs Open, VDD = Max., f = 0(4) S L S L S L Com'l. 200 180 70 50 20 10 Ind.(5) 200 -- 70 -- 20 -- 71V416S/L12 Com'l. 180 170 60 45 20 10 Ind. 180 170 60 45 20 10 71V416S/L15 Com'l. 170 160 50 40 20 10 Ind. 170 160 50 40 20 10 3624 tbl 08 Unit mA ISB mA ISB1 mA NOTES: IDT71V416S/71V416L 1. All values are maximum guaranteed values. 2. All inputs switch between 0.2V (Low) and VDD -0.2V (High). 3. Power specifications are preliminary. 4. fMAX = 1/tRC (all address inputs are cycling at fMAX); f = 0 means no address input lines are changing. 5. Standard power 10ns (S10) speed grade only. AC Test Loads +1.5V 50 I/O Z0 = 50 30pF 3624 drw 03 3.3V 320 DATA OUT 5pF* 350 3624 drw 04 Figure 1. AC Test Load *Including jig and scope capacitance. Figure 2. AC Test Load (for tCLZ, tOLZ, tCHZ, tOHZ, tOW, and tWHZ) 7 6 tAA, tACS (Typical, ns) 5 4 3 2 1 * * * * * * * AC Test Conditions Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels AC Test Load GND to 3.0V 1.5ns 1.5V 1.5V Figures 1,2 and 3 3624 tbl 09 8 20 40 60 80 100 120 140 160 180 200 CAPACITANCE (pF) 3624 drw 05 Figure 3. Output Capacitive Derating 6.42 4 IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Commercial and Industrial Temperature Ranges AC Electrical Characteristics (VDD = Min. to Max., Commercial and Industrial Temperature Ranges) 71V416S/L10(2) Symbol READ CYCLE tRC tAA tACS tCLZ (1) (1) 71V416S/L12 Min. Max. 71V416S/L15 Min. Max. Unit Parameter Min. Max. Read Cycle Time Address Access Time Chip Select Access Time Chip Select Low to Output in Low-Z Chip Select High to Output in High-Z Output Enable Low to Output Valid (1) (1) 10 ____ ____ ____ 12 ____ ____ ____ 15 ____ ____ ____ ns ns ns ns ns ns ns ns ns ns ns ns 10 10 ____ 12 12 ____ 15 15 ____ 4 ____ ____ 4 ____ ____ 4 ____ ____ tCHZ tOE tOLZ 5 5 ____ 6 6 ____ 7 7 ____ Output Enable Low to Output in Low-Z Output Enable High to Output in High-Z Output Hold from Address Change Byte Enable Low to Output Valid 0 ____ 0 ____ 0 ____ tOHZ tOH tBE tBLZ 5 ____ 6 ____ 7 ____ 4 ____ 4 ____ 4 ____ 5 ____ 6 ____ 7 ____ (1) Byte Enable Low to Output in Low-Z Byte Enable High to Output in High-Z 0 ____ 0 ____ 0 ____ tBHZ(1) WRITE CYCLE tWC tAW tCW tBW tAS tWR tWP tDW tDH tOW(1) tWHZ (1) 5 6 7 Write Cycle Time Address Valid to End of Write Chip Select Low to End of Write Byte Enable Low to End of Write Address Set-up Time Address Hold from End of Write Write Pulse Width Data Valid to End of Write Data Hold Time Write Enable High to Output in Low-Z Write Enable Low to Output in High-Z 10 8 8 8 0 0 8 5 0 3 ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ 12 8 8 8 0 0 8 6 0 3 ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ 15 10 10 10 0 0 10 7 0 3 ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ns ns ns ns ns ns ns ns ns ns ns 3624 tbl 10 6 7 7 NOTE: 1. This parameter is guaranteed with the AC Load (Figure 2) by device characterization, but is not production tested. 2. Low power 10ns (L10) speed 0C to +70C temperature range only. Timing Waveform of Read Cycle No. 1(1,2,3) tRC ADDRESS tAA tOH DATAOUT PREVIOUS DATAOUT VALID DATAOUT VALID tOH NOTES: 1. WE is HIGH for Read Cycle. 2. Device is continuously selected, CS is LOW. 3. OE, BHE, and BLE are LOW. 3624 drw 06 6.42 5 IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Commercial and Industrial Temperature Ranges (1) Timing Waveform of Read Cycle No. 2 tRC ADDRESS tAA OE tOE CS tCLZ BHE, BLE tBE tBLZ DATAOUT (3) (2) (3) tOH tOHZ (3) tOLZ tACS (2) (3) tCHZ (3) tBHZ (3) DATA OUT VALID 3624 drw 07 NOTES: 1. WE is HIGH for Read Cycle. 2. Address must be valid prior to or coincident with the later of CS, BHE, or BLE transition LOW; otherwise tAA is the limiting parameter. 3. Transition is measured 200mV from steady state. Timing Waveform of Write Cycle No. 1 (WE Controlled Timing)(1,2,4) tWC ADDRESS tAW CS tCW BHE, BLE tWR WE tAS tWHZ DATAOUT PREVIOUS DATA VALID (3) (5) (2) tCHZ (5) tBW (5) tBHZ tWP tOW tDH (5) DATA VALID tDW DATAIN DATAIN VALID 3624 drw 0 NOTES: 1. A write occurs during the overlap of a LOW CS, LOW BHE or BLE, and a LOW WE. 2. OE is continuously HIGH. If during a WE controlled write cycle OE is LOW, tWP must be greater than or equal to tWHZ + tDW to allow the I/O drivers to turn off and data to be placed on the bus for the required tDW. If OE is HIGH during a WE controlled write cycle, this requirement does not apply and the minimum write pulse is as short as the specified tWP. 3. During this period, I/O pins are in the output state, and input signals must not be applied. 4. If the CS LOW or BHE and BLE LOW transition occurs simultaneously with or after the WE LOW transition, the outputs remain in a high-impedance state. 5. Transition is measured 200mV from steady state. 6.42 6 IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Commercial and Industrial Temperature Ranges Timing Waveform of Write Cycle No. 2 (CS Controlled Timing)(1,3) tWC ADDRESS tAW CS tAS tBW BHE, BLE tWP WE tWR tCW (2) DATAOUT tDW DATAIN DATAIN VALID 3624 drw 09 tDH Timing Waveform of Write Cycle No. 3 (BHE, BLE Controlled Timing)(1,3) tWC ADDRESS tAW CS tCW tAS BHE, BLE tWP WE tWR (2) tBW DATAOUT tDW DATAIN tDH DATAIN VALID 3624 drw 10 NOTES: 1. A write occurs during the overlap of a LOW CS, LOW BHE or BLE, and a LOW WE. 2. During this period, I/O pins are in the output state, and input signals must not be applied. 3. If the CS LOW or BHE and BLE LOW transition occurs simultaneously with or after the WE LOW transition, the outputs remain in a high-impedance state. 6.42 7 IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Commercial and Industrial Temperature Ranges Ordering Information IDT 71V416 Device Type X X Die Power Revistion XX Speed XXX Package X X Process/ Temperature Range Blank I G Y PH BE 10* 12 15 S L Blank Commercial (0C to +70C) Industrial (-40C to +85C) Restricted hazardous substance device 44-pin, 400-mil SOJ (SO44-1) 44-pin TSOP Type II (SO44-2) 48 Ball Grid Array Speed in nanoseconds Standard Power Low Power First generation or current stepping being shipped * Commercial only for low power 10ns (L10) speed grade. 3624 drw 11a 6.42 8 IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Commercial and Industrial Temperature Ranges Datasheet Document History 08/5/99 08/31/99 03/24/00 08/10/00 09/11/ 02 11/26/02 07/31/03 10/13/03 01/30/04 Pg 6 Pg. 1-9 Pg. 9 Pg. 6 Pg. 1 Pg. 2 Pg. 8 Pg. 8 Pg. 8 Pg. 8 Updated to new format Revised footnote for tCW on Write Cycle No. 1 diagram Added Industrial temperature range offering Added Datasheet Document History Changed note to Write cycle No. 1 according to footnotes Add 48 ball grid array package offering Correct TTL to LVTTL Updated TBD information for the 48 BGA Capacitance table Added "Die Revision" to ordering information Updated note, L10 speed grade commercial temperature only and updated die stepping from YF to Y. Updated ordering information. Refer to 71V416YS and 71V416YL datasheet for latest generation die step. Added "Restricted hazardous substance device" to ordering information. CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com 6.42 9 for Tech Support: sramhelp@idt.com 800-544-7726 The IDT logo is a registered trademark of Integrated Device Technology, Inc. |
Price & Availability of IDT71V416S10PHG |