Part Number Hot Search : 
BD232 2405E 4ACT2 SLB0586A BD2225G SD2337 CTQ08 74ALVC16
Product Description
Full Text Search
 

To Download IB0505S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters 1 Watt IB Series
*
XPiQ inc.
Intelligent Design Quality Product
0.18 in2 Board Space * 80% Efficiency * 15 Watts per in3 * 5, 12, 24 and 48 VDC Inputs * 1000 VDC Isolation * Industry Standards Pinouts
Specification
Input
Input Voltage * Input Reflected Noise * 10% 100 mV pk-pk max
Environmental
Input Output Isolation Temperature Coefficient Operating Temperature Range Storage Temperature Range * * * * 1000 VDC min 0.03%/C max -40 C to +85 C -55 C to +125 C
Output
Output Voltage * Accuracy Output Ripple & Noise * (20 MHz BW) Line Regulation * Load Regulation * (20% to 100% Load) 5% 100 mV pk-pk max 1.2%/1% of Vin 10%
General
Efficiency * At full load 9 V, 12 V & 15V outputs 80% typical At full load 3.3 V & 5 V outputs 70% typical 1 second max
Short Circuit Protection
*
*
www.XPiQ.com
PH: 508 429.9883 FAX: 800 226.2100 Email: sales@xpiq.com Holliston, MA 01746 USA
*
OUTPUT VOLTAGE & CURRENT RATINGS
Output Voltage(s) 3.3 VDC 5.0 VDC 9.0 VDC 12.0 VDC 15.0 VDC Output Current(s) 300 mA 200 mA 110 mA 84 mA 66 mA 5 VDC Input IB0503S IB0505S IB0509S IB0512S IB0515S 12 VDC Input IB1203S IB1205S IB1209S IB1212S IB1215S 24 VDC Input IB2403S IB2405S IB2409S IB2412S IB2415S 48 VDC Input IB4803S IB4805S IB4809S IB4812S IB4815S
IB
Mechanical Details
0.240 MAX*
0.780 MAX
0.015
0.400 MAX
0.120 MIN 0.100
BOTTOM
0.010 MAX 0.500
0.045
0.18
* 0.280 max for 48VDC input models
Pin Connections
SINGLE-IN-LINE PACKAGE
12 Vcc GND
4 0V
6 +V
Derating Curve
www.XPiQ.com
PH: 508 429.9883 FAX: 800 226.2100 Email: sales@xpiq.com Holliston, MA 01746 USA


▲Up To Search▲   

 
Price & Availability of IB0505S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X