Part Number Hot Search : 
SMAJ530 A63L7336 2SK2360 CHP222PT STRFNFCA 10116 HER303 STRFNFCA
Product Description
Full Text Search
 

To Download HF8-28S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HF8-28S
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI HF8-28S is Designed for
PACKAGE STYLE .380 4L STUD FEATURES:
* PG = 21 dB min. at 8 W/30 MHz * IMD3 = -30 dBc max. at 8 W(PEP) * OmnigoldTM Metalization System
.112x45 A B
C E
OC
E B
HI J
MAXIMUM RATINGS
IC VCBO VCEO VCES VEBO PDISS TJ T STG JC
O O
D
1.0 A 65 V 35 V 65 V 4.0 V 13.0 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 13.5 OC/W
O O O
DIM A B C D E F G H I J
#8-32 UNC-2A F E
G
MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59 .980 / 24.89 .370 / 9.40 .004 / 0.10 .320 / 8.13 .100 / 2.54 .450 / 11.43 .090 / 2.29 .155 / 3.94
.230 / 5.84 .385 / 9.78 .007 / 0.18 .330 / 8.38 .130 / 3.30 .490 / 12.45 .100 / 2.54 .175 / 4.45 .750 / 19.05
ORDER CODE: ASI10601
CHARACTERISTICS
SYMBOL
BV CBO BV CES BV CEO BV EBO ICBO hFE COB GP IC = 200 mA IC = 200 mA IC = 200 mA IE = 10 mA VCB = 30 V VCE = 5.0 V VCB = 30 V VCC = 28 V
TC = 25 OC
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
65 65 35 4.0 1.0
UNITS
V V V V mA --pF dB
IC = 200 mA f = 1.0 MHz PIN = 1.0 W f = 150 MHz
5.0
--15
10
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of HF8-28S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X