Part Number Hot Search : 
SSL13 M5226P BPV11 EPS13D2 MHW9267 SRL1060 1S121 LA733Q
Product Description
Full Text Search
 

To Download GS820E32AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GS820E32AT-180/166/133/4/5
TQFP Commercial Temp Industrial Temp Features
* FT pin for user-configurable flow through or pipelined operation * Dual Cycle Deselect (DCD) operation * 3.3 V +10%/-5% core power supply * 2.5 V or 3.3 V I/O supply * LBO pin for Linear or Interleaved Burst mode * Internal input resistors on mode pins allow floating mode pins * Default to Interleaved Pipelined mode * Byte Write (BW) and/or Global Write (GW) operation * Common data inputs and data outputs * Clock Control, registered, address, data, and control * Internal self-timed write cycle * Automatic power-down for portable applications * JEDEC standard 100-lead TQFP package * Pb-Free 100-lead TQFP package available
64K x 32 2Mb Synchronous Burst SRAM
180 MHz-133 MHz 3.3 V VDD 3.3 V and 2.5 V I/O
counter may be configured to count in either linear or interleave order with the Linear Burst Order (LBO) input. The Burst function need not be used. New addresses can be loaded on every cycle with no degradation of chip performance. Flow Through/Pipeline Reads The function of the Data Output Register can be controlled by the user via the FT mode pin (Pin 14 in the TQFP). Holding the FT mode pin low places the RAM in Flow Through mode, causing output data to bypass the Data Output Register. Holding FT high places the RAM in Pipelined mode, activating the rising-edge-triggered Data Output Register. DCD Pipelined Reads The GS820E32A is a DCD (Dual Cycle Deselect) pipelined synchronous SRAM. SCD (Single Cycle Deselect) versions are also available. DCD SRAMs pipeline disable commands to the same degree as read commands. DCD SRAMs hold the deselect command for one full cycle and then begin turning off their outputs just after the second rising edge of the clock. Byte Write and Global Write Byte write operation is performed by using Byte Write enable (BW) input combined with one or more individual byte write signals (Bx). In addition, Global Write (GW) is available for writing all bytes at one time, regardless of the Byte Write control inputs. Sleep Mode Low power (Sleep mode) is attained through the assertion (High) of the ZZ signal, or by stopping the clock (CK). Memory data is retained during Sleep mode. Core and Interface Voltages The GS820E32A operates on a 3.3 V power supply and all inputs/outputs are 3.3 V- and 2.5 V-compatible. Separate output power (VDDQ) pins are used to decouple output noise from the internal circuit.
Functional Description
Applications The GS820E32A is a 2,097,152-bit high performance synchronous SRAM with a 2-bit burst address counter. Although of a type originally developed for Level 2 Cache applications supporting high performance CPUs, the device now finds application in synchronous SRAM applications, ranging from DSP main store to networking chip set support. Controls Addresses, data I/Os, chip enables (E1, E2, E3), address burst control inputs (ADSP, ADSC, ADV), and write control inputs (Bx, BW, GW) are synchronous and are controlled by a positive-edge-triggered clock input (CK). Output enable (G) and power down control (ZZ) are asynchronous inputs. Burst cycles can be initiated with either ADSP or ADSC inputs. In Burst mode, subsequent burst addresses are generated internally and are controlled by ADV. The burst address
Rev: 1.07 10/2004
1/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
Parameter Synopsis
Pipeline 3-1-1-1 Flow Through 2-1-1-1 tCycle tKQ IDD tCycle tKQ IDD -180 5.5 ns 3.2 ns 155 mA 9.1 ns 8 ns 100 mA -166 6 ns 3.5 ns 140 mA 10 ns 8.5 ns 90 mA -133 (-4) 7.5 ns 4 ns 115 mA 12 ns 10 ns 80 mA -5 10 ns 5 ns 90 mA 15 ns 12 ns 65 mA
Rev: 1.07 10/2004
2/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
GS82032A 100-Pin TQFP Pinout
NC DQC DQC VDDQ VSS DQC DQC DQC DQC VSS VDDQ DQC DQC FT VDD NC VSS DQD DQD VDDQ VSS DQD DQD DQD DQD VSS VDDQ DQD DQD NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 1 80 2 79 3 78 4 77 5 76 6 75 7 74 8 73 9 72 64K x 32 10 71 Top View 11 70 12 69 13 68 14 67 15 66 16 65 17 64 18 63 19 62 20 61 21 60 22 59 23 58 24 57 25 56 26 55 27 54 28 53 29 52 30 51 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
A A E1 E2 BD BC BB BA E3 VDD VSS CK GW BW G ADSC ADSP ADV A A
NC DQB DQB VDDQ VSS DQB DQB DQB DQB VSS VDDQ DQB DQB VSS NC VDD ZZ DQA DQA VDDQ VSS DQA DQA DQA DQA VSS VDDQ DQA DQA NC
Rev: 1.07 10/2004
LBO A A A A A1 A0 NC NC VSS VDD NC NC A A A A A A NC 3/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
TQFP Pin Description Symbol
A0, A1 A DQA DQB DQC DQD NC BW BA, BB BC, BD CK GW E1, E3 E2 G ADV ADSP, ADSC ZZ FT LBO VDD VSS VDDQ I I I I I I I I I I I I I I I I
Type
I I I/O
Description
Address field LSBs and Address Counter preset Inputs Address Inputs Data Input and Output pins No Connect Byte Write--Writes all enabled bytes; active low Byte Write Enable for DQA, DQB Data I/Os; active low Byte Write Enable for DQC, DQD Data I/Os; active low Clock Input Signal; active high Global Write Enable--Writes all bytes; active low Chip Enable; active low Chip Enable; active high Output Enable; active low Burst address counter advance enable; active low Address Strobe (Processor, Cache Controller); active low Sleep Mode control; active high Flow Through or Pipeline mode; active low Linear Burst Order mode; active low Core power supply I/O and Core Ground Output driver power supply
Rev: 1.07 10/2004
4/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
GS82032A Block Diagram
Register
A0-An
D
Q A0 D0 A1 Q0 D1 Q1 Counter Load A0 A1
A
LBO ADV CK ADSC ADSP GW BW BA
Register
Memory Array
Q D Q D
Register
D BB
Q
32 4
32
Register
D BC
Q Q
Register
D
Register
Q
Register
D
D BD
Q
Register
D
Q
E1 E2 E3
Register
D
Q
Register
D
Q
FT G Power Down Control DQx1-DQx8
ZZ
Rev: 1.07 10/2004
5/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
Mode Pin Functions Mode Name
Burst Order Control Output Register Control Power Down Control
Pin Name
LBO FT ZZ
State
L H or NC L H or NC L or NC H
Function
Linear Burst Interleaved Burst Flow Through Pipeline Active Standby, IDD = ISB
Note: There are pull-up devices on the LBO and FT pins and a pull-down device on the ZZ pin, so those input pins can be unconnected and the chip will operate in the default states as specified in the above table.
Burst Counter Sequences Linear Burst Sequence
A[1:0] 1st address 2nd address 3rd address 4th address 00 01 10 11 A[1:0] 01 10 11 00 A[1:0] 10 11 00 01 A[1:0] 11 00 01 10 1st address 2nd address 3rd address 4th address
Interleaved Burst Sequence
A[1:0] 00 01 10 11 A[1:0] 01 00 11 10 A[1:0] 10 11 00 01 A[1:0] 11 10 01 00
Note: The burst counter wraps to initial state on the 5th clock.
Note: The burst counter wraps to initial state on the 5th clock.
Rev: 1.07 10/2004
6/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
Byte Write Truth Table Function
Read Read Write byte A Write byte B Write byte C Write byte D Write all bytes Write all bytes
GW
H H H H H H H L
BW
H L L L L L L X
BA
X H L H H H L X
BB
X H H L H H L X
BC
X H H H L H L X
BD
X H H H H L L X
Notes
1 1 2, 3 2, 3 2, 3, 4 2, 3, 4 2, 3, 4
Notes: 1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs. 2. Byte Write Enable inputs BA, BB, BC and/or BD may be used in any combination with BW to write single or multiple bytes. 3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs.
Rev: 1.07 10/2004
7/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
Synchronous Truth Table Operation
Deselect Cycle, Power Down Deselect Cycle, Power Down Deselect Cycle, Power Down Read Cycle, Begin Burst Read Cycle, Begin Burst Write Cycle, Begin Burst Read Cycle, Continue Burst Read Cycle, Continue Burst Write Cycle, Continue Burst Write Cycle, Continue Burst Read Cycle, Suspend Burst Read Cycle, Suspend Burst Write Cycle, Suspend Burst
Address Used
None None None External External External Next Next Next Next Current Current Current
State Diagram Key5
X X X R R W CR CR CW CW
E1
H L L L L L X H X H X H X
E2
X F F T T T X X X X X X X
ADSP ADSC
X L H L H H H X H X H X H L X L X L L H H H H H H H
ADV
X X X X X X L L L L H H H
W3
X X X X F T F F T T F F T
DQ4
High-Z High-Z High-Z Q Q D Q Q D D Q Q D
Write Cycle, Suspend Burst Current H X X H H T D Notes: 1. X = Don't Care, H = High, L = Low 2. E = T (True) if E2 = 1 and E3 = 0; E = F (False) if E2 = 0 or E3 = 1 3. W = T (True) and F (False) is defined in the Byte Write Truth Table preceding 4. G is an asynchronous input. G can be driven high at any time to disable active output drivers. G low can only enable active drivers (shown as "Q" in the Truth Table above). 5. All input combinations shown above are tested and supported. Input combinations shown in gray boxes need not be used to accomplish basic synchronous or synchronous burst operations and may be avoided for simplicity. 6. Tying ADSP high and ADSC low allows simple non-burst synchronous operations. See BOLD items above. 7. Tying ADSP high and ADV low while using ADSC to load new addresses allows simple burst operations. See ITALIC items above.
Rev: 1.07 10/2004
8/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
Simplified State Diagram
X
Deselect W W Simple Synchronous Operation R R
X CW
First Write
R CR
First Read
X CR
Simple Burst Synchronous Operation
W R X Burst Write CR CW
R
Burst Read
X
CR
Notes: 1. The diagram shows only supported (tested) synchronous state transitions. The diagram presumes G is tied low. 2. The upper portion of the diagram assumes active use of only the Enable (E1, E2, E3) and Write (BA, BB, BC, BD, BW, and GW) control inputs, and that ADSP is tied high and ADSC is tied low. 3. The upper and lower portions of the diagram together assume active use of only the Enable, Write, and ADSC control inputs, and assumes ADSP is tied high and ADV is tied low.
Rev: 1.07 10/2004
9/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
Simplified State Diagram with G
X
Deselect W W X W CW R R
First Write
R CR
First Read
X CR
CW
W X Burst Write R CR W CW
R X
Burst Read
CW
CR
Notes: 1. The diagram shows supported (tested) synchronous state transitions, plus supported transitions that depend upon the use of G. 2. Use of "Dummy Reads" (Read Cycles with G high) may be used to make the transition from Read cycles to Write cycles without passing through a Deselect cycle. Dummy Read cycles increment the address counter just like normal Read cycles. 3. Transitions shown in gray assume G has been pulsed high long enough to turn the RAM's drivers off and for incoming data to meet Data Input Set Up Time.
Rev: 1.07 10/2004
10/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
VDD VDDQ VCK VI/O VIN IIN IOUT PD TSTG TBIAS
Description
Voltage on VDD Pins Voltage in VDDQ Pins Voltage on Clock Input Pin Voltage on I/O Pins Voltage on Other Input Pins Input Current on Any Pin Output Current on Any I/O Pin Package Power Dissipation Storage Temperature Temperature Under Bias
Value
-0.5 to 4.6 -0.5 to VDD -0.5 to 6 -0.5 to VDDQ+0.5 ( 4.6 V max.) -0.5 to VDD+0.5 ( 4.6 V max.) +/-20 +/-20 1.5 -55 to 125 -55 to 125
Unit
V V V V V mA mA W
oC o
C Note: Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended Operating Conditions. Exposure to conditions exceeding the Absolute Maximum Ratings, for an extended period of time, may affect reliability of this component.
Recommended Operating Conditions Parameter
Supply Voltage I/O Supply Voltage Input High Voltage Input Low Voltage Ambient Temperature (Commercial Range Versions)
Symbol
VDD VDDQ VIH VIL TA
Min.
3.135 2.375 1.7 -0.3 0
Typ.
3.3 2.5 -- -- 25
Max.
3.6 VDD VDD+0.3 0.8 70
Unit
V V V V C
Notes
1 1 2 2 3
TA -40 25 85 C 3 Ambient Temperature (Industrial Range Versions) Notes: 1. Unless otherwise noted, all performance specifications quoted are evaluated for worst case at both 2.75 V VDDQ 2.375 V (i.e., 2.5 V I/O) and 3.6 V VDDQ 3.135 V (i.e., 3.3 V I/O) and quoted at whichever condition is worst case. 2. This device features input buffers compatible with both 3.3 V and 2.5 V I/O drivers. 3. Most speed grades and configurations of this device are offered in both Commercial and Industrial Temperature ranges. The part number of Industrial Temperature Range versions end with the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 4. Input Under/overshoot voltage must be -2 V > Vi < VDD+2 V with a pulse width not to exceed 20% tKC.
Rev: 1.07 10/2004
11/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
Undershoot Measurement and Timing
VIH VDD +- 2.0 V VSS 50% VSS - 2.0 V 20% tKC VIL 50% VDD
Overshoot Measurement and Timing
20% tKC
Capacitance
(TA = 25C, f = 1 MHZ, VDD = 3.3 V)
Parameter
Control Input Capacitance Input Capacitance Output Capacitance Note: This parameter is sample tested.
Symbol
CI CIN COUT
Test conditions
VDD = 3.3 V VIN = 0 V VOUT = 0 V
Typ.
3 4 6
Max.
4 5 7
Unit
pF pF pF
AC Test Conditions Parameter
Input high level Input low level Input slew rate Input reference level Output reference level
Conditions
2.3 V 0.2 V 1 V/ns 1.25 V 1.25 V
Output load Fig. 1& 2 Notes: 1. Include scope and jig capacitance. 2. Test conditions as specified with output loading as shown in Fig. 1 unless otherwise noted. 3. Output Load 2 for tLZ, tHZ, tOLZ and tOHZ 4. Device is deselected as defined by the Truth Table. Output Load 1 DQ 50 VT = 1.25 V
* Distributed Test Jig Capacitance
30pF*
Rev: 1.07 10/2004
12/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
DC Electrical Characteristics Parameter
Input Leakage Current (except mode pins) ZZ Input Current Mode Pin Input Current Output Leakage Current Output High Voltage Output High Voltage Output Low Voltage
Symbol
IIL IINZZ IINM IOL VOH VOH VOL
Test Conditions
VIN = 0 to VDD VDD VIN VIH 0V VIN VIH VDD VIN VIL 0V VIN VIL Output Disable, VOUT = 0 to VDD IOH = -mA, VDDQ = 2.375 V IOH = -mA, VDDQ = 3.135 V IOL = mA
Min
-1 uA -1 uA -1 uA -300 uA -1 uA -1 uA 1.7 V 2.4 V
Max
1 uA 1 uA 300 uA 1 uA 1 uA 1 uA
0.4 V
Operating Currents
-180 Parameter Test Conditions Symbol IDD Pipeline IDD Flow Through ISB Flow Through IDD Pipeline IDD Flow Through 0 to 70C 155 100 10 35 25 -40 to 85C 160 105 15 40 30 -166 0 to 70C 140 90 10 30 25 -40 to 85C 145 95 15 35 30 -133 (-4) 0 to 70C 115 80 10 30 20 -40 to 85C 120 85 15 35 25 0 to 70C 90 65 10 25 20 -5 -40 to 85C 95 70 15 30 25 Unit
Operating Current Standby Current Deselect Current
Device Selected; All other inputs VIH or VIL Output open ZZ VDD - 0.2 V Device Deselected; All other inputs VIH or VIL
mA mA mA mA mA
Rev: 1.07 10/2004
13/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
AC Electrical Characteristics
Parameter Clock Cycle Time Pipeline Clock to Output Valid Clock to Output Invalid Clock to Output in Low-Z Clock Cycle Time Flow Through Clock to Output Valid Clock to Output Invalid Clock to Output in Low-Z Clock HIGH Time Clock LOW Time Clock to Output in High-Z G to Output Valid G to output in Low-Z G to output in High-Z Setup time Hold time ZZ setup time ZZ hold time ZZ recovery Symbol tKC tKQ tKQX tLZ1 tKC tKQ tKQX tLZ
1
-180 Min 5.5 -- 1.5 1.5 9.1 -- 3 3 1.3 1.5 1.5 -- 0 -- 1.5 0.5 Max -- 3.2 -- -- -- 8 -- -- -- -- 3.2 3.2 -- 3.2 -- -- -- -- -- Min 6 -- 1.5 1.5 10 -- 3 3 1.3 1.5 1.5 -- 0 -- 1.5 0.5 5 1 20
-166 Max -- 3.5 -- -- -- 8.5 -- -- -- -- 3.5 3.5 -- 3.5 -- -- -- -- --
-133(-4) Min 7.5 -- 1.5 1.5 12 -- 3 3 1.3 1.5 1.5 -- 0 -- 1.5 0.5 5 1 20 Max -- 4 -- -- -- 10 -- -- -- -- 4 4 -- 4 -- -- -- -- -- Min 10 -- 1.5 1.5 15 -- 3 3 1.3 1.5 1.5 -- 0 -- 1.5 0.5 5 1 20
-5 Max -- 5 -- -- -- 12 -- -- -- -- 5 5 -- 5 -- -- -- -- --
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
tKH tKL tHZ1 tOE tOLZ1 tOHZ1 tS tH tZZS
2
5 1 20
tZZH2 tZZR
Notes: 1. These parameters are sampled and are not 100% tested. 2. ZZ is an asynchronous signal. However, in order to be recognized on any given clock cycle, ZZ must meet the specified setup and hold times as specified above.
Rev: 1.07 10/2004
14/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
Pipeline Mode Timing (DCD)
Begin
Read A
Cont
Deselect Deselect Write B tKL tKH tKC
Read C
Read C+1 Read C+2 Read C+3 Cont
Deselect Deselect
CK ADSP tS tH ADSC tS ADV tS tH Ao-An
A B C ADSC initiated read
tH
tS GW tS BW tH tS Ba-Bd tS tH E1 tS tH E2 tS tH E3 G tS tOE DQa-DQd
Hi-Z E2 and E3 only sampled with ADSC Deselected with E1
tH
tKQ tH tLZ
Q(C) Q(C+1) Q(C+2) Q(C+3)
tHZ tKQX
tOHZ
Q(A) D(B)
Rev: 1.07 10/2004
15/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
Flow Through Mode Timing (DCD)
Begin
Read A
Cont tKL tKH
Deselect Write B tKC
Read C
Read C+1 Read C+2 Read C+3 Read C
Deselect
CK ADSP tS tH ADSC tH tS ADV tS tH Ao-An
A B C Fixed High
tS tH ADSC initiated read
tS
tH
tS tH GW tS tH BW tH tS Ba-Bd tS tH E1 tS tH E2 tS tH E3 G tOE tKQ DQa-DQd
Q(A) E1 masks ADSP Deselected with E1
E2 and E3 only sampled with ADSP and ADSC
E1 masks ADSP
tH tS tOHZ
D(B)
tLZ
Q(C) Q(C+1) Q(C+2) Q(C+3) Q(C)
tKQX tHZ
Rev: 1.07 10/2004
16/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
Sleep Mode Timing
tKH tKC CK Setup Hold ADSP ADSC tZZR tZZS ZZ tZZH tKL
Application Tips
Single and Dual Cycle Deselect SCD devices force the use of "dummy read cycles" (read cycles that are launched normally, but that are ended with the output drivers inactive) in a fully synchronous environment. Dummy read cycles waste performance, but their use usually assures there will be no bus contention in transitions from reads to writes or between banks of RAMs. DCD SRAMs do not waste bandwidth on dummy cycles and are logically simpler to manage in a multiple bank application (wait states need not be inserted at bank address boundary crossings), but greater care must be exercised to avoid excessive bus contention.
Rev: 1.07 10/2004
17/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
GS820E32A Output Driver Characteristics
60
Pull Down Drivers
40
20 VDDQ I Out 0 I Out (mA) VOut VSS
-20
-40
Pull Up Drivers
-60
-80 -0.5 0 0.5 1 1.5 2 2.5 3 3.5 4
V Out (Pull Dow n) VDDQ - V Out (Pull Up) 3.6V PD LD 3.3V PD LD 3.1V PD LD 3.1V PU LD 3.3V PU LD 3.6V PU LD
Rev: 1.07 10/2004
18/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5 TQFP Package Drawing (Package T)
L Symbol
A1 A2 b c D D1 E E1 e L L1 Y
c Pin 1
Description
Standoff Body Thickness Lead Width Lead Thickness Terminal Dimension Package Body Terminal Dimension Package Body Lead Pitch Foot Length Lead Length Coplanarity Lead Angle
Min. Nom. Max
0.05 1.35 0.20 0.09 21.9 19.9 15.9 13.9 -- 0.45 -- 0.10 1.40 0.30 -- 22.0 20.0 16.0 14.0 0.65 0.60 1.00 0.15 1.45 0.40 0.20 22.1 20.1 16.1 14.1 -- 0.75 -- 0.10
L1
e b
D D1
A1
Y
A2
0
--
7
E1 E
Notes: 1. All dimensions are in millimeters (mm). 2. Package width and length do not include mold protrusion.
Rev: 1.07 10/2004
19/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
Ordering Information for GSI Synchronous Burst RAMs Org
64K x 32 64K x 32 64K x 32 64K x 32 64K x 32 64K x 32 64K x 32 64K x 32 64K x 32 64K x 32
Part Number1
GS820E32AT-180 GS820E32AT-166 GS820E32AT-133 GS820E32AT-4 GS820E32AT-5 GS820E32AT-180I GS820E32AT-166I GS820E32AT-133I GS820E32AT-4I GS820E32AT-5I
Type
Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through Pipeline/Flow Through
Package
TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP TQFP Pb-free TQFP Pb-free TQFP Pb-free TQFP Pb-free TQFP Pb-free TQFP Pb-free TQFP Pb-free TQFP Pb-free TQFP Pb-free TQFP
Speed2 TA (MHz/ns) 3
180/8 166/8.5 133/10 133/10 100/12 180/8 166/8.5 133/10 133/10 100/12 180/8 166/8.5 133/10 133/10 100/12 180/8 166/8.5 133/10 133/10 C C C C C I I I I I C C C C C I I I I
Status
64K x 32 GS820E32AGT-180 64K x 32 GS820E32AGT-166 64K x 32 GS820E32AGT-133 64K x 32 64K x 32 GS820E32AGT-4 GS820E32AGT-5
64K x 32 GS820E32AGT-180I 64K x 32 GS820E32AGT-166I 64K x 32 GS820E32AGT-133I 64K x 32 GS820E32AGT-4I
64K x 32 GS820E32AGT-5I Pipeline/Flow Through Pb-free TQFP 100/12 I Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS820E32AT-166IT. 2. The speed column indicates the cycle frequency (MHz) of the device in Pipelined mode and the latency (ns) in Flow Through mode. Each device is Pipeline/Flow Through mode-selectable by the user. 3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings.
Rev: 1.07 10/2004
20/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS820E32AT-180/166/133/4/5
Revision History DS/DateRev. Code: Old;
New GS82032 Rev 1.03 2/ 2000D;GS820321.04 3/ 2000E GS820321.04 3/2000E; GS82032A_r1_05 GS82032A_r1_05; GS82032A_r1_06 GS82032A_r1_06; GS82032A_r1_07
Types of Changes Revisions Format or Content
Content * First Release of A version. Added "A" Version to 82032T/Q, 820E32TQ, and 820H32TQ * Complete rewrite of datasheet in order to reflect parts available * Reactivated 180 MHz speed bin * Updated format * Added Pb-free information for TQFP
Content Content Content
Rev: 1.07 10/2004
21/21
(c) 2000, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.


▲Up To Search▲   

 
Price & Availability of GS820E32AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X