Part Number Hot Search : 
LTM8021 XMXXX STR30125 MAN6410 GJ03N70 AMN11112 RC129 5D215
Product Description
Full Text Search
 

To Download GS3010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GS3010 Hybrid with LS509 Amplifier
GS3010 - HYB DATA SHEET
FEATURES * Gennum's LS509 3 stage amplifier * independent preamp can be used as telecoil preamplifier * four "must use" capacitors mounted on hybrid * choice of 3 resistors to set transducer current * easy assembly and high reliability
DESCRIPTION The hybrid consists of an LS509 amplifier, four capacitors, and two selectable bias resistors. The values of the capacitors assure proper operation of the circuit for the most commonly required frequency responses. If a different frequency response is required, external components can be easily connected to the additional solder pads connected to various amplifier access points. The jumper connection of the on-chip 125 resistor and additional two resistors (58 and 98 ) on the hybrid allow adjustment of the transducer bias current of the receiver.
STANDARD PACKAGING * Hybrid typical dimensions 0.276 in x 0.101 in x 0.094in (7.01 mm x 2.57 mm x 2.39 mm)
VB 8 VCC 8
VMIC 15
GS3010
4k C1 47 7 9 C4 01 7 MPO
21k C2
IN 16
47n
6
-A
-B
-C
10 2
9 OUT
125 LS509 - DIE
RE
5
4
3
1 R1 58 R2 98
MGND 1 R3 5k6 14 A IN C3 47n 13
B IN
12 2 3 A OUT A OUTR B INC
4 B OUT
6
GND
17
GND1
11 18 10 R1 GND2 R2
5
R3
All resistors in ohms, all capacitors in farads unless otherwise stated.
FUNCTIONAL BLOCK DIAGRAM
Revision Date: May 1998
Document No. 520 - 63 - 05
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996 Web Site: www.gennum.com E-mail: hipinfo@gennum.com
ABSOLUTE MAXIMUM RATINGS
PARAMETER Supply Voltage Power Dissipation Operating Temperature Range Storage Temperature Range VALUE/UNITS 3 V DC 25 mW -10C to +40C -20C to +70C
MGND 1 16 14 AIN 2 BINC
PAD CONNECTION
AOUT
BOUT 4
R3
GND 6 18 10 R2 GND1 GND2 7 MPO
3
5 17
IN
8
VB OUT
CAUTION CLASS 1 ESD SENSITIVITY
VMIC
15
13 BIN
12 AOUTR
11 R1
9
ELECTRICAL CHARACTERISTICS
Conditions: Frequency = 3 kHz, Temperature = 25C, Supply Voltage V B = 1.3 V
PARAMETER Amplifier Current Transducer Current Transducer Current Transducer Current Bias Voltage (Pad 15) Bias Voltage (Pad 5) System Voltage Gain Maximum Power Output
SYMBOL I AMP I TRANS 1 I TRANS 2 I TRANS 3 VP15 V P5 Gain MPO
CONDITIONS
MIN 75 175
TYP 160 225 520 725 1.3 28.5 64.5 -12
MAX 245 290 600 820 35.5 67.5 -9
UNITS A A A A V mV dB dBV
S1 = Closed, S3 = Closed S1 = Closed, S2 = Closed
450 650 1.27 21.5
VIN = -90 dBV VIN = -60 dBV
61.5 -17
All conditions and parameters remain as shown in the Test Circuit unless otherwise specified in CONDITIONS Column. V PX - Actual voltage measured on the pin at given condition (X is pin number). Notes: 1. All capacitors on Hybrid 20%, all screened on resistors 5%.
1.3V
8 VCC 8 15 C1 47 7 9 4k C4 01 7 2k7 21k RS 3k9 16 C2 47n 6 S1
GS3010
-A
-B
-C
10 2
9
VOUT
VIN
LS509 - DIE
125
RE
5
4
3
1 R1 58 R2 98
1 R3 5k6 14 RGT 47k5
All resistors in ohms, all capacitors in farads unless otherwise stated.
C3 47n 2 13 RVC 47k5 4 6 17 S2 11 18 S3 10 5
3
12
Fig. 1 Production Test Circuit
520 - 63 - 05
2
VB 8 VCC 8 4k 15 C1 47 7 9 C4 01 7 RMPO 21k EK3033 16 C2 47n 6 50k
GS3010
ED1915
-A
-B
-C
10 2
9
125 LS509 - DIE
RE
5
4
3
1 R1 58 R2 98
1 R3 5k6 14 50k RGT
All resistors in ohms, all capacitors in farads unless otherwise stated.
C3 47n 2 13 50k RVC 4 6 17 11 18 10 5
3
12
Fig. 2 Typical Hearing Instrument Application
VOLUME CONTROL
+
-
BATTERY 1 16 2 3 4 5 17 14 13 12 11 6 18 10 7
MIC
8
+
15 9
+
REC
GAIN TRIMMER MPO TRIMMER
Fig. 3 Typical Assembly Diagram
3
520 - 63 - 05
1.3V 8 VCC 8
VMIC 15 GS3010
2.6V
4k C1 47 7 9 C4 01 7 RMPO 50k
6k8
21k 3k9 16 C2 47n 6
-A
-B
-C
10 OUT 10 2 9
VIN
LS509 - DIE
125
RE
100k
5
4
3
1 R1 58 R2 98
1 R3 5k6 14 47k5 RGT
All resistors in ohms, all capacitors in farads unless otherwise stated.
C3 47n 2 13 47k5 CLC RVC 4 6 17 11 18 10 5
3
12
Fig. 4 Characterization Circuit (used to generate typical curves)
0
0
RVC=100k CLC=0.47F OUTPUT LEVEL (dBV)
-10 -10
RVC=47k CLC=47nF CLC=22nF OUTPUT LEVEL (dBV) CLC=0.1F
-20 -30
RVC=22k RVC=10k RVC=3k9
-20
CLC=10nF
-30
-40 -50 -60 -70 -130
-40 100
1k
10k
-120
-110
-100
-90
-80
-70
-60
-50
-40
FREQUENCY (Hz)
INPUT LEVEL (dBV)
Fig. 5
Frequency Response for Different CLC Capacitors
Fig. 6
I/O Curves at Various R VC Settings
520 - 63 - 05
4
GS3010
XXXXXX
0.099 MAX (2.52) 1 2 3 4 5
17
0.101 (2.57)
6
18
7
16 14 15 13 12
8
11
10 9
0.276 (7.01)
Dimensions are in inches. Dimensions in parenthesis are in millimetres, converted from inches and include minor round off errors. 1.0000 inches = 25.400 mm. Dimensions 0.005 ( 0.13) unless otherwise stated. Pad numbers for illustration purposes only. Smallest pad 0.023 x 0.013 (0.58 x 0.33). Largest pad 0.036 x 0.027 (0.92 x 0.69). XXXXXX - work order number. This hybrid is designed for point to point manual soldering.
Fig. 7 Hybrid Layout & Dimensions
DOCUMENT IDENTIFICATION: DATA SHEET The product is in production. Gennum reserves the right to make changes at any time to improve reliability, function or design, in order to provide the best product possible.
REVISION NOTES:
Updated to Data sheet
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement. (c) Copyright August 1992 Gennum Corporation. All rights reserved.
Printed in Canada.
5
520 - 63 - 05


▲Up To Search▲   

 
Price & Availability of GS3010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X