Part Number Hot Search : 
YFSH500 VDC1093 2SC3621 5925B VB301 SMAJ550 03S40 2SC3621
Product Description
Full Text Search
 

To Download GP1A05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP1A05/GP1A22LC/GP1A23LC/GP1A25LC
GP1A05/GP1A22LC/ GP1A23LC/GP1A25LC
s Features
1. Uses 3-pin connector terminal 2. High sensing accuracy ( Slit width : 0.5mm ) 3. Wide gap between light emitter and detector ( 5mm )
OPIC Photointerrupter with Connector
s Applications
1. Copiers, Printers 2. Facsimiles
* " OPIC " ( Optical IC ) is a trademark of SHARP Corporation. An OPIC consists of a light-detecting element and signal-processing circuit integrated onto a single chip.
s Outline Dimensions
GP1A05 2.0 3.5 11.0
0.3
( Unit : mm )
GP1A22LC ( Same as GP1A05 except connector )
34.0 15.0 5.0 5.0 3.0 7.5 10.5
(10.4) Slit width 0.5 g 32
7.0 3.5
1.0MAXg 2
3.0 0.1Depth2.0
4.2 0.2
11.0 32
g1
1 1 V CC 2 GND 3 VO
1
1 V CC 2 GND 3 VO ( 9.2 ) 5.5 1.0
(2.5)
(2.5) * ( ) : Reference dimensions g 2 protrusion of connector from holder: MAX.1.0 g 1 JAPAN SOLDERLESS TERMINAL MSG. CO., LTD. made connector B3P-SHF-1AA Recommended connectors on the inserted side Housing : H3P-SHF-AA Terminal : SHF-001T-0.8SS etc. gg
C0.5 4.0+ 0 - 0.1
(2.5)
(2.5)
11.0 0.1 12.0 0.1 g JAPAN AMP made EI 3-pin connector 171825-3
* Unspecified tolerances shall be as follows ; Dimensions(d) Tolerance d < 4.0 0.2 4.0<=d < 16.0 0.3 16 <=d 0.5 * ( ) : Reference dimensions Recommended connectors on the inserted side 172053-3 etc. gg
GP1A23LC ( Same as GP1A05 except connector ) 11.0
0.3
5.5 1.0
3.5
GP1A25LC ( Same as GP1A05 except connector ) 11.0 0.3 1 V CC 2 GND 3 VO g 2 3
g
1
(2.5)
321
(2.5)
* ( ): Reference dimensions g JAPAN SOLDERLESS TERMINAL MSG. CO., LTD. made connector BS3P-SHF-1AA Recommended connectors on the inserted side Housing : (H3P-SHF-AA ) etc gg Terminal : (SHF-001T-0.8SS ) etc.
1 V CC 2 GND 3 VO * ( ) : Reference dimensions g MOLEX JAPAN CO., LTD. made connector 5267-03A Recommended connectors on the inserted side Housing : 5264-03 Terminal : 5263PBT
(2.5) (5.9) (9.9)
(2.5)
gg Recommended connectors on the inserted side are show on the following 3rd page.
" In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device."
5.5 1.0
GP1A05/GP1A22LC/GP1A23LC/GP1A25LC
Internal connection diagram ( Common to 4 models )
1 Voltage regulator Amp. 2 1 V CC 2 GND 3 VO
3
s Absoulte Maximum Ratlngs
Parameter Supply GP1A05 GP1A22LC / GP1A23LC / GP1A25LC voltage *1 Output voltage *2 Low level output current *3 Operating temperature *3 Storage GP1A05 / GP1A22LC / GP1A23LC temperaGP1A25LC ture
*1 Collector-emitter voltage of output transistor *2 Collector current of output transistor *3 The connector should be plugged in/out at normal temperature.
( Ta = 25C )
Symbol V CC VO IOL T opr T stg Rating - 0.5 to + 10 - 0.5 to + 8 - 0.5 to + 28 50 - 20 to + 75 - 40 to + 85 - 30 to + 85 Unit V V mA C C
s Electro-optical Characteristics
Parameter Operating supply voltage Low level supply current Low level output voltage High level supply current High level output voltage *5 Response frequency Symbol V CC ICCL V OL ICCH V OH f
( Unless otherwise specified, Vcc = 5V, Ta = 25C )
Conditions Light beam uninterrupted Light beam uninterrupted,I OL= 16mA Light beam interrupted Light beam interrupted,RL = 47k *4 RL= 47k MIN. 4.5 V CC x 0.9 TYP. MAX. 5.5 30 0.35 30 3 000 Unit V mA V mA V Hz
*4 No DC output is allowed. *5 Response frequency is measured with the disk shown below being rotated.( Unit : mm )
Disk
2.0
0.5
0.5
GP1A05/GP1A22LC/GP1A23LC/GP1A25LC
Fig. 1 Low Level Output Current vs. Ambient Temperature
60 Low level output current I OL ( mA ) Low levle output voltage VOL (V ) 50 40
Fig. 2 Low Level Output Voltage vs. Low Level Output Current
1.0 0.5 V CC = 5V Ta = 25C
0.2 0.1 0.05
30
20
10 0 - 20
0.02 0.01 0 25 50 75 100 1 2 5 10 20 50 100 Ambient temperature Ta ( C ) Low level output current I OL ( mA )
Fig. 3 Low Level Output Voltage vs. Ambient Temperature
0.6 VCC = 5V Low levle output voltage VOL ( V) 0.5
Fig. 4 Supply Current vs. supply Voltage
30
0.4 I OL = 30mA
Supply current I CC ( mA )
20 Ta =- 20C + 25C
0.3
0.2
16mA
I CCL 10 I CCH
+ 75C T a =- 20C,+ 25C,+ 75C
0.1
5mA 0 0 25 50 75 100 Ambient temperature Ta ( C )
0 - 25
4.5
5.0 Supply voltage VCC ( V)
5.5
Fig. 5 Detecting Position Characteristics ( 1 )
V CC = 5V Ta = 25C R L = 47k d
Fig. 6 Detecting Position Characteristics ( 2 )
V CC = 5V Ta = 25C R L = 47k Shield
Output High
Output High
Shield
h
Output Low 2 3 4 5 6 7 Shield distance d ( mm ) Detecting position d = 3.5 0.3mm (GP1A22LC / GP1A23LC / GP1A25LC : d = 3.5 0.5mm ) 0 1 0 2 3 4 5 Shield distance h ( mm ) + 2.0 Detecting position h= 3.0 - 1.5mm 1 6 7
Output Low
GP1A05/GP1A22LC/GP1A23LC/GP1A25LC s Recommended Connectors on the Inserted Side
Recommended connectors on the inserted side for GP1A05,GP1A22LC, and GP1A23LC are shown below. << GP1A05 >> q JAPAN AMP made El series connectors q JAPAN AMP made El series connectors ( standard type ) ( low profile type )
Housing color Natural Black Blue Green Red color Housing Model No. 171822-3 2-171822-3 4-171822-3 6-171822-3 8-171822-3 AWG Product Material Model No. size shape Brass 170204-1 Bulk Copper 170204-2 phosphide AWG 26 to 20 Brass 170262-1 Special Chain Copper 170262-2 terminal phosphide Model. No. Brass 170205-1 Bulk Copper 170205-2 phosphide AWG 30 to 26 Brass 170263-1 Chain Copper 170263-2 phosphide Housing color Natural Black Blue Green Red color Housing Model No. 172142-3 2-172142-3 4-172142-3 6-172142-3 8-172142-3 AWG Special Product shape Model No. size terminal Bulk 170369-1 AWG Model. No. 26 to 22 Chain 170354-1 ( Material: Copper Bulk 170370-1 AWG phosphide ) 30 to 26 Chain 170355-1
q JAPAN AMP made El series connectors ( amp mass termination )
AWG26 AWG24 AWG22 Housing-terminal AWG28 ( Natural ( Black ) (Red) (Green) united type color ) connector 172054-3 172053-3 172052-3 172051-3
* Terminal Material : Copper phosphide
<> q JAPAN SOLDERLESS TERMINAL MSG. CO., LTD. made ( Natural color * bulk )
Housing Model No. AWG size Special terminal Model. No. H3P-SHF-AA Material Model No. SHF-001T-0.8SS AWG size S3P-SHF-1 Material Model No. SHF-001T-0.8P SHF-002T-0.8P -
Brass AWG Copper 26 to 22 phosphide Brass AWG Copper 30 to 26 phosphide
Brass AWG Copper SHF-001T-0.8BS 27 to 22 phosphide SHF-002T-0.8SS Brass AWG Copper SHF-001T-0.8BS 30 to 28 phosphide
s Precautions for Use
( 1 ) It is recommended that a by-pass capacitor of more than 0.01 F be added betw een VCC and GND near the device in order to stabilize power supply line. ( 2 ) In this product, the PWB is fixed with a rear cover, and cleaning solvent may remain inside the case; therefore, dip cleaning or ultrasonic cleaning is prohibited. ( 3 ) Remove dust or stains, using an air blower or a soft cloth moistened in cleaning solvent. However, do not perform the above cleaning using a soft cloth with cleaning solvent in the marking portion. In this case, use only the following type of cleaning solvent used for wiping off: Ethyl alcohol, Methyl alcohol, Isopropyl alcohol, When the cleaning solvents except for specified materials are used, please consult us. ( 4 ) As for other general cautions, refer to the chapter " Precautions for Use " .


▲Up To Search▲   

 
Price & Availability of GP1A05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X