Part Number Hot Search : 
IPS511G D1402 9L26010 BULK382 74AC20 7S100 B120N VCT78
Product Description
Full Text Search
 

To Download FM5820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FM5820 THRU FM5822
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes
FEATURES
* * * * * Ideal for surface mounted applications Low leakage current Metallurgically bonded construction Mounting position: Any Weight: 0.24 gram
DO-214AB
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
0.083 (2.11) 0.077 (1.96) 0.180 (4.57) 0.160 (4.06) 0.155 (3.94) 0.130 (3.30)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
o
0.096 (2.44) 0.084 (2.13) 0.060 (1.52) 0.030 (0.76) 0.220 (5.59) 0.205 (5.21)
0.012 (0.305) 0.006 (0.152)
0.008 (0.203) 0.004 (0.102)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Derating Lead Temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM RJA CJ TJ TSTG -55 to + 125 -55 to + 150 FM5820 20 14 20 FM5821 30 21 30 3.0 80 25 200 -55 to + 150 FM5822 40 28 40 UNITS Volts Volts Volts Amps Amps
0
C/ W pF
0 0
C C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 3.0A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @TA = 25 o C @TA = 100 o C SYMBOL VF IR FM5820 .475 FM5821 .5 2.0 20 FM5822 .525 UNITS Volts mAmps mAmps 2001-5
NOTES : 1. Thermal Resistance (Junction to Ambient). 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
RATING AND CHARACTERISTIC CURVES ( FM5820 THRU FM5822 )
AVERAGE FORWARD CURRENT, (A)
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE FIG. 2 - TYPICAL REVERSE CHARACTERISTICS
3 2
Single Phase
INSTANTANEOUS REVERSE CURRENT, (mA)
4
10
TJ = 125
1.0
1 0 0
Half Wave 60Hz P.C.B Mounted on 0.4X0.4"(10X10mm) Resistive or Inductive Load copper pad areas
TJ = 75
20
40
60
80
100
120 )
140
.1
LEAD TEMPERATURE, (
PEAK FORWARD SURGE CURRENT, (A)
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 80 70 60 50 40 30 20 10 1 2 5 10 20 50 NUMBER OF CYCLE AT 60Hz 100
TL = 75 8.3ms Single Half Sine-Wave (JEDEC Method)
.01
FM5820
.001 0
FM5821~FM5822
20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 5 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20 10
JUNCTION CAPACITANCE (pF)
1000 800 600 400 200 100 80 60
TJ = 25
1.0
TJ = 25 Pulse Width = 300uS 1% Duty Cycle
20 10 .1 .4 1.0 4 10 REVERSE VOLTAGE, ( V ) 40
FM5820 FM5821 FM5822
.1 .2
.3
.4
.5
.6
.7
.8
.9
INSTANTANEOUS FORWARD VOLTAGE, (V)
RECTRON


▲Up To Search▲   

 
Price & Availability of FM5820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X