Part Number Hot Search : 
KBPC15 02205 S6X8TS1 PT28C020 EH4B1 MRF15 BD9536FV 0BZXC
Product Description
Full Text Search
 

To Download FAN8100MTC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
FAN8100N/FAN8100MTC
Low Voltage/Low Saturation 2-CH DC Motor Driver
Features
* Two channel H-bridge drivers with built-in NPN and vertical-PNP power transistors * Four functions for each channel - Forward/Reserve/Stop/ Brake functions * Special output pin for an RC car application - for a Turbo function for Ch.A (five-function RF receiver chip RX-2 interface) * Low stand-by current (typ. 0.1uA) * Wide supply voltage range (PVCC=1.8V ~ 9.0V) suitable for battery operated applications * 3.3V and 5V micro-controller interface * Low output saturation voltage (upper and lower total : typ. 0.15V@ 0.2A) * High current outputs (max. 1.5A/Ch.) * Parallel connection (Max Current : 3A) * High thermal capability for high continuous output currents * Built-in spark killing diodes * Built-in a thermal shutdown(TSD) function with hysteresis * Short circuit protected * Temperature independent internal voltage reference
Description
The FAN8100N/FAN8100MTC is a monolithic two channel dc motor drive IC designed for low voltage operated systems. It has dual H-bridge drivers, using NPN and verticalPNP power transistors with a low saturation voltage. Power packages with heat sinks endure high continuous output current. The high current and low saturation voltage feature make this device suitable for dc motor applications such as toy cars. It has also a built-in thermal shutdown protection circuit with hysteresis.
12-DIPH-300
14-TSSOP
1
1 1
Typical Application
* * * * * General purpose dc motor driver Electronic toys - robots, RC cars Digital still camera(DSC) and film camera Home appliances and office equipment Precision instruments
Ordering Information
Device FAN8100N FAN8100MTC FAN8100MTCX Package 12-DIPH-300 14-TSSOP 14-TSSOP Operating Temp. -20 ~ +75C -20 ~ +75C -20 ~ +75C
Rev. 1.0.0
(c)2005 Fairchild Semiconductor Corporation
FAN8100N/FAN8100MTC
Pin Assignments
FORWARDA
FORWARDB
FORWARDA
REVERSEA
REVERSEB
REVERSEA
PVCCA
OUT2A
OUT1A
OUT2B
OUT2A 9 6 PVCCA
GND
12
11
10
FIN
9
8
7
14
13
12
11
10
FAN8100N
FAN8100MTC
1 REVERSEB
2 FORWARDB
3 OUT2B
FIN GND
4 OUT1B
5 PVCCB
6 VCC
1 GND
2 OUT1B
3 PVCCB
4 VCC
5 D1A
Pin Definitions
Pin Number 1(12) 2(13) 3(14) FIN(1) 4(2) 5(3) 6(4) 7(5) 8(6) 9(7) FIN(8) 10(9) 11(10) 12(11)
Note: ( ) FAN8100MTC
Pin Name REVERSEB FORWARDB OUT2B GND OUT1B PVCCB VCC D1A PVCCA OUT1A GND OUT2A FORWARDA REVERSEA
I/O I I O O O O I I I
Pin Function Description Reverse logic input for channel B Forward logic input for channel B Output2 of channel B Ground Output1 of channel B Supply voltage for channel B output Logic and control circuit supply voltage Cathode of OUT1A upper diode Supply voltage for channel A output Output1 of channel A Ground Output2 of channel A Forward logic input for channel A Reverse logic input for channel A
2
OUT1A
GND 8 7
D1A
FAN8100N/FAN8100MTC
Internal Block Diagram
VCC
6 7
D1A PVCCA
FORWARDA
11
8
Ch. A Control Circuit
9 10
OUT1A OUT2A
REVERSEA
12
Bias & TSD Circuit
5
PVCCB
FORWARDB
2
Ch. B
4
OUT1B OUT2B
REVERSEB
1
Control Circuit
3
Fin GND
Note: FAN8100N pin number
3
FAN8100N/FAN8100MTC
Absolute Maximum Ratings (Ta = 25C)
Parameter Maximum logic and control supply voltage Maximum output supply voltage Maximum output applied voltage Maximum applied input voltage Maximum D1A Voltage Peak output current per channel
Note: ( ) FAN8100MTC
Symbol VCC(MAX) PVCC(MAX) VOUT(MAX) VIN(MAX) VD1A(MAX) IOUT(PEAK)
Value 10.5 10.5 PVCC + VD 10.0 PVCCA + 4.5 1.5(1.2)
Unit V V V V V A
Recommended Operating Conditions (Ta = 25C)
Parameter Logic and control circuit supply voltage Output supply voltage D1A Voltage
Note: See the characteristics graphs.
Symbol VCC PVCC VD1A
Min. 2.2 1.8 PVCCA
Typ. -
Max 9.0 9.0 PVCCA +3.0
Unit V V V
4
FAN8100N/FAN8100MTC
Typical Thermal Characteristics
Parameter Power dissipation Operating temperature Storage temperature Junction temperature Thermal shutdown temperature Thermal shutdown hysteresis temperature Symbol PDnote1 TA TSTG TJ TSD
note2
Value FAN8100N: 2.0 FAN8100MTC: 1.0 -20 ~ 75 -40 ~ 125 150 150 50
Unit W C C C C C
TSDnote2
Notes: 1. When mounted on JEDEC 76.2mm x 114mm x 1.57mm PCB (FR-4 glass epoxy material). 2. On the junction. These values are design specifications.
Power Dissipation Curve
Power Dissipation : PD[W]
2.0
FAN8100N
1.0
SOA
0
0
25
50
75
100
125
150
175
Ambient temperature, Ta [C]
Power Dissipation : PD[W]
1.0
FAN8100MTC
0.5
SOA
0
0
25
50
75
100
125
150
175
Ambient temperature, Ta [C]
Notes: 1. When mounted on JEDEC 76.2mm x 114mm x 1.57mm PCB (FR-4 glass epoxy material). 2. Power dissipation reduces 16mW/C (FAN8100N) and 32mW/C (FAN8100MTC) for using above Ta=25C. 3. Do not exceed PD and SOA(Safe Operating Area).
5
FAN8100N/FAN8100MTC
Electrical Characteristics
(Ta=25C, VCC=3V, PVCCA=PVCCB=3V, unless otherwise specified) Parameter Stand-by current (IVCC+IPVCCA+IPVCCB) VCC supply current 1 (IVCC) VCC supply current 2 (IVCC) Total supply current 1 (IVCC+IPVCCA+IPVCCB) Total supply current 2 (IVCC+IPVCCA+IPVCCB) Saturation voltage 1 (upper + lower output transistors total) Saturation voltage 2 (upper + lower output transistors total) Input high level voltage Input low level voltage Input current Spark-killing diode leakage current Spark-killing diode voltage drop
Note: ( ) FAN8100MTC
Symbol ICC0 ICC1 ICC2 ICC3 ICC4 VSAT1
Conditions All input pins=0V, with output pins open Forward or Reverse (single channel) Brake (single channel) Forward or Reverse (single channel) with output pins open Brake (single channel) with output pins open FORWARDA=3V, other input pins=0V, IOUT=0.2A FORWARDA=3V, other input pins=0V, IOUT=0.4A VIN=3V, per each input pin VCC=9V, PVCC=9V IOUT=0.4A
Min. -
Typ. 0.1 4 5.5
Max. 10 6 8
Unit uA mA mA mA mA V
30(20) 40(27) 55(35) 65(45) 0.15 0.25
VSAT2 VINH VINL IIN ILEAK VD
1.8 -0.3 -
0.35 100 -
0.55 VCC 0.7 200 30 1.7
V V V uA uA V
Timing Characteristics
(Ta=25C, VCC=3V, PVCCA=PVCCB=3V, unless otherwise specified) Parameter Output rising time Output falling time Symbol tR tF tPLH Input to output propagation delay tPHL
Note: with 1nF Capacitor Loads
Conditions input rising time = 20ns output voltage 10% to 90% input falling time = 20ns output voltage 90% to 10% input rising time = 20ns input 50% to output 50% input falling time = 20ns input 50% to output 50%
Min. -
Typ. 0.3 0.3 1 1
Max. -
Unit us us us us
6
FAN8100N/FAN8100MTC
Function Descriptions
Logical Truth Table Channel A
FORWARDA L H L H REVERSEA L L H H OUT1A Z H L L OUT2A Z L H L Function Stand-by (Stop) Forward Reverse Brake
Channel B
FORWARDB L H L H
Z: high-impedance
REVERSEB L L H H
OUT1B Z H L L
OUT2B Z L H L
Function Stand-by (Stop) Forward Reverse Brake
Time Domain Waveforms
FORWARD
L
H
L
H
**Should be 'L'
Input Signals
*Only for channel A
REV ERSE
L
H
H
**Should be 'L'
TURBO*
L
H
**when an external turbo circuit is used
VS PV CC
Output Voltage (V OUT1 -V OUT 2)
0
time
- CC PV
: High impedance
Notes: **See typical application circuits.
7
FAN8100N/FAN8100MTC
Application Information
1. Thermal Shutdown (TSD)
Thermal Shutdown Circuit turns OFF all outputs when the junction temperature typically reaches 150C. It is intended to protect the device from failures due to excessive junction temperature. The Thermal Shutdown has the hysteresis of 40C approximately.
2. Printed Circuit Board (PCB) Layout
If high current flows on the power supply(PVCC) and GND line, it can be misoperated due to the line oscillation. The following points should be kept in mind regarding as the pattern layout to prevent it.
* Making the wiring lines thick and short, especially between power supply (PVCC) and GND. * Putting a passthrough capacitor near the IC
The Rth-ja of the FAN8100N/MTC can be reduced by soldering the GND pins to a suitable copper area of the printed circuit board as shown in following figure. It is recommended the copper area is as large as possible.
Example of PCB copper area which is used as heatsink
8
FAN8100N/FAN8100MTC
Typical Application Circuits
1. RF Remote Controlled Car
RF Signal
FORWARD BACKWARD
BACKWARD
FORWARDA
REVERSEA
FORWARD
TURBO
OUT2A
OUT1A
PVCCA 8 5 PVCCB
VDD
GND
VO1
VI2
16
15
VI1
14
13
12
11
10
NC
9
12
11
10
FIN
9
RF Circuits (Discrete Parts)
Receiver Controller RX-2
FAN8100N/FAN8100MTC
1 VO2
2 GND
3 SI
4 OSCI
5 OSCO
6 RIGHTWARD
7 LEFTWARD
8 NC
1 REVERSEB
2 FORWARDB
3 OUT2B
FIN GND
4 OUT1B
RIGHT LEFT
2. RF Remote Controlled Car with a Turbo Function
Q1
R2 Q2 RF Signal R1 Q3
FORWARD BACKWARD
BACKWARD
FORWARDA
REVERSEA
FORWARD
TURBO
OUT2A
OUT1A
PVCCA 8 5 PVCCB
VDD
GND
VO1
VI2
16
15
VI1
14
13
12
11
10
NC
9
12
11
10
FIN
9
RF Circuits (Discrete Parts)
Receiver Controller RX-2
FAN8100N/FAN8100MTC
1 VO2
2 GND
3 SI
4 OSCI
5 OSCO
6 RIGHTWARD
7 LEFTWARD
8 NC
1 REVERSEB
2 FORWARDB
3 OUT2B
FIN GND
4 OUT1B
RIGHT LEFT
VCC
D1A 7 6
VCC
D1A 7 6
9
FAN8100N/FAN8100MTC
Typical Performance Characteristics (FAN8100N)
6 Brake VCC Current Drain ICC [mA] 5 4 3 2 1 0 -50 0 50 100 Ambient Temperature Ta [] 150 Forward / Reverse VCC = PVCC = 3V
0. 8
Output Saturation Voltage [V]
0. 7 0. 6 0. 5 0. 4 0. 3 0. 2 0. 1 0 0 0.1 0. 2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
Output Current IO []
60 PVCC Current Drain IPVCC [mA 50 40 30 20 10 0 -50 0 Forward / Reverse Brake
VCC = PVCC = 3V
180 160 Input Current IIN [uA] 140 120 100 80 60 40 20 0
VCC = PVCC = 9V
50 100 Ambient Temperature Ta []
150
0
2
4 6 Input Voltage VIN [V]
8
10
43 42 41 40 39 38 -40 -20 0
VCC = PVCC = VIN = 3V
8 Supply Current ICC [mA] 7 Brake 6 5 4 3 2 1 0
VCC = PVCC = 3V
Input Current IIN [uA]
Forward / Reverse
20 40 60 80 Ambient Temperature Ta []
100
120
0
2
4 6 Supply Voltage VCC [V]
8
10
60 Supply Current IPVCC [mA] Brake 50 40
VCC = PVCC = 3V
Forward / Reverse 30 20 10 0 0 2 4 6 Supply Voltage PVCC [V] 8 10
10
FAN8100N/FAN8100MTC
Typical Performance Characteristics(Continued) (FAN8100MTC)
6 VCC Current Drain ICC [mA Brake 5 4 3 2 1 0 -50 0 50 100 Ambient Temperature Ta [] 150 Forward / Reverse VCC = PVCC = 3V
1.2
Output Saturation Voltage [V]
1
0.8
0.6
0.4
0.2
0 0 0.1 0.2 0.3 0.4 0.5 0.6 0. 7 0.8 0.9 1
Output Current IO []
35 PVCC Current Drain IPVCC [mA 30 25 20 15 10 5 0 -50 0 Forward / Reverse Brake
VCC = PVCC = 3V
180 160 Input Current IIN [uA] 140 120 100 80 60 40 20 0
VCC = PVCC = 9V
50 100 Ambient Temperature Ta []
150
0
2
4 6 Input Voltage VIN [V]
8
10
43 42 41 40 39 38 37 -40 -20 0
VCC = PVCC = VIN = 3V
8 Supply Current ICC [mA] 7 6 5 4 3 2 1 0 Brake
VCC = PVCC = 3V
Input Current IIN [uA]
Forward / Reverse
20 40 60 80 Ambient Temperature Ta []
100
120
0
2
4 6 Supply Voltage VCC [V]
8
10
35 Supply Current IPVCC [mA] 30 25 20 15 10 5 0 0 2 4 6 Supply Voltage PVCC [V] Brake
VCC = PVCC = 3V
Forward / Reverse
8
10
11
FAN8100N/FAN8100MTC
Mechanical Dimensions (Unit: mm)
Package Dimension
12-DIPH-300
12
FAN8100N/FAN8100MTC
Mechanical Dimensions (Unit: mm) (Continued)
Package dimensions
14-TSSOP
13
FAN8100N/FAN8100MTC
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 6/9/05 0.0m 001 Stock#DSxxxxxxxx 2005 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of FAN8100MTC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X