Part Number Hot Search : 
SR2010 MAX1909 00ETT A3477M00 00ETT MA700A X24008 GS04MCBE
Product Description
Full Text Search
 

To Download FAN1086M25X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
FAN1086
1.5A Adjustable/Fixed Low Dropout Linear Regulator
Features
* * * * * * Low dropout voltage Load regulation: 0.05% typical Trimmed current limit On-chip thermal limiting Standard SOT-223, TO-263, and TO-252 packages Three-terminal adjustable or fixed 2.5V, 2.85V, 3.3V, 5V
Description
The FAN1086 and FAN1086-2.5, -2.85, -3.3 and -5 are low dropout three-terminal regulators with 1.5A output current capability. These devices have been optimized for low voltage where transient response and minimum input voltage are critical. The 2.85V version is designed specifically to be used in Active Terminators for SCSI bus. Current limit is trimmed to ensure specified output current and controlled short-circuit current. On-chip thermal limiting provides protection against any combination of overload and ambient temperatures that would create excessive junction temperatures. Unlike PNP type regulators where up to 10% of the output current is wasted as quiescent current, the quiescent current of the FAN1086 flows into the load, increasing efficiency. The FAN1086 series regulators are available in the industrystandard SOT-223, TO-263, and TO-252 power packages.
Applications
* * * * * * Active SCSI terminators High efficiency linear regulators Post regulators for switching supplies Battery chargers 5V to 3.3V linear regulators Motherboard clock supplies
Typical Applications
FAN1086 VIN = 3.3V 10F ADJ + VIN VOUT R1 124 + 22F 1.5V at 1.5A
VOUT = VREF(1 + R2/R1) + IAdj * R2
R2 24.9
FAN1086-2.85 VIN = 5V 10F GND + VIN VOUT + 22F 2.85V at 1.5A
REV. 1.0.7 11/10/03
PRODUCT SPECIFICATION
FAN1086
Pin Assignments
Front View 3 Tab is VOUT 2 1 IN OUT ADJ/GND 1 2 3 Tab is VOUT
Tab is VOUT
4-Lead Plastic SOT-223 JC = 15C/W*
1
2
3
ADJ/ GND
OUT
IN
ADJ/ GND
IN
3-Lead Plastic TO-263 JC = 3C/W*
3-Lead Plastic TO-252 JC = 3C/W*
*With package soldered to 0.5 square inch copper area over backside ground plane or internal power plane, JA can vary from 30C/W to more than 50C/W. Other mounting techniques may provide better thermal resistance than 30C/W.
Absolute Maximum Ratings
Parameter VIN Operating Junction Temperature Range Storage Temperature Range Lead Temperature (Soldering, 10 sec.) 0 -65 Min. Max. 7.5 125 150 300 Unit V C C C
2
REV. 1.0.7 11/10/03
FAN1086
PRODUCT SPECIFICATION
Electrical Characteristics
Operating Conditions: VIN 7V, TJ = 25C unless otherwise specified. The * denotes specifications which apply over the specified operating temperature range. Parameter Reference Voltage , VREF Output Voltage
3
Conditions 1.5V (VIN - VOUT) 5.75V, 10mA IOUT 1A 10mA IOUT 1A FAN1086-2.5, 4V VIN 7V FAN1086-2.85, 4.35V VIN 7V FAN1086-3.3, 4.8V VIN 7V FAN1086-5, 6.5V VIN 7V (VOUT + 1.5V) VIN 7V, IOUT = 10mA (VIN - VOUT) = 2V, 10mA IOUT 1A VREF = 1%, IOUT = 1.5A (VIN - VOUT) = 2V 1.5V (VIN - VOUT) 5.75, 10mA IOUT 1A 1.5V (VIN - VOUT) 5.75 VIN = VOUT + 1.25V f = 120Hz, COUT = 22F Tantalum, (VIN - VOUT) = 3V, IOUT = 1.5A TA = 25C, 30ms pulse * TA = 125C, 1000hrs. TA = 25C, 10Hz f 10kHz SOT-223 TO-263, TO-252 Junction Temperature *
Min. 1.225 (-2%) 2.450 2.793 3.234 4.900
Typ. 1.250
Max. 1.275 (+2%) 2.550 2.907 3.366 5.100 0.2 0.5 1.500 120 5
Units V
* * * * * * * * * * * *
2.5 2.85 3.3 5.0 0.005 0.05 1.300
V V V V % % V A A A mA
Line Regulation1,2 Load Regulation Dropout Voltage Current Limit Adjust Pin Current3, IAdj Adjust Pin Current Change3 Minimum Load Current Quiescent Current Ripple Rejection Thermal Regulation Temperature Stability Long-Term Stability RMS Output Noise (% of VOUT) Thermal Resistance, Juncation to Case Thermal Shutdown Thermal Shutdown Hysteresis
1,2
1.6
2.0 35 0.2
10 4 60 72 0.004 0.5 0.03 0.003 15 3 155 10 1.0 0.02 13
mA dB %/W % % % C/W C/W C C
Notes: 1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are measured at a constant junction temperature by low duty cycle pulse testing. 2. Line and load regulation are guaranteed up to the maximum power dissipation. Power dissipation is determined by input/ output differential and the output current. Guaranteed maximum output power will not be available over the full input/output voltage range. 3. FAN1086 only.
REV. 1.0.7 11/10/03
3
PRODUCT SPECIFICATION
FAN1086
Typical Performance Characteristics
DROPOUT VOLTAGE DEVIATION (%) 1.5 1.4 DROPOUT VOLTAGE (V) 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0 0 0.3 0.6 0.9 1.2 1.5 0.10 0.05 0 -0.05 -0.10 -0.15 -0.20 -75 -50 -25 0 I = 1A
25 50 75 100 125 150 175
OUTPUT CURRENT (A)
JUNCTION TEMPERATURE (C)
Figure 1. Dropout Voltage vs. Output Current
1.250 1.245 REFERENCE VOLTAGE (V)
Figure 2. Load Regulation vs. Temperature
3.70 3.65 REFERENCE VOLTAGE (V) 3.60 3.55 3.50 3.45 3.40 3.35 3.30 3.25 VOUT = 3.3V Note: 1. FAN1086 Only 25 50 75 100 125 150 175
VOUT SET WITH 1% RESISTORS VOUT = 3.6V1
1.240 1.235 1.230 1.225 1.220 1.215 1.210 1.205 1.200 -75 -50 -25 0 25 50 75 100 125 150 175
3.20 -75 -50 -25 0
JUNCTION TEMPERATURE (C)
JUNCTION TEMPERATURE (C)
Figure 3. Reference Voltage vs. Temperature
5 MINIMUM LOAD CURRENT (mA)
Figure 4. Output Voltage vs. Temperature
100 90 ADJUST PIN CURRENT (A) Note: 1. FAN1086 Only
4
80 70 60 50 40 30 20 10
3
2
1
0 -75 -50 -25 0
25 50 75 100 125 150 175
0 -75 -50 -25 0
25 50 75 100 125 150 175
JUNCTION TEMPERATURE (C)
JUNCTION TEMPERATURE (C)
Figure 5. Minimum Load Current vs. Temperature
Figure 6. Adjust Pin Current vs. Temperature
4
REV. 1.0.7 11/10/03
FAN1086
PRODUCT SPECIFICATION
Typical Performance Characteristics (continued)
2.0 SHORT-CIRCUIT CURRENT (A) 90 80 RIPPLE REJECTION (dB) 1.75 70 60 50 40 30 20 10 1.0 -75 -50 -25 0 25 50 75 100 125 150 175 0 10 (VIN - VOUT) = 3V 0.5 < VRIPPLE < 2V IOUT = 1A 100 1K 10K 100K
1.5
1.25
JUNCTION TEMPERATURE (C)
FREQUENCY (Hz)
Figure 7. Short-Circuit Current vs. Temperature
Figure 8. Ripple Rejection vs. Frequency
10 OUTPUT CAP'S ESR (m)
5000
10ma < IOUT < IMAX
7.5 POWER (W) TO-263 5
4000
3000 VIN = 5V 2000 Instability Region Region of Stability (SOA)
2.5
SOT-223
1000
0 25
0 45 65 85 105 125 0 1 2 3 4 5 6 7 8 9 10 CASE TEMPERATURE (C) VOUT (V)
Figure 9. Maximum Power Dissipation
Figure 11. Stability Region (SOA) vs. ESR of the COUT
REV. 1.0.7 11/10/03
5
PRODUCT SPECIFICATION
FAN1086
Mechanical Dimensions
3-Lead TO-263 Package
Symbol A b b2 c2 D E e L L1 L2 R Inches Min. .160 .020 Max. .190 .036 Millimeters Min. 4.06 0.51 Max. 4.83 0.91 Notes Notes: 1. Dimensions are exclusive of mold flash and metal burrs. 2. Standoff-height is measured from lead tip with ref. to Datum -B-. 3. Foot length is measured with ref. to Datum -A- with lead surface (at inner R). 4. Dimensiuon exclusive of dambar protrusion or intrusion. 5. Formed leads to be planar with respect to one another at seating place -C-.
.049 .051 .045 .055 .340 .380 .380 .405 .100 BSC .575 .090 -- .017 0 .625 .110 .055 .019 8
1.25 1.30 1.14 1.40 8.64 9.65 9.65 10.29 2.54 BSC 14.61 2.29 -- 0.43 0 15.88 2.79 1.40 0.78 8
E @PKG/ @HEATSINK
L2 c2
D L b2 E-PIN R (2 PLCS) L1 b e
-B-
-A-
A -C-
6
REV. 1.0.7 11/10/03
FAN1086
PRODUCT SPECIFICATION
Mechanical Dimensions
4-Lead SOT-223 Package
Inches Min. A A1 B c D E e F H I J K L M N -- -- .025 -- .248 .130 .115 .033 .264 .012 -- 10 .0008 10 .010 Max. .071 .181 .033 .090 .264 .148 .124 .041 .287 -- 10 16 .0040 16 .014 Millimeters Min. -- -- .640 -- 6.30 3.30 2.95 .840 6.71 .310 -- 10 .0203 10 .250 Max. 1.80 4.80 .840 2.29 6.71 3.71 3.15 1.04 7.29 -- 10 16 .1018 16 .360
Symbol
Notes
D e K
A H E B A1 c F J M I L N
REV. 1.0.7 11/10/03
7
PRODUCT SPECIFICATION
FAN1086
Mechanical Dimensions
3-Lead TO-252 Package
Symbol A b b2 b3 c c2 D E e H L L1 L3 L4 Inches Min. Max. Millimeters Min. Max. Notes: Notes 1. 2. 3. 4. 4 5. 6. 1 1 Dimensions are exclusive of mold flash and metal burrs. Stand off-height is measured from lead tip with ref. to Datum -B-. Foot length is measured with ref. to Datum -A- with lead surface. Thermal pad contour optional within dimensions b3 and L3 Formed leads to be planar with respect to one another at seating plane -C-. Dimensions and tolerances per ASME Y14.5M-1994.
.086 .094 .025 .035 .030 .045 .205 .215 .018 .024 .018 .023 .210 .245 .250 .265 .090 BSC .370 .410 .055 .070 .108 REF .035 .080 .025 .040
2.19 2.39 0.64 0.89 0.76 1.14 5.21 5.46 0.46 0.61 0.46 0.58 5.33 6.22 6.35 6.73 2.29 BSC 9.40 10.41 1.40 1.78 2.74 REF 0.89 2.03 0.64 1.02
3 4
@PKG/ @HEATSINK
E b3 L3 c2
D H E-PIN L4 b2
L1 L c
b e
-B-
= 0-10 -A-
A -C-
8
REV. 1.0.7 11/10/03
PRODUCT SPECIFICATION
FAN1086
Ordering Information
Product Number FAN1086DX FAN1086MX FAN1086SX FAN1086D25X FAN1086M25X FAN1086S25X FAN1086D285X FAN1086M285X FAN1086S285X FAN1086D33X FAN1086M33X FAN1086S33X FAN1086D5X FAN1086M5X FAN1086S5X Package TO-252 TO-263 SOT-223 TO-252 TO-263 SOT-223 TO-252 TO-263 SOT-223 TO-252 TO-263 SOT-223 TO-252 TO-263 SOT-223
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. www.fairchildsemi.com
11/10/03 0.0m 004 Stock#DS30001117 2001 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of FAN1086M25X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X