Part Number Hot Search : 
BSX59 89E515AE AP9963 40AB8B 1N5447C TC105 12015 2SJ387
Product Description
Full Text Search
 

To Download EC11FS4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRD
Type
:
EC11FS4
OUTLINE DRAWING
FEATURES * Miniature Size,Surface Mount Device * Ultra-Fast Recovery * Low Forward Voltage Drop * Low Power Loss, High Efficiency * High Surge Capability * Packaged in 12mm Tape and Reel * Not Rolling During Assembly
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range
Approx Net Weight:0.06g
Symbol
VRRM VRSM IO IF(RMS) IFSM Tjw Tstg 20 0.76 1.0
EC11FS4
400 440 Ta=25C *1 Ta=26C *2 50Hz Half Sine Wave Resistive Load
Unit V V A A A
C C
1.57 50Hz Half Sine Wave,1cycle Non-repetitive -40 to +150 -40 to +150
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Reverse Recovery Time Symbol IRM VFM trr Conditions Min. Typ. Max. 20 1.25 30 157 108 Unit A V ns C /W Tj= 25C, VRM= VRRM Tj= 25C, IFM= 1.0A IFM= 1A, -di/dt= 50A/s, Ta= 25C *1 Thermal Resistance Rth(j-a) Junction to Ambient *2 *1 Glass Epoxy Substrate Mounted (Soldering Lands=2x2mm,Both Sides) *2 Alumina Substrate Mounted (Soldering Lands=2x2mm,Both Sides)
EC11FS_ OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
EC11FS4
10
INSTANTANEOUS FORWARD CURRENT (A)
5
2 Tj=25C Tj=150C 1
0.5
0.2
0.1 0 0.4 0.8 1.2 1.6 2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
EC11FS4
D.C.
1.6
AVERAGE FORWARD POWER DISSIPATION (W)
1.4 1.2 1.0
RECT 60 RECT 180 HALF SINE WAVE RECT 120
0.8 0.6 0.4 0.2 0 0 0.4 0.8 1.2 1.6
AVERAGE FORWARD CURRENT (A)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
Glass-Epoxy Substrate Mounted(Soldering Land=2x2mm) EC11FS4
1.2
D.C.
AVERAGE FORWARD CURRENT (A)
1.0
RECT 180
0.8
RECT 120 HALF SINE WAVE RECT 60
0.6
0.4
0.2
0 0 25 50 75 100 125 150
AMBIENT TEMPERATURE (C)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
Alumina Substrate Mounted(Soldering Land=2x2mm) EC11FS4
D.C.
1.6 1.4
AVERAGE FORWARD CURRENT (A)
1.2 1.0 0.8
RECT 180 HALF SINE WAVE RECT 120
RECT 60
0.6 0.4 0.2 0 0 25 50 75 100 125 150
AMBIENT TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Half Sine Wave,Non-Repetitive,No Load EC11FS4 20
SURGE FORWARD CURRENT (A)
16
12
8
4
0.02s
I FSM
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)


▲Up To Search▲   

 
Price & Availability of EC11FS4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X