Part Number Hot Search : 
APTGF 256AI MC35001N 14501 SR40150 MP3510G DI300 PD166
Product Description
Full Text Search
 

To Download DS1265Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS1265Y/AB 8M Nonvolatile SRAM
www.maxim-ic.com
FEATURES
10 years minimum data retention in the absence of external power Data is automatically protected during power loss Unlimited write cycles Low-power CMOS operation Read and write access times as fast as 70 ns Lithium energy source is electrically disconnected to retain freshness until power is applied for the first time Full 10% VCC operating range (DS1265Y) Optional 5% VCC operating range (DS1265AB) Optional industrial temperature range of -40C to +85C, designated IND
PIN ASSIGNMENT
NC NC A18 A16 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 VCC A19 NC A15 A17 WE A13 A8 A9 A11 OE A10 CE DQ7 DQ6 DQ5 DQ4 DQ3
36-Pin ENCAPSULATED PACKAGE 740-mil EXTENDED
PIN DESCRIPTION
A0 - A19 DQ0 - DQ7 CE WE OE VCC GND NC - Address Inputs - Data In/Data Out - Chip Enable - Write Enable - Output Enable - Power (+5V) - Ground - No Connect
DESCRIPTION
The DS1265 8M Nonvolatile SRAMs are 8,388,608-bit, fully static nonvolatile SRAMs organized as 1,048,576 words by 8 bits. Each NV SRAM has a self-contained lithium energy source and control circuitry which constantly monitors VCC for an out-of-tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. There is no limit on the number of write cycles which can be executed and no additional support circuitry is required for microprocessor interfacing.
1 of 8
110602
DS1265Y/AB
READ MODE
The DS1265 devices execute a read cycle whenever WE (Write Enable) is inactive (high) and CE (Chip Enable) and OE (Output Enable) are active (low). The unique address specified by the 20 address inputs (A0 - A19) defines which of the 1,048,576 bytes of data is accessed. Valid data will be available to the eight data output drivers within tACC (Access Time) after the last address input signal is stable, providing that CE and OE (Output Enable) access times are also satisfied. If OE and CE access times are not satisfied, then data access must be measured from the later-occurring signal ( CE or OE ) and the limiting parameter is either tCO for CE or tOE for OE rather than tACC.
WRITE MODE
The DS1265 devices execute a write cycle whenever WE and CE signals are active (low) after address inputs are stable. The later-occurring falling edge of CE or WE will determine the start of the write cycle. The write cycle is terminated by the earlier rising edge of CE or WE . All address inputs must be kept valid throughout the write cycle. WE must return to the high state for a minimum recovery time (tWR) before another cycle can be initiated. The OE control signal should be kept inactive (high) during write cycles to avoid bus contention. However, if the output drivers are enabled ( CE and OE active) then WE will disable the outputs in tODW from its falling edge.
DATA RETENTION MODE
The DS1265AB provides full functional capability for VCC greater than 4.75 volts and write protects by 4.5 volts. The DS1265Y provides full functional capability for VCC greater than 4.5 volts and write protects by 4.25 volts. Data is maintained in the absence of VCC without any additional support circuitry. The nonvolatile static RAMs constantly monitor VCC. Should the supply voltage decay, the NV SRAMs automatically write protect themselves, all inputs become don't care, and all outputs become highimpedance. As VCC falls below approximately 3.0 volts, a power switching circuit connects the lithium energy source to RAM to retain data. During power-up, when VCC rises above approximately 3.0 volts, the power switching circuit connects external VCC to RAM and disconnects the lithium energy source. Normal RAM operation can resume after VCC exceeds 4.75 volts for the DS1265AB and 4.5 volts for the DS1265Y.
FRESHNESS SEAL
Each DS1265 device is shipped from Dallas Semiconductor with its lithium energy source disconnected, guaranteeing full energy capacity. When VCC is first applied at a level greater than VTP, the lithium energy source is enabled for battery backup operation.
2 of 8
DS1265Y/AB
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground Operating Temperature Storage Temperature Soldering Temperature * -0.3V to +7.0V 0C to 70C; -40C to +85C for IND parts -40C to +70C; -40C to +85C for IND parts 260C for 10 seconds
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER DS1265AB Power Supply Voltage DS1265Y Power Supply Voltage Logic 1 Input Voltage Logic 0 Input Voltage SYMBOL VCC VCC VIH VIL MIN 4.75 4.5 2.2 0 TYP 5.0 5.0 MAX 5.25 5.5 VCC +0.8
(tA: See Note 10)
UNITS V V V V NOTES
DC ELECTRICAL CHARACTERISTICS
PARAMETER Input Leakage Current I/O Leakage Current Output Current @ 2.4V Output Current @ 0.4V Standby Current CE =2.2V Standby Current CE =VCC-0.5V Operating Current Write Protection Voltage (DS1265AB) Write Protection Voltage (DS1265Y)
(VCC=5V 5% for DS1265AB) (tA: See Note 10) (VCC=5V 10% for DS1265Y)
SYMBOL IIL IIO IOH IOL ICCS1 ICCS2 ICCO1 VTP VTP 4.50 4.25 4.62 4.37 MIN -2.0 -2.0 -1.0 2.0 1.0 100 1.5 200 85 4.75 4.5 TYP MAX +2.0 +2.0 UNITS mA mA mA mA mA mA mA V V NOTES
CAPACITANCE
PARAMETER Input Capacitance Output Capacitance SYMBOL CIN CI/O MIN TYP 10 10 MAX 20 20
(tA=25C)
UNITS pF pF NOTES
3 of 8
DS1265Y/AB
AC ELECTRICAL CHARACTERISTICS
PARAMETER Read Cycle Time Access Time
OE CE OE
(VCC=5V 5% for DS1265AB) (tA: See Note 10) (VCC=5V 10% for DS1265Y)
DS1265AB-70 DS1265Y-70 DS1265AB-100 DS1265Y-100
SYMBOL tRC tACC tOE tCO tCOE tOD tOH tWC tWP tAW tWR1 tWR2 tODW tOEW tDS tDH1 tDH2
MIN 70
MAX 70 35 70
MIN 100
MAX 100 50 100
UNITS ns ns ns ns ns
NOTES
to Output Valid to Output Valid or CE to Output Active
5 25 5 70 55 0 5 15 25 5 30 0 10
5 35 5 100 75 0 5 15 35 5 40 0 10
5 5
Output High Z from Deselection Output Hold from Address Change Write Cycle Time Write Pulse Width Address Setup Time Write Recovery Time Output High Z from WE Output Active from WE Data Setup Time Data Hold Time
ns ns ns ns ns ns ns ns ns ns ns ns
3 12 13 5 5 4 12 13
TIMING DIAGRAM: READ CYCLE
SEE NOTE 1
4 of 8
DS1265Y/AB
TIMING DIAGRAM:
WRITE CYCLE 1
TIMING DIAGRAM: WRITE CYCLE 2
SEE NOTES 2, 3, 4, 6, 7, 8 AND 13
5 of 8
DS1265Y/AB
POWER-DOWN/POWER-UP CONDITION
SEE NOTE 11
POWER-DOWN/POWER-UP TIMING
PARAMETER VCC Fail Detect to CE and WE Inactive VCC slew from VTP to 0V VCC slew from 0V to VTP VCC Valid to CE and WE Inactive VCC Valid to End of Write Protection SYMBOL tPD tF tR tPU tREC 150 150 2 125 MIN TYP MAX 1.5
(tA: See Note 10)
UNITS ms ms ms ms ms NOTES 11
(tA=25C)
PARAMETER Expected Data Retention Time SYMBOL tDR MIN 10 TYP MAX UNITS years NOTES 9
WARNING:
Under no circumstance are negative undershoots, of any amplitude, allowed when device is in battery backup mode.
NOTES:
1. WE is high for a Read Cycle. 2. OE = VIH or VIL. If OE = VIH during write cycle, the output buffers remain in a high-impedance state. 3. tWP is specified as the logical AND of CE or WE . tWP is measured from the latter of CE or WE going low to the earlier of CE or WE going high. 4. tDS is measured from the earlier of CE or WE going high. 5. These parameters are sampled with a 5 pF load and are not 100% tested. 6. If the CE low transition occurs simultaneously with or latter than the WE low transition, the output buffers remain in a high-impedance state during this period. 7. If the CE high transition occurs prior to or simultaneously with the WE high transition, the output buffers remain in high-impedance state during this period. 6 of 8
DS1265Y/AB
8. If WE is low or the WE low transition occurs prior to or simultaneously with the CE low transition, the output buffers remain in a high-impedance state during this period. 9. Each DS1265 has a built-in switch that disconnects the lithium source until VCC is first applied by the user. The expected tDR is defined as accumulative time in the absence of VCC starting from the time power is first applied by the user. 10. All AC and DC electrical characteristics are valid over the full operating temperature range. For commercial products, this range is 0C to 70C. For industrial products (IND), this range is -40C to +85C. 11. In a power-down condition the voltage on any pin may not exceed the voltage on VCC. 12. tWR1 and tDH1 are measured from WE going high. 13. tWR2 and tDH2 are measured from CE going high. 14. DS1265 modules are recognized by Underwriters Laboratory (U.L.O) under file E99151.
DC TEST CONDITIONS
Outputs Open Cycle = 200ns for operating current All voltages are referenced to ground
AC TEST CONDITIONS
Output Load: 100 pF + 1TTL Gate Input Pulse Levels: 0V to 3.0V Timing Measurement Reference Levels Input: 1.5V Output: 1.5V Input pulse Rise and Fall Times: 5 ns
ORDERING INFORMATION
DS1265 TTP - SSS - III Operating Temperature Range blank: 0 to 70 IND: -40 to +85C Access Speed 70: 70 ns 100: 100 ns Package Type blank: 36-pin 600-mil DIP VCC Tolerance AB: 5% Y: 10%
7 of 8
DS1265Y/AB
DS1265Y/AB NONVOLATILE SRAM 36-PIN 740-MIL EXTENDED MODULE, LONG
PKG DIM A IN. MM B IN. MM C IN. MM D IN. MM E IN. MM F IN. MM G IN. MM H IN. MM J IN. MM K IN. MM 36-PIN MIN 2.080 52.83 0.720 18.29 0.355 9.02 0.180 4.57 0.015 0.38 0.120 3.05 0.090 2.29 0.590 14.99 0.008 0.20 0.015 0.38 MAX 2.100 53.34 0.740 18.80 0.405 10.29 0.210 5.33 0.025 0.63 0.150 4.06 0.110 2.79 0.630 16.00 0.012 0.30 0.025 0.58
8 of 8


▲Up To Search▲   

 
Price & Availability of DS1265Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X