Part Number Hot Search : 
TA8211 2SA1787 WE150 60207 BT222 KSD560 GOB94020 ES1JE
Product Description
Full Text Search
 

To Download DM74ALS646 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM74ALS646 Octal 3-STATE Bus Transceiver and Register
October 1986 Revised June 2001
DM74ALS646 Octal 3-STATE Bus Transceiver and Register
General Description
This device incorporates an octal bus transceiver and an octal D-type register configured to enable multiplexed transmission of data from bus to bus or internal register to bus. This bus transceiver features totem-pole 3-STATE outputs designed specifically for driving highly-capacitive or relatively low-impedance loads. The high-impedance state and increased high-logic level drive provides this device with the capability of being connected directly to and driving the bus lines in a bus-organized system without the need for interface or pull-up components. They are particularly attractive for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers. The registers in the DM74ALS646 are edge-triggered Dtype flip-flops. On the positive transition of the clock (CAB or CBA), the input bus data is stored into the appropriate register. The CAB input controls the transfer of data into the A register and the CBA input controls the B register. The SAB and SBA control pins are provided to select whether real-time data or stored data is transferred. A LOW input level selects real-time data, and a HIGH level selects stored data. The select controls have a "make before break" configuration to eliminate a glitch which would normally occur in a typical multiplexer during the transition between store and real-time data. The enable G and direction control pins provide four modes of operation: real-time data transfer from bus A to B, realtime data transfer from bus B to A, real-time bus A and/or B data transfer to internal storage, or internally stored data transfer to bus A or B. When the enable G pin is LOW, the direction pin selects which bus receives data. When the enable G pin is HIGH, both buses become disabled yet their input function is still enabled.
Features
s Switching specifications at 50 pF s Switching specifications guaranteed over full temperature and VCC range s Advanced oxide-isolated, ion-implanted Schottky TTL process s 3-STATE buffer outputs drive bus lines directly s Multiplexed real-time and stored data s Independent registers for A and B buses
Ordering Code
Order Number DM74ALS646WM DM74ALS646NT Package Number M24B N24C Package Description 24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
(c) 2001 Fairchild Semiconductor Corporation
DS009172
www.fairchildsemi.com
DM74ALS646
Connection Diagram
Function Table
Inputs G X X H H L L L L DIR CAB CBA SAB SBA X X X X L L H H Data I/O (Note 1) Operation or Function A1 thru A8 Input Not Specified Input Input Output Output Input Input B1 thru B8 Not Specified Store A, B Unspecified Input Input Input Input Input Output Output Store B, A Unspecified Store A and B Data Isolation, Hold Storage Real-Time B Data to a Bus Stored B Data to a Bus Real-Time A Data to B Bus Stored A Data to B Bus
X
X
X X X X X X L H
X X X X L H X X

H/L X H/L X X
H/L X X X H/L
H = HIGH Logic Level L = LOW Logic Level X = Don't Care (Either LOW or HIGH Logic Levels including transitions) H/L = Either LOW or HIGH Logic Level excluding transitions = Positive going edge of pulse Note 1: The data output functions may be enabled or disabled by various signals at the G and DIR inputs. Data input functions are always enabled, i.e., data at the bus pins will be stored on every LOW-to-HIGH transition on the clock inputs.
Logic Diagram
www.fairchildsemi.com
2
DM74ALS646
Absolute Maximum Ratings(Note 2)
Supply Voltage Input Voltage Control Inputs I/O Ports Operating Free-Air Temperature Range Storage Temperature Range Typical JA N Package M Package 44.5C/W 80.5C/W 7V 5.5V 0C to +70C
Note 2: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
7V
-65C to +150C
Recommended Operating Conditions
Symbol VCC VIH VIL IOH IOL fCLK tW tSU tH TA Supply Voltage HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Current LOW Level Output Current Clock Frequency Pulse Duration, Clocks LOW or HIGH Data Setup Time, A before CAB or B before CBA (Note 3) Data Hold Time, A after CAB or B after CBA (Note 3) Free Air Operating Temperature 10 0 70 0.8 Parameter Min Nom 5 Max 5.5 Units V V V mA mA MHz ns ns ns
-15
24 40
C
Note 3: = With reference to the LOW-to-HIGH transition of the respective clock.
Electrical Characteristics
over recommended free air temperature range Symbol Parameter VIC VOH Input Clamp Voltage HIGH Level Output Voltage VOL LOW Level Output Voltage II IIH IIL IO ICC Input Current at Maximum Input Voltage HIGH Level Input Current LOW Level Input Current Output Drive Current Supply Current VCC = Max, VI = 0.4V, (Note 4) VCC = Max, VO = 2.25V VCC = Max Outputs HIGH Outputs LOW Outputs Disabled
Note 4: For I/O ports the 3-STATE output currents (IOZH and IOZL ) are included in the IIH and IIL parameters.
Test Conditions IOH = -0.4 mA IOH = -3 mA IOH = Max IOL = 12 mA IOL = 24 mA IOL = 48 mA
Min VCC - 2 2.4 2
Typ
Max -1.2
Units V V
VCC = Min, II = -18 mA VCC = 4.5V to 5.5V VCC = Min VCC = Min 3.2 0.25 0.35 0.35
0.4 0.5 0.5 100 100 20 -200 -200 A A A mA mA V
VCC = Max
I/O Ports, VI = 5.5V Control Inputs, VI = 7V
VCC = Max, VI = 2.7V (Note 4) Control Inputs I/O Ports -30 47 55 55
-112 76 88 88
3
www.fairchildsemi.com
DM74ALS646
Switching Characteristics
over recommended operating free air temperature range Symbol tPLH tPHL tPLH tPHL tPLH Parameter Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output (with A or B LOW) (Note 5) tPHL Propagation Delay Time HIGH-to-LOW Level Output (with A or B LOW) (Note 5) tPLH Propagation Delay Time LOW-to-HIGH Level Output (with A or B HIGH) (Note 5) tPHL Propagation Delay Time HIGH-to-LOW Level Output (with A or B HIGH) (Note 5) tPZH Output Enable Time to HIGH Level Output tPZL Output Enable Time to LOW Level Output tPHZ Output Disable Time from HIGH Level Output tPLZ tPZH tPZL tPHZ tPLZ Output Disable Time from LOW Level Output Output Enable Time to HIGH Level Output Output Enable Time to LOW Level Output Output Disable Time from HIGH Level Output Output Disable Time from LOW Level Output G to A or B G to A or B G to A or B G to A or B DIR to A or B DIR to A or B DIR to A or B DIR to A or B 3 17 ns SBA or SAB to A or B 5 20 ns SBA or SAB to A or B 6 25 ns SBA or SAB to A or B 5 20 ns Conditions VCC = 4.5V to 5.5V, CL = 50 pF, R1 = R2 = 500, TA = Min to Max From (Input) To (Output) CBA or CAB to A or B CBA or CAB to A or B A or B to B or A A or B to B or A SBA or SAB to A or B 12 35 ns Min 10 5 5 3 Max 30 17 20 12 Units ns ns ns ns
5
20
ns
1
10
ns
2 6 5 1 2
16 30 25 10 16
ns ns ns ns ns
Note 5: These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
www.fairchildsemi.com
4
DM74ALS646
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M24B
5
www.fairchildsemi.com
DM74ALS646 Octal 3-STATE Bus Transceiver and Register
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N24C
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of DM74ALS646

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X