Part Number Hot Search : 
4021006 AN7580 NS741 BT130 C1608 ISPGDX CD4502B MG650
Product Description
Full Text Search
 

To Download CY22394 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY22393 CY22394 CY22395
Three-PLL Serial-Programmable Flash-Programmable Clock Generator
Features
* Three integrated phase-locked loops (PLLs) * Ultra-wide divide counters (8-bit Q, 11-bit P, and 7-bit post divide) * Improved linear crystal load capacitors * Flash programmability with external programmer * Field-programmable * Low-jitter, high-accuracy outputs * Power-management options (Shutdown, OE, Suspend) * Configurable crystal drive strength * Frequency select via three external LVTTL inputs * 3.3V operation * 16-pin TSSOP package * CyClocksRTTM support
Benefits
* Generates up to three unique frequencies on up to six outputs from an external source. * Allows for 0-ppm frequency generation and frequency conversion in the most demanding applications. * Improves frequency accuracy over temperature, age, process, and initial ppm offset. * Non-volatile programming enables easy customization, ultra-fast turnaround, performance tweaking, design timing margin testing, inventory control, lower part count, and more secure product supply. In addition, any part in the family can be programmed multiple times, which reduces programming errors and provides an easy upgrade path for existing designs. * In-house programming of samples and prototype quantities are available using the CY3672 FTG Development Kit. Production quantities are available through Cypress Semiconductor's value-added distribution partners or by using third-party programmers from BP Microsystems, HiLo Systems, and others. * Performance suitable for high-end multimedia, communications, industrial, A/D converters, and consumer applications. * Supports numerous low-power application schemes and reduces electromagnetic interference (EMI) by allowing unused outputs to be turned off. * Adjust crystal drive strength for compatibility with virtually all crystals. * 3-bit external frequency select options for PLL1, CLKA, and CLKB. * Industry-standard supply voltage. * Industry-standard packaging saves on board space. * Easy to use software support for design entry. * Allows in-system programming into volatile configuration memory. All frequency settings can be changed providing literally millions of frequency options. * Adjust output buffer strength to lower EMI or improve timing margin. * Fine tune crystal oscillator frequency by changing load capacitance. * Differential output up to 400 MHz. * Provides interfacing option for low-voltage parts.
Advanced Features
* * * * * Serial-programmable Configurable output buffer Digital VCXO High-frequency LVPECL output (CY22394 only) 3.3/2.5V outputs (CY22395 only)
Cypress Semiconductor Corporation Document #: 38-07186 Rev. *B
*
3901 North First Street
*
San Jose, CA 95134 * 408-943-2600 Revised June 23, 2004
CY22393 CY22394 CY22395
Selector Guide
Part Number CY22393FC CY22393FI CY22394FC CY22394FI CY22395FC CY22395FI Outputs 6 CMOS 6 CMOS 1 PECL/ 4 CMOS 1 PECL/ 4 CMOS Input Frequency Range Output Frequency Range Specifics Commercial Temperature Industrial Temperature Commercial Temperature Industrial Temperature Commercial Temperature Industrial Temperature 8 MHz-30 MHz (external crystal) Up to 200 MHz 1 MHz-166 MHz (reference clock) 8 MHz-30 MHz (external crystal) Up to 166 MHz 1 MHz-150 MHz (reference clock) 8 MHz-30 MHz (external crystal) 100 MHz-400 MHz (PECL) 1 MHz-166 MHz (reference clock) Up to 200 MHz (CMOS) 8 MHz-30 MHz (external crystal) 125 MHz-375 MHz (PECL) 1 MHz-150 MHz (reference clock) Up to 166 MHz (CMOS)
4 LVCMOS/ 8 MHz-30 MHz (external crystal) Up to 200 MHz (3.3V) 1 CMOS 1 MHz-166 MHz (reference clock) Up to 133 MHz (2.5V) 4 LVCMOS/ 8 MHz-30 MHz (external crystal) Up to 166 MHz (3.3V) 1 CMOS 1 MHz-150 MHz (reference clock) Up to 133 MHz (2.5V)
Logic Block Diagram -- CY22393
XTALIN XTALOUT OSC. XBUF
CONFIGURATION FLASH
PLL1 11-Bit P 8-Bit Q PLL2 11-Bit P 8-Bit Q PLL3 11-Bit P 8-Bit Q 4x4 Crosspoint Switch
Divider /2, /3, or /4
CLKE
SHUTDOWN/OE SCLK SDAT S2/SUSPEND
Divider 7-Bit Divider 7-Bit
CLKD
CLKC
Divider 7-Bit Divider 7-Bit
CLKB
CLKA
Logic Block Diagram -- CY22394
XTALIN XTALOUT OSC. XBUF
CONFIGURATION FLASH
PLL1 11-Bit P 8-Bit Q PLL2 11-Bit P 8-Bit Q
0 180 PECL OUTPUT
P+CLK P-CLK
SHUTDOWN/OE SCLK SDAT S2/SUSPEND
4x4 Crosspoint Switch
Divider 7-Bit
CLKC
PLL3 11-Bit P 8-Bit Q
Divider 7-Bit
CLKB
Divider 7-Bit
CLKA
Document #: 38-07186 Rev. *B
Page 2 of 19
CY22393 CY22394 CY22395
Logic Block Diagram -- CY22395
XTALIN XTALOUT OSC. Divider /2, /3, or /4 PLL1 11-Bit P 8-Bit Q Divider 7-Bit 4x4 Crosspoint Switch PLL2 11-Bit P 8-Bit Q LCLKD LCLKE
CONFIGURATION FLASH
SHUTDOWN/OE SCLK SDAT S2/SUSPEND
Divider 7-Bit
CLKC
Divider 7-Bit
LCLKB
PLL3 11-Bit P 8-Bit Q
Divider 7-Bit
LCLKA
LCLKA, LCLKB, LCLKD, LCLKE referenced to LVDD
Pin Configurations
CY22393 16-pin TSSOP
CLKC VDD AGND XTALIN XTALOUT XBUF CLKD CLKE 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 SHUTDOWN/OE S2/SUSPEND AVDD SCLK (S1) SDAT (S0) GND CLKA CLKB CLKC VDD AGND XTALIN XTALOUT XBUF P-CLK P+ CLK
CY22394 16-pin TSSOP
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 SHUTDOWN/OE S2/SUSPEND AVDD SCLK (S1) SDAT (S0) GND CLKA CLKB CLKC VDD AGND XTALIN XTALOUT LVDD LCLKD LCLKE
CY22395 16-pin TSSOP
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 SHUTDOWN/OE S2/SUSPEND AV DD SCLK (S1) SDAT (S0) GND/LGND LCLKA LCLKB
Pin Definitions
Name CLKC VDD AGND XTALIN XTALOUT XBUF LVDD CLKD or LCLKD P-CLK CLKE or LCLKE P+ CLK CLKB or LCLKB Pin Number Pin Number Pin Number CY22393 CY22394 CY22395 1 2 3 4 5 6 N/A 7 N/A 8 N/A 9 1 2 3 4 5 6 N/A N/A 7 N/A 8 9 1 2 3 4 5 N/A 6 7 N/A 8 N/A 9 Power supply Analog Ground Reference crystal input or external reference clock input Reference crystal feedback Buffered reference clock output Low Voltage Clock Output Power Supply Configurable clock output D; LCLKD referenced to LVDD LV PECL Output[1] Configurable clock output E; LCLKE referenced to LVDD LV PECL Output[1] Configurable clock output B; LCLKB referenced to LVDD Description Configurable clock output C
Note: 1. LVPECL outputs require an external termination network.
Document #: 38-07186 Rev. *B
Page 3 of 19
CY22393 CY22394 CY22395
Pin Definitions (continued)
Name CLKA or LCLKA GND/LGND SDAT (S0) SCLK (S1) AVDD S2/ SUSPEND SHUTDOWN/ OE Pin Number Pin Number Pin Number CY22393 CY22394 CY22395 10 11 12 13 14 15 16 10 11 12 13 14 15 16 10 11 12 13 14 15 16 Ground Two Wire Serial Port Data. S0 value latched during start-up Two Wire Serial Port Clock. S1 value latched during start-up Analog Power Supply General Purpose Input for Frequency Control; bit 2. Optionally Suspend mode control input Places outputs in three-state condition and shuts down chip when LOW. Optionally, only places outputs in three-state condition and does not shut down chip when LOW CLKA and CLKB both have 7-bit dividers that point to one of two programmable settings (register 0 and register 1). Both clocks share a single register control, so both must be set to register 0, or both must be set to register 1. For example, the part may be programmed to use S0, S1, and S2 (0,0,0 to 1,1,1) to control eight different values of P and Q on PLL1. For each PLL1 P and Q setting, one of the two CLKA and CLKB divider registers can be chosen. Any divider change as a result of switching S0, S1, or S2 is guaranteed to be glitch free. Crystal Input The input crystal oscillator is an important feature of this family of parts because of its flexibility and performance features. The oscillator inverter has programmable drive strength. This allows for maximum compatibility with crystals from various manufacturers, process, performance, and quality. The input load capacitors are placed on-die to reduce external component cost. These capacitors are true parallel-plate capacitors for ultra-linear performance. These were chosen to reduce the frequency shift that occurs when non-linear load capacitance interacts with load, bias, supply, and temperature changes. Non-linear (FET gate) crystal load capacitors should not be used for MPEG, POTS dial tone, communications, or other applications that are sensitive to absolute frequency requirements. The value of the load capacitors is determined by six bits in a programmable register. The load capacitance can be set with a resolution of 0.375 pF for a total crystal load range of 6 pF to 30 pF. For driven clock inputs the input load capacitors may be completely bypassed. This enables the clock chip to accept driven frequency inputs up to 166 MHz. If the application requires a driven input, then XTALOUT must be left floating. Digital VCXO The serial programming interface may be used to dynamically change the capacitor load value on the crystal. A change in crystal load capacitance corresponds with a change in the reference frequency. For special pullable crystals specified by Cypress, the capacitance pull range is +150 ppm to -150 ppm from midrange. Description Configurable clock output A; LCLKA referenced to LVDD
Operation
The CY22393, CY22394, and CY22395 are a family of parts designed as upgrades to the existing CY22392 device. These parts have similar performance to the CY22392, but provide advanced features to meet the needs of more demanding applications. The clock family has three PLLs which, when combined with the reference, allow up to four independent frequencies to be output on up to six pins. These three PLLs are completely programmable. Configurable PLLs PLL1 generates a frequency that is equal to the reference divided by an 8-bit divider (Q) and multiplied by an 11-bit divider in the PLL feedback loop (P). The output of PLL1 is sent to two locations: the cross point switch and the PECL output (CY22394). The output of PLL1 is also sent to a /2, /3, or /4 synchronous post-divider that is output through CLKE. The frequency of PLL1 can be changed via serial programming or by external CMOS inputs, S0, S1, and S2. See the following section on general-purpose Inputs for more detail. PLL2 generates a frequency that is equal to the reference divided by an 8-bit divider (Q) and multiplied by an 11-bit divider in the PLL feedback loop (P). The output of PLL2 is sent to the cross point switch. The frequency of PLL2 can be changed via serial programming. PLL3 generates a frequency that is equal to the reference divided by an 8-bit divider (Q) and multiplied by an 11-bit divider in the PLL feedback loop (P). The output of PLL3 is sent to the cross point switch. The frequency of PLL3 can be changed via serial programming. General-Purpose Inputs S2 is a general-purpose input that can be programmed to allow for two different frequency settings. Options that may be switched with this general-purpose input are as follows: the frequency of PLL1, the output divider of CLKB, and the output divider of CLKA. The two frequency settings are contained within an eight-row frequency table. The values of SCLK (S1) and SDAT (S0) pins are latched during start-up and used as the other two indexes into this array.
Document #: 38-07186 Rev. *B
Page 4 of 19
CY22393 CY22394 CY22395
Be aware that adjusting the frequency of the reference will affect all frequencies on all PLLs in a similar manner since all frequencies are derived from the single reference. Output Configuration Under normal operation there are four internal frequency sources that may be routed via a programmable cross point switch to any of the four programmable 7-bit output dividers. The four sources are: reference, PLL1, PLL2, and PLL3. The following is a description of each output. CLKA's output originates from the cross point switch and goes through a programmable 7-bit post divider. The 7-bit post divider derives its value from one of two programmable registers. See the section on General-Purpose Inputs for more information. CLKB's output originates from the cross point switch and goes through a programmable 7-bit post divider. The 7-bit post divider derives its value from one of two programmable registers. See the section on General-Purpose Inputs for more information. CLKC's output originates from the cross point switch and goes through a programmable 7-bit post divider. The 7-bit post divider derives its value from one programmable register. CLKD's output originates from the cross point switch and goes through a programmable 7-bit post divider. The 7-bit post divider derives its value from one programmable register. For the CY22394, CLKD is brought out as the complimentary version of a LV PECL Clock referenced to CLKE, bypassing both the cross point switch and 7-bit post divider. CLKE's output originates from PLL1 and goes through a post divider that may be programmed to /2, /3, or /4. For the CY22394, CLKE is brought out as an LV PECL Clock, bypassing the post divider. XBUF is simply the buffered reference. The Clock outputs have been designed to drive a single point load with a total lumped load capacitance of 15 pF. While driving multiple loads is possible with the proper termination it is generally not recommended. Power-Saving Features The SHUTDOWN/OE input three-states the outputs when pulled LOW. If system shutdown is enabled, a LOW on this pin also shuts off the PLLs, counters, reference oscillator, and all other active components. The resulting current on the VDD pins will be less than 5 mA (typical). After leaving shutdown mode, the PLLs will have to relock. The S2/SUSPEND input can be configured to shut down a customizable set of outputs and/or PLLs, when LOW. All PLLs and any of the outputs can be shut off in nearly any combination. The only limitation is that if a PLL is shut off, all outputs derived from it must also be shut off. Suspending a PLL shuts off all associated logic, while suspending an output simply forces a three-state condition. With the serial interface, each PLL and/or output can be individually disabled. This provides total control over the power savings. Improving Jitter Jitter Optimization Control is useful in mitigating problems related to similar clocks switching at the same moment, causing excess jitter. If one PLL is driving more than one output, the negative phase of the PLL can be selected for one of the outputs (CLKA-CLKD). This prevents the output edges from aligning, allowing superior jitter performance. Power Supply Sequencing For parts with multiple VDD pins, there are no power supply sequencing requirements. The part will not be fully operational until all VDD pins have been brought up to the voltages specified in the "Operating Conditions" table. All grounds should be connected to the same ground plane.
CyClocksRT Software
CyClocksRT is our second-generation software application that allows users to configure this family of devices. The easy-to-use interface offers complete control of the many features of this family including, but not limited to, input frequency, PLL and output frequencies, and different functional options. Data sheet frequency range limitations are checked and performance tuning is automatically applied. CyClocksRT also has a power estimation feature that allows the user to see the power consumption of a specific configuration. You can download a free copy of CyberClocks that includes CyClocksRT for free on Cypress's web site at www.cypress.com CyClocksRT is used to generate P, Q, and divider values used in serial programming. There are many internal frequency rules which are not documented in this data sheet, but are required for proper operation of the device. These rules can be checked by using the latest version of CyClocksRT. Junction Temperature Limitations It is possible to program this family such that the maximum Junction Temperature rating is exceeded. The package qJA is 115 C/W. Use the CyClocksRT power estimation feature to verify that the programmed configuration meets the Junction Temperature and Package Power Dissipation maximum ratings. Dynamic Updates The output divider registers are not synchronized with the output clocks. Changing the divider value of an active output will likely cause a glitch on that output. PLL P and Q data is spread between three bytes. Each byte becomes active on the acknowledge for that byte, so changing P and Q data for an active PLL will likely cause the PLL try to lock on an out-of-bounds condition. For this reason, it is recommended that the PLL being programmed be turned off during the update. This can be done by setting the PLL*_En bit LOW. PLL1, CLKA, and CLKB each have multiple registers supplying data. Programming these resources can be accomplished safely by always programming an inactive register, and then transitioning to that register. This allows these resources to stay on during programming. The serial interface is active even with the SHUTDOWN/OE pin LOW as the serial interface logic uses static components and is completely self-timed. The part will not meet the IDDS current limit with transitioning inputs.
Document #: 38-07186 Rev. *B
Page 5 of 19
CY22393 CY22394 CY22395
Memory Bitmap Definitions
Clk{A-D}_Div[6:0] Each of the four main output clocks (CLKA-CLKD) features a 7-bit linear output divider. Any divider setting may be used between 1 and 127 by programming the value of the desired divider into this register. Odd divide values are automatically duty-cycle corrected. Setting a divide value of zero powers down the divider and forces the output to a three-state condition. CLKA and CLKB have two divider registers, selected by the DivSel bit (which in turn is selected by S2, S1, and S0). This allows dynamic changing of the output divider value. For the CY22394 device, ClkD_Div = 000001. ClkE_Div[1:0] CLKE has a simpler divider. ClkE_Div = 01. ClkE_Div[1:0] 00 01 10 11 Clk*_FS[2:0] Each of the four main output clocks (CLKA-CLKD) has a three-bit code that determines the clock sources for the output divider. The available clock sources are: Reference, PLL1, PLL2, and PLL3. Each PLL provides both positive and negative phased outputs, for a total of seven clock sources. Note that the phase is a relative measure of the PLL output phases. No absolute phase relation exists at the outputs. Clk*_FS[2:0] 000 001 010 011 100 101 110 111 Xbuf_OE This bit enables the XBUF output when HIGH. For the CY22395, Xbuf_OE = 0. PdnEn This bit selects the function of the SHUTDOWN/OE pin. When this bit is HIGH, the pin is an active LOW shutdown control. When this bit is LOW, this pin is an active HIGH output enable control. Reserved PLL1 0 Phase PLL1 180 Phase PLL2 0 Phase PLL2 180 Phase PLL3 0 Phase PLL3 180 Phase Clock Source Reference Clock For the CY22394, set ClkE Output Off PLL1 0 Phase/4 PLL1 0 Phase/2 PLL1 0 Phase/3 Clk*_ACAdj[1:0] These bits modify the output predrivers, changing the duty cycle through the pads. These are nominally set to 01, with a higher value shifting the duty cycle higher. The performance of the nominal setting is guaranteed. Clk*_DCAdj[1:0] These bits modify the DC drive of the outputs. The performance of the nominal setting is guaranteed. Clk*_DCAdj[1:0] 00 01 10 11 PLL*_Q[7:0] PLL*_P[9:0] PLL*_P0 These are the 8-bit Q value and 11-bit P values that determine the PLL frequency. The formula is: PT F PLL = F REF x ------ Q T P T = ( 2 x ( P + 3 ) ) + PO Qt = Q + 2 PLL*_LF[2:0] These bits adjust the loop filter to optimize the stability of the PLL. The following table can be used to guarantee stability. However, CyClocksRT uses a more complicated algorithm to set the loop filter for enhanced jitter performance. It is recommended to use the Print Preview function in CyClocksRT to determine the charge pump settings for optimal jitter performance. PLL*_LF[2:0] 000 001 010 011 100 PLL*_En This bit enables the PLL when HIGH. If PLL2 or PLL3 are not enabled, then any output selecting the disabled PLL must have a divider setting of zero (off). Since the PLL1_En bit is dynamic, internal logic automatically turns off dependent outputs when PLL1_En goes LOW. DivSel This bit controls which register is used for the CLKA and CLKB dividers. PT Min 16 232 627 835 1044 PT Max 231 626 834 1043 1600 Output Drive Strength -30% of nominal Nominal +15% of nominal +50% of nominal
Document #: 38-07186 Rev. *B
Page 6 of 19
CY22393 CY22394 CY22395
OscCap[5:0] This controls the internal capacitive load of the oscillator. The approximate effective crystal load capacitance is: C LOAD = 6pF + ( OscCap x 0.375pF ) Set to zero for external reference clock. OscDrv[1:0] These bits control the crystal oscillator gain setting. These should always be set according to the following table. The parameters are the Crystal Frequency, Internal Crystal Parasitic Resistance (available from the manufacturer), and the OscCap setting during crystal start-up (which occurs when power is applied, or after shutdown is released). If in doubt, use the next higher setting. OscCap 8-15 MHz 15-20 MHz 20-25 MHz 25-30 MHz 00H-20H 60 01 10 10 10 00 01 01 10 20H-30H 30 01 01 10 10 60 10 10 10 11 30H-40H 30 01 10 10 11 60 10 10 11 NA Crystal Freq\ R 30
For external reference, the following table must be used. External Freq (MHz) OscDrv[1:0] Reserved These bits must be programmed LOW for proper operation of the device. 1-25 00 25-50 01 50-90 10 90-166 11
Serial Programming Bitmaps -- Summary Tables
Addr 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 12H 13H 14H 15H 16H 17H Addr 40H 41H 42H 43H 44H 45H 46H 47H 48H 49H 4AH 4BH DivSel PLL1_En 011 DivSel PLL1_En 010 DivSel PLL1_En 001 DivSel PLL1_En DivSel 0 1 0 1 - - - - - - - - - - - - S2 (1,0) 000 b7 b6 Reserved PLL3_En Osc_Cap[5:0] b5 b4 b3 b2 Reserved PLL2_En b7 ClkA_FS[0] ClkA_FS[0] ClkB_FS[0] ClkB_FS[0] ClkC_FS[0] ClkD_FS[0] ClkD_FS[2:1] Clk{C,X}_ACAdj[1:0] ClkX_DCAdj[1] ClkC_FS[2:1] Clk{A,B,D,E}_ACAdj[1:0] Clk{D,E}_DCAdj[1] PLL2_Q[7:0] PLL2_P[7:0] PLL2_LF[2:0] PLL3_Q[7:0] PLL3_P[7:0] PLL3_LF[2:0] PLL3_PO PLL3_P[9:8] Osc_Drv[1:0] b1 b0 PLL2_PO PLL2_P[9:8] b6 b5 b4 b3 ClkA_Div[6:0] ClkA_Div[6:0] ClkB_Div[6:0] ClkB_Div[6:0] ClkC_Div[6:0] ClkD_Div[6:0] ClkB_FS[2:1] PdnEn Xbuf_OE ClkC_DCAdj[1] ClkA_FS[2:1] ClkE_Div[1:0] Clk{A,B}_DCAdj[1] b2 b1 b0
PLL1_Q[7:0] PLL1_P[7:0] PLL1_LF[2:0] PLL1_Q[7:0] PLL1_P[7:0] PLL1_LF[2:0] PLL1_Q[7:0] PLL1_P[7:0] PLL1_LF[2:0] PLL1_Q[7:0] PLL1_P[7:0] PLL1_LF[2:0] PLL1_PO PLL1_P[9:8] Page 7 of 19 PLL1_PO PLL1_P[9:8] PLL1_PO PLL1_P[9:8] PLL1_PO PLL1_P[9:8]
Document #: 38-07186 Rev. *B
CY22393 CY22394 CY22395
Addr 4CH 4DH 4EH 4FH 50H 51H 52H 53H 54H 55H 56H 57H DivSel PLL1_En 111 DivSel PLL1_En 110 DivSel PLL1_En 101 DivSel PLL1_En S2 (1,0) 100 b7 b6 b5 b4 b3 b2 b1 b0
PLL1_Q[7:0] PLL1_P[7:0] PLL1_LF[2:0] PLL1_Q[7:0] PLL1_P[7:0] PLL1_LF[2:0] PLL1_Q[7:0] PLL1_P[7:0] PLL1_LF[2:0] PLL1_Q[7:0] PLL1_P[7:0] PLL1_LF[2:0] Data Frame Every new data frame is indicated by a start and stop sequence, as illustrated in Figure 4. Start Sequence - Start Frame is indicated by SDAT going LOW when SCLK is HIGH. Every time a start signal is given, the next 8-bit data must be the device address (seven bits) and a R/W bit, followed by register address (eight bits) and register data (eight bits). Stop Sequence - Stop Frame is indicated by SDAT going HIGH when SCLK is HIGH. A Stop Frame frees the bus for writing to another part on the same bus or writing to another random register address. Acknowledge Pulse During Write Mode the CY22393,CY22394 and CY22395 will respond with an Acknowledge pulse after every eight bits. This is accomplished by pulling the SDAT line LOW during the N*9th clock cycle as illustrated in Figure 5. (N = the number of bytes transmitted). During Read Mode the acknowledge pulse after the data packet is sent is generated by the master. PLL1_PO PLL1_P[9:8] PLL1_PO PLL1_P[9:8] PLL1_PO PLL1_P[9:8] PLL1_PO PLL1_P[9:8]
Serial Programming Interface (SPI) Protocol and Timing
The CY22393,CY22394 and CY22395 utilizes a 2-serial-wire interface SDAT and SCLK that operates up to 400 kbits/sec in Read or Write mode. The basic Write serial format is as follows: Start Bit; 7-bit Device Address (DA); R/W Bit; Slave Clock Acknowledge (ACK); 8-bit Memory Address (MA); ACK; 8-bit Data; ACK; 8-bit Data in MA+1 if desired; ACK; 8-bit Data in MA+2; ACK; etc. until STOP Bit. The basic serial format is illustrated in Figure 2. Default Startup Condition for the CY22393/94/95 The default (programmed) condition of each device is generally set by the distributor, who will program the device using a customer-specified JEDEC file produced by CyClocksRT, Cypress's proprietary development software. Parts shipped by the factory are blank and unprogrammed. In this condition, all bits are set to 0, all outputs are three-stated, and the crystal oscillator circuit is active. While users can develop their own subroutine to program any or all of the individual registers as described in the following pages, it may be easier to simply use CyClocksRT to produce the required register setting file. Device Address The device address is a 7-bit value that is configured during Field Programming. By programming different device addresses, two or more parts can be connected to the serial interface and be independently controlled. The device address is combined with a read/write bit as the LSB and is sent after each start bit. The default serial interface address is 69H, but should there be a conflict with any other devices in your system, this can also be changed using CyClocksRT. Data Valid Data is valid when the clock is HIGH, and may only be transitioned when the clock is LOW as illustrated in Figure 3.
Write Operations
Writing Individual Bytes A valid write operation must have a full 8-bit register address after the device address word from the master, which is followed by an acknowledge bit from the slave (ack = 0/LOW). The next eight bits must contain the data word intended for storage. After the data word is received, the slave responds with another acknowledge bit (ack = 0/LOW), and the master must end the write sequence with a STOP condition. Writing Multiple Bytes In order to write more than one byte at a time, the master does not end the write sequence with a stop condition. Instead, the master can send multiple contiguous bytes of data to be stored. After each byte, the slave responds with an acknowledge bit, just like after the first byte, and will accept data until the acknowledge bit is responded to by the STOP condition. When receiving multiple bytes, the CY22393, CY22394, and CY22395 internally increments the register address.
Document #: 38-07186 Rev. *B
Page 8 of 19
CY22393 CY22394 CY22395
Read Operations
Read operations are initiated the same way as Write operations except that the R/W bit of the slave address is set to `1' (HIGH). There are three basic read operations: current address read, random read, and sequential read. Current Address Read The CY22393,CY22394 and CY22395 has an onboard address counter that retains 1 more than the address of the last word access. If the last word written or read was word `n', then a current address read operation would return the value stored in location `n+1'. When the CY22393,CY22394 and CY22395 receives the slave address with the R/W bit set to a `1', the CY22393,CY22394 and CY22395 issues an acknowledge and transmits the 8-bit word. The master device does not acknowledge the transfer, but does generate a STOP condition, which causes the CY22393,CY22394 and CY22395 to stop transmission. Random Read Through random read operations, the master may access any memory location. To perform this type of read operation, first the word address must be set. This is accomplished by sending the address to the CY22393,CY22394 and CY22395 as part of a write operation. After the word address is sent, the SCL master generates a START condition following the acknowledge. This terminates the write operation before any data is stored in the address, but not before the internal address pointer is set. Next the master reissues the control byte with the R/W byte set to `1'. The CY22393,CY22394 and CY22395 then issues an acknowledge and transmits the 8-bit word. The master device does not acknowledge the transfer, but does generate a STOP condition which causes the CY22393,CY22394 and CY22395 to stop transmission. Sequential Read Sequential read operations follow the same process as random reads except that the master issues an acknowledge instead of a STOP condition after transmission of the first 8-bit data word. This action results in an incrementing of the internal address pointer, and subsequently output of the next 8-bit data word. By continuing to issue acknowledges instead of STOP conditions, the master may serially read the entire contents of the slave device memory. Note that register addresses outside of 08H to 1BH and 40H to 57H can be read from but are not real registers and do not contain configuration information. When the internal address pointer points to the FFH register, after the next increment, the pointer will point to the 00H register.
SDAT
START Condition Address or Acknowledge Valid Data may be changed STOP Condition
Figure 1. Data Transfer Sequence on the Serial Bus
Document #: 38-07186 Rev. *B
Page 9 of 19
CY22393 CY22394 CY22395
SDAT Write
Multiple Contiguous Registers
Start Signal 1 Bit 1 Bit Slave R/W = 1 ACK 7-bit Device Address 1 Bit Slave ACK 1 Bit 1 Bit Slave R/W = 0 ACK 7-bit Device Address 1 Bit Slave ACK 1 Bit Slave ACK 8-bit Register Data (XXH+1) 1 Bit Slave ACK 8-bit Register Data (XXH+2) 1 Bit Slave ACK 8-bit Register Data (FFH) 1 Bit Slave ACK 1 Bit Slave ACK 1 Bit Slave ACK
8-bit Register Address (XXH)
8-bit Register Data (XXH)
8-bit Register Data (00H) Stop Signal
SDAT Read
Current Address Read Start Signal
1 Bit Master ACK
8-bit Register Data Stop Signal
SDAT Read
Multiple Contiguous Registers
Start Signal
1 Bit 1 Bit Slave R/W = 0 ACK 7-bit Device Address
1 Bit Slave ACK
1 Bit Master ACK 8-bit Register Data (XXH)
1 Bit Master ACK 8-bit Register Data (XXH+1)
1 Bit Master ACK 8-bit Register Data (FFH)
1 Bit Master ACK
1 Bit Master ACK
1 Bit Master ACK
8-bit Register Address (XXH)
7-bit Device Address +R/W=1 Repeated Start bit
8-bit Register Data (00H) Stop Signal
Figure 2. Data Frame Architecture
Data Valid Transition to next Bit
SDAT
tDH
tSU
VIH
CLKHIGH CLKLOW
SCLK
VIL
Figure 3. Data Valid and Data Transition Periods
Serial Programming Interface Timing
SDAT
START
Transition to next Bit
SCLK
STOP
Figure 4. Start and Stop Frame
Document #: 38-07186 Rev. *B
Page 10 of 19
CY22393 CY22394 CY22395
SDAT +
START DA6 DA5 DA0 R/W ACK RA7
+
RA6 RA1 RA0 ACK D7 D6
+
D1 D0 ACK STOP
+ SCLK
+
+
Figure 5. Frame Format (Device Address, R/W, Register Address, Register Data)
Serial Programming Interface Timing Specifications
Parameter fSCLK CLKLOW CLKHIGH tSU tDH Description Frequency of SCLK Start mode time from SDA LOW to SCL LOW SCLK LOW period SCLK HIGH period Data transition to SCLK HIGH Data hold (SCLK LOW to data transition) Rise time of SCLK and SDAT Fall time of SCLK and SDAT Stop mode time from SCLK HIGH to SDAT HIGH Stop mode to Start mode 0.6 1.3 0.6 1.3 0.6 100 0 300 300 Min. Max. 400 Unit kHz s s s ns ns ns ns s s
Document #: 38-07186 Rev. *B
Page 11 of 19
CY22393 CY22394 CY22395
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Supply Voltage ............................................... -0.5V to +7.0V DC Input Voltage............................ -0.5V to + (AVDD + 0.5V) Storage Temperature .................................. -65C to +125C Junction Temperature .................................................. 125C Data Retention @ Tj=125xC .................................> 10 years Maximum Programming Cycles........................................100 Package Power Dissipation...................................... 350 mW Static Discharge Voltage (per MIL-STD-883, Method 3015) ........................... > 2000V Latch up (per JEDEC 17) .................................... > 200 mA
Operating Conditions[2]
Parameter VDD/AVDD/LVDD LVDD TA CLOAD_OUT fREF Supply Voltage 2.5V Output Supply Voltage Industrial Operating Temperature, Ambient Max. Load Capacitance External Reference Crystal External Reference Clock,[3] Commercial External Reference Clock,[3] Industrial Description Part Numbers All 22395 All All All All All 8 1 1 Min. 3.135 2.375 0 -40 Typ 3.3 2.5 Max. 3.465 2.625 +70 +85 15 30 166 150 Unit V V C C pF MHz MHz MHz
Commercial Operating Temperature, Ambient All
3.3V Electrical Characteristics
Parameter IOH IOL CXTAL_MIN CXTAL_MAX CIN VIH VIL IIH IIL IOZ IDD Description Output High Crystal Load Current[4] Capacitance[4] Output Low Current[4] Crystal Load Capacitance[3] Input Pin Capacitance[4] HIGH-Level Input Voltage LOW-Level Input Voltage Input HIGH Current Input LOW Current Output Leakage Current Total Power Supply Current Conditions VOH = (L)VDD - 0.5, (L)VDD = 3.3V VOL = 0.5, (L)VDD = 3.3V Capload at minimum setting Capload at maximum setting Except crystal pins CMOS levels,% of AVDD CMOS levels,% of AVDD VIN = AVDD - 0.3 V VIN = +0.3 V Three-state outputs 3.3V Power Supply; 2 outputs @ 20 MHz; 4 outputs @ 40 MHz 3.3V Power Supply; 2 outputs @ 166 MHz; 4 outputs @ 83 MHz IDDS Total Power Supply Current in Shutdown active Shutdown Mode 50 100 5 20 <1 <1 70% 30% 10 10 10 Min. 12 12 Typ. 24 24 6 30 7 Max. Unit mA mA pF pF pF AVDD AVDD A A A mA mA A
2.5V Electrical Characteristics (CY22395 only)[5]
Parameter IOH_2.5 Description Output High Current[4] Current[4] Conditions VOH = LVDD - 0.5, LVDD = 2.5 V Min. 8 Typ. 16 Max. Unit mA mA
IOL_2.5 Output Low VOL = 0.5, LVDD = 2.5 V 8 16 Notes: 2. Unless otherwise noted, Electrical and Switching Characteristics are guaranteed across these operating conditions. 3. External input reference clock must have a duty cycle between 40% and 60%, measured at VDD/2. 4. Guaranteed by design, not 100% tested. 5. VDDL is only specified and characterized at 3.3V 5% and 2.5V 5%. VDDL may be powered at any value between 3.465 and 2.375.
Document #: 38-07186 Rev. *B
Page 12 of 19
CY22393 CY22394 CY22395
3.3V Switching Characteristics
Parameter 1/t1 Description Output Frequency[4, 6] Conditions Clock output limit, CMOS, Commercial Clock output limit, CMOS, Industrial Clock output limit, PECL, Commercial (CY22394 only) Clock output limit, PECL, Industrial (CY22394 only) t2 Output Duty Cycle[4, 7] Duty cycle for outputs, defined as t2 t1, Fout<100 MHz, divider>=2, measured at VDD/2 Duty cycle for outputs, defined as t2 t1, Fout>100 MHz or divider = 1, measured at VDD/2 t3 t4 t5 t6 v7 t8 t9 Rising Edge Slew Rate[4] Falling Edge Slew Rate[4] Output three-state Timing[4] Clock Jitter[4, 8] Output clock rise time, 20% to 80% of VDD Output clock fall time, 20% to 80% of VDD Time for output to enter or leave three-state mode after SHUTDOWN/OE switches Peak-to-peak period jitter, CLK outputs measured at VDD/2 -0.2 100 125 45% 50% Min. Typ. Max. 200 166 400 375 55% Unit MHz MHz MHz MHz
40%
50%
60%
0.75 0.75
1.4 1.4 150 400 0 200 1.0 3 0.2 300
V/ns V/ns ns ps V ps ms
P+/P- Crossing Point[4] Crossing point referenced to Vdd/2, balanced resistor network (CY22394 only) P+/P- Jitter[4, 8] Lock Time[4] Peak-to-peak period jitter, P+/P- outputs measured at crossing point (CY22394 only) PLL Lock Time from Power-up
2.5V Switching Characteristics (CY22395 only)[5]
Parameter 1/t1_2.5 t2_2.5 t3_2.5 t4_2.5 Description Output Frequency[4, 6] Output Duty Cycle[4, 7] Conditions Clock output limit, LVCMOS Duty cycle for outputs, defined as t2 / t1 measured at LVDD/2 40% 0.5 0.5 50% 1.0 1.0 Min. Typ. Max. 133 60% V/ns V/ns Unit MHz
Rising Edge Slew Rate[4] Output clock rise time, 20% to 80% of LVDD Falling Edge Slew Rate[4] Output clock fall time, 20% to 80% of LVDD
Switching Waveforms
All Outputs, Duty Cycle and Rise/Fall Time
t1 t2 OUTPUT t3 t4
Notes: 6. Guaranteed to meet 20%-80% output thresholds, duty cycle, and crossing point specifications. 7. Reference Output duty cycle depends on XTALIN duty cycle. 8. Jitter varies significantly with configuration. Reference Output jitter depends on XTALIN jitter and edge rate.
Document #: 38-07186 Rev. *B
Page 13 of 19
CY22393 CY22394 CY22395
Output Three State Timing
OE ALL THREE-STATE OUTPUTS t5 t5
CLK Output Jitter
t6 CLK OUTPUT
P+/P- Crossing Point and Jitter
Pv7 VDD/2 P+
t8
CPU Frequency Change
SELECT OLD SELECT Fold CPU NEW SELECT STABLE t9 Fnew
Test Circuit
AVDD 0.1 F CLK out VDD CLOAD P+/P- out 0.1 F GND
(L)V DD
Ordering Information
Ordering Code CY22393ZC-XXX CY22393ZC-XXXT CY22393ZI-XXX CY22393ZI-XXXT CY22393FC Package Type 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP Product Flow Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Page 14 of 19
Document #: 38-07186 Rev. *B
CY22393 CY22394 CY22395
Ordering Information
Ordering Code CY22393FCT CY22393FI CY22393FIT CY22394ZC-XXX CY22394ZC-XXXT CY22394ZI-XXX CY22394ZI-XXXT CY22394FC CY22394FCT CY22394FI CY22394FIT CY22395ZC-XXX CY22395ZC-XXXT CY22395ZI-XXX CY22395ZI-XXXT CY22395FC CY22395FCT CY22395FI Lead Free Devices CY22393ZXC-XXX CY22393ZXC-XXXT CY22393ZXI-XXX CY22393ZXI-XXXT CY22393FXC CY22393FXCT CY22393FXI CY22393FXIT CY22394ZXC-XXX CY22394ZXC-XXXT CY22394ZXI-XXX CY22394ZXI-XXXT CY22394FXC CY22394FXCT CY22394FXI CY22394FXIT CY22395ZXC-XXX CY22395ZXC-XXXT CY22395ZXI-XXX CY22395ZXI-XXXT CY22395FXC CY22395FXCT CY22395FXI CY22395FXIT 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Package Type 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP Product Flow Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C
Document #: 38-07186 Rev. *B
Page 15 of 19
(c) Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
CY22393 CY22394 CY22395
Package Diagram
16-lead TSSOP 4.40 MM Body Z16.173
PIN 1 ID
1
DIMENSIONS IN MM[INCHES] MIN. MAX. REFERENCE JEDEC MO-153
6.25[0.246] 6.50[0.256] 4.30[0.169] 4.50[0.177]
PACKAGE WEIGHT 0.05 gms PART # Z16.173 STANDARD PKG. ZZ16.173 LEAD FREE PKG.
16
0.65[0.025] BSC.
0.19[0.007] 0.30[0.012]
1.10[0.043] MAX.
0.25[0.010] BSC GAUGE PLANE 0-8
0.076[0.003] 0.85[0.033] 0.95[0.037] 0.05[0.002] 0.15[0.006] SEATING PLANE 0.50[0.020] 0.70[0.027] 0.09[[0.003] 0.20[0.008]
4.90[0.193] 5.10[0.200]
51-85091-*A
Document #: 38-07186 Rev. *B
Page 16 of 19
CY22393 CY22394 CY22395
Ordering Information
Ordering Code CY22393ZC-XXX CY22393ZC-XXXT CY22393ZI-XXX CY22393ZI-XXXT CY22393FC CY22393FCT CY22393FI CY22393FIT CY22394ZC-XXX CY22394ZC-XXXT CY22394ZI-XXX CY22394ZI-XXXT CY22394FC CY22394FCT CY22394FI CY22394FIT CY22395ZC-XXX CY22395ZC-XXXT CY22395ZI-XXX CY22395ZI-XXXT CY22395FC CY22395FCT CY22395FI Lead Free Devices CY22393ZXC-XXX CY22393ZXC-XXXT CY22393ZXI-XXX CY22393ZXI-XXXT CY22393FXC CY22393FXCT CY22393FXI CY22393FXIT CY22394ZXC-XXX CY22394ZXC-XXXT CY22394ZXI-XXX CY22394ZXI-XXXT CY22394FXC CY22394FXCT CY22394FXI CY22394FXIT CY22395ZXC-XXX CY22395ZXI-XXX CY22395FXC CY22395FX I 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP 16-Pin TSSOP 16-Pin TSSOP Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Industrial, -40 to 85C Commercial, 0 to 70C Industrial, -40 to 85C Page 17 of 19 Package Type 16-Pin TSSOP 16-Pin TSSOP - Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP 16-Pin TSSOP- Tape and Reel 16-Pin TSSOP Product Flow Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C Industrial, -40 to 85C Commercial, 0 to 70C Commercial, 0 to 70C Industrial, -40 to 85C
Document #: 38-07186 Rev. *B
CY22393 CY22394 CY22395
CyClocksRT is a trademark of Cypress Semiconductor. All product and company names mentioned in this document are the trademarks of their respective holders.
Document #: 38-07186 Rev. *B
Page 18 of 19
CY22393 CY22394 CY22395
Document History Page
Document Title: CY22393/CY22394/CY22395 Three-PLL Serial-Programmable Flash-Programmable Clock Generator Document Number: 38-07186 REV. ** *A *B ECN NO. 111984 129388 237755 Issue Date 12/09/01 10/13/03 See ECN Orig. of Change DSG RGL RGL Added timing information Added Lead Free Devices Description of Change Change from Spec number: 38-01144 to 38-07186
Document #: 38-07186 Rev. *B
Page 19 of 19


▲Up To Search▲   

 
Price & Availability of CY22394

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X