Part Number Hot Search : 
BAW56 V800B STF3060C UPC2910T 3QL60AQ 2A222 MC74F157 1N961C
Product Description
Full Text Search
 

To Download CT20VM-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT20VM-8
STROBE FLASHER USE
CT20VM-8
OUTLINE DRAWING
1.5MAX. r 10.5MAX.
Dimensions in mm
1.3
1 13.2 0.5
1.5MAX. 8.6 0.3 9.8 0.5
0.5 2.5 2.5
0.5
wr
q
q GATE w COLLECTOR e EMITTER r COLLECTOR e
VCES ............................................................................... 400V ICM ................................................................................... 130A
TO-220C
APPLICATION Strobe Flasher.
MAXIMUM RATINGS
Symbol VCES VGES VGEM ICM Tj Tstg
(Tc = 25C)
Parameter Collector-emitter voltage Gate-emitter voltage Peak gate-emitter voltage Collector current (Pulsed) Junction temperature Storage temperature
Conditions VGE = 0V VCE = 0V, See notice 4 VCE = 0V, tw = 0.5s See figure 1
2.6 0.4
q
w
e
Ratings 400 30 40 130 -40 ~ +150 -40 ~ +150
4.5
Unit V V V A C C
ELECTRICAL CHARACTERISTICS
Symbol V(BR)CES ICES IGES VGE(th) Parameter
(Tj = 25C)
Test conditions IC = 1mA, VGE = 0V VCE = 400V, VGE = 0V VGE = 40V, VCE = 0V VCE = 10V, IC = 1mA
Limits Min. 450 -- -- -- Typ. -- -- -- -- Max. -- 10 0.1 7.0
Unit V A A V
Feb.1999
Collector-emitter breakdown voltage Collector-emitter leakage current Gate-emitter leakage current Gate-emitter threshold voltage
MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT20VM-8
STROBE FLASHER USE
PERFORMANCE CURVES
MAXIMUM PULSE COLLECTOR CURRENT 200 CM = 800F 160
< TC = 50C
PULSE COLLECTOR CURRENT ICM (A)
MAXIMUM PULSE COLLECTOR CURRENT 2000
MAIN CAPACITOR CM (F)
1600
120
1200
80
< TC = 70C
800
40
400
VCM = 350V TC < 70C = VGE > 28V = 80 100 120 140 160
0
0
10
20
30
40
50
0 60
GATE-EMITTER VOLTAGE VGE (V)
PULSE COLLECTOR CURRENT ICP (A)
Figure 1
Figure 2
APPLICATION EXAMPLE
IXe
TRIGGER Vtrig SIGNAL
CM Vtrig
+ -
VCM
IGBT GATE VG VOLTAGE
RG VCE VG IGBT Xe TUBE CURRENT Ixe
RECOMMEND CONDITION VCM = 330V IP = 120A CM = 700F VGE = 28V
MAXIMUM CONDITION 360V 130A 800F
Notice 1. Gate drive voltage during on-period must be applied to satisfy the rating of maximum pulse collector current. And reverse gate current during turn-off must be kept less than 1A. (In general, it is satisfied if RG 30) Notice 2. IGBT has MOS structure and its gate is insulated by thin silicon oxide. So please handle carefully not to suffer from electrostatic charge. Notice 3. The operation life should be endured 5,000 shots under the charge current (Ixe 130A : full luminescence condition) of main condenser (CM=800F). Repetition period under full luminescence condition is over 3 seconds. Notice 4. Total operation hours must be applied within 5,000 hours.
Feb.1999


▲Up To Search▲   

 
Price & Availability of CT20VM-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X