Part Number Hot Search : 
M5239 SF2185A 002M0 MA4E1338 TF841S 10N50 U2608B BUL310
Product Description
Full Text Search
 

To Download CM100DY-24H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CM100DY-24H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Dual IGBTMODTM H-Series Module
100 Amperes/1200 Volts
A B H E E H S
C2E1 E2 C1
E2 G2
C
K
G1 E1
G
S L R - M5 THD (3 TYP.) P - DIA. (2 TYP.) J J J
.110 TAB
N
N
M D F
Q
Description: Powerex IGBTMODTM Modules are designed for use in switching applications. Each module consists of two IGBT Transistors in a halfbridge configuration with each transistor having a reverseconnected super-fast recovery free-wheel diode. All components and interconnects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management.
G2 E2
C2E1
E2
C1
E1 G1
Features: Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery (135ns) Free-Wheel Diode High Frequency Operation (20-25kHz) Isolated Baseplate for Easy Heat Sinking Applications: AC Motor Control Motion/Servo Control UPS Welding Power Supplies Laser Power Supplies Ordering Information: Example: Select the complete part module number you desire from the table below -i.e. CM100DY-24H is a 1200V (VCES), 100 Ampere Dual IGBTMODTM Power Module.
Type CM Current Rating Amperes 100 VCES Volts (x 50) 24
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J Inches 3.70 3.1500.01 1.89 1.18 Max. 0.90 0.83 0.71 0.67 0.62 Millimeters 94.0 80.00.25 48.0 30.0 Max. 23.0 21.2 18.0 17.0 16.0 Dimensions K L M N P Q R S Inches 0.51 0.47 0.30 0.28 0.256 Dia. 0.26 M5 Metric 0.16 Millimeters 13.0 12.0 7.5 7.0 Dia. 6.5 6.5 M5 4.0
261
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM100DY-24H Dual IGBTMODTM H-Series Module 100 Amperes/1200 Volts
Absolute Maximum Ratings, Tj = 25 C unless otherwise specified
Ratings Junction Temperature Storage Temperature Collector-Emitter Voltage (G-E SHORT) Gate-Emitter Voltage Collector Current Peak Collector Current Diode Forward Current Diode Forward Surge Current Power Dissipation Max. Mounting Torque M5 Terminal Screws Max. Mounting Torque M6 Mounting Screws Module Weight (Typical) V Isolation
* Pulse width and repetition rate should be such that device junction temperature does not exceed the device rating.
Symbol Tj Tstg VCES VGES IC ICM IF IFM Pd - - - VRMS
CM100DY-24H -40 to 150 -40 to 125 1200 20 100 200* 100 200* 780 17 26 270 2500
Units C C Volts Volts Amperes Amperes Amperes Amperes Watts in-lb in-lb Grams Volts
Static Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Collector-Cutoff Current Gate Leakage Current Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Symbol ICES IGES VGE(th) VCE(sat) QG VFM Test Conditions VCE = VCES, VGE = 0V VGE = VGES, VCE = 0V IC = 10mA, VCE = 10V IC = 100A, VGE = 15V IC = 100A, VGE = 15V, Tj = 150C Total Gate Charge Diode Forward Voltage VCC = 600V, IC = 100A, VGS = 15V IE = 100A, VGS = 0V Min. - - 4.5 - - - - Typ. - - 6.0 2.5 2.25 500 - Max. 1.0 0.5 7.5 3.4** - - 3.5 Units mA
A
Volts Volts Volts nC Volts
** Pulse width and repetition rate should be such that device junction temperature rise is negligible.
Dynamic Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Resistive Load Switch Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Symbol Cies Coes Cres td(on) tr td(off) tf trr Qrr IE = 100A, diE/dt = -200A/s IE = 100A, diE/dt = -200A/s VCC = 600V, IC = 100A, VGE1 = VGE2 = 15V, RG = 3.1 VGE = 0V, VCE = 10V, f = 1MHz Test Conditions Min. - - - - - - - - - Typ. - - - - - - - - 0.74 Max. 20 7 4 250 350 350 350 250 - Units nF nF nF ns ns ns ns ns
Diode Reverse Recovery Time Diode Reverse Recovery Charge
C
Thermal and Mechanical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Thermal Resistance, Junction to Case Thermal Resistance, Junction to Case Contact Thermal Resistance Symbol Rth(j-c) Rth(j-c) Rth(c-f) Test Conditions Per IGBT Per FWDi Per Module, Thermal Grease Applied Min. - - - Typ. - - - Max. 0.16 0.35 0.065 Units C/W C/W C/W
262
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM100DY-24H Dual IGBTMODTM H-Series Module 100 Amperes/1200 Volts
OUTPUT CHARACTERISTICS (TYPICAL)
TRANSFER CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
200
COLLECTOR CURRENT, IC, (AMPERES) COLLECTOR CURRENT, IC, (AMPERES)
200
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
Tj = 25oC
15
5
VCE = 10V Tj = 25C Tj = 125C VGE = 15V Tj = 25C Tj = 125C
12
160
VGE = 20V 11
160
4
120
10
120
3
80
80
2
40
7
9 8
40
1
0 0 2 4 6 8 10
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
0 0 4 8 12 16 20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
0 0 40 80 120 160 200
COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
FREE-WHEEL DIODE FORWARD CHARACTERISTICS (TYPICAL)
CAPACITANCE VS. VCE (TYPICAL)
10
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
103
Tj = 25C Tj = 25C IC = 200A
EMITTER CURRENT, IE, (AMPERES) CAPACITANCE, Cies, Coes, Cres, (nF)
102
8
Cies
101
6
IC = 100A
102
4
Coes
100
2
IC = 40A
VGE = 0V f = 1MHz
Cres
0 0 4 8 12 16 20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
101 0 0.8 1.6 2.4 3.2 4.0
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
10-1 10-1
100
101
102
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
HALF-BRIDGE SWITCHING CHARACTERISTICS (TYPICAL)
REVERSE RECOVERY CHARACTERISTICS (TYPICAL)
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
GATE CHARGE, VGE
103
tf
REVERSE RECOVERY TIME, t rr, (ns)
103
102
20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
IC = 100A
16
SWITCHING TIME, (ns)
td(off)
VCC = 400V VCC = 600V
102
td(on)
12
102
t rr Irr
101
8
VCC = 600V VGE = 15V RG = 3.1 Tj = 125C
tr
di/dt = -200A/sec Tj = 25C
4
101 100
101
COLLECTOR CURRENT, IC, (AMPERES)
102
101 100
101
EMITTER CURRENT, IE, (AMPERES)
100 102
0 0 200 400 600 800
GATE CHARGE, QG, (nC)
263
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM100DY-24H Dual IGBTMODTM H-Series Module 100 Amperes/1200 Volts
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Z th(j-c) Zth = Rth * (NORMALIZED VALUE)
100
Single Pulse TC = 25C Per Unit Base = R th(j-c) = 0.16C/W
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Z th(j-c) Zth = Rth * (NORMALIZED VALUE)
10-3 101
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT) 10-2 10-1 100
101
10-3 101
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (FWDi) 10-2 10-1 100
101
100
Single Pulse TC = 25C Per Unit Base = R th(j-c) = 0.35C/W
10-1
10-1
10-1
10-1
10-2
10-2
10-2
10-2
10-3 10-5
TIME, (s)
10-4
10-3 10-3
10-3 10-5
TIME, (s)
10-4
10-3 10-3
264


▲Up To Search▲   

 
Price & Availability of CM100DY-24H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X