Part Number Hot Search : 
MAX475 00TTS 68HC91 GA271 00130 18F66 TSP190SC 100N055
Product Description
Full Text Search
 

To Download CCLH150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
CCLH080 THRU CCLH150 HIGH CURRENT CURRENT LIMITING DIODE JEDEC DO-35 CASE
DESCRIPTION The CENTRAL SEMICONDUCTOR CCLH080 Series types are high current, silicon, field effect current regulator diodes designed for applications requiring a constant current over a wide voltage range. These devices are manufactured in the cost effective DO-35 double plug case, which provides many benefits to the user including space saving and improved thermal characteristics. Special selections of IP (regulator current) are available for critical applications. MAXIMUM RATINGS (TL=75C unless otherwise noted) SYMBOL Peak Operating Voltage POV Power Dissipation PD Operating and Storage Junction Temperature TJ,Tstg ELECTRICAL CHARACTERISTICS (TA=25C unless otherwise noted)
TYPE NO. REGULATOR CURRENT(1) IP @ VT=25V mA NOM 8.20 10.0 12.0 15.0 DYNAMIC IMPEDANCE ZT @ VT=25V M MIN 0.32 0.17 0.08 0.03 KNEE IMPEDANCE ZK @ VK=6.0V k MIN 15 6.0 3.0 2.0 LIMITING VOLTAGE VL @ IL=0.8 IP MIN V MAX 3.1 3.5 3.8 4.3 TEMPERATURE COEFFICIENT TC* %/C -0.25 TO -0.45 -0.25 TO -0.45 -0.25 TO -0.45 -0.25 TO -0.45
50 600 -65 to +200
UNITS V mW C
CCLH080 CCLH100 CCLH120 CCLH150
MIN 6.56 8.00 9.60 12.0
MAX 9.84 12.0 14.4 18.0
*The Temperature Coefficient is measured between the following points: +25C, +50C
(1) PULSED METHOD PULSE WIDTH (ms) = 27.5 / IP NOM (mA)
(SEE REVERSE SIDE) R1
CCLH080 SERIES
CURRENT LIMITING DIODE
TYPICAL REGULATOR CURRENT VS. VOLTAGE
100.0
REGULATOR CURRENT (mA)
CCLH150 CCLH120 CCLH100 CCLH080
10.0
1.0 1.0 10.0 100.0
VAK, ANODE - CATHODE VOLTAGE (Volts)
DO-35 PACKAGE - MECHANICAL OUTLINE
A
D
B
SYMBOL A B C D
DIMENSIONS INCHES MILLIMETERS MIN MAX MIN MAX 0.018 0.022 0.46 0.56 0.120 0.200 3.05 5.08 0.060 0.090 1.52 2.29 1.000 25.40 DO-35 (REV: R1)
C D
R1


▲Up To Search▲   

 
Price & Availability of CCLH150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X