Part Number Hot Search : 
1MORGXR 2SD1484K S3883 LA7685J 2SD46 319HG 6030LX R3003
Product Description
Full Text Search
 

To Download BUZ900 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAGNA
TEC
25.0
+0.1 -0.15
BUZ900 BUZ901
MECHANICAL DATA Dimensions in mm
N-CHANNEL POWER MOSFET
8.7 Max. 1.50 Typ. 11.60 0.3
10.90 0.1
POWER MOSFETS FOR AUDIO APPLICATIONS
30.2 0.15
O 20 M ax.
39.0 1.1
16.9 0.15
1
2
O 1.0
FEATURES
* HIGH SPEED SWITCHING * N-CHANNEL POWER MOSFET * SEMEFAB DESIGNED AND DIFFUSED * HIGH VOLTAGE (160V & 200V)
R 4.0 0.1
R 4.4 0.2
* HIGH ENERGY RATING * ENHANCEMENT MODE * INTEGRAL PROTECTION DIODE Case - Source * P-CHANNEL ALSO AVAILABLE AS BUZ905 & BUZ906
TO-3
Pin 1 - Gate Pin 2 - Drain
ABSOLUTE MAXIMUM RATINGS
(Tcase = 25C unless otherwise stated) VDSX Drain - Source Voltage VGSS ID ID(PK) PD Tstg Tj RJC Gate - Source Voltage Continuous Drain Current Body Drain Diode Total Power Dissipation Storage Temperature Range Maximum Operating Junction Temperature Thermal Resistance Junction - Case @ Tcase = 25C BUZ900 160V 14V 8A 8A 125W -55 to 150C 150C 1C/W BUZ901 200V
Magnatec.
Telephone (01455) 554711. Telex: 341927. Fax (01455) 552612.
Prelim. 10/94
MAGNA
TEC
Characteristic
BVDSX BVGSS VGS(OFF) VDS(SAT)* Drain - Source Breakdown Voltage Gate - Source Breakdown Voltage Gate - Source Cut-Off Voltage Drain - Source Saturation Voltage
BUZ900 BUZ901
STATIC CHARACTERISTICS (Tcase = 25C unless otherwise stated)
Test Conditions
VGS = -10V ID = 10mA VDS = 0 VDS = 10V VGD = 0 BUZ900 BUZ901 IG = 100A ID = 100mA ID = 8A VDS = 160V IDSX Drain - Source Cut-Off Current VGS = -10V BUZ900 VDS = 200V BUZ901 yfs* Forward Transfer Admittance VDS = 10V ID = 3A 0.7
Min.
160 200 14 0.15
Typ.
Max.
Unit
V V
1.5 12 10
V V
mA 10 2 S
DYNAMIC CHARACTERISTICS (Tcase = 25C unless otherwise stated)
Characteristic
Ciss Coss Crss ton toff Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Time Turn-off Time
Test Conditions
VDS = 10V f = 1MHz VDS = 20V ID = 5A
Min.
Typ.
500 300 10 100 50
Max.
Unit
pF
ns
* Pulse Test: Pulse Width = 300s , Duty Cycle 2%.
150
Derating Chart
125
CH AN NE L D ISS IP ATION (W )
100
75
50
25
0 0 25 50 75 100 125 150
TC -- CASE TEMPERATURE (C)
Magnatec.
Telephone (01455) 554711. Telex: 341927. Fax (01455) 552612.
Prelim. 10/94
MAGNA
TEC
9 8 7
I D -- D R AIN C U RR EN T (A)
5V
BUZ900 BUZ901
Typical Output Characteristics
6V
9 8 7
I D -- D R AIN C U RR EN T (A)
Typical Output Characteristics
TC = 75C
6V
TC = 25C
6 5 4 3 2 1 0 0 10 20 30 40 50 60 70 80 90
V DS -- DRAIN - SOURCE VOLTAGE (V)
4V
6 5
5V
10
Forward Bias Safe Operating Area
DC
TC = 25C
AT
I D -- D R AIN C U RR EN T (A)
IO
N
1
G FS -- TR AN SC ON DU C TAN CE (S)
= P CH
= P CH
12
5W
4 3 2 1 0 0 10 20
4V
12
5W
3V
3V
2V
2V
30
40
50
60
70
80
90
V DS -- DRAIN - SOURCE VOLTAGE (V)
100
V DS = 20V
Transconductance
OP
ER
10
TC = 25C TC = 75C
0.1
BUZ900 BUZ901
1
160V
0.01 1 10 100
200V
0.1 1000 0 1 2 3 4 5 6 7 8
I D -- DRAIN CURRENT (A)
V DS -- DRAIN - SOURCE VOLTAGE (V)
Drain - Source Voltage
vs
10
Gate - Source Voltage
TC = 25C
9 8 7
I D -- D R AIN C UR R EN T (A)
Typical Transfer Characteristics
V DS = 10V TC = 25C TC = 75C
V DS -- DR AIN - S OU RC E V OLTAGE (V )
8
6
TC = 100C
6
I D = 6A
5 4 3 2
4
I D = 3A
2
I D = 1A
1 0
0 0 2 4 6 8 10 12 14
V GS -- GATE - SOURCE VOLTAGE (V)
0
1
2
3
4
5
6
7
8
V GS -- GATE - SOURCE VOLTAGE (V)
Magnatec.
Telephone (01455) 554711. Telex: 341927. Fax (01455) 552612.
Prelim. 10/94


▲Up To Search▲   

 
Price & Availability of BUZ900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X