Part Number Hot Search : 
Z5238 Z5238 80N15 CSC0101 APL0050 M68732LA FM106 A24DFXXX
Product Description
Full Text Search
 

To Download BUK445-200A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product Specification
PowerMOS transistor
BUK445-200A/B
GENERAL DESCRIPTION
N-channel enhancement mode field-effect power transistor in a plastic full-pack envelope. The device is intended for use in Switched Mode Power Supplies (SMPS), motor control, welding, DC/DC and AC/DC converters, and in general purpose switching applications.
QUICK REFERENCE DATA
SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER BUK445 Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance MAX. -200A 200 7.6 30 150 0.23 MAX. -200B 200 7 30 150 0.28 UNIT V A W C
PINNING - SOT186
PIN 1 2 3 gate drain source DESCRIPTION
PIN CONFIGURATION
case
SYMBOL
d
g
case isolated
123
s
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL VDS VDGR VGS ID ID IDM Ptot Tstg Tj PARAMETER Drain-source voltage Drain-gate voltage Gate-source voltage Drain current (DC) Drain current (DC) Drain current (pulse peak value) Total power dissipation Storage temperature Junction Temperature CONDITIONS RGS = 20 k Ths = 25 C Ths = 100 C Ths = 25 C Ths = 25 C MIN. - 55 -200A 7.6 4.8 30 30 150 150 MAX. 200 200 30 -200B 7 4.4 28 UNIT V V V A A A W C C
THERMAL RESISTANCES
SYMBOL Rth j-hs Rth j-a PARAMETER Thermal resistance junction to heatsink Thermal resistance junction to ambient CONDITIONS with heatsink compound MIN. TYP. 55 MAX. 4.17 UNIT K/W K/W
April 1993
1
Rev 1.100
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK445-200A/B
STATIC CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL V(BR)DSS VGS(TO) IDSS IDSS IGSS RDS(ON) PARAMETER Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current Zero gate voltage drain current Gate source leakage current Drain-source on-state resistance CONDITIONS VGS = 0 V; ID = 0.25 mA VDS = VGS; ID = 1 mA VDS = 200 V; VGS = 0 V; Tj = 25 C VDS = 200 V; VGS = 0 V; Tj =125 C VGS = 30 V; VDS = 0 V VGS = 10 V; BUK445-200A BUK445-200B ID = 7 A MIN. 200 2.1 TYP. 3.0 1 0.1 10 0.2 0.22 MAX. 4.0 10 1.0 100 0.23 0.28 UNIT V V A mA nA
DYNAMIC CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL gfs Ciss Coss Crss td on tr td off tf Ld Ls PARAMETER Forward transconductance Input capacitance Output capacitance Feedback capacitance Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal source inductance CONDITIONS VDS = 25 V; ID = 7 A VGS = 0 V; VDS = 25 V; f = 1 MHz VDD = 30 V; ID = 3 A; VGS = 10 V; RGS = 50 ; Rgen = 50 Measured from drain lead 6 mm from package to centre of die Measured from source lead 6 mm from package to source bond pad MIN. 6 TYP. 8.4 1400 190 55 18 35 85 35 4.5 7.5 MAX. 1750 250 80 30 60 120 50 UNIT S pF pF pF ns ns ns ns nH nH
ISOLATION LIMITING VALUE & CHARACTERISTIC
Ths = 25 C unless otherwise specified SYMBOL Visol PARAMETER Repetitive peak voltage from all three terminals to external heatsink CONDITIONS R.H. 65% ; clean and dustfree MIN. TYP. MAX. 1500 UNIT V
Cisol
Capacitance from T2 to external f = 1 MHz heatsink
-
12
-
pF
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL IDR IDRM VSD trr Qrr PARAMETER Continuous reverse drain current Pulsed reverse drain current Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS IF = 7.6 A ; VGS = 0 V IF = 7.6 A; -dIF/dt = 100 A/s; VGS = 0 V; VR = 30 V MIN. TYP. 1.0 150 1.3 MAX. 7.6 30 1.5 UNIT A A V ns C
April 1993
2
Rev 1.100
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK445-200A/B
AVALANCHE LIMITING VALUE
Ths = 25 C unless otherwise specified SYMBOL WDSS PARAMETER Drain-source non-repetitive unclamped inductive turn-off energy CONDITIONS ID = 14 A ; VDD 100 V ; VGS = 10 V ; RGS = 50 MIN. TYP. MAX. 100 UNIT mJ
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
with heatsink compound
100
ID / A
S/ ID
BUK445-200A,B A B tp = 10 us 100 us 1 ms
10
R
( DS
O
N
)=
VD
1
DC
10 ms 100 ms
0
20
40
60
80 Ths / C
100
120
140
0.1 1 10 100 VDS / V 1000
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Ths)
ID% Normalised Current Derating
with heatsink compound
Fig.3. Safe operating area. Ths = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
Zth / (K/W) D= 0.5 1 0.2 0.1 0.05 0.02 BUKx45-lv
120 110 100 90 80 70 60 50 40 30 20 10 0
10
0.1
0.01
0
P D
tp
D=
tp T t 1E+01
0
20
40
60
80 Ths / C
100
120
140
0.001 1E-07
T 1E-05 1E-03 t/s 1E-01
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Ths); conditions: VGS 10 V
Fig.4. Transient thermal impedance. Zth j-hs = f(t); parameter D = tp/T
April 1993
3
Rev 1.100
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK445-200A/B
30
ID / A VGS / V = 10 8 7 20
BUK455-200A 6
15
gfs / S
BUK455-200A
20
10
5 10 5
4 0 0 2 4 6 8 10 12 VDS / V 14 16 18 20 0 0 4 8 12 16 ID / A 20 24 28
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
RDS(ON) / Ohm 4 4.5 5 5.5 6 0.6 8 0.4 10 0.2 0 0 4 8 12 16 ID / A 20 24 28 VGS / V = 20 BUK455-200A
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID); conditions: VDS = 25 V
a Normalised RDS(ON) = f(Tj)
1.0 0.8
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
-60 -40 -20
0
20
40 60 Tj / C
80
100 120 140
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS
Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 7 A; VGS = 10 V
VGS(TO) / V 4 max.
28 24 20 16 12 8 4 0
ID / A
BUK455-200A
3
typ.
min. 2
Tj / C =
150
25
1
0
0
2
4 VGS / V
6
8
10
-60
-40
-20
0
20
40 60 Tj / C
80
100
120
140
Fig.7. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
April 1993
4
Rev 1.100
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK445-200A/B
1E-01
ID / A
SUB-THRESHOLD CONDUCTION
30
IF / A
BUK455-200A
1E-02
1E-03
2%
typ
98 %
20 Tj / C = 150 25
1E-04
10
1E-05
1E-06 0 1 2 VGS / V 3 4
0 0 1 VSDS / V 2
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
WDSS%
10000
C / pF
BUK4y5-200
120 110 100 90 80 70 60 50 40 30 20 10 0
1000
Ciss
Coss 100 Crss
10
0
20 VDS / V
40
20
40
60
80 100 Ths / C
120
140
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
BUK455-200
Fig.15. Normalised avalanche energy rating. WDSS% = f(Ths); conditions: ID = 14 A
12 10 8 6 4
VGS / V
+
VDS / V =40
VDD
L VDS
160
VGS 0 RGS T.U.T.
-ID/100
1 0 0 10 20 QG / nC 30
R 01 shunt
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); conditions: ID = 14 A; parameter VDS
Fig.16. Avalanche energy test circuit. 2 WDSS = 0.5 LID BVDSS /(BVDSS - VDD )
April 1993
5
Rev 1.100
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK445-200A/B
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
10.2 max 5.7 max 3.2 3.0
0.9 0.5
4.4 max 2.9 max 4.4 4.0
7.9 7.5 17 max
seating plane
3.5 max not tinned
4.4
13.5 min 1 0.4 M 2 3 0.9 0.7 2.54 5.08 top view 1.3
0.55 max
Fig.17. SOT186; The seating plane is electrically isolated from all terminals.
Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Refer to mounting instructions for F-pack envelopes. 3. Epoxy meets UL94 V0 at 1/8".
April 1993
6
Rev 1.100
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK445-200A/B
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1996 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
April 1993
7
Rev 1.100


▲Up To Search▲   

 
Price & Availability of BUK445-200A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X