Part Number Hot Search : 
A105K 1B90C OM7630NM DS1265Y SR4050PT 1B90C T3511IG PIC18
Product Description
Full Text Search
 

To Download BSM10GD60DN2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSM 10 GD 60 DN2
IGBT Power Module
* Power module * 3-phase full-bridge * Including fast free-wheel diodes * Package with insulated metal base plate Type BSM 10 GD 60 DN2 Maximum Ratings Parameter Collector-emitter voltage Collector-gate voltage Symbol Values 600 600 Unit V
VCE
600V
IC
10A
Package ECONOPACK 1
Ordering Code C67076-A2508-A67
VCE VCGR VGE IC
RGE = 20 k
Gate-emitter voltage DC collector current
20 A 10
TC = 40 C
Pulsed collector current, tp = 1 ms
ICpuls
20
TC = 40 C
Power dissipation per IGBT
Ptot
35
W + 125 -55 ... + 150 3.5 4.5 2500 12 10 F 40 / 125 / 56 sec Vac mm K/W C
TC = 25 C
Chip temperature Storage temperature Thermal resistance, chip case Diode thermal resistance, chip case Insulation test voltage, t = 1min. Creepage distance Clearance DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJCD Vis
-
Semiconductor Group
1
Jan-09-1997
BSM 10 GD 60 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Static Characteristics Gate threshold voltage Values typ. max. Unit
VGE(th)
4.5 5.5 2.1 2.2 6.5 2.7 2.8
V
VGE = VCE, IC = 0.35 mA
Collector-emitter saturation voltage
VCE(sat)
-
VGE = 15 V, IC = 10 A, Tj = 25 C VGE = 15 V, IC = 10 A, Tj = 125 C
Zero gate voltage collector current
ICES
1
mA nA 100
VCE = 600 V, VGE = 0 V, Tj = 25 C
Gate-emitter leakage current
IGES
VGE = 25 V, VCE = 0 V
AC Characteristics Transconductance
gfs
3 570 80 50 -
S pF -
VCE = 20 V, IC = 10 A
Input capacitance
Ciss Coss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Semiconductor Group
2
Jan-09-1997
BSM 10 GD 60 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 125 C Turn-on delay time Values typ. max. Unit
td(on)
40 80
ns
VCC = 300 V, VGE = 15 V, IC = 10 A RGon = 100
Rise time
tr
nS
VCC = 300 V, VGE = 15 V, IC = 10 A RGon = 100
Turn-off delay time
td(off)
250 370
ns
VCC = 300 V, VGE = -15 V, IC = 10 A RGoff = 100
Fall time
tf
nS
VCC = 300 V, VGE = -15 V, IC = 10 A RGoff = 100
Free-Wheel Diode Diode forward voltage
VF
1.6 1.4 -
V
IF = 10 A, VGE = 0 V, Tj = 25 C IF = 10 A, VGE = 0 V, Tj = 125 C
Reverse recovery time
trr
0.1 -
s
IF = 10 A, VR = -300 V, VGE = 0 V diF/dt = -100 A/s, Tj = 125 C
Reverse recovery charge
Qrr
C
IF = 10 A, VR = -300 V, VGE = 0 V diF/dt = -100 A/s Tj = 25 C Tj = 125 C
0.25 0.5 -
Semiconductor Group
3
Jan-09-1997
BSM 10 GD 60 DN2
Power dissipation Ptot = (TC) parameter: Tj 150 C
36 W
Safe operating area IC = (VCE) parameter: D = 0, TC = 25C , Tj 150 C
10 2
A
tp = 18.0s
Ptot
28 24 20 16 12
IC
10 1
100 s
10 0
1 ms
10 -1 8 DC 4 0 0 10 -2 0 10
10 ms
20
40
60
80
100
C
130
10
1
10
2
V 10
3
TC
VCE
Collector current IC = (TC) parameter: VGE 15 V , Tj 150 C
12 A 10
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
IGBT
K/W
IC
9 8 7 6 5 4 3 2 1 0 0 20 40 60 80 100 120 C 160
ZthJC
10 0
10 -1 D = 0.50 0.20 0.10 10 -2 0.05 single pulse 0.02 0.01
10 -3 -5 10
10
-4
10
-3
10
-2
10
-1
s 10
0
TC
tp
Semiconductor Group
4
Jan-09-1997
BSM 10 GD 60 DN2
Typ. output characteristics
Typ. output characteristics
IC = f (VCE)
parameter: tp = 80 s, Tj = 25 C
20 A
IC = f (VCE)
parameter: tp = 80 s, Tj = 125 C
20 A 17V 15V 13V 11V 9V 7V
IC
16 14 12 10 8 6 4 2 0 0
IC
16 14 12 10 8 6 4 2 0 0
17V 15V 13V 11V 9V 7V
1
2
3
V
5
1
2
3
V
5
VCE
VCE
Typ. transfer characteristics
IC = f (VGE)
parameter: tp = 80 s, VCE = 20 V
20 A
IC
16 14 12 10 8 6 4 2 0 0
2
4
6
8
10
V 14 VGE
Semiconductor Group
5
Jan-09-1997
BSM 10 GD 60 DN2
Typ. gate charge VGE = (QGate) parameter: IC puls = 10 A
20 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0 V, f = 1 MHz
10 1
nF
VGE
16 14 12 10 8
C
100 V
300 V
10 0 Ciss
10 -1 6 4 2 0 0 10 -2 0 Coss Crss
10
20
30
40
nC
55
5
10
15
20
25
30
QGate
V 40 VCE
Reverse biased safe operating area
Short circuit safe operating area
ICpuls = f(VCE) , Tj = 150C parameter: VGE = 15 V
2.5
ICsc = f(VCE) , Tj = 150C parameter: VGE = 15 V, tSC 10 s, L < 50 nH
12
ICpuls/IC
ICsc/IC
8 1.5 6 1.0 4
0.5 2
0.0 0 100 200 300 400 500 600 V 800 VCE
0 0 100 200 300 400 500 600 V 800 VCE
Semiconductor Group
6
Jan-09-1997
BSM 10 GD 60 DN2
Typ. switching time
Typ. switching time
I = f (IC) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, RG = 100
10 3 tf
t = f (RG) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, IC = 10 A
10 3 tdoff tf
t
ns tdoff
t
ns
tr 10
2
tr
10
2
tdon tdon
10 1 0
5
10
15
A
25
10 1 0
50
100
150
200
250
300
IC
400
RG
Typ. switching losses
Typ. switching losses
E = f (IC) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, RG = 100
2.0 mWs E 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 5 10 15 A 25
E = f (RG) , inductive load , Tj = 125C
par.: VCE = 300V, VGE = 15 V, IC = 10 A
2.0 mWs E Eoff Eon 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 50 100 150 200 250 300 Eoff Eon
IC
400
RG
Semiconductor Group
7
Jan-09-1997
BSM 10 GD 60 DN2
Forward characteristics of fast recovery reverse diode IF = f(VF) parameter: Tj
20 A
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
Diode
K/W
IF
16 14 12 10 8 6 4 2 0 0.0
ZthJC
10 0
Tj=125C
Tj=25C
10 -1 D = 0.50 0.20 single pulse 10 -2 0.10 0.05 0.02 0.01
0.5
1.0
1.5
2.0
V
3.0
10 -3 -5 10
10
-4
10
-3
10
-2
10
-1
s 10
0
VF
tp
Semiconductor Group
8
Jan-09-1997
BSM 10 GD 60 DN2
Circuit Diagram
Package Outlines Dimensions in mm Weight: 60 g
Semiconductor Group
9
Jan-09-1997


▲Up To Search▲   

 
Price & Availability of BSM10GD60DN2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X