Part Number Hot Search : 
SXX18 BD9846FV MV5352 W6631CS A330M LH1500 MSM67 UA200
Product Description
Full Text Search
 

To Download BCW66G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN Silicon AF Transistors
BCW 65 BCW 66
For general AF applications q High current gain q Low collector-emitter saturation voltage q Complementary types: BCW 67, BCW 68 (PNP)
q
Type BCW 65 A BCW 65 B BCW 65 C BCW 66 F BCW 66 G BCW 66 H
Marking EAs EBs ECs EFs EGs EHs
Ordering Code (tape and reel) Q62702-C1516 Q62702-C1612 Q62702-C1479 Q62702-C1892 Q62702-C1526 Q62702-C1632
Pin Configuration 1 2 3 B E C
Package1) SOT-23
1)
For detailed information see chapter Package Outlines.
Semiconductor Group
1
5.91
BCW 65 BCW 66
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Base current Peak base current Total power dissipation, TS = 79 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient1) Junction - soldering point Rth JA Rth JS

Symbol BCW 65 VCE0 VCB0 VEB0 IC ICM IB IBM Ptot Tj Tstg 32 60 5
Values BCW 66 45 75 5 800 1 100 200 330 150 - 65 ... + 150
Unit V
mA A mA mW C
285 215
K/W
1)
Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
2
BCW 65 BCW 66
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 10 mA BCW 65 BCW 66 Collector-base breakdown voltage IC = 10 A BCW 65 BCW 66 Emitter-base breakdown voltage, IE = 10 A Collector cutoff current VCB = 32 V VCB = 45 V VCB = 32 V, TA = 150 C VCB = 45 V, TA = 150 C BCW 65 BCW 66 BCW 65 BCW 66 IEB0 hFE 35 50 80 75 110 180 100 160 250 35 60 100 - - - - - - 160 250 350 - - - - - - - - - 250 400 630 - - - V(BR)CE0 32 45 V(BR)CB0 60 75 V(BR)EB0 ICB0 - - - - - - - - - - 20 20 20 20 20 nA nA
A A
Values typ. max.
Unit
V - - - -
- - -
- - -
5
Emitter-base cutoff current, VEB = 4 V DC current gain1) IC = 100 A, VCE = 10 V BCW 65 A, BCW 66 F BCW 65 B, BCW 66 G BCW 65 C, BCW 66 H IC = 10 mA, VCE = 1 V BCW 65 A, BCW 66 F BCW 65 B, BCW 66 G BCW 65 C, BCW 66 H IC = 100 mA, VCE = 1 V BCW 65 A, BCW 66 F BCW 65 B, BCW 66 G BCW 65 C, BCW 66 H IC = 500 mA, VCE = 2 V BCW 65 A, BCW 66 F BCW 65 B, BCW 66 G BCW 65 C, BCW 66 H
nA -
1)
Pulse test: t 300 s, D = 2 %.
Semiconductor Group
3
BCW 65 BCW 66
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter saturation voltage1) IC = 100 mA, IB = 10 mA IC = 500 mA, IB = 50 mA Base-emitter saturation voltage1) IC = 100 mA, IB = 10 mA IC = 500 mA, IB = 50 mA AC characteristics Transition frequency IC = 50 mA, VCE = 5 V, f = 20 MHz Output capacitance VCB = 10 V, f = 1 MHz Input capacitance VEB = 0.5 V, f = 1 MHz fT Cobo Cibo - - - 170 6 60 - - - MHz pF VCEsat - - VBEsat - - - - 1.25 2 - - 0.3 0.7 V Values typ. max. Unit
1)
Pulse test: t 300 s, D = 2 %.
Semiconductor Group
4
BCW 65 BCW 66
Total power dissipation Ptot = f (TA*; TS) * Package mounted on epoxy
Transition frequency fT = f (IC) VCE = 5 V
Permissible pulse load Ptot max/Ptot DC = f (tp)
Collector cutoff current ICB0 = f (TA) VCB = VCEmax
Semiconductor Group
5
BCW 65 BCW 66
Base-emitter saturation voltage IC = f (VBEsat) hFE = 10
Collector-emitter saturation voltage IC = f (VCEsat) hFE = 10
DC current gain hFE = f (IC) VCE = 1 V
Semiconductor Group
6


▲Up To Search▲   

 
Price & Availability of BCW66G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X