Part Number Hot Search : 
SD219 MM5Z15B 00250 6417760 SMDA24C CD4775A LZ24BP SMDA24C
Product Description
Full Text Search
 

To Download BCM3349 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM3349
(R)
ADVANCED QAMLINK(R) DOCSIS(R) 2.0 HIGH-PERFORMANCE, SINGLE-CHIP CABLE MODEM
FEATURES * DOCSIS(R)/EuroDOCSISTM 2.0 cable modem providing
unprecedented levels of integration and performance * The BCM3349 integrates: * High performance 200 MHz MIPS32TM CPU * Advanced QAMLink(R) transceiver supporting Annex A/B/C operation * DOCSIS/EuroDOCSIS 2.0 MAC with 16 SIDS * Advanced QAMLink downstream demodulator supporting 4 QAM - 1024 QAM * Advanced QAMLink upstream modulator supporting 2 QAM - 256 QAM with S-CDMA * Upstream power amplifier * IEEE 802.3 10/100 Ethernet MAC and PHY * USB 1.1 slave port with integrated transceiver * 100-MHz SDRAM interface * Single 28-MHz reference crystal * Voltage regulators for single voltage system operation * Advanced RF and control interface to Broadcom BCM3419 silicon tuner * Expansion bus for peripherals such as 802.11 and/or VoIP * Advanced 2.0+ features: * SmartSpectrumTM noise immunity technology * Propane(R) packet accelerator * TurboQAMTM performance enhancement * Sixth-generation technology
SUMMARY OF BENEFITS * Extreme integration level leads to highly cost-effective BOM. * Package optimization enables low-cost 2-layer system PCB. * Integrated upstream power amp and 10/100 Ethernet MAC/
PHY lowers overall system cost.
* Support for DOCSIS/EuroDOCSIS 2.0 enables one device * * * * * * *
solution to be used worldwide. High speed MIPS(R) processor delivers 270 DMIS, a 30-50% throughput improvement over previous generations Advanced QAMLink modulator/demodulator provides superior performance in noisy plant environments 16 SIDs that provide for superior QoS performance and simultaneous support of high QoS and BE traffic. SmartSpectrum delivers multiple dB enhanced robustness in noisy plant conditions. Propane packet acceleration improves throughput and efficiency up to 3x. TurboQAM leads to over 30% increased upstream and downstream performance. Sixth-generation technology delivers an industry-leading, highly stable and reliable product.
* 316-pin PBGA package
High-Performance, Single-Chip DOCSIS(R)/EuroDOCSISTM 2.0 Cable Modem
OVERVIEW
USB
Isolation
64 MB 100 MHz SDRAM
8 MB FLASH
10/100 Ethernet
Isolation
Ethernet Transceiver
Ethernet MAC
USB MAC
16-bit SDRAM Interface
EBI/PCMCIA Expansion Module
Coax
Power Amplifier DiPlexer Filter
Peripheral Logic
100MHz ISB
Advanced 256QAM Modulator Advanced 1024QAM Demodulator
Transmission Convergence Module
DOCSIS 2.0 16 SID MAC Module
200 MHz MIPS32 Core (250 mips)
SPI I/F
Serial Flash (opt) PNP PNP
BCM3419
8/8 KB I/D-Cache
2.5V Regulator 1.2V Regulator
BCM3349
The BCM3349 combines an RF receiver with an advanced QAM and S-CDMA demodulator, an advanced QAM transmitter, a complete DOCSIS 2.0 Media Access Controller (MAC), a 200-MHz MIPS32 communication processor, a 16-bit, 100-MHz SDRAM interface, 10/100 Ethernet MAC with integrated transceiver and MII Interface, and a USB MAC with integrated transceiver. The QAM receiver directly samples a tuner output with a 11-bit A/D converter and input ACG amplifier. The receiver digitally resamples and demodulates the signal with recovered clock and carrier timing, filters and equalizes the data and passes soft decisions to an ITU-T J.83 Annex A/B/C compatible decoder. The receiver supports variable symbol rate 4/16/32/64/128/256/512/1024-QAM FEC decoding. The final received data stream is delivered in a serial MPEG-2 transport format. All gain, clock, and carrier, acquisition and tracking loops are integrated in the QAM receiver. The upstream transmitter takes burst or continuous data, provides FEC encoding and pre-equalization for DOCSIS applications, filters and applies 2/4/8/16/64/128/256-QAM or S-CDMA modulation to the data stream, amplifies the signal through the integrated upstream power amplifier, and provides a direct 0 MHz - 65 MHz analog output. The BCM3349 MAC includes all features required for full DOCSIS/ EuroDOCSIS 1.0, 1.1 and 2.0 compliance, including full support for baseline privacy (BPI+) encryption and decryption. Single-user support includes six SIDs in downstream, four DA perfect-match filters, a 256entry CAM for multicast/unicast hash filter, and 16 independent upstream queues for simultaneous support of QoS and BE traffic. To enhance operational support, the BCM3349 MAC provides extended
network management MIB/diagnostic features, as well as immediate UCC (on-the-fly) using independent resets for downstream and upstream and both individual queues reset/flush for upstream queues. Enhanced end-to-end 2.0+ features increase overall performance and robustness. First, SmartSpectrum is a suite of technology that delivers increased noise immunity and improved performance in noisy conditions. SmartSpectrum includes Hi-PER SCDMA (High Power SCDMA) mode for highly attenuated connections, BPSK modulation that delivers a 3 dB gain in poor plant connectivity, Impulse Noise Mitigation to reduce packet error rate caused by impulse noise, and Trellis Coding (TCM-TDMA) that provides up to a 2 dB RF signal gain. Second, certified Propane packet accelerator technology delivers enhanced efficiency with DPHS (Dynamic Paylo ad Header Suppression), which increases upstream payload capacity by up to 3 times, and Sync-TDMA (Synchronous TDMA), which increases capacity with a smaller preamble. Lastly, Broadcom's TurboQAM technology significantly increases overall performance of the system. 1024 QAM downstream and 256 QAM ATDMA upstream deliver an over 30% performance increase. The BCM3349 pinout has been optimized to allow an ultra low-cost 2-layer PCB. With the incorporation of an upstream power amplifier and Ethernet PHY, the BCM3349 allows a complete cable modem to be assembled with a minimal set of external components. When used with the BCM3419 silicon tuner, the BCM3349 offers the most cost-effective solution for a high- performance, single-user DOCSIS 2.0 cable modem.
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2004 by BROADCOM CORPORATION. All rights reserved. 3349-PB01-R 9/7/04
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM3349

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X