|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BC212LB BC212LB PNP General Purpose Amplifier * This device is designed for general purpose amplifier application at collector currents to 100mA. * Sourced from process 68. 1 TO-92 1. Emitter 2. Collector 3. Base Absolute Maximum Ratings* TC=25C unless otherwise noted Symbol VCEO VCBO VEBO IC TJ, TSTG Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Operating and Storage Junction Temperature Range Value 50 60 5 100 - 55 ~ 150 Units V V V mA C * These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. NOTES: 1. These ratings are based on a maximum junction temperature of 150C. 2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations Electrical Characteristics TC=25C unless otherwise noted Symbol Parameter IC = 2mA IC = 10A IE = 10A VCB = 30V VEB = 4V VCE = 5V, IC = 10A VCE = 5V, IC = 2mA IC = 100mA, IB = 5mA IC = 100mA, IB = 5mA VCE = 5V, IC = 2mA VCE = 10V, f = 1MHz VCE = 5V, IC = 2mA, f = 1KHz VCE = 5V, IC = 200A, f = 1KHz RG = 2K, BW = 200Hz 60 10 dB 0.6 40 60 0.6 1.4 0.72 6 V V V pF Test Condition Min. 50 60 5 15 15 Typ. Max. Units V V V nA nA Off Characteristics Collector-Emitter Breakdown Voltage BVCEO BVCBO BVEBO ICBO IEBO Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current On Characteristics* hFE DC Current Gain VCE(sat) VBE(sat) VBE(on) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter On Voltage Small Signal Characteristics Cob Output Capacitance hFE NF Small Signal Current Gain Noise Figure * Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0% (c)2002 Fairchild Semiconductor Corporation Rev. A1, August 2002 BC212LB Thermal Characteristics TA=25C unless otherwise noted Symbol PD RJA RJC Parameter Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case Max. 350 2.8 357 125 Units mW mW/C C/W C/W (c)2002 Fairchild Semiconductor Corporation Rev. A1, August 2002 BC212LB Package Dimensions TO-92 4.58 -0.15 +0.25 0.46 14.47 0.40 0.10 4.58 0.20 1.27TYP [1.27 0.20] 3.60 0.20 1.27TYP [1.27 0.20] 0.38 -0.05 +0.10 3.86MAX 1.02 0.10 0.38 -0.05 +0.10 (R2.29) (0.25) Dimensions in Millimeters (c)2002 Fairchild Semiconductor Corporation Rev. A1, August 2002 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Preliminary No Identification Needed Full Production Obsolete Not In Production (c)2002 Fairchild Semiconductor Corporation Rev. I1 |
Price & Availability of BC212LB |